|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPICE MODEL: B370 B380 B390 B3100 B370 - B3100 3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER Features * * * * * Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency Surge Overload Rating to 100A Peak For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Application Lead Free Finish/RoHS Compliant (Note 2) SMC Dim A B C D E G H J Min 5.59 6.60 2.75 0.15 7.75 0.10 0.76 2.00 Max 6.22 7.11 3.18 0.31 8.13 0.20 1.52 2.62 Mechanical Data * * * * * * * * Case: SMC Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Lead Free Plating (Matte Tin Finish). Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band or Cathode Notch Marking Information: See Page 3 Ordering Information: See Page 3 Weight: 0.21 grams (approximate) All Dimensions in mm Maximum Ratings and Electrical Characteristics Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TT = 90C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Forward Voltage @ IF = 3.0A @ TA = 25C @ TA = 100C Peak Reverse Current @ TA = 25C at Rated DC Blocking Voltage @ TA = 100C Typical Total Capacitance (Note 1) Typical Thermal Resistance Junction to Terminal Operating Temperature Range Storage Temperature Range Notes: 1. 2. @TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM CT RJT Tj TSTG B370 70 49 B380 80 56 3.0 100 0.79 0.69 0.5 20 100 10 B390 90 63 B3100 100 70 Unit V V A A V mA pF C/W C C -55 to +125 -55 to +150 Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC. RoHS revision 13.2.2003. High Temperature Solder Exemption Applied, see EU Directive Annex Note 7. DS30020 Rev. 8 - 2 1 of 3 www.diodes.com B370-B3100 (c) Diodes Incorporated DS30020 Rev. 8 - 2 2 of 3 www.diodes.com B370-B3100 (c) Diodes Incorporated Ordering Information Device* B3x0-13-F * (Note 3) Packaging SMC Shipping 3000/Tape & Reel x = Device type, e.g. B380-13-F (SMC package). Notes: 3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. DS30020 Rev. 8 - 2 3 of 3 www.diodes.com B370-B3100 (c) Diodes Incorporated |
Price & Availability of B3701 |