Part Number Hot Search : 
00A12 C4696 8ALCB FE5020 TS1035 11N60C 2HHXX EL6836CL
Product Description
Full Text Search
 

To Download B130L1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: B130L
B130L
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Features
* * * * *
Low Forward Voltage Drop Guard Ring Die Construction for Transient Protection Ideally Suited for Automatic Assembly Low Power Loss, High Efficiency Lead Free Finish/RoHS Version (Note 3)
B
Dim A
SMA Min 2.29 4.00 1.27 0.15 4.80 0.10 0.76 2.01 Max 2.92 4.60 1.63 0.31 5.59 0.20 1.52 2.30
A
C
B C D
Mechanical Data
* * * * * * *
Case: SMA Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Lead Free Plating (Matte Tin Finish). Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band or Cathode Notch Marking: B130L Weight: 0.064 grams (approximate)
D
J
E G H
H
G E
J
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TT = 105C Peak Repetitive Forward Current (Note 2) Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load (JEDEC Method) Forward Voltage @ IF = 1.0A, TJ = 25C @ IF = 2.0A, TJ = 25C @ IF = 1.0A, TJ = 100C @ IF = 2.0A, TJ = 100C @ VR = 15V, TA = 25C @ VR = 30V, TA = 25C @ VR = 15V, TA = 100C @ VR = 30V, TA = 100C @ IR = 1mA Symbol VRRM VRWM VR VR(RMS) IO IFRM IFSM
@ TA = 25C unless otherwise specified
B130L 30 21 1.0 2.0 25 0.41 0.47 0.35 0.43 0.4 1.0 12 25 110 27 -55 to +125 -55 to +150
Unit V V A A A
VFM
V
Peak Reverse Current
IRM Cj RqJT Tj TSTG
mA pF K/W C C
Typical Junction Capacitance (Note 1) Typical Thermal Resistance Junction to Terminal Operating Temperature Range Storage Temperature Range
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2. At Rated VR, Square Wave, 25KHz, TC = 40C. 3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS30151 Rev. 6 - 2
1 of 3 www.diodes.com
B130L
a Diodes Incorporated
2.5
10
IO, AVERAGE RECTIFIED CURRENT (A)
IF, INSTANTANEOUS FWD CURRENT (A)
2.0
Tj = 125 C
1.5
Tj = -40 C
1.0
Tj = 100 C
1.0
Tj = 25 C
0.5 Tj = 125 C 0 0 25 50 75 100 125 150
Tj = 85 C
0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
TC, CASE TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
25
1000
IFSM, PEAK FWD SURGE CURRENT (A)
Cj, JUNCTION CAPACITANCE (pF)
Single Half-Sine-Wave (JEDEC Method)
Tj = 25 C
20
100
15
10
10
5
0 1 10 100 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
Tj = 125 C
1.0 0 5.0 10 15 20 25 30 35 40 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
10
Tj = 100 C
1
Tj = 85 C
.1
Tj = 25 C
.01
Tj = 0 C
.001 0
10
20
30
VR, RATED PEAK REVERSE VOLTAGE (V) Fig. 5 Typical Reverse Characteristics
DS30151 Rev. 6 - 2
2 of 3 www.diodes.com
B130L
Ordering Information
Device B130L-13-F
Notes:
(Note 4) Packaging SMA Shipping 5000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.
DS30151 Rev. 6 - 2
3 of 3 www.diodes.com
B130L


▲Up To Search▲   

 
Price & Availability of B130L1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X