Part Number Hot Search : 
W81282F C2412 765ESO NRQ108 SMBJ51 BAV103 B101G K401709
Product Description
Full Text Search
 

To Download AZ358MTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief LOW POWER DUAL OPERATIONAL AMPLIFIERS AZ358/358C
Description
The AZ358/358C consists of two independent, high gain and internally frequency compensated operational amplifiers, it is specifically designed to operate from a single power supply. Operation from split power supply is also possible and the low power supply current drain is independent of the magnitude of the power supply voltages.
Parametric Table
3 to 18 Input Voltage Range (V) Input Offset Voltage (Typ/Max) (mA) AZ358 AZ358C 1.5 to 9 2.0/5.0 2.0/3.0 0.7 100 90 90 40 18 -40 to 85
Features
* * * * * * Internally Frequency Compensated for Unity Gain Large Voltage Gain: 100dB (Typical) Low Input Bias Current: 20nA (Typical) Low Input Offset Voltage: 2mV (Typical) Low Supply Current: 0.7mA (Typical) Wide Power Supply Voltage Range: Single Supply: 3V to 18V Dual Supplies: 1.5V to 9V Input Common Mode Voltage Range Includes Ground Large Output Voltage Swing: 0V to VCC-1.5V Power Drain Suitable for Battery Operation
Quiescent Current Over Full Temperature Range (mA/Typ) Large Signal Voltage Gain (dB)(Typ) CMRR (dB)(Typ) PSRR (dB)(Typ) Output Current Source (mA)(Typ) Output Current Sink (mA)(Typ) Operating Temperature Range (oC)
* * *
Additional Available Materials
* * Samples Datasheet
Applications
* * * Battery Charger Cordless Telephone Switching Power Supply
Pin Configuration
SOIC-8/DIP8
OUTPUT 1 INPUT 11 2 3 4 8 7 6 5 Vcc OUTPUT 2 INPUT 2INPUT 2+
Benefits
* * * Easier to use Meet most application requirements of the industrial standard 358 Very competitive price
INPUT 1+ GND
Aug. 2006
BCD Semiconductor Manufacturing Limited
Product Brief LOW POWER DUAL OPERATIONAL AMPLIFIERS AZ358/358C
Ordering Information Example
Part Number Package Input Offset Voltage Tin Lead 5mV SOIC8 Maximum Value 5mV 3mV 3mV DIP-8 Maximum Value 5mV 3mV AZ358M AZ358MTR AZ358CM AZ358CMTR AZ358P AZ358CP Lead Free AZ358M-E1 AZ358MTR-E1 AZ358CM-E1 AZ358CMTRAZ358P-E1 AZ358CP-E1 Tin Lead AZ358M AZ358M 358CM 358CM AZ358P AZ358CP Lead Free AZ358M-E1 AZ358M-E1 358CM-E1 358CM-E1 AZ358P-E1 AZ358CP-E1 Tube Tape & Reel Tube Tape & Reel Tube Tube Marking ID Packing Type
Detailed information please refer to the relevant datasheet.
Sales Office:
USA 3170 De La Cruz Blvd, Suite # 105 Santa Clara, CA 95054-2411, U.S.A Tel : +1-408-988 6388 Fax : +1-408-988 6386 Taiwan 4F, 298-1 Rui Guang Road, Nei-Hu District, Taipei, Taiwan Tel : 886-2-2656-2808 Fax : 886-2-2656-2806
Shanghai 8F, B Zone, 900 Yi Shan Road, Shanghai 200233, China Tel : 86-21-6495 9539 Fax : 86-21-6485 9673 Shenzhen Room 27B, Tower C, No. 2070, Shennanzhong Road, Shenzhen 518031, China Tel : 86-755-8368 3987 Fax : 86-755-8368 3166
Aug. 2006
BCD Semiconductor Manufacturing Limited


▲Up To Search▲   

 
Price & Availability of AZ358MTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X