Part Number Hot Search : 
C3334 GL3UR43 SBR5050 03MUV1 503PH AN6425K P10A9 M5267
Product Description
Full Text Search
 

To Download AZ1117BH-ADJTRE1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR General Description
The AZ1117B is a low dropout three-terminal regulator with a dropout of 1.2V at 800mA output current. The AZ1117B has been optimized for low voltage where transient response and minimum input voltage are critical. It provides current limit and thermal shutdown. Its circuit includes a trimmed bandgap reference to assure output voltage accuracy to be within 1%. On-chip thermal shutdown provides protection against a combination of high current and ambient temperature that would create excessive junction temperature. The AZ1117B is available in 1.8V, 2.5V and 3.3V versions. The fixed versions integrate the adjust resistors. It is also available in an adjustable version which can set the output voltage with two external resistors. The AZ1117B is available in the industry-standard SOT-223 power package.
Preliminary Datasheet AP1117M AP2317 AZ1117B
Features
* * * * * * * Low Dropout Voltage: 1.2V at 800mA Output Current Output Noise from 10Hz to 10KHz: 0.003% PSRR at IOUT=300mA and f=120Hz: 70dB Output Voltage Accuracy: 1% On-chip Thermal Shutdown Maximum Quiescent Current: IQMAX=6mA Operation Junction Temperature: -20 to 105oC
Applications
* * * * USB Device Add-on Card DVD Player PC Motherboard
SOT-223
Figure 1. Package Type of AZ1117B
Mar. 2006 Rev. 1. 0 1
BCD Semiconductor Manufacturing Limited
600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR Pin Configuration
H Package (SOT-223)
Preliminary Datasheet AP1117M AP2317 AZ1117B
3 VOUT 2 1
INPUT OUTPUT ADJ/GND
Figure 2. Pin Configuration of AZ1117B (Top View)
Functional Block Diagram
3
INPUT
Thermal Protection
+
2
For Adjustable Output, disconnect A1 and A2, connect B For Fixed Output, connect A1 and A2, disconnect B A1 A2
OUTPUT
1
B
ADJ/GND
Figure 3. Functional Block Diagram of AZ1117B
Mar. 2006 Rev. 1. 0 2
BCD Semiconductor Manufacturing Limited
600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR Ordering Information
AZ1117B Circuit Type -
Preliminary Datasheet AP1117M AP2317 AZ1117B
E1: Lead Free TR: Tape and Reel Package H: SOT-223 ADJ: Adjustable Output 1.8: Fixed Output 1.8V 2.5: Fixed Output 2.5V 3.3: Fixed Output 3.3V
Package
Temperature Range
Part Number AZ1117BH-ADJTRE1
Marking ID EH17K EH17L EH17N EH17M
Packing Type Tape & Reel Tape & Reel Tape & Reel Tape & Reel
SOT-223
-20 to 105oC
AZ1117BH-1.8TRE1 AZ1117BH-2.5TRE1 AZ1117BH-3.3TRE1
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Mar. 2006 Rev. 1. 0 3
BCD Semiconductor Manufacturing Limited
600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR Absolute Maximum Ratings (Note 1)
Parameter Input Voltage Operating Junction Temperature Range Storage Temperature Range Lead Temperature (Soldering, 10sec) Symbol VIN TJ TSTG TLEAD
Preliminary Datasheet AP1117M AP2317 AZ1117B
Value 18 150 -65 to 150 260
Unit V
o o o
C C C
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter Input Voltage Operating Junction Temperature Range Symbol VIN TJ -20 Min Max 12 105 Unit V
oC
Mar. 2006 Rev. 1. 0 4
BCD Semiconductor Manufacturing Limited
600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR Electrical Characteristics AZ1117B-ADJ Electrical Characteristics
Preliminary Datasheet AP1117M AP2317 AZ1117B
Operating Conditions: VIN=VOUT+2V, IOUT=10mA, TJ=25oC, unless otherwise specified. (Pmaximum power dissipation). Limits appearing in Boldface type apply over the entire junction temperature range for operation, -20oC to 105oC. Parameter Reference Voltage Symbol VREF Conditions Min 1.238 10mAIOUT800mA, 1.5VVIN-VOUT10V 1.5VVIN-VOUT 10V 10mAIOUT800mA VREF=1%, IOUT=0.8A 0.85 1.2 1 60 1.5V(VIN-VOUT)10V, 10mAIOUT800mA 1.5V(VIN-VOUT)10V PSRR f=120Hz, COUT=22F (VIN-VOUT)=3V, IOUT=300mA 0.2 1.7 70 0.5 TA=25oC, 10Hzf10KHz Junction Temperature 0.003 160 16 1.225 Typ 1.250 1.250 0.001 Max 1.262 1.270 0.1 % 0.2 0.1 0.4 % 0.5 1.3 1.15 120 5 5 V A V Unit
Line Regulation
VRLINE
Load Regulation Dropout Voltage Current Limit Adjust Pin Current Adjust Pin Current Change Minimum Load Current Ripple Rejection
VRLOAD VDROP ILIMIT
A A
mA dB % %
oC oC
Temperature Stability RMS Output Noise (% of VOUT) Thermal Shutdown Thermal Shutdown Hysteresis
Mar. 2006 Rev. 1. 0 5
BCD Semiconductor Manufacturing Limited
600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR Electrical Characteristics (Continued) AZ1117B-1.8V Electrical Characteristics
Preliminary Datasheet AP1117M AP2317 AZ1117B
Operating Conditions: VIN=3.8V, IOUT=10mA, TJ=25oC, unless otherwise specified. (Pmaximum power dissipation). Limits appearing in Boldface type apply over the entire junction temperature range for operation, -20oC to 105oC. Parameter Output Voltage Symbol VOUT Conditions Min 1.782 10mAIOUT800mA, 3.8VVIN10V 1.5VVIN-VOUT10V 10mAIOUT800mA VOUT=1%, IOUT=0.8A 0.85 IOUT=0 f=120Hz, COUT=22F (VIN-VOUT)=3V, IOUT=300mA 1.764 Typ 1.8 1.8 0.5 Max 1.818 1.836 6 mV 10 2 10 mV 25 1.2 1 4 70 0.5 TA=25oC, 10Hzf10KHz Junction Temperature 0.003 160 16 1.3 1.15 6 V A mA dB % %
oC oC
Unit V
Line Regulation
VRLINE
Load Regulation Dropout Voltage Current Limit Quiescent Current Ripple Rejection
VRLOAD VDROP ILIMIT IQ PSRR
Temperature Stability RMS Output Noise (% of VOUT) Thermal Shutdown Thermal Shutdown Hysteresis
Mar. 2006 Rev. 1. 0 6
BCD Semiconductor Manufacturing Limited
600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR Electrical Characteristics (Continued) AZ1117B-2.5V Electrical Characteristics
Preliminary Datasheet AP1117M AP2317 AZ1117B
Operating Conditions: VIN=4.5V, IOUT=10mA, TJ=25oC, unless otherwise specified. (Pmaximum power dissipation). Limits appearing in Boldface type apply over the entire junction temperature range for operation, -20oC to 105oC. Parameter Output Voltage Symbol VOUT Conditions Min 2.475 10mAIOUT800mA, 4.5VVIN10V 1.5VVIN-VOUT10V 10mAIOUT800mA VOUT=1%, IOUT=0.8A 0.85 IOUT=0 f=120Hz, COUT=22F (VIN-VOUT)=3V, IOUT=300mA 2.455 Typ 2.5 2.5 0.5 Max 2.525 2.545 6 mV 10 2 10 mV 25 1.2 1 4 70 0.5 TA=25oC, 10Hzf10KHz Junction Temperature 0.003 160 16 1.3 1.15 6 V A mA dB % %
oC oC
Unit V
Line Regulation
VRLINE
Load Regulation Dropout Voltage Current Limit Quiescent Current Ripple Rejection
VRLOAD VDROP ILIMIT IQ PSRR
Temperature Stability RMS Output Noise (% of VOUT) Thermal Shutdown Thermal Shutdown Hysteresis
Mar. 2006 Rev. 1. 0 7
BCD Semiconductor Manufacturing Limited
600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR Electrical Characteristics (Continued) AZ1117B-3.3V Electrical Characteristics
Preliminary Datasheet AP1117M AP2317 AZ1117B
Operating Conditions: VIN=5.3V, IOUT=10mA, TJ=25oC, unless otherwise specified. (Pmaximum power dissipation). Limits appearing in Boldface type apply over the entire junction temperature range for operation, -20oC to 105oC. Parameter Output Voltage Symbol VOUT Conditions Min 3.267 10mAIOUT 800mA, 5.3VVIN10V 1.5VVIN-VOUT10V 10mAIOUT800mA VOUT=1%, IOUT=0.8A 0.85 IOUT=0 f=120Hz, COUT=22F (VIN-VOUT)=3V, IOUT=300mA 2 3.235 Typ 3.3 3.3 0.5 Max 3.333 3.365 6 mV 10 10 mV 25 1.2 1 4 70 0.5 TA=25oC, 10Hzf10KHz Junction Temperature 0.003 160 16 1.3 1.15 6 V A mA dB % %
oC oC
Unit V
Line Regulation
VRLINE
Load Regulation Dropout Voltage Current Limit Quiescent Current Ripple Rejection
VRLOAD VDROP ILIMIT IQ PSRR
Temperature Stability RMS Output Noise (% of VOUT) Thermal Shutdown Thermal Shutdown Hysteresis
Mar. 2006 Rev. 1. 0 8
BCD Semiconductor Manufacturing Limited
600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR Typical Performance Characteristics
Preliminary Datasheet AP1117M AP2317 AZ1117B
2.0 1.6 1.2
0 5
AZ1117B-2.5V VIN=4.5V IOUT=1mA to 800mA
0.8 0.4 0.0 -0.4 -0.8 -1.2 -1.6 -2.0 -20
Load Regulation (mV)
Line Regulation (mV)
-5
-10
-15
-20 -20 0 20 40 60
o
0
20
40
60
o
80
100
80
100
Junction Temperature ( C)
Case Temperature ( C)
Figure 4. Line Regulation vs. Junction Temperature
Figure 5. Load Regulation vs. Case Temperature
1.270 1.265 1.260
2.495
2.490
Reference Voltage (V)
1.250 1.245 1.240 1.235 1.230 1.225 1.220 -20
Output Voltage (V)
1.255
2.485
2.480
2.475
AZ1117B-2.5V VIN=4.5V 100mA 400mA 600mA 800mA
0 20 40 60
o
AZ1117B-ADJ VIN=4.8V IOUT=10mA
2.470
2.465
0
20
40
60
o
80
100
2.460 -20
80
100
Junction Temperature ( C)
Case Temperature ( C)
Figure 6. Reference Voltage vs. Junction Temperature
Figure 7. Output Voltage vs. Case Temperature
Mar. 2006 Rev. 1. 0 9
BCD Semiconductor Manufacturing Limited
600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR Typical Performance Characteristics (Continued)
Preliminary Datasheet AP1117M AP2317 AZ1117B
3
100 90
Minimum Load Current (mA)
2
80
Adjust Pin Current (A)
70 60 50 40 30 20
1
0
-1
AZ1117B-ADJ VIN=4.8V IOUT=10mA
AZ1117B-ADJ
10
-2 -20
0
20
40
60
o
80
100
0 -20
0
20
40
60
o
80
100
Junction Temperature ( C)
Junction Temperature ( C)
Figure 8. Minimum Load Current vs. Junction Temperature
Figure 9. Adjust Pin Current vs. Junction Temperature
1.4
10
1.3
AZ1117B-2.5V VIN=4.5V
9 8
Power Dissipation (W)
Dropout Voltage (V)
1.2
-40 C o -25 C o 25 C o 100 C
o
7 6 5 4 3 2
1.1
1.0
0.9
1
0.8 0 100 200 300 400 500 600 700 800
AZ1117B-2.5V In chamber, no heatsink
0 -20
0
20
40
60
o
80
100
Output Current (mA)
Case Temperature ( C)
Figure 10. Dropout Voltage vs. Output Current
Figure 11. Power Dissipation vs. Case Temperature
Mar. 2006 Rev. 1. 0 10
BCD Semiconductor Manufacturing Limited
600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR Typical Performance Characteristics (Continued)
Preliminary Datasheet AP1117M AP2317 AZ1117B
VOUT
VOUT
IOUT=600mA
VIN=4.8V
IOUT=10mA
Figure 12. Line Transient Response
Figure 13. Load Transient Response
80
1.25 1.20
70 1.15 60 1.10
Current Limit (A)
PSRR (dB)
1.05 1.00 0.95 0.90 0.85
50
40
30
20
AZ1117B-2.5V VIN=4.5V
VOUT=VOUT(nominal)x98%
0 20 40 60
o
0.80 0.75 -20
10 10
100
1k
10k
100k
80
100
Frequency (Hz)
Case Temperature ( C)
Figure 14. PSRR vs. Frequency
Figure 15. Current Limit vs. Case Temperature
Mar. 2006 Rev. 1. 0 11
BCD Semiconductor Manufacturing Limited
600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR Typical Performance Characteristics (Continued)
Preliminary Datasheet AP1117M AP2317 AZ1117B
1.4
1.3
Dropout Voltage (V)
1.2
AZ1117B-2.5V 100mA 400mA 600mA 800mA ESR ()
100
CIN=10F, COUT=22F
10
Stable Area
1.1
1
1.0 0.1 0.9
0.8 -20
0.01 0 20 40 60
o
80
100
0
100
200
300
400
500
600
700
800
Case Temperature ( C)
Output Current (mA)
Figure 16. Dropout Voltage vs. Case Temperature
Figure 17. ESR vs. Output Current
Mar. 2006 Rev. 1. 0 12
BCD Semiconductor Manufacturing Limited
600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR Typical Applications
Preliminary Datasheet AP1117M AP2317 AZ1117B
VIN=11V + VIN
AZ1117B-ADJ VOUT ADJ R1 124 + 22F
9V at 0.8A
10F
R2 768
VOUT=VREF * ( 1+R2/R1) + IADJ * R2
VIN=5.3V 10F + VIN
AZ1117B-3.3 VOUT GND + 22F
3.3V at 0.8A
Figure 18. Typical Applications of AZ1117B
Mar. 2006 Rev. 1. 0 13
BCD Semiconductor Manufacturing Limited
600mA LOW DROPOUT LINEAR REGULATOR 800mA LOW DROPOUT LINEAR REGULATOR Mechanical Dimensions SOT-223
Preliminary Datasheet AP1117M AP2317 AZ1117B
Unit: mm(inch)
6.300(0.248) 6.700(0.264) 2.900(0.114) 3.100(0.122) 0.900(0.035) MIN 6.700(0.264) 7.300(0.287)
) 0.250(0.010 14) 0.350(0.0
3.300(0.130)
3.700(0.146)
0.250(0.010)
1.750(0.069) TYP 2.300(0.091) TYP 4.500(0.177) 4.700(0.185) 0.610(0.024) 0.810(0.032) 0 10
0.020(0.001) 0.100(0.004)
1.500(0.059) 1.700(0.067)
1.520(0.060) 1.800(0.071)
Mar. 2006 Rev. 1. 0 14
BCD Semiconductor Manufacturing Limited
http://www.bcdsemi.com
IMPORTANT NOTICE BCD Semiconductor Manufacturing Limited reserves the right to make changes without further notice to any products or specifications herein. BCD Semiconductor Manufacturing Limited does not assume any responsibility for use of any its products for any particular purpose, nor does BCD Semiconductor Manufacturing Limited assume any liability arising out of the application or use of any its products or circuits. BCD Semiconductor Manufacturing Limited does not convey any license under its patent rights or other rights nor the rights of others.
MAIN SITE BCD Semiconductor Manufacturing Limited
- Wafer Fab Shanghai SIM-BCD Semiconductor Manufacturing Limited 800, Yi Shan Road, Shanghai 200233, China Tel: +86-21-6485 1491, Fax: +86-21-5450 0008
BCD Semiconductor Manufacturing Limited
- IC Design Group Advanced Analog Circuits (Shanghai) Corporation 8F, Zone B, 900, Yi Shan Road, Shanghai 200233, China Tel: +86-21-6495 9539, Fax: +86-21-6485 9673
REGIONAL SALES OFFICE
Shenzhen Office Shanghai SIM-BCD Semiconductor Manufacturing Co., Ltd. Shenzhen Office Advanced Analog Circuits (Shanghai) Corporation Shenzhen Office 27B, Tower C, 2070, Middle Shen Nan Road, Shenzhen 518031, China Tel: +86-755-8368 3987, Fax: +86-755-8368 3166 Taiwan Office BCD Semiconductor (Taiwan) Company Limited 4F, 298-1, Rui Guang Road, Nei-Hu District, Taipei, Taiwan Tel: +886-2-2656 2808, Fax: +886-2-2656 2806 USA Office BCD Semiconductor Corporation 3170 De La Cruz Blvd., Suite 105, Santa Clara, CA 95054-2411, U.S.A Tel: +1-408-988 6388, Fax: +1-408-988 6386


▲Up To Search▲   

 
Price & Availability of AZ1117BH-ADJTRE1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X