Part Number Hot Search : 
645ET RXE110K KTC3208 W9020 LTC2908 28C512 2N2879 MINISM
Product Description
Full Text Search
 

To Download ATMEGA644 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* High-performance, Low-power AVR(R) 8-bit Microcontroller * Advanced RISC Architecture
- 131 Powerful Instructions - Most Single-clock Cycle Execution - 32 x 8 General Purpose Working Registers - Fully Static Operation - Up to 20 MIPS Throughput at 20 MHz - On-chip 2-cycle Multiplier Nonvolatile Program and Data Memories - 64K Bytes of In-System Self-Programmable Flash Endurance: 10,000 Write/Erase Cycles - Optional Boot Code Section with Independent Lock Bits In-System Programming by On-chip Boot Program True Read-While-Write Operation - 2K Bytes EEPROM Endurance: 100,000 Write/Erase Cycles - 4K Bytes Internal SRAM - Programming Lock for Software Security JTAG (IEEE std. 1149.1 Compliant) Interface - Boundary-scan Capabilities According to the JTAG Standard - Extensive On-chip Debug Support - Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface Peripheral Features - Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes - One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture Mode - Real Time Counter with Separate Oscillator - Six PWM Channels - 8-channel, 10-bit ADC Differential mode with selectable gain at 1x, 10x or 200x - Byte-oriented Two-wire Serial Interface - One Programmable Serial USART - Master/Slave SPI Serial Interface - Programmable Watchdog Timer with Separate On-chip Oscillator - On-chip Analog Comparator - Interrupt and Wake-up on Pin Change Special Microcontroller Features - Power-on Reset and Programmable Brown-out Detection - Internal Calibrated RC Oscillator - External and Internal Interrupt Sources - Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby and Extended Standby I/O and Packages - 32 Programmable I/O Lines - 40-pin PDIP, 44-lead TQFP, and 44-pad QFN/MLF Speed Grades - ATMEGA644V: 0 - 4MHz @ 1.8 - 5.5V, 0 - 10MHz @ 2.7 - 5.5V - ATMEGA644: 0 - 10MHz @ 2.7 - 5.5V, 0 - 20MHz @ 4.5 - 5.5V Power Consumption at 1 MHz, 3V, 25C for ATMEGA644 - Active: 240 A @ 1.8V, 1MHz - Power-down Mode: 0.1 A @ 1.8V
*
*
*
8-bit Microcontroller with 64K Bytes In-System Programmable Flash ATMEGA644/V Preliminary Summary
*
* * *
2593LS-AVR-02/07
1. Pin Configurations
Figure 1-1. Pinout ATMEGA644
PDIP
(PCINT8/XCK0/T0) PB0 (PCINT9/CLKO/T1) PB1 (PCINT10/INT2/AIN0) PB2 (PCINT11/OC0A/AIN1) PB3 (PCINT12/OC0B/SS) PB4 (PCINT13/MOSI) PB5 (PCINT14/MISO) PB6 (PCINT15/SCK) PB7 RESET VCC GND XTAL2 XTAL1 (PCINT24/RXD0) PD0 (PCINT25/TXD0) PD1 (PCINT26/INT0) PD2 (PCINT27/INT1) PD3 (PCINT28/OC1B) PD4 (PCINT29/OC1A) PD5 (PCINT30/OC2B/ICP) PD6 PA0 (ADC0/PCINT0) PA1 (ADC1/PCINT1) PA2 (ADC2/PCINT2) PA3 (ADC3/PCINT3) PA4 (ADC4/PCINT4) PA5 (ADC5/PCINT5) PA6 (ADC6/PCINT6) PA7 (ADC7/PCINT7) AREF GND AVCC PC7 (TOSC2/PCINT23) PC6 (TOSC1/PCINT22) PC5 (TDI/PCINT21) PC4 (TDO/PCINT20) PC3 (TMS/PCINT19) PC2 (TCK/PCINT18) PC1 (SDA/PCINT17) PC0 (SCL/PCINT16) PD7 (OC2A/PCINT31)
TQFP/QFN/MLF
PB4 (SS/OC0B/PCINT12) PB3 (AIN1/OC0A/PCINT11) PB2 (AIN0/INT2/PCINT10) PB1 (T1/CLKO/PCINT9) PB0 (XCK0/T0/PCINT8) GND VCC PA0 (ADC0/PCINT0) PA1 (ADC1/PCINT1) PA2 (ADC2/PCINT2) PA3 (ADC3/PCINT3)
(PCINT13/MOSI) PB5 (PCINT14/MISO) PB6 (PCINT15/SCK) PB7 RESET VCC GND XTAL2 XTAL1 (PCINT24/RXD0) PD0 (PCINT25/TXD0) PD1 (PCINT26/INT0) PD2
PA4 (ADC4/PCINT4) PA5 (ADC5/PCINT5) PA6 (ADC6/PCINT6) PA7 (ADC7/PCINT7) AREF GND AVCC PC7 (TOSC2/PCINT23) PC6 (TOSC1/PCINT22) PC5 (TDI/PCINT21) PC4 (TDO/PCINT20)
Note:
The large center pad underneath the QFN/MLF package should be soldered to ground on the board to ensure good mechanical stability.
2
ATMEGA644
2593LS-AVR-02/07
(PCINT27/INT1) (PCINT28/OC1B) (PCINT29/OC1A) (PCINT30/OC2B/ICP) (PCINT31/OC2A)
PD3 PD4 PD5 PD6 PD7 VCC GND (PCINT16/SCL) PC0 (PCINT17/SDA) PC1 (PCINT18/TCK) PC2 (PCINT19/TMS) PC3
ATMEGA644
1.1 Disclaimer
Typical values contained in this datasheet are based on simulations and characterization of other AVR microcontrollers manufactured on the same process technology. Min and Max values will be available after the device is characterized.
2. Overview
The ATMEGA644 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATMEGA644 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
2.1
Block Diagram
Block Diagram
Figure 2-1.
PA7..0
VCC
PB7..0
RESET
Power Supervision POR / BOD & RESET
PORT A (8)
PORT B (8)
GND
Watchdog Timer
Watchdog Oscillator
A/D Converter
Analog Comparator
USART 0
XTAL1
Oscillator Circuits / Clock Generation
EEPROM
Internal Bandgap reference
SPI
XTAL2
16bit T/C 1
CPU
JTAG
8bit T/C 0
TWI
FLASH
SRAM
8bit T/C 2
PORT C (8)
PORT D (8)
PC7..0
PD7..0
3
2593LS-AVR-02/07
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers. The ATMEGA644 provides the following features: 64K bytes of In-System Programmable Flash with Read-While-Write capabilities, 2K bytes EEPROM, 4K bytes SRAM, 32 general purpose I/O lines, 32 general purpose working registers, Real Time Counter (RTC), three flexible Timer/Counters with compare modes and PWM, 2 USARTs, a byte oriented 2-wire Serial Interface, a 8-channel, 10-bit ADC with optional differential input stage with programmable gain, programmable Watchdog Timer with Internal Oscillator, an SPI serial port, IEEE std. 1149.1 compliant JTAG test interface, also used for accessing the On-chip Debug system and programming and six software selectable power saving modes. The Idle mode stops the CPU while allowing the SRAM, Timer/Counters, SPI port, and interrupt system to continue functioning. The Power-down mode saves the register contents but freezes the Oscillator, disabling all other chip functions until the next interrupt or Hardware Reset. In Power-save mode, the asynchronous timer continues to run, allowing the user to maintain a timer base while the rest of the device is sleeping. The ADC Noise Reduction mode stops the CPU and all I/O modules except Asynchronous Timer and ADC, to minimize switching noise during ADC conversions. In Standby mode, the Crystal/Resonator Oscillator is running while the rest of the device is sleeping. This allows very fast start-up combined with low power consumption. In Extended Standby mode, both the main Oscillator and the Asynchronous Timer continue to run. The device is manufactured using Atmel's high-density nonvolatile memory technology. The Onchip ISP Flash allows the program memory to be reprogrammed in-system through an SPI serial interface, by a conventional nonvolatile memory programmer, or by an On-chip Boot program running on the AVR core. The boot program can use any interface to download the application program in the application Flash memory. Software in the Boot Flash section will continue to run while the Application Flash section is updated, providing true Read-While-Write operation. By combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a monolithic chip, the Atmel ATMEGA644 is a powerful microcontroller that provides a highly flexible and cost effective solution to many embedded control applications. The ATMEGA644 AVR is supported with a full suite of program and system development tools including: C compilers, macro assemblers, program debugger/simulators, in-circuit emulators, and evaluation kits.
2.2
2.2.1
Pin Descriptions
VCC Digital supply voltage.
2.2.2
GND Ground.
2.2.3
Port A (PA7:PA0) Port A serves as analog inputs to the Analog-to-digital Converter. Port A also serves as an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port A output buffers have symmetrical drive characteristics with both high sink
4
ATMEGA644
2593LS-AVR-02/07
ATMEGA644
and source capability. As inputs, Port A pins that are externally pulled low will source current if the pull-up resistors are activated. The Port A pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port A also serves the functions of various special features of the ATMEGA644 as listed on page 76. 2.2.4 Port B (PB7:PB0) Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port B output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up resistors are activated. The Port B pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port B also serves the functions of various special features of the ATMEGA644 as listed on page 78. 2.2.5 Port C (PC7:PC0) Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port C output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up resistors are activated. The Port C pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port C also serves the functions of the JTAG interface, along with special features of the ATMEGA644 as listed on page 81. 2.2.6 Port D (PD7:PD0) Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port D output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port D pins that are externally pulled low will source current if the pull-up resistors are activated. The Port D pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port D also serves the functions of various special features of the ATMEGA644 as listed on page 83. 2.2.7 RESET Reset input. A low level on this pin for longer than the minimum pulse length will generate a reset, even if the clock is not running. The minimum pulse length is given in Table 9-1 on page 47. Shorter pulses are not guaranteed to generate a reset. 2.2.8 XTAL1 Input to the inverting Oscillator amplifier and input to the internal clock operating circuit. 2.2.9 XTAL2 Output from the inverting Oscillator amplifier.
5
2593LS-AVR-02/07
2.2.10
AVCC AVCC is the supply voltage pin for Port F and the Analog-to-digital Converter. It should be externally connected to VCC, even if the ADC is not used. If the ADC is used, it should be connected to VCC through a low-pass filter.
2.2.11
AREF This is the analog reference pin for the Analog-to-digital Converter.
3. Resources
A comprehensive set of development tools, application notes and datasheetsare available for download on http://www.atmel.com/avr.
6
ATMEGA644
2593LS-AVR-02/07
ATMEGA644
4. Register Summary
Address
(0xFF) (0xFE) (0xFD) (0xFC) (0xFB) (0xFA) (0xF9) (0xF8) (0xF7) (0xF6) (0xF5) (0xF4) (0xF3) (0xF2) (0xF1) (0xF0) (0xEF) (0xEE) (0xED) (0xEC) (0xEB) (0xEA) (0xE9) (0xE8) (0xE7) (0xE6) (0xE5) (0xE4) (0xE3) (0xE2) (0xE1) (0xE0) (0xDF) (0xDE) (0xDD) (0xDC) (0xDB) (0xDA) (0xD9) (0xD8) (0xD7) (0xD6) (0xD5) (0xD4) (0xD3) (0xD2) (0xD1) (0xD0) (0xCF) (0xCE) (0xCD) (0xCC) (0xCB) (0xCA) (0xC9) (0xC8) (0xC7) (0xC6) (0xC5) (0xC4) (0xC3) (0xC2) (0xC1) (0xC0)
Name
Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved UDR0 UBRR0H UBRR0L Reserved UCSR0C UCSR0B UCSR0A
Bit 7
UMSEL01 RXCIE0 RXC0
Bit 6
UMSEL00 TXCIE0 TXC0
Bit 5
UPM01 UDRIE0 UDRE0
Bit 4
UPM00 RXEN0 FE0
Bit 3
-
Bit 2
-
Bit 1
-
Bit 0
-
Page
-
-
USART0 I/O Data Register USART0 Baud Rate Register High Byte USBS0 TXEN0 DOR0 UCSZ01 UCSZ02 UPE0 UCSZ00 RXB80 U2X0 UCPOL0 TXB80 MPCM0 USART0 Baud Rate Register Low Byte
181 186/198 186/198 184/197 183/197 182/196
7
2593LS-AVR-02/07
Address
(0xBF) (0xBE) (0xBD) (0xBC) (0xBB) (0xBA) (0xB9) (0xB8) (0xB7) (0xB6) (0xB5) (0xB4) (0xB3) (0xB2) (0xB1) (0xB0) (0xAF) (0xAE) (0xAD) (0xAC) (0xAB) (0xAA) (0xA9) (0xA8) (0xA7) (0xA6) (0xA5) (0xA4) (0xA3) (0xA2) (0xA1) (0xA0) (0x9F) (0x9E) (0x9D) (0x9C) (0x9B) (0x9A) (0x99) (0x98) (0x97) (0x96) (0x95) (0x94) (0x93) (0x92) (0x91) (0x90) (0x8F) (0x8E) (0x8D) (0x8C) (0x8B) (0x8A) (0x89) (0x88) (0x87) (0x86) (0x85) (0x84) (0x83) (0x82) (0x81) (0x80) (0x7F) (0x7E)
Name
Reserved Reserved TWAMR TWCR TWDR TWAR TWSR TWBR Reserved ASSR Reserved OCR2B OCR2A TCNT2 TCCR2B TCCR2A Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved OCR1BH OCR1BL OCR1AH OCR1AL ICR1H ICR1L TCNT1H TCNT1L Reserved TCCR1C TCCR1B TCCR1A DIDR1 DIDR0
Bit 7
TWAM6 TWINT TWA6 TWS7 -
Bit 6
TWAM5 TWEA TWA5 TWS6 EXCLK -
Bit 5
TWAM4 TWSTA TWA4 TWS5 AS2 -
Bit 4
TWAM3 TWSTO TWA3 TWS4 TCN2UB -
Bit 3
TWAM2 TWWC TWA2 TWS3 OCR2AUB -
Bit 2
TWAM1 TWEN TWA1 OCR2BUB -
Bit 1
TWAM0 TWA0 TWPS1 TCR2AUB -
Bit 0
TWIE TWGCE TWPS0 TCR2BUB -
Page
229 225 227 229 227 225 150 149 149 149
2-wire Serial Interface Data Register
2-wire Serial Interface Bit Rate Register
Timer/Counter2 Output Compare Register B Timer/Counter2 Output Compare Register A Timer/Counter2 (8 Bit) FOC2A COM2A1 FOC2B COM2A0 COM2B1 COM2B0 WGM22 CS22 CS21 WGM21 CS20 WGM20 -
148 145
Timer/Counter1 - Output Compare Register B High Byte Timer/Counter1 - Output Compare Register B Low Byte Timer/Counter1 - Output Compare Register A High Byte Timer/Counter1 - Output Compare Register A Low Byte Timer/Counter1 - Input Capture Register High Byte Timer/Counter1 - Input Capture Register Low Byte Timer/Counter1 - Counter Register High Byte Timer/Counter1 - Counter Register Low Byte FOC1A ICNC1 COM1A1 ADC7D FOC1B ICES1 COM1A0 ADC6D COM1B1 ADC5D WGM13 COM1B0 ADC4D WGM12 ADC3D CS12 ADC2D CS11 WGM11 AIN1D ADC1D CS10 WGM10 AIN0D ADC0D
131 131 131 131 132 132 131 131 130 129 127 232 252
8
ATMEGA644
2593LS-AVR-02/07
ATMEGA644
Address
(0x7D) (0x7C) (0x7B) (0x7A) (0x79) (0x78) (0x77) (0x76) (0x75) (0x74) (0x73) (0x72) (0x71) (0x70) (0x6F) (0x6E) (0x6D) (0x6C) (0x6B) (0x6A) (0x69) (0x68) (0x67) (0x66) (0x65) (0x64) (0x63) (0x62) (0x61) (0x60) 0x3F (0x5F) 0x3E (0x5E) 0x3D (0x5D) 0x3C (0x5C) 0x3B (0x5B) 0x3A (0x5A) 0x39 (0x59) 0x38 (0x58) 0x37 (0x57) 0x36 (0x56) 0x35 (0x55) 0x34 (0x54) 0x33 (0x53) 0x32 (0x52) 0x31 (0x51) 0x30 (0x50) 0x2F (0x4F) 0x2E (0x4E) 0x2D (0x4D) 0x2C (0x4C) 0x2B (0x4B) 0x2A (0x4A) 0x29 (0x49) 0x28 (0x48) 0x27 (0x47) 0x26 (0x46) 0x25 (0x45) 0x24 (0x44) 0x23 (0x43) 0x22 (0x42) 0x21 (0x41) 0x20 (0x40) 0x1F (0x3F) 0x1E (0x3E) 0x1D (0x3D) 0x1C (0x3C)
Name
Reserved ADMUX ADCSRB ADCSRA ADCH ADCL Reserved Reserved Reserved Reserved PCMSK3 Reserved Reserved TIMSK2 TIMSK1 TIMSK0 PCMSK2 PCMSK1 PCMSK0 Reserved EICRA PCICR Reserved OSCCAL Reserved PRR Reserved Reserved CLKPR WDTCSR SREG SPH SPL Reserved Reserved Reserved Reserved Reserved SPMCSR Reserved MCUCR MCUSR SMCR Reserved OCDR ACSR Reserved SPDR SPSR SPCR GPIOR2 GPIOR1 Reserved OCR0B OCR0A TCNT0 TCCR0B TCCR0A GTCCR EEARH EEARL EEDR EECR GPIOR0 EIMSK EIFR
Bit 7
REFS1 ADEN
Bit 6
REFS0 ACME ADSC
Bit 5
ADLAR ADATE
Bit 4
MUX4 ADIF
Bit 3
MUX3 ADIE
Bit 2
MUX2 ADTS2 ADPS2
Bit 1
MUX1 ADTS1 ADPS1
Bit 0
MUX0 ADTS0 ADPS0
Page
248 230 249 251 251
ADC Data Register High byte ADC Data Register Low byte PCINT31 PCINT23 PCINT15 PCINT7 PRTWI CLKPCE WDIF I SP15 SP7 SPMIE JTD ACD SPIF SPIE PCINT30 PCINT22 PCINT14 PCINT6 PRTIM2 WDIE T SP14 SP6 RWWSB ACBG WCOL SPE PCINT29 ICIE1 PCINT21 PCINT13 PCINT5 ISC21 PRTIM0 WDP3 H SP13 SP5 SIGRD ACO DORD PCINT28 PCINT20 PCINT12 PCINT4 ISC20 WDCE S SP12 SP4 RWWSRE PUD JTRF ACI MSTR PCINT27 PCINT19 PCINT11 PCINT3 ISC11 PCIE3 PRTIM1 CLKPS3 WDE V SP11 SP3 BLBSET WDRF SM2 ACIE CPOL PCINT26 OCIE2B OCIE1B OCIE0B PCINT18 PCINT10 PCINT2 ISC10 PCIE2 PRSPI CLKPS2 WDP2 N SP10 SP2 PGWRT BORF SM1 ACIC CPHA PCINT25 OCIE2A OCIE1A OCIE0A PCINT17 PCINT9 PCINT1 ISC01 PCIE1 PRUSART0 CLKPS1 WDP1 Z SP9 SP1 PGERS IVSEL EXTRF SM0 ACIS1 SPR1 PCINT24 TOIE2 TOIE1 TOIE0 PCINT16 PCINT8 PCINT0 ISC00 PCIE0 -
66
152 132 104 66 66 67 63 65 34
Oscillator Calibration Register PRADC CLKPS0 WDP0 C SP8 SP0 SPMEN IVCE PORF SE -
43
38 55 11 11 11
274 75/262 50/263 40 258
On-Chip Debug Register ACIS0 -
249 162
SPI 0 Data Register SPI2X SPR0
162 160 26 26
General Purpose I/O Register 2 General Purpose I/O Register 1 Timer/Counter0 Output Compare Register B Timer/Counter0 Output Compare Register A Timer/Counter0 (8 Bit) FOC0A COM0A1 TSM FOC0B COM0A0 COM0B1 COM0B0 EEPROM Data Register EEPM1 EEPM0 EERIE EEMPE INT2 INTF2 EEPE INT1 INTF1 EERE INT0 INTF0 General Purpose I/O Register 0 WGM02 CS02 CS01 WGM01 PSRASY CS00 WGM00 PSRSYNC
104 104 104 103 104 154 21 21 21 22 27 64 64
EEPROM Address Register High Byte
EEPROM Address Register Low Byte
9
2593LS-AVR-02/07
Address
0x1B (0x3B) 0x1A (0x3A) 0x19 (0x39) 0x18 (0x38) 0x17 (0x37) 0x16 (0x36) 0x15 (0x35) 0x14 (0x34) 0x13 (0x33) 0x12 (0x32) 0x11 (0x31) 0x10 (0x30) 0x0F (0x2F) 0x0E (0x2E) 0x0D (0x2D) 0x0C (0x2C) 0x0B (0x2B) 0x0A (0x2A) 0x09 (0x29) 0x08 (0x28) 0x07 (0x27) 0x06 (0x26) 0x05 (0x25) 0x04 (0x24) 0x03 (0x23) 0x02 (0x22) 0x01 (0x21) 0x00 (0x20)
Name
PCIFR Reserved Reserved Reserved TIFR2 TIFR1 TIFR0 Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved PORTD DDRD PIND PORTC DDRC PINC PORTB DDRB PINB PORTA DDRA PINA
Bit 7
PORTD7 DDD7 PIND7 PORTC7 DDC7 PINC7 PORTB7 DDB7 PINB7 PORTA7 DDA7 PINA7
Bit 6
PORTD6 DDD6 PIND6 PORTC6 DDC6 PINC6 PORTB6 DDB6 PINB6 PORTA6 DDA6 PINA6
Bit 5
ICF1 PORTD5 DDD5 PIND5 PORTC5 DDC5 PINC5 PORTB5 DDB5 PINB5 PORTA5 DDA5 PINA5
Bit 4
PORTD4 DDD4 PIND4 PORTC4 DDC4 PINC4 PORTB4 DDB4 PINB4 PORTA4 DDA4 PINA4
Bit 3
PCIF3 PORTD3 DDD3 PIND3 PORTC3 DDC3 PINC3 PORTB3 DDB3 PINB3 PORTA3 DDA3 PINA3
Bit 2
PCIF2 OCF2b OCF1B OCF0B PORTD2 DDD2 PIND2 PORTC2 DDC2 PINC2 PORTB2 DDB2 PINB2 PORTA2 DDA2 PINA2
Bit 1
PCIF1 OCF2A OCF1A OCF0A PORTD1 DDD1 PIND1 PORTC1 DDC1 PINC1 PORTB1 DDB1 PINB1 PORTA1 DDA1 PINA1
Bit 0
PCIF0 TOV2 TOV1 TOV0 PORTD0 DDD0 PIND0 PORTC0 DDC0 PINC0 PORTB0 DDB0 PINB0 PORTA0 DDA0 PINA0
Page
65
153 133 105
88 88 88 87 87 88 87 87 87 87 87 87
Notes:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. 2. I/O registers within the address range $00 - $1F are directly bit-accessible using the SBI and CBI instructions. In these registers, the value of single bits can be checked by using the SBIS and SBIC instructions. 3. Some of the status flags are cleared by writing a logical one to them. Note that the CBI and SBI instructions will operate on all bits in the I/O register, writing a one back into any flag read as set, thus clearing the flag. The CBI and SBI instructions work with registers 0x00 to 0x1F only. 4. When using the I/O specific commands IN and OUT, the I/O addresses $00 - $3F must be used. When addressing I/O registers as data space using LD and ST instructions, $20 must be added to these addresses. The ATMEGA644 is a complex microcontroller with more peripheral units than can be supported within the 64 location reserved in Opcode for the IN and OUT instructions. For the Extended I/O space from $60 - $FF, only the ST/STS/STD and LD/LDS/LDD instructions can be used.
10
ATMEGA644
2593LS-AVR-02/07
ATMEGA644
5. Instruction Set Summary
Mnemonics
ADD ADC ADIW SUB SUBI SBC SBCI SBIW AND ANDI OR ORI EOR COM NEG SBR CBR INC DEC TST CLR SER MUL MULS MULSU FMUL FMULS FMULSU RJMP IJMP JMP RCALL ICALL CALL RET RETI CPSE CP CPC CPI SBRC SBRS SBIC SBIS BRBS BRBC BREQ BRNE BRCS BRCC BRSH BRLO BRMI BRPL BRGE BRLT BRHS BRHC BRTS BRTC BRVS Rd,Rr Rd,Rr Rd,Rr Rd,K Rr, b Rr, b P, b P, b s, k s, k k k k k k k k k k k k k k k k k k k
Operands
Rd, Rr Rd, Rr Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rd, Rr Rd Rd Rd,K Rd,K Rd Rd Rd Rd Rd Rd, Rr Rd, Rr Rd, Rr Rd, Rr Rd, Rr Rd, Rr k Add two Registers
Description
Rd Rd + Rr
Operation
Flags
Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,C,N,V Z,C,N,V,H Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V None Z,C Z,C Z,C Z,C Z,C Z,C None None None None None None None I None Z, N,V,C,H Z, N,V,C,H Z, N,V,C,H None None None None None None None None None None None None None None None None None None None None None
#Clocks
1 1 2 1 1 1 1 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 3 4 4 5 5 5 1/2/3 1 1 1 1/2/3 1/2/3 1/2/3 1/2/3 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2
ARITHMETIC AND LOGIC INSTRUCTIONS Add with Carry two Registers Add Immediate to Word Subtract two Registers Subtract Constant from Register Subtract with Carry two Registers Subtract with Carry Constant from Reg. Subtract Immediate from Word Logical AND Registers Logical AND Register and Constant Logical OR Registers Logical OR Register and Constant Exclusive OR Registers One's Complement Two's Complement Set Bit(s) in Register Clear Bit(s) in Register Increment Decrement Test for Zero or Minus Clear Register Set Register Multiply Unsigned Multiply Signed Multiply Signed with Unsigned Fractional Multiply Unsigned Fractional Multiply Signed Fractional Multiply Signed with Unsigned Relative Jump Indirect Jump to (Z) Direct Jump Relative Subroutine Call Indirect Call to (Z) Direct Subroutine Call Subroutine Return Interrupt Return Compare, Skip if Equal Compare Compare with Carry Compare Register with Immediate Skip if Bit in Register Cleared Skip if Bit in Register is Set Skip if Bit in I/O Register Cleared Skip if Bit in I/O Register is Set Branch if Status Flag Set Branch if Status Flag Cleared Branch if Equal Branch if Not Equal Branch if Carry Set Branch if Carry Cleared Branch if Same or Higher Branch if Lower Branch if Minus Branch if Plus Branch if Greater or Equal, Signed Branch if Less Than Zero, Signed Branch if Half Carry Flag Set Branch if Half Carry Flag Cleared Branch if T Flag Set Branch if T Flag Cleared Branch if Overflow Flag is Set Rd Rd + Rr + C Rdh:Rdl Rdh:Rdl + K Rd Rd - Rr Rd Rd - K Rd Rd - Rr - C Rd Rd - K - C Rdh:Rdl Rdh:Rdl - K Rd Rd * Rr Rd Rd * K Rd Rd v Rr Rd Rd v K Rd Rd Rr Rd 0xFF - Rd Rd 0x00 - Rd Rd Rd v K Rd Rd * (0xFF - K) Rd Rd + 1 Rd Rd - 1 Rd Rd * Rd Rd Rd Rd Rd 0xFF R1:R0 Rd x Rr R1:R0 Rd x Rr R1:R0 Rd x Rr
1 R1:R0 (Rd x Rr) << 1 R1:R0 (Rd x Rr) << 1
PC PC + k + 1 PC Z PC k PC PC + k + 1 PC Z PC k PC STACK PC STACK if (Rd = Rr) PC PC + 2 or 3 Rd - Rr Rd - Rr - C Rd - K if (Rr(b)=0) PC PC + 2 or 3 if (Rr(b)=1) PC PC + 2 or 3 if (P(b)=0) PC PC + 2 or 3 if (P(b)=1) PC PC + 2 or 3 if (SREG(s) = 1) then PCPC+k + 1 if (SREG(s) = 0) then PCPC+k + 1 if (Z = 1) then PC PC + k + 1 if (Z = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (N = 1) then PC PC + k + 1 if (N = 0) then PC PC + k + 1 if (N V= 0) then PC PC + k + 1 if (N V= 1) then PC PC + k + 1 if (H = 1) then PC PC + k + 1 if (H = 0) then PC PC + k + 1 if (T = 1) then PC PC + k + 1 if (T = 0) then PC PC + k + 1 if (V = 1) then PC PC + k + 1
R1:R0 (Rd x Rr) <<
BRANCH INSTRUCTIONS
11
2593LS-AVR-02/07
Mnemonics
BRVC BRIE BRID SBI CBI LSL LSR ROL ROR ASR SWAP BSET BCLR BST BLD SEC CLC SEN CLN SEZ CLZ SEI CLI SES CLS SEV CLV SET CLT SEH CLH k k k
Operands
Description
Branch if Overflow Flag is Cleared Branch if Interrupt Enabled Branch if Interrupt Disabled Set Bit in I/O Register Clear Bit in I/O Register Logical Shift Left Logical Shift Right Rotate Left Through Carry Rotate Right Through Carry Arithmetic Shift Right Swap Nibbles Flag Set Flag Clear Bit Store from Register to T Bit load from T to Register Set Carry Clear Carry Set Negative Flag Clear Negative Flag Set Zero Flag Clear Zero Flag Global Interrupt Enable Global Interrupt Disable Set Signed Test Flag Clear Signed Test Flag Set Twos Complement Overflow. Clear Twos Complement Overflow Set T in SREG Clear T in SREG Set Half Carry Flag in SREG Clear Half Carry Flag in SREG
Operation
if (V = 0) then PC PC + k + 1 if ( I = 1) then PC PC + k + 1 if ( I = 0) then PC PC + k + 1 I/O(P,b) 1 I/O(P,b) 0 Rd(n+1) Rd(n), Rd(0) 0 Rd(n) Rd(n+1), Rd(7) 0 Rd(0)C,Rd(n+1) Rd(n),CRd(7) Rd(7)C,Rd(n) Rd(n+1),CRd(0) Rd(n) Rd(n+1), n=0..6 Rd(3..0)Rd(7..4),Rd(7..4)Rd(3..0) SREG(s) 1 SREG(s) 0 T Rr(b) Rd(b) T C1 C0 N1 N0 Z1 Z0 I1 I0 S1 S0 V1 V0 T1 T0 H1 H0 Rd Rr Rd+1:Rd Rr+1:Rr Rd K Rd (X) Rd (X), X X + 1 X X - 1, Rd (X) Rd (Y) Rd (Y), Y Y + 1 Y Y - 1, Rd (Y) Rd (Y + q) Rd (Z) Rd (Z), Z Z+1 Z Z - 1, Rd (Z) Rd (Z + q) Rd (k) (X) Rr (X) Rr, X X + 1 X X - 1, (X) Rr (Y) Rr (Y) Rr, Y Y + 1 Y Y - 1, (Y) Rr (Y + q) Rr (Z) Rr (Z) Rr, Z Z + 1 Z Z - 1, (Z) Rr (Z + q) Rr (k) Rr R0 (Z) Rd (Z) Rd (Z), Z Z+1 Rd (Z) (Z) R1:R0 Rd P
Flags
None None None None None Z,C,N,V Z,C,N,V Z,C,N,V Z,C,N,V Z,C,N,V None SREG(s) SREG(s) T None C C N N Z Z I I S S V V T T H H None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None
#Clocks
1/2 1/2 1/2 2 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 3 3 3 3 1
BIT AND BIT-TEST INSTRUCTIONS P,b P,b Rd Rd Rd Rd Rd Rd s s Rr, b Rd, b
DATA TRANSFER INSTRUCTIONS MOV MOVW LDI LD LD LD LD LD LD LDD LD LD LD LDD LDS ST ST ST ST ST ST STD ST ST ST STD STS LPM LPM LPM ELPM SPM IN Rd, P Rd, Z Rd, Z+ Rd, Z Rd, Rr Rd, Rr Rd, K Rd, X Rd, X+ Rd, - X Rd, Y Rd, Y+ Rd, - Y Rd,Y+q Rd, Z Rd, Z+ Rd, -Z Rd, Z+q Rd, k X, Rr X+, Rr - X, Rr Y, Rr Y+, Rr - Y, Rr Y+q,Rr Z, Rr Z+, Rr -Z, Rr Z+q,Rr k, Rr Move Between Registers Copy Register Word Load Immediate Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Direct from SRAM Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Direct to SRAM Load Program Memory Load Program Memory Load Program Memory and Post-Inc Extended Load Program Memory Store Program Memory In Port
12
ATMEGA644
2593LS-AVR-02/07
ATMEGA644
Mnemonics
OUT PUSH POP NOP SLEEP WDR BREAK
Operands
P, Rr Rr Rd Out Port Push Register on Stack
Description
P Rr STACK Rr Rd STACK
Operation
Flags
None None None None
#Clocks
1 2 2 1 1 1 N/A
Pop Register from Stack No Operation Sleep Watchdog Reset Break
MCU CONTROL INSTRUCTIONS (see specific descr. for Sleep function) (see specific descr. for WDR/timer) For On-chip Debug Only None None None
13
2593LS-AVR-02/07
6. Ordering Information
6.1 ATMEGA644
Power Supply 1.8 - 5.5V Ordering Code(2) ATMEGA644V-10AU ATMEGA644V-10PU ATMEGA644V-10MU ATMEGA644-20AU ATMEGA644-20PU ATMEGA644-20MU Package(1) 44A 40P6 44M1 44A 40P6 44M1 Operational Range Industrial (-40oC to 85oC) Industrial (-40oC to 85oC)
Speed (MHz)(3) 10
20
2.7 - 5.5V
Note:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green. 3. For Speed vs. VCC see "Maximum speed vs. VCC" on page 317.
Package Type 44A 40P6 44M1 44-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP) 40-pin, 0.600" Wide, Plastic Dual Inline Package (PDIP) 44-pad, 7 x 7 x 1.0 mm body, lead pitch 0.50 mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)
14
ATMEGA644
2593LS-AVR-02/07
ATMEGA644
7. Packaging Information
7.1 44A
PIN 1 B
PIN 1 IDENTIFIER
e
E1
E
D1 D C
0~7 A1 L
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL A A1 A2 D D1 E MIN - 0.05 0.95 11.75 9.90 11.75 9.90 0.30 0.09 0.45 NOM - - 1.00 12.00 10.00 12.00 10.00 - - - 0.80 TYP MAX 1.20 0.15 1.05 12.25 10.10 12.25 10.10 0.45 0.20 0.75 Note 2 Note 2 NOTE
A2
A
Notes:
1. This package conforms to JEDEC reference MS-026, Variation ACB. 2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25 mm per side. Dimensions D1 and E1 are maximum plastic body size dimensions including mold mismatch. 3. Lead coplanarity is 0.10 mm maximum.
E1 B C L e
10/5/2001 2325 Orchard Parkway San Jose, CA 95131 TITLE 44A, 44-lead, 10 x 10 mm Body Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP) DRAWING NO. 44A REV. B
R
15
2593LS-AVR-02/07
7.2
40P6
D
PIN 1
E1
A
SEATING PLANE
L B1 e E B
A1
C eB
0 ~ 15
REF
SYMBOL A A1 D E E1 B
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.381 52.070 15.240 13.462 0.356 1.041 3.048 0.203 15.494 NOM - - - - - - - - - - 2.540 TYP MAX 4.826 - 52.578 15.875 13.970 0.559 1.651 3.556 0.381 17.526 Note 2 Note 2 NOTE
Notes:
1. This package conforms to JEDEC reference MS-011, Variation AC. 2. Dimensions D and E1 do not include mold Flash or Protrusion. Mold Flash or Protrusion shall not exceed 0.25 mm (0.010").
B1 L C eB e
09/28/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 40P6, 40-lead (0.600"/15.24 mm Wide) Plastic Dual Inline Package (PDIP) DRAWING NO. 40P6 REV. B
R
16
ATMEGA644
2593LS-AVR-02/07
ATMEGA644
7.3 44M1
D
Marked Pin# 1 ID
E
SEATING PLANE
TOP VIEW
A1 A3
K L D2
Pin #1 Corner
A
SIDE VIEW
1 2 3
Option A
Pin #1 Triangle
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL
Option B
Pin #1 Chamfer (C 0.30)
E2
MIN 0.80 -
NOM 0.90 0.02 0.25 REF
MAX 1.00 0.05
NOTE
A A1 A3 b
0.18 6.90 5.00 6.90 5.00
0.23 7.00 5.20 7.00 5.20 0.50 BSC
0.30 7.10 5.40 7.10 5.40
K b e
Option C
D
Pin #1 Notch (0.20 R)
D2 E E2 e
BOTTOM VIEW
Note: JEDEC Standard MO-220, Fig. 1 (SAW Singulation) VKKD-3.
L K
0.59 0.20
0.64 0.26
0.69 0.41
5/27/06 2325 Orchard Parkway San Jose, CA 95131 TITLE 44M1, 44-pad, 7 x 7 x 1.0 mm Body, Lead Pitch 0.50 mm, 5.20 mm Exposed Pad, Micro Lead Frame Package (MLF) DRAWING NO. 44M1 REV. G
R
17
2593LS-AVR-02/07
8. Errata
8.1 Rev. C
* Inaccurate ADC conversion in differential mode with 200x gain. 1. Inaccurate ADC conversion in differential mode with 200x gain With AVCC < 3.6V, random conversions will be inaccurate. Typical absolute accuracymay reach 64 LSB. Problem Fix/Workaround None
8.2
Rev. B
Not sampled
8.3
Rev. A
* EEPROM read from application code does not work in Lock Bit Mode 3. 1. EEPROM read from application code does not work in Lock Bit Mode 3 When the Memory Lock Bits LB2 and LB1 are programmed to mode 3, EEPROM read does not work from the application code. Problem Fix/Work around Do not set Lock Bit Protection Mode 3 when the application code needs to read from EEPROM.
18
ATMEGA644
2593LS-AVR-02/07
ATMEGA644
9. Datasheet Revision History
Please note that the referring page numbers in this section are referred to this document. The referring revision in this section are referring to the document revision.
9.1
Rev. 2593L - 02/07
1.
Updated Table 24-7 on page 282.
9.2
Rev. 2593K - 01/07
1 2. 3. 4. 5.
Removed the "Not recommended in new designs" notice on page 1. Updated Figure 2-1 on page 3. Updated "PCIFR - Pin Change Interrupt Flag Register" on page 65. Updated Table 21-4 on page 248. Added note to "DC Characteristics" on page 315.
9.3
Rev. 2593J - 09/06
1. 2. 3. 4. 5.
Updated "Calibrated Internal RC Oscillator" on page 34. Updated "Fast PWM Mode" on page 119. Updated "Device Identification Register" on page 260. Updated "Signature Bytes" on page 286. Updated Table 13-3 on page 100,Table 13-6 on page 101, Table 14-3 on page 128, Table 14-4 on page 128, Table 14-5 on page 129, Table 15-3 on page 146, Table 15-6 on page 147 and Table 15-8 on page 148.
9.4
Rev. 2593I - 08/06
1. 2. 3.
Updated note in "Pin Configurations" on page 2. Updated Table 7-2 on page 30, Table 12-11 on page 83 and Table 24-7 on page 282. Updated "Timer/Counter Prescaler" on page 154.
9.5
Rev. 2593H - 07/06
1. 2. 3. 4.
Updated "Fast PWM Mode" on page 119. Updated Figure 14-7 on page 120. Updated Table 24-7 on page 282. Updated "Packaging Information" on page 360.
19
2593LS-AVR-02/07
9.6
Rev. 2593G - 06/06
1. 2. 3.
Updated "Calibrated Internal RC Oscillator" on page 34. Updated "OSCCAL - Oscillator Calibration Register" on page 35. Updated Table 26-5 on page 323.
9.7
Rev. 2593F - 04/06
1. 2. 3.
Updated typos. Updated "ADC Noise Reduction Mode" on page 41. Updated "Power-down Mode" on page 41.
9.8
Rev. 2593E - 04/06
1.
Updated "Calibrated Internal RC Oscillator" on page 34.
9.9
Rev. 2593D - 04/06
1. 2.
Updated "Bit 6 - ACBG: Analog Comparator Bandgap Select" on page 231. Updated "Prescaling and Conversion Timing" on page 236.
9.10
Rev. 2593C - 03/06
1. 2. 3. 4. 5. 6.
Added "Not recommended in new designs". Removed RAMPZ- Extended Z-pointer Register for ELPM/SPM from datasheet. Updated Table 10-1 on page 57. Updated code example in "Interrupt Vectors in ATMEGA644" on page 57. Updated "Setting the Boot Loader Lock Bits by SPM" on page 278. Updated "Register Summary" on page 7.
9.11
Rev. 2593B - 03/06
1. 2. 3. 4. 5. 6. 7. 8.
Removed the occurancy of ATmega164 and ATmega324. Updated Adresses in Registers. Updated "Architectural Overview" on page 9. Updated SRAM sizes in "SRAM Data Memory" on page 19. Updated "I/O Memory" on page 26. Updated "PRR - Power Reduction Register" on page 43. Updated Register bit Discription in "8-bit Timer/Counter Register Description" on page 145. Updated Note in "Overview of the TWI Module" on page 206.
20
ATMEGA644
2593LS-AVR-02/07
ATMEGA644
9. 10. Updated Feauters in "Analog-to-digital Converter" on page 233. Changed name from "SFIOR" to "ADCSRB" in "Starting a Conversion" on page 235, in "Bit 5 - ADATE: ADC Auto Trigger Enable" on page 250 and "Bit 7, 5:3 - Res: Reserved Bits" on page 251. Updated "Signature Bytes" on page 286. Updated "DC Characteristics" on page 315. Updated "Typical Characteristics" on page 324. Updated Example in "Supply Current of IO modules" on page 329. Updated "Register Summary" on page 7. Updated Figure 6-2 on page 20 and Figure 21-1 on page 234. Updated "Errata" on page 18. Updated Table 9-1 on page 47, Table 9-4 on page 51,Table 10-1 on page 57,Table 231 on page 260, Table 25-6 on page 286, Table 25-14 on page 298,Table 26-3 on page 320, Table 27-1 on page 329, Table 27-2 on page 330.
11. 12. 13. 14. 15. 16. 17. 18.
9.12
Rev. 2593A-06/05
1. Initial revision.
21
2593LS-AVR-02/07
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2007 Atmel Corporation. All rights reserved. ATMEL (R), logo and combinations thereof, Everywhere You Are (R), AVR (R), AVR Studio (R), and others, are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
2593LS-AVR-02/07


▲Up To Search▲   

 
Price & Availability of ATMEGA644

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X