Part Number Hot Search : 
ATF54143 RLZ22 AAT3512 4371F PDTC143E HT66F005 IRFB20N5 24C54
Product Description
Full Text Search
 

To Download AS4024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
AVALANCHE ALTERNATOR RECTIFIER AS4024 AND AS4028
PASSIVATED ANISOTROPIC RECTIFIER TECHNOLOGY
Mean Breakdown Voltage - 24 and 28 volts
D TE *
CASE STYLE ASC
0.953(24.2) 0.937(23.8) 0.539(13.7) 0.524(13.3)
Peak Pulse Current - 80 Amperes FEATURES
E AT P
N
0.224(5.7) 0.208(4.3) 0.185(4.7) 0.169(4.3)
0.413(10.5) 0.342(8.7) 0.374(9.5) 0.327(8.3) 0.110(2.8) 0.094(2.4) 0.366(9.3) 0.343(8.7) 0.406(10.3) 0.382(9.7) LEAD 1
0.205(5.2) 0.188(4.8)
0.098 (2.5) MIN.
0.390(9.9) 0.374(9.5) 0.087(2.2) 0.071(1.8)
0.024(5.2) 0.023(.59)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature stability due to unique oxide passivation Patented Passivated Anisotropic Rectifier (PAR) construction Integrally molded heatsink provides a very low thermal resistance for maximum heat dissipation Low leakage current at TJ=175C Low forward voltage drop Ideally suited for alternator rectification and load dump protection High temperature soldering guaranteed: 260C for 10 seconds at terminals
0.197(5.0) 0.185(4.7)
0.205(5.2) 0.188(4.8)
MECHANICAL DATA
Case: Molded plastic body, surface mount with heatsink integrally mounted in the encapsulation Terminals: Plated, solderable per MIL-STD-750, Method 2026 Polarity: Unidirectional as marked Mounting Position: Any Weight: 0.095 ounces, 2.68 grams
0.028(0.7) 0.012(0.3)
LEAD 2/METAL HEATSINK
Dimensions in inches and (millimeters)
*Patent #Os
4,980,315 5,166,769 5,278,094
For positive polarity use OPO.suffix, for negative polarity use ONO suffix (Polarity refers to lead #1)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. SYMBOLS AS4024 AS4028 UNITS
Maximum working peak standoff voltage Minimum reverse breakdown voltage at 100mA Maximum reverse breakdown voltage at 100mA Maximum clamping voltage for 10ms/10ms exponentially decaying waveform at IPP=80A Maximum average rectified forward current at TC=150C Peak forward surge current, 8.3ms single half sine-wave Maximum instantaneous forward voltage at 100A (NOTE 1) Non- repetitive peak reverse surge current for 10ms/10ms exponentially decaying waveform Maximum reverse leakage current at rated VWM TJ=25C TJ=175C Maximum thermal resistance junction to case (NOTE 2) Operating junction and storage temperature range
NOTE: (1) Measured on a 300ms square pulse width (2) Mounted on alternator heat sink NOTICE: Advanced product information is subject to change without notice.
VWM V(BR) V(BR) VC I(AV) IFSM VF IRSM IR RQJC TJ, TSTG
18.0 20.0 28.0 38.0 40.0 700.0 0.99 75.0 1.0 50.0 0.9
20.0 24.0 32.0 40.0
Volts Volts Volts Volts Amps Amps Volts Amps mA C/W C
-55 to +200
12/98
RATING AND CHARACTERISTIC CURVES AVALANCHE ALTERNATOR RECTIFIER - AS4024 AND AS4028
FIG. 1 - FORWARD CURRENT DERATING CURVE INSTANTANEOUS FORWARD CURRENT, AMPERES
50 45 40 35 30 25 20 15 10 5.0 0 0 20 40 60 80 100 120 140 160 180 200
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
FORWARD CURRENT, AMPERES
10
200C 175C 25C
1
0.1
0.01 0.25
0.35
0.45
0.55
0.65
0.75
0.85
0.95
CASE TEMPERATURE, C
FORWARD VOLTAGE, VOLTS
FIG. 3 - PULSE WAVEFORM IPPM PEAK PULSE CURRENT %
TA=25C PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
FIG. 4. - REVERSE POWER CAPABILITY REVERSE SURGE POWER, WATTS
40 10,000
150
tr=10ms
100
PEAK VALUE IPPM
HALF VALUE - IPP 2
50
td
10/10000ms
0
0
5
10
15
20
25
30
35
1,000
1
10
100
t, TIME, ms FIG. 5 - LOAD DUMP POWER CHARACTERISTICS (10ms EXPODENTIAL WAVEFORM) INSTANTANEOUS REVERS CURRENT, MICRO AMPERES
3,500
PULSE WIDTH (ms) - 1/2 IPP EXPONENTIAL WAVEFORM FIG. 6 - TYPICAL REVERSE CHARACTERISTICS
100
200C
LOAD DUMP POWER, WATTS
3,000 2,500 2,000 1,500 1,000 500 0 25 50 75 100 125 150 175 200
10
175C
1 0.1 0.01 0.001 0.0001 5.0
25C
20
35
50
65
80
95
TEMPERATURE, C
PERCENTAGE OF V(BR), % FIG. 7 - TYPICAL TRANSIENT THERMAL IMPEDANCE
TRANSIENT THERMAL IMPEDANCE, C/W
100
10
1
RQJC
0.1
0.01 0.01
0.1
1
10
100
PULSE WIDTH, sec.


▲Up To Search▲   

 
Price & Availability of AS4024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X