Part Number Hot Search : 
05SH3 MSAU214 89HR1KTR X5083S8 6060R 240128 HT3421A SB121
Product Description
Full Text Search
 

To Download ACM70V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (1/2)
Common Mode Filters(SMD) For Power Line
ACM-V Series
FEATURES * Have achieved miniaturization while keeping characteristics by adoption of exclusive square type closed magnetic cores. * Due to the low profile design, it is suitable for a surface mount. * High impedance characteristic has been achieved a superior effect for common mode noise suppression. * This products have serialized a large current product up to 8A corresponding for various DC power lines. * Operating temperature range has covered widely from -40 to +125C. APPLICATIONS Common mode noise countermeasures for DC power lines of electronic control equipment, multi-media equipment for automotives and various electronic equipment power supply lines. PACKAGING STYLE AND QUANTITIES
Packaging style Taping Type ACM70V ACM90V ACM12V Quantity 1500 pieces/reel 800 pieces/reel 500 pieces/reel
Conformity to RoHS Directive
PRODUCT IDENTIFICATION ACM 90V - 701 - 2PL - TL - 00 (1) (2) (3) (4) (5) (6) (1) Series name (2) Dimensional code (3) Impedance [at 100MHz] 701: 700 (4) Numbers of lines 2PL: 2 lines (5) Packaging style TL: o330mm reel taping (6) TDK internal code TEMPERATURE RANGE Operating
-40 to +125C
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM/RECOMMENDED PC BOARD PATTERN
L 1 4 3 * No polarity c a b
1
W
4
2
2
3 Dimensions in mm
Type ACM70V ACM90V ACM12V
a 9.0 11.0 14.0
b 4.0 6.0 7.4
d
c 1.5 1.5 2.7
d 3.0 3.5 5.2
A
B
A
T
Coplanarity: 0.1max. C D C Dimensions in mm
Type ACM70V ACM90V ACM12V
L 7.00.2 9.00.2 12.00.3
W 6.00.2 7.00.2 11.00.3
T 3.5max. 4.5max. 6.0max.
A 1.50.2 1.50.2 2.70.2
B 1.50.2 2.00.2 2.50.2
C 1.50.2 1.50.2 2.30.2
D 4.0typ. 6.0typ. 7.4typ.
Weight 0.35g 0.82g 2.30g
* Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
* All specifications are subject to change without notice. 001-03 / 20061226 / e9713_acm_v.fm
(2/2)
ELECTRICAL CHARACTERISTICS
Part No. ACM70V-701-2PL-TL00 ACM90V-701-2PL-TL00 ACM12V-701-2PL-TL00 Common mode impedance ()typ.[at 100MHz] 700 700 700 DC resistance (M)max. 15 10 6 Rated current Idc (A)max. 4.0 5.0 8.0 Rated voltage Edc (V)max. 80 80 80 Insulation resistance (M)min. 10 10 10
TYPICAL ELECTRICAL CHARACTERISTICS IMPEDANCE vs. FREQUENCY CHARACTERISTICS ACM70V-701-2PL
10000
ACM90V-701-2PL
10000
1000 Impedance () Common mode 100 Differential mode
1000 Impedance () Common mode 100 Differential mode
10
10
1
1
10 Frequency (MHz)
100
1000
1
1
10 Frequency (MHz)
100
1000
ACM12V-701-2PL
10000
1000 Impedance () Common mode 100 Differential mode
10
1
1
10 Frequency (MHz)
100
1000
* All specifications are subject to change without notice. 001-03 / 20061226 / e9713_acm_v.fm


▲Up To Search▲   

 
Price & Availability of ACM70V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X