Part Number Hot Search : 
LR013 ULN2809 DA726 120N6 U20C60A KTC3790S IRF830B 05000
Product Description
Full Text Search
 

To Download AAT3681 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger General Description
The AAT3681 BatteryManager is an integrated single cell lithium-ion/polymer battery charger IC, designed to operate from a DC power source or USB port up to an input voltage of 6.5V. It requires just one external component. The AAT3681 precisely regulates battery charge voltage and current for 4.2V (4.375V option) lithiumion/polymer battery cells. When charged from an AC adapter or USB port, the battery charging current can be set by an external resistor up to 300mA. Battery charge state is continuously monitored for fault conditions. In the event of an over-voltage, short-circuit, or over-temperature failure, the device will automatically shut down, thus protecting the charging device, control system, and the battery under charge. A status monitor output pin is provided to indicate the battery charge status by directly driving an external LED. The AAT3681 is available in a Pb-free, thermally enhanced, space-saving 8-pin 2.0x2.1mm SC70JW package and is specified for operation over the -40C to +85C temperature range.
AAT3681
Features
* * * * * * * * * * * *
BatteryManagerTM
USB or AC Adapter System Power Charger -- Programmable from 15mA to 300mA 4.0V ~ 6.5V Input Voltage Range High Level of Integration with Internal: -- Charging Device -- Reverse Blocking Diode Automatic Current Sensing Automatic Recharge Sequencing Full Battery Charge Auto Turn Off/Sleep Mode/Charge Termination Shutdown Current <1A Automatic Trickle Charge for Battery PreConditioning (AAT3681-1 is No Trickle Charge Option) Over-Voltage and Emergency Thermal Protection Power On Reset and Soft Start LED Status Pin 8-Pin 2.0x2.1mm SC70JW Package
Applications
* * * * * * * Bluetooth(R) Headsets DECT Headsets Digital Still Cameras MP3, Portable Music, and Portable Media Players Personal Data Assistants (PDAs) Wrist Watches Other Lithium-Ion/Polymer Battery-Powered Devices
Typical Application
Adapter/USB Input
ADP BAT
BATT+
AAT3681
Enable
STAT EN ISET GND
C
BATTBattery Pack
RSET
3681.2007.01.1.2
1
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger Pin Description
Pin #
1 2 3 4 5 6, 7, 8
AAT3681
Symbol
EN ISET BAT ADP STAT GND
Type
In In/Out In/Out Power In Out Power
Function
Enable pin. Logic high enables the IC (internally pulled down). Connect resistor here to set the charge current. Battery charging and sensing. Input from USB/adapter charger. Open drain status pin. Ground connection.
Pin Configuration
SC70JW-8 (Top View)
EN ISET BAT ADP
1 2 3 4
8 7 6 5
GND GND GND STAT
2
3681.2007.01.1.2
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger AAT3681 Feature Options
Product
AAT3681 AAT3681-1
AAT3681
Trickle Charge
Yes No
Absolute Maximum Ratings1
Symbol
VP VN TJ TLEAD
Description
ADP Continuous BAT, STAT, ISET, EN Operating Junction Temperature Range Maximum Soldering Temperature (at Leads)
Value
-0.3 to 7.5 -0.3 to VP + 0.3 -40 to 150 300
Units
V V C C
Thermal Information2
Symbol
PD JA
Description
Maximum Power Dissipation Maximum Thermal Resistance
Value
0.687 160
Units
W C/W
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Mounted on an FR4 board. 3681.2007.01.1.2
3
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger Electrical Characteristics1
VADP = 5V, TA = -25C to +85C, unless otherwise noted. Typical values are TA = 25C. Symbol
Operation VADP
AAT3681
Description
Conditions
Min
4.0 3
Typ
Max Units
6.5 4 V V mV mA A A V % V V mA % V
Adapter Voltage Range Under-Voltage Lockout (UVLO) VUVLO UVLO Hysteresis IOP Operating Current ISHUTDOWN Shutdown Current ILEAKAGE Reverse Leakage Current from BAT Pin Voltage Regulation VBAT_EOC End of Charge Accuracy VCH/VCH Output Charge Voltage Tolerance VMIN Preconditioning Voltage Threshold VRCH Battery Recharge Voltage Threshold Current Regulation ICH Charge Current Programmable Range ICH/ICH Charge Current Regulation Tolerance VSET ISET Pin Voltage KI_A Current Set Factor: ICH/ISET Charging Devices RDS(ON) Charging Transistor On Resistance Logic Control/Protection VEN(H) Input High Threshold VEN(L) Input Low Threshold VSTAT Output Low Voltage ISTAT STAT Pin Current Sink Capability VOVP Over-Voltage Protection Threshold ITK/ICH Pre-Charge Current ITERM/ICH Charge Termination Threshold Current
Rising Edge Charge Current = 200mA VBAT = 4.25V, EN = GND VBAT = 4V, ADP Pin Open
150 0.5 0.3 0.4 4.158 4.20 0.5 3.0 -0.1
1 1 2 4.242 3.15
AAT3681 Only Measured from VBAT_EOC
2.85
15 10 2 800 VADP = 5.5V 1.6 STAT Pin Sinks 4mA 4.4 10 10 0.9
300
1.1
V V V mA V % %
0.4 0.4 8
ICH = 100mA; AAT3681 Only
1. The AAT3681 output charge voltage is specified over the 0 to 70C ambient temperature range; operation over the -25C to +85C temperature range is guaranteed by design.
4
3681.2007.01.1.2
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger Typical Characteristics
Constant Charging Current vs. Set Resistor Values
1000
350 300
AAT3681
Charging Current vs. Battery Voltage
(AAT3681 Only) RSET = 5.36k RSET = 8.06k RSET = 16.2k
ICH (mA)
ICH (mA)
100
250 200 150 100 50
10
1
0
RSET = 31.6k
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3
1
10
100
1000
RSET (k)
VBAT (V)
Charging Current vs. Battery Voltage
(AAT3681-1 Only)
600 500 400 300 200 100 4.206
End of Charge Battery Voltage vs. Supply Voltage
4.204
RSET = 3.24K
VBAT_EOC (V)
RSET = 8.06k
ICH (mA)
4.202 4.200 4.198 4.196 4.194
RSET = 5.36K RSET = 8.06K RSET = 16.2K RSET = 31.6K
2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3
RSET = 31.6k
0 2.7
4.5
4.75
5
5.25
5.5
5.75
6
6.25
6.5
VBAT (V)
VIN (V)
End of Charge Voltage Regulation vs. Temperature
(RSET = 8.06k)
4.23 4.22
220 210
Constant Charging Current vs. Supply Voltage
(RSET = 8.06k)
VBAT_EOC (V)
ICH (mA)
4.21 4.20 4.19 4.18 4.17
VBAT = 3.3V VBAT = 4V
200 190 180 170
VBAT = 3.6V
-50
-25
0
25
50
75
100
4
4.25
4.5
4.75
5
5.25
5.5
5.75
6
6.25
6.5
Temperature (C)
VIN (V)
3681.2007.01.1.2
5
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger Typical Characteristics
Constant Charging Current vs. Temperature
(RSET = 8.06k)
210 208 205
AAT3681
Operating Supply Current vs. Set Resistor
1000
VBAT = 3.6V
ICH (mA)
IOP (A)
203 200 198 195 193 190 -50 -25 0 25 50 75 100
100
VBAT = 2.85V
10
1
10
100
Temperature (C)
RSET (k)
Operating Current vs. Temperature
(RSET = 8.06k)
550 3.03 500 3.02
Preconditioning Threshold Voltage vs. Temperature
(RSET = 8.06k; AAT3681 Only)
VMIN (V)
IOP (A)
450 400 350 300 -50
3.01 3 2.99 2.98 2.97 -50
-25
0
25
50
75
100
-25
0
25
50
75
100
Temperature (C)
Temperature (C)
Preconditioning Charge Current vs. Temperature
(RSET = 8.06k; AAT3681 Only)
20.8 20.6
35 30
Preconditioning Charge Current vs. Supply Voltage
(AAT3681 Only)
RSET = 5.36k RSET = 8.06k RSET = 16.2k
ITRICKLE (mA)
ITRICKLE (mA)
20.4 20.2 20.0 19.8 19.6 19.4 19.2 -50 -25 0 25 50 75 100
25 20 15 10 5 0 4 4.25 4.5
RSET = 31.6k
4.75 5 5.25 5.5 5.75 6 6.25 6.5
Temperature (C)
VIN (V)
6
3681.2007.01.1.2
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger Typical Characteristics
Recharging Threshold Voltage vs. Temperature
(RSET = 8.06k)
800 700 600
AAT3681
Sleep Mode Current vs. Supply Voltage
(RSET = 8.06k)
4.18 4.16
85C
ISLEEP (nA)
4.14
VRCH (V)
4.12 4.10 4.08 4.06 4.04 4.02 -50 -25 0 25 50 75 100
500 400 300 200 100 0 4 4.25 4.5 4.75 5 5.25 5.5 5.75 6 6.25 6.5
25C
-40C
Temperature (C)
VIN (V)
VIH_ENABLE vs. Supply Voltage
(RSET = 8.06k)
1.2 1.1 1.1 1
VIL_ENABLE vs. Supply Voltage
(RSET = 8.06k)
-40C
VIH_ENABLE (V)
VIL_ENABLE (V)
-40C
1 0.9 0.8 0.7 4 4.25 4.5 4.75 5 5.25 5.5 5.75 6 6.25 6.5
0.9 0.8 0.7 0.6 4 4.25 4.5 4.75 5 5.25 5.5 5.75 6 6.25 6.5
25C
85C
25C
85C
VIN (V)
VIN (V)
3681.2007.01.1.2
7
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger Functional Block Diagram
Reverse Blocking
AAT3681
ADP
BAT
Current Compare
CV/ Precharge
ISET
Constant Current
Charge Control
UVLO
STAT
Charge Status
OverTemperature Protection
EN
GND
Functional Description
The AAT3681 is a high performance battery charger designed to charge single cell lithium-ion/polymer batteries with up to 300mA of current from an external power source. It is a stand-alone charging solution, with just one external component required for complete functionality. The AAT3681 precisely regulates battery charge voltage and current for 4.2V lithium-ion/polymer battery cells. The adapter/USB charge input constant current level can be programmed up to 300mA for rapid charging applications. The AAT3681 is rated for operation from -40C to +85C. In the event of operating ambient temperatures exceeding the power dissipation abilities of the device package for a given constant current charge level, the charge control will enter into thermal limit.
A status monitor output pin is provided to indicate the battery charge state by directly driving one external LED. Device junction temperature and charge state are fully monitored for fault conditions. In the event of an over-voltage or over-temperature failure, the device will automatically shut down, protecting the charging device, control system, and the battery under charge.
Charging Operation
The AAT3681 has four basic modes for the battery charge cycle: pre-conditioning/trickle charge; constant current/fast charge; constant voltage; and end of charge (see Figure 1). (AAT3681-1 does not have trickle charge.)
8
3681.2007.01.1.2
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
Preconditioning Trickle Charge Phase Constant Current Charge Phase I = Max CC Constant Voltage Charge Phase
AAT3681
Charge Complete Voltage Regulated Current
Constant Current Mode Voltage Threshold
Trickle Charge and Termination Threshold
I = CC / 10
Figure 1: Current vs. Voltage Profile During Charging Phases.
Battery Preconditioning Before the start of charging, the AAT3681 checks several conditions in order to assure a safe charging environment. The input supply must be above the minimum operating voltage, or under-voltage lockout threshold (VUVLO), for the charging sequence to begin. When these conditions have been met and a battery is connected to the BAT pin, the AAT3681 checks the state of the battery. If the cell voltage is below the preconditioning voltage threshold (VMIN), the charge control begins preconditioning the cell. The battery preconditioning trickle charge current is equal to the fast charge constant current divided by 10. For example, if the programmed fast charge current is 300mA, then the preconditioning mode (trickle charge) current will be 30mA. Cell preconditioning is a safety precaution for deeply discharged battery cells and also aids in limiting power dissipation in the pass transistor when the voltage across the device is at the greatest potential. Constant Current Charging Battery cell preconditioning continues until the voltage on the BAT pin exceeds the preconditioning voltage threshold (VMIN). At this point, the AAT3681 begins the constant current charging phase. The charge constant current (ICH) amplitude is programmed by the user via the RSET resistor. The AAT3681 remains in the constant current charge mode until the battery reaches the voltage regulation point, VBAT_EOC.
Constant Voltage Charging The system transitions to a constant voltage charging mode when the battery voltage reaches the output charge regulation threshold (VBAT_EOC) during the constant current fast charge phase. The regulation voltage level is factory programmed to 4.2V (0.5%). Charge current in the constant voltage mode drops as the battery cell under charge reaches its maximum capacity. End of Charge Cycle Termination and Recharge Sequence When the charge current drops to 10% of the programmed fast charge current level in the constant voltage mode, the device terminates charging and goes into a sleep state. The charger will remain in a sleep state until the battery voltage decreases to a level below the battery recharge voltage threshold (VRCH). When the input supply is disconnected, the charger will automatically transition into a power-saving sleep mode. Only consuming an ultra-low 0.3A in sleep mode, the AAT3681 minimizes battery drain when it is not charging. This feature is particularly useful in applications where the input supply level may fall below the battery charge or under-voltage lockout level. In such cases where the AAT3681 input voltage drops, the device will enter sleep mode and automatically resume charging once the input supply has recovered from the fault condition.
3681.2007.01.1.2
9
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
System Operation Flow Chart
AAT3681
Enable
Power On Reset
No
Yes
Power Input Voltage VIN > VUVLO
Yes
Shut Down
Yes
Fault Conditions Monitoring OV, OT
Charge Control
No (AAT3681)
No (AAT3681-1)
Preconditioning Test V MIN > VBAT
Yes
Preconditioning (Trickle Charge)
No No Recharge Test V RCH > VBAT Yes Current Phase Test V IN > VBAT Yes Constant Current Charge Mode
No
Voltage Phase Test IBAT > ITERM
Yes
Constant Voltage Charge Mode
No
Charge Completed
10
3681.2007.01.1.2
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger Application Information
Adapter or USB Power Input
Constant current charge levels up to 300mA may be programmed by the user when powered from a sufficient input power source. The AAT3681 will operate from the adapter input over a 4.0V to 6.5V range. The constant current fast charge current for the adapter input is set by the RSET resistor connected between ISET and ground. Refer to Table 1 for recommended RSET values for a desired constant current charge level. Adapter Input Charge Inhibit and Resume The AAT3681 has a UVLO and power on reset feature so that if the input supply to the ADP pin drops below the UVLO threshold, the charger will suspend charging and shut down. When power is reapplied to the ADP pin or the UVLO condition recovers, the system charge control will assess the state of charge on the battery cell and will automatically resume charging in the appropriate mode for the condition of the battery. Nominal ICHARGE (mA)
300 250 200 150 100 50 40 30 20 15
AAT3681
Set Resistor Value (k)
5.36 6.49 8.06 10.7 16.2 31.6 38.3 53.6 78.7 105
Table 1: RSET Values.
1000
ICH (mA)
100
10
Enable / Disable
The AAT3681 provides an enable function to control the charger IC on and off. The enable (EN) pin is internally pulled down. When pulled to a logic high level, AAT3681 is enabled. When left open or pulled to a logic low level, the AAT3681 will be shut down and forced into the sleep state. Charging will be halted regardless of the battery voltage or charging state. When the device is re-enabled, the charge control circuit will automatically reset and resume charging functions with the appropriate charging mode based on the battery charge state and measured cell voltage on the BAT pin.
1
1
10
100
1000
RSET (k)
Figure 2: Constant Charging Current vs. Set Resistor Values.
Protection Circuitry
Over-Voltage Protection An over-voltage event is defined as a condition where the voltage on the BAT pin exceeds the maximum battery charge voltage and is set by the over-voltage protection threshold (VOVP). If an overvoltage condition occurs, the AAT3681 charge control will shut down the device until voltage on the BAT pin drops below VOVP. The AAT3681 will resume normal charging operation after the overvoltage condition is removed. Over-Temperature Shutdown The AAT3681 has a thermal protection control circuit which will shut down charging functions should the internal die temperature exceed the preset thermal limit threshold. Once the internal die temperature falls below the thermal limit, normal operation will resume the previous charging state. 11
Programming Charge Current
The fast charge constant current charge level is user programmed with a set resistor placed between the ISET pin and ground. The accuracy of the fast charge, as well as the preconditioning trickle charge current, is dominated by the tolerance of the set resistor used. For this reason, a 1% tolerance metal film resistor is recommended for the set resistor function. Fast charge constant current levels from 15mA to 300mA may be set by selecting the appropriate resistor value from Table 1.
3681.2007.01.1.2
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
Charge Status Output
The AAT3681 provides battery charge status via a status pin. This pin is internally connected to an Nchannel open drain MOSFET, which can be used to drive an external LED. The status pin can indicate the following conditions: Event Description
No battery charging activity Battery charging via adapter or USB port Charging completed
AAT3681
Status
OFF ON OFF
160C/W. Many considerations should be taken into account when designing the printed circuit board layout, as well as the placement of the charger IC package in proximity to other heat generating devices in a given application design. The ambient temperature around the charger IC will also have an effect on the thermal limits of a battery charging application. The maximum limits that can be expected for a given ambient condition can be estimated by the following discussion. First, the maximum power dissipation for a given situation should be calculated:
Table 2: LED Status Indicator. The LED should be biased with as little current as necessary to create reasonable illumination; therefore, a ballast resistor should be placed between the LED cathode and the STAT pin. LED current consumption will add to the overall thermal power budget for the device package, hence it is good to keep the LED drive current to a minimum. 2mA should be sufficient to drive most low-cost green or red LEDs. It is not recommended to exceed 8mA for driving an individual status LED. The required ballast resistor values can be estimated using the following formulas:
PD(MAX) =
Where:
(TJ(MAX) - TA) JA
PD(MAX) = Maximum Power Dissipation (W) JA = Package Thermal Resistance (C/W) TJ(MAX) = Maximum Device Junction Temperature (C) [135C] TA = Ambient Temperature (C) Figure 3 shows the relationship of maximum power dissipation and ambient temperature of AAT3681.
1000 800
R 1=
(VADP - VF(LED)) ILED
PD(MAX) (mW)
600 400 200 0 0 20 40 60 80 100
Example:
(5.5V - 2.0V) = 1.75k R1 = 2mA
Note: Red LED forward voltage (VF) is typically 2.0V @ 2mA.
TA (C)
Figure 3: Maximum Power Dissipation. Next, the power dissipation can be calculated by the following equation:
Thermal Considerations
The AAT3681 is offered in a SC70JW-8 package which can provide up to 687mW of power dissipation when it is properly bonded to a printed circuit board and has a maximum thermal resistance of
PD = [(VIN - VBAT) * ICH + (VIN * IOP)]
12
3681.2007.01.1.2
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
Where: PD = Total Power Dissipation by the Device VIN = Input Voltage VBAT = Battery Voltage as Seen at the BAT Pin ICH IOP = Constant Charge Current Programmed for the Application = Quiescent Current Consumed by the Charger IC for Normal Operation [0.5mA]
AAT3681
Capacitor Selection
Input Capacitor In general, it is good design practice to place a decoupling capacitor between the ADP pin and GND. An input capacitor in the range of 1F to 22F is recommended. If the source supply is unregulated, it may be necessary to increase the capacitance to keep the input voltage above the under-voltage lockout threshold during device enable and when battery charging is initiated. If the AAT3681 adapter input is to be used in a system with an external power supply source, such as a typical AC-to-DC wall adapter, then a CIN capacitor in the range of 10F should be used. A larger input capacitor in this application will minimize switching or power transient effects when the power supply is "hot plugged" in. Output Capacitor The AAT3681 only requires a 1F ceramic capacitor on the BAT pin to maintain circuit stability. This value should be increased to 10F or more if the battery connection is made any distance from the charger output. If the AAT3681 is to be used in applications where the battery can be removed from the charger, such as with desktop charging cradles, an output capacitor greater than 10F may be required to prevent the device from cycling on and off when no battery is present.
By substitution, we can derive the maximum charge current before reaching the thermal limit condition (thermal cycling). The maximum charge current is the key factor when designing battery charger applications.
ICH(MAX) =
(PD(MAX) - VIN * IOP) VIN - VBAT
(TJ(MAX) - TA) - V * I IN OP JA ICH(MAX) = VIN - VBAT
In general, the worst condition is the greatest voltage drop across the charger IC, when battery voltage is charged up to the preconditioning voltage threshold. Figure 4 shows the maximum charge current in different ambient temperatures.
300 250
TA = 25C TA = 45C
Printed Circuit Board Layout Considerations
For the best results, it is recommended to physically place the battery pack as close as possible to the AAT3681 BAT pin. To minimize voltage drops on the PCB, keep the high current carrying traces adequately wide. Refer to the AAT3681 evaluation board for a good layout example (see Figures 5 and 6).
6.75
ICH(MAX) (mA)
200 150 100 50 0 4.25
TA = 60C TA = 85C
4.5
4.75
5
5.25
5.5
5.75
6
6.25
6.5
VIN (V)
Figure 4: Maximum Charging Current Before Thermal Cycling Becomes Active.
3681.2007.01.1.2
13
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3681
Figure 5: AAT3681 Evaluation Board Top Layer.
Figure 6: AAT3681 Evaluation Board Bottom Layer.
VBAT
VIN(ADP)
JP2 AAT3681
1 2 3 4
C1 10F
R8 8.06K
EN ISET BAT ADP
GND GND GND STAT
8 7 6 5
C2 2.2F
U1 (SC70JW-8) JP1 0 D1 RED LED R1 1K
Figure 7: AAT3681 Evaluation Board Schematic Diagram.
Component
U1 R1 R8 JP1 C1 C2 JP2 LED1
Part Number
AAT3681IJS-T1 Chip Resistor Chip Resistor Chip Resistor GRM21BR61A106KE19L GRM21BR71A225KA01L PRPN401PAEN CMD15-21SRC/TR8
Description
USB/ADP Battery Charger; SC70JW-8 Package 1k, 5%, 1/4W; 0603 8.06k, 1%, 1/4W; 0805 0, 5%, 1/4W; 0603 CER 10F 10V 10% X5R 0805 CER 2.2F 10V 10% X7R 0805 Connecting Header, 2mm Zip Red LED; 1206
Manufacturer
AnalogicTech Vishay Vishay Vishay Murata Murata Sullins Electronics Chicago Miniature Lamp
Table 3: AAT3681 Evaluation Board Bill of Materials.
14
3681.2007.01.1.2
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger Ordering Information
Trickle Charge
Yes No
AAT3681
Package
SC70JW-8 SC70JW-8
Marking1
REXYY STXYY
Part Number (Tape and Reel)2
AAT3681IJS-4.2-T1 AAT3681IJS-4.2-1-T1
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree.
Package Information
0.50 BSC 0.50 BSC 0.50 BSC
SC70JW-8
1.75 0.10
0.225 0.075 2.00 0.20
2.20 0.20
0.048REF
0.85 0.15
1.10 MAX
0.15 0.05
0.100
7 3
0.45 0.10 2.10 0.30
4 4
All dimensions in millimeters. 1. XYY = assembly and date code. 2. Sample stock is generally held on part numbers listed in BOLD.
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech's standard warranty. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed. AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are registered trademarks or trademarks of their respective holders.
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085 Phone (408) 737- 4600 Fax (408) 737- 4611
3681.2007.01.1.2
0.05 0.05
15


▲Up To Search▲   

 
Price & Availability of AAT3681

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X