Part Number Hot Search : 
2N6788 0UP20D FSS244 76M00 CF5014 2SC3853 D27C2001 PC2004C
Product Description
Full Text Search
 

To Download AAT3242ITP-WN-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 300mA/150mA Dual CMOS LDO Linear Regulator General Description
The AAT3242 is a dual low dropout linear regulator with Power OK (POK) outputs. Two integrated regulators provide a high power 300mA output and a lower power 150mA output, making this device ideal for use with microprocessors and DSP cores in portable products. Two POK pins provide open drain output signals when their respective regulator output is within regulation. The AAT3242 has independent input voltage and enable pins for increased design flexibility. This device features a very low quiescent current (140A typical) and low dropout voltages (typically 200mV and 400mV at the full output current level), making it ideal for portable applications where extended battery life is critical. The AAT3242 has complete over-current/short-circuit and over-temperature protection circuits to guard against extreme operating conditions. The AAT3242 is available in a space-saving, Pbfree, 12-pin TSOPJW package. This device is capable of operation over the -40C to +85C temperature range.
AAT3242
Features
* * * * * * * * * * * *
PowerLinearTM
High/Low Current Outputs, 300mA/150mA Low Dropout: -- LDO A: 400mV at 300mA -- LDO B: 200mV at 150mA High Output Voltage Accuracy: 1.5% High PSRR: 65dB at 1kHz 70A Quiescent Current for Each LDO Over-Current/Short-Circuit Protection Over-Temperature Protection Two POK Outputs Independent Power and Enable Inputs Uses Low Equivalent Series Resistance (ESR) Ceramic Capacitors 12-Pin TSOPJW Package -40C to +85C Temperature Range
Applications
* * * * * * * Cellular Phones Digital Cameras Handheld Instruments Microprocessor / DSP Core / I/O Power Notebook Computers PDAs and Handheld Computers Portable Communication Devices
Typical Application
VIN INA OUTA OUTPUT A 100k POKA OUTPUT B 100k POKB Enable B ENB GND POKB 2.2F 2.2F
AAT3242
Enable A ENA POKA OUTB INB
3242.2006.04.1.10
1
300mA/150mA Dual CMOS LDO Linear Regulator Pin Descriptions
Pin #
1
AAT3242
Symbol
ENA
Function
Enable Regulator A pin; this pin should not be left floating. When pulled low, the PMOS pass transistor turns off and the device enters shutdown mode, consuming less than 1A. Ground connection pins. Power OK pin with open drain output. It is pulled low when the OUTA pin is below the 10% regulation window. Low current (150mA) regulator output pin; should be decoupled with a 2.2F or greater output low-ESR ceramic capacitor. Input voltage pin for Regulator B; should be decoupled with 1F or greater capacitor. Enable Regulator B; this pin should not be left floating. When pulled low, the PMOS pass transistor turns off and the device enters shutdown mode, consuming less than 1A. Power OK pin with open drain output. It is pulled low when the OUTB pin is below the 10% regulation window. High-current (300mA) regulator output pin; should be decoupled with a 2.2F or greater output low-ESR ceramic capacitor. Input voltage pin for Regulator A; should be decoupled with 1F or greater capacitor.
2, 3, 8, 9 4 5 6 7
GND POKA OUTB INB ENB
10 11 12
POKB OUTA INA
Pin Configuration
TSOPJW-12 (Top View)
ENA GND GND POKA OUTB INB
1 2 3 4 5 6
12 11 10 9 8 7
INA OUTA POKB GND GND ENB
2
3242.2006.04.1.10
300mA/150mA Dual CMOS LDO Linear Regulator Absolute Maximum Ratings1
Symbol
VIN VENIN(MAX) IOUT2 TJ TLEAD
AAT3242
Description
Input Voltage Maximum EN to Input Voltage DC Output Current Operating Junction Temperature Range Maximum Soldering Temperature (at leads, 10 sec)
Value
6.0 0.3 PD/(VIN - VO) -40 to 150 300
Units
V V mA C C
Thermal Information
Symbol
JA PD
Description
Thermal Resistance3 Maximum Power Dissipation (TA = 25C)4
Value
110 909
Units
C/W mW
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Based on long-term current density limitation. 3. Mounted on an FR4 board. 4. Derate 9.1mW/C above 25C. 3242.2006.04.1.10
3
300mA/150mA Dual CMOS LDO Linear Regulator Electrical Characteristics1
VIN = VOUT(NOM) + 1.0V for VOUT options greater than 1.5V. VIN = 2.5V for VOUT 1.5V. IOUT = 1.0mA, COUT = 2.2F, CIN = 1.0F, TA = -40C to +85C, unless otherwise noted. Typical values are TA = 25C. Symbol
VOUT VIN VDO VOUT/ VOUT*VIN VOUT(Line) VOUT(Load) VEN(L) VEN(H) VPOK VPOKHYS VPOK(LO) IPOK IOUT ISC IQ ISD PSRR TSD THYS eN TC
AAT3242
Description
Output Voltage Tolerance Input Voltage Dropout Voltage2, 3 Line Regulation4 Dynamic Line Regulation Dynamic Load Regulation Enable Threshold Low Enable Threshold High Power OK Trip Threshold Power OK Hysteresis Power OK Output Voltage Low POK Output Leakage Current Output Current Short-Circuit Current Ground Current Shutdown Current Power Supply Rejection Ratio Over-Temperature Shutdown Threshold Over-Temperature Shutdown Hysteresis Output Noise Output Voltage Temperature Coefficient
Conditions
IOUT = 1mA to 300mA TA = 25C TA = -40 to 85C
Min
-1.5 -2.5 VOUT + VDO5
Typ Max
1.5 2.5 5.5 600 0.09
Units
% V mV %/V mV mV
LDO A; IOUT = 300mA
IOUT = 300mA VIN = VOUT + 1 to 5.0 V IOUT = 300mA, VIN = VOUT + 1 to VOUT + 2, TR/TF = 2S IOUT = 1mA to 300mA, TR <5S 1.5 90
400
5.0 60 0.6
VOUT Rising, TA = 25C ISINK = 1mA VPOK < 5.5V, VOUT in Regulation VOUT > 1.2V VOUT < 0.4V VIN = 5V, No Load; EN A = VIN VIN = 5V, EN A = 0V 1kHz IOUT =1 0mA 10kHz 1MHz
94 1.0
98 0.4 1.0
300 600 70 65 45 42 145 12 125 1.0
V V % of VOUT % of VOUT V A mA mA A A dB C C VRMS ppm/C
eNBW = 300Hz to 50kHz
250 22
1. The AAT3242 is guaranteed to meet performance specifications over the -40C to +85C operating temperature range and is assured by design, characterization, and correlation with statistical process controls. 2. VDO is defined as VIN - VOUT when VOUT is 98% of nominal. 3. For VOUT < 2.1V, VDO = 2.5 - VOUT. 4. CIN = 10F. 5. To calculate minimum input voltage, use the following equation: VIN(MIN) = VOUT(MAX) + VDO(MAX) as long as VIN 2.5V.
4
3242.2006.04.1.10
300mA/150mA Dual CMOS LDO Linear Regulator Electrical Characteristics1 (continued)
VIN = VOUT(NOM) + 1.0V for VOUT options greater than 1.5V. VIN = 2.5V for VOUT 1.5V. IOUT = 1.0mA, COUT = 2.2F, CIN = 1.0F, TA = -40C to +85C, unless otherwise noted. Typical values are TA = 25C. Symbol
VOUT VIN VDO VOUT/ VOUT*VIN VOUT(Line) VOUT(Load) VEN(L) VEN(H) VPOK VPOKHYS VPOK(LO) IPOK IOUT ISC IQ PSRR TSD THYS eN TC
AAT3242
Description
Output Voltage Tolerance Input Voltage Dropout Voltage2, 3 Line Regulation4 Dynamic Line Regulation Dynamic Load Regulation Enable Threshold Low Enable Threshold High Power OK Trip Threshold Power OK Hysteresis Power OK Output Voltage Low POK Output Leakage Current Output Current Short-Circuit Current Ground Current Power Supply Rejection Ratio Over-Temperature Shutdown Threshold Over-Temperature Shutdown Hysteresis Output Noise Output Voltage Temperature Coefficient
Conditions
IOUT = 1mA to 150mA TA = 25C TA = -40 to 85C
Min
-1.5 -2.5 VOUT + VDO5
Typ Max
1.5 2.5 5.5 300 0.09
Units
% V mV %/V mV mV V V % of VOUT % of VOUT V A mA mA A dB C C VRMS ppm/C
LDO B; IOUT = 150mA
IOUT = 150mA VIN = VOUT + 1 to 5.0 V IOUT = 150mA, VIN = VOUT + 1 to VOUT + 2, TR/TF = 2S IOUT = 1mA to 150mA, TR <5S 1.5 90
200
5.0 60 0.6
VOUT Rising, TA = 25C ISINK = 1mA VPOK < 5.5V, VOUT in Regulation VOUT > 1.2V VOUT < 0.4V VIN = 5V, No Load; EN B = VIN 1kHz IOUT = 10mA 10kHz 1MHz
94 1.0
98 0.4 1.0
150 600 70 65 45 42 145 12 125
eNBW = 300Hz to 50kHz
250 22
1. The AAT3242 is guaranteed to meet performance specifications over the -40C to +85C operating temperature range and is assured by design, characterization, and correlation with statistical process controls. 2. VDO is defined as VIN - VOUT when VOUT is 98% of nominal. 3. For VOUT < 2.3V, VDO = 2.5 - VOUT. 4. CIN = 10F. 5. To calculate minimum input voltage, use the following equation: VIN(MIN) = VOUT(MAX) + VDO(MAX) as long as VIN 2.5V. 3242.2006.04.1.10
5
300mA/150mA Dual CMOS LDO Linear Regulator Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25C.
AAT3242
Dropout Voltage vs. Temperature
3.20
Dropout Characteristics
540
Dropout Voltage (mV)
420 360 300 240 180 120 60 0 -40 -30 -20 -10 0
Output Voltage (V)
480
IL = 300mA
3.00 2.80 2.60 2.40 2.20 2.00 2.70
IOUT = 0mA
IL = 150mA
IL = 100mA
IOUT = 300mA IOUT = 150mA IOUT = 10mA
2.80
IOUT = 100mA IOUT = 50mA
IL = 50mA
10 20 30 40 50 60 70 80 90 100 110 120
2.90
3.00
3.10
3.20
3.30
Temperature (C)
Input Voltage (V)
Dropout Voltage vs. Output Current
500 90 80 70 60 50 40 30 20 10 0 0 50 100 150 200 250 300 2
Ground Current vs. Input Voltage
Dropout Voltage (mV)
400 350 300 250 200 150 100 50 0
Ground Current (A)
450
85C 25C -40C
IOUT = 300mA IOUT = 0mA IOUT = 150mA IOUT = 50mA
IOUT = 10mA
2.5
3
3.5
4
4.5
5
Output Current (mA)
Input Voltage (V)
Quiescent Current vs. Temperature
100
Output Voltage vs. Temperature
1.203 1.202
Quiescent Current (A)
90
Output Voltage (V)
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120
80 70 60 50 40 30 20 10 0
1.201 1.200 1.199 1.198 1.197 1.196 -40 -30 -20 -10
0
10 20
30
40
50 60
70 80
90 100
Temperature (C)
Temperature (C)
6
3242.2006.04.1.10
300mA/150mA Dual CMOS LDO Linear Regulator Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25C.
AAT3242
Turn-On Time and POK Delay
Line Transient Response
VENABLE (2V/div)
Input Voltage (V)
6 5
3.25
VIN
3.20
Output Voltage (V)
VOUT (500mV/div) VPOK (500mV/div)
4 3 2 1 0 -1
3.15 3.10 3.05 3.00
VOUT
2.95 2.90 2.85
Time (10s/div)
-2
Time (100s/div)
Load Transient Response
2.90 2.85 2.80 2.75 2.70 2.65 2.60 500 400 300 200 100 3.00
Load Transient Response 300mA
800 700
Output Voltage (V)
2.90 2.80 2.70 2.60 2.50 2.40 2.30 2.20 2.10
Output Current (mA)
Output Current (mA)
Output Voltage (V)
VOUT
VOUT
600 500 400 300 200
IOUT
0 -100
IOUT
100 0 -100
Time (100s/div)
Time (10s/div)
POK Output Response
VIN (2V/div)
1200
Over-Current Protection
1000 800 600 400 200 0 -200
VOUT (2V/div)
VPOK (1V/div)
Output Current (mA)
Time (200s/div)
Time (20ms/div)
3242.2006.04.1.10
7
300mA/150mA Dual CMOS LDO Linear Regulator Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25C.
AAT3242
Self Noise
Noise Amplitude (V/rtHz)
10 1.250 1.225 1.200 1
VEN(H) and V EN(L) vs. VIN
VEN (V)
1.175 1.150 1.125 1.100 1.075
VEN(H)
0.1
VEN(L)
0.01 0.01
0.1
1
10
100
1000
1.050 2.5
3.0
3.5
4.0
4.5
5.0
5.
Frequency (kHz)
Input Voltage (V)
8
3242.2006.04.1.10
300mA/150mA Dual CMOS LDO Linear Regulator Functional Block Diagram
AAT3242
INA
Over-Current Protection Over Temperature Protection Voltage Reference
+
OUTA
ENA
+ Error Amplifier -
POKA
91% VREF
INB
Over-Current Protection Over Temperature Protection + Error Amplifier +
OUTB
POKB
ENB
Voltage Reference
91% VREF
GND
Functional Description
The AAT3242 is a high performance dual LDO regulator with two Power OK pins. The first regulator (A) sources 300mA of current, while the second (B) regulator can deliver 150mA. Each regulator has an integrated Power OK comparator which indicates when the respective output is out of regulation. The POK pins are open drain outputs, and they are held low when the respective regulator is in shutdown mode.
The device has independent enable pins to shut down each LDO regulator for power conservation in portable products. Forcing EN A/B low (<0.6V) powers down the regulators and draws a maximum of 1.0A. The AAT3242 has short-circuit and thermal protection in case of adverse operating conditions. Device power dissipation is limited to the package type and thermal dissipation properties. Refer to the Thermal Considerations section of this datasheet for details on device operation at maximum output current loads.
3242.2006.04.1.10
9
300mA/150mA Dual CMOS LDO Linear Regulator Applications Information
To assure the maximum possible performance is obtained from the AAT3242, please refer to the following application recommendations. greater for COUT. If desired, COUT may be increased without limit. In low output current applications where output load is less than 10mA, the minimum value for COUT can be as low as 0.47F.
AAT3242
Capacitor Characteristics Input Capacitor
A 1F or larger capacitor is typically recommended for CIN in most applications. A CIN capacitor is not required for basic LDO regulator operation; however, if the AAT3242 is physically located more than three centimeters from an input power source, a CIN capacitor will be needed for stable operation. CIN should be located as closely to the device VIN pin as practically possible. CIN values greater than 1F will offer superior input line transient response and will assist in maximizing the highest possible power supply ripple rejection. Ceramic, tantalum, or aluminum electrolytic capacitors may be selected for CIN. There is no specific capacitor ESR requirement for CIN; however, for 300mA LDO regulator output operation, ceramic capacitors are recommended for CIN due to their inherent capability over tantalum capacitors to withstand input current surges from low impedance sources such as batteries in portable devices. Ceramic composition capacitors are highly recommended over all other types of capacitors for use with the AAT3242. Ceramic capacitors offer many advantages over their tantalum and aluminum electrolytic counterparts. A ceramic capacitor typically has very low ESR, is lower cost, has a smaller PCB footprint, and is non-polarized. Line and load transient response of the LDO regulator is improved by using low ESR ceramic capacitors. Since ceramic capacitors are non-polarized, they are not prone to incorrect connection damage.
Equivalent Series Resistance
ESR is a very important characteristic to consider when selecting a capacitor. ESR is the internal series resistance associated with a capacitor that includes lead resistance, internal connections, size and area, material composition, and ambient temperature. Typically, capacitor ESR is measured in milliohms for ceramic capacitors and can range to more than several ohms for tantalum or aluminum electrolytic capacitors.
Output Capacitor
For proper load voltage regulation and operational stability, a capacitor is required between pins VOUT and GND. The COUT capacitor connection to the LDO regulator ground pin should be made as direct as practically possible for maximum device performance. The AAT3242 has been specifically designed to function with very low ESR ceramic capacitors. For best performance, ceramic capacitors are recommended. Typical output capacitor values for maximum output current conditions range from 1F to 10F. Applications utilizing the exceptionally low output noise and optimum power supply ripple rejection characteristics of the AAT3242 should use 2.2F or
Ceramic Capacitor Materials
Ceramic capacitors less than 0.1F are typically made from NPO or C0G materials. NPO and C0G materials generally have tight tolerance and are very stable over temperature. Larger capacitor values are usually composed of X7R, X5R, Z5U, or Y5V dielectric materials. These two material types are not recommended for use with LDO regulators since the capacitor tolerance can vary more than 50% over the operating temperature range of the device. A 2.2F Y5V capacitor could be reduced to 1F over temperature; this could cause problems for circuit operation. X7R and X5R dielectrics are much more desirable. The temperature tolerance
10
3242.2006.04.1.10
300mA/150mA Dual CMOS LDO Linear Regulator
of X7R dielectric is better than 15%. Capacitor area is another contributor to ESR. Capacitors which are physically large in size will have a lower ESR when compared to a smaller sized capacitor of an equivalent material and capacitance value. These larger devices can improve circuit transient response when compared to an equal value capacitor in a smaller package size. Consult capacitor vendor datasheets carefully when selecting capacitors for LDO regulators. tion is removed from the output or LDO regulator package power dissipation exceeds the device thermal limit.
AAT3242
Thermal Protection
The AAT3242 has an internal thermal protection circuit which will turn on when the device die temperature exceeds 145C. The LDO regulator output will remain in a shutdown state until the internal die temperature falls back below the 145C trip point. The combination and interaction between the shortcircuit and thermal protection systems allows the LDO regulators to withstand indefinite short-circuit conditions without sustaining permanent damage.
POK Output
The AAT3242 features integrated Power OK comparators which can be used as an error flag. The POK open drain output goes low when output voltage is 6% (typ) below its nominal regulation voltage. Additionally, any time one of the regulators is in shutdown, the respective POK output is pulled low. Connect a pull-up resistor from POKA to OUTA, and POKB to OUTB.
No-Load Stability
The AAT3242 is designed to maintain output voltage regulation and stability under operational noload conditions. This is an important characteristic for applications where the output current may drop to zero.
Enable Function
The AAT3242 features an LDO regulator enable/disable function. Each LDO has its own dedicated enable pin. These pins (EN) are active high and are compatible with CMOS logic. To assure the LDO regulators will switch on, ENA/B must be greater than 1.6V. The LDO regulators will shut down when the voltage on the ENA/B pins falls below 0.6V. In shutdown, the AAT3242 will consume less than 1.0A of current. If the enable function is not needed in a specific application, it may be tied to VIN to keep the LDO regulator in a continuously on state. When the LDO regulators are in shutdown mode, an internal 20 resistor is connected between VOUT and GND. This is intended to discharge COUT when the LDO regulators are disabled. The internal 20 has no adverse effects on device turn-on time.
Reverse Output-to-Input Voltage Conditions and Protection
Under normal operating conditions, a parasitic diode exists between the output and input of the LDO regulator. The input voltage should always remain greater than the output load voltage maintaining a reverse bias on the internal parasitic diode. Conditions where VOUT might exceed VIN should be avoided since this would forward bias the internal parasitic diode and allow excessive current flow into the VOUT pin, possibly damaging the LDO regulator. In applications where there is a possibility of VOUT exceeding VIN for brief amounts of time during normal operation, the use of a larger value CIN capacitor is highly recommended. A larger value of CIN with respect to COUT will effect a slower CIN decay rate during shutdown, thus preventing VOUT from exceeding VIN. In applications where there is a greater danger of VOUT exceeding VIN for extended periods of time, it is recommended to place a Schottky diode across VIN to VOUT (connecting the cathode to VIN and anode to VOUT). The Schottky diode forward voltage should be less than 0.45V.
Short-Circuit Protection
The AAT3242 contains internal short-circuit protection that will trigger when the output load current exceeds the internal threshold limit. Under shortcircuit conditions, the output of the LDO regulator will be current limited until the short-circuit condi-
3242.2006.04.1.10
11
300mA/150mA Dual CMOS LDO Linear Regulator
Thermal Considerations and High Output Current Applications
The AAT3242 is designed to deliver continuous output load currents of 300mA and 150mA under normal operations, and can supply up to 500mA during circuit start-up conditions. This is desirable for circuit applications where there might be a brief high in-rush current during a power-on event. The limiting characteristic for the maximum output load current safe operating area is essentially package power dissipation and the internal preset thermal limit of the device. In order to obtain high operating currents, careful device layout and circuit operating conditions need to be taken into account. The following discussions will assume the LDO regulator is mounted on a printed circuit board utilizing the minimum recommended footprint as stated in the layout considerations section of this document. At any given ambient temperature (TA), the maximum package power dissipation can be determined by the following equation:
TJ(MAX) - TA JA
AAT3242
PD(MAX) =
Constants for the AAT3242 are TJ(MAX) (the maximum junction temperature for the device, which is 125C) and JA = 110C/W (the package thermal resistance). Typically, maximum conditions are calculated at the maximum operating temperature of TA = 85C and under normal ambient conditions where TA = 25C. Given TA = 85C, the maximum package power dissipation is 364mW. At TA = 25C, the maximum package power dissipation is 909mW. The maximum continuous output current for the AAT3242 is a function of the package power dissipation and the input-to-output voltage drop across the LDO regulator. To determine the maximum output current for a given output voltage, refer to the following equation. This calculation accounts for the total power dissipation of the LDO regulator, including that caused by ground current.
PD(MAX) = [(VIN - VOUTA)IOUTA + (VIN x IGND)] + [(VIN - VOUTB)IOUTB + (VIN x IGND)]
This formula can be solved for IOUTA to determine the maximum output current for LDOA:
IOUTA(MAX) =
PD(MAX) - (2xVIN x IGND) - (VIN - VOUTB) x IOUTB VIN - VOUTA
12
3242.2006.04.1.10
300mA/150mA Dual CMOS LDO Linear Regulator
The following is an example for a 2.5V output: VOUTA VOUTB IOUTB = 2.5V = 1.5V = 150mA
AAT3242
VIN IGND
= 4.2V = 125A 909mW - (2 x 4.2V x 125A) - (4.2 - 1.5) x 150mA 4.2 - 2.5
IOUTA(MAX) =
IOUTA(MAX) = 296mA
From the discussion above, PD(MAX) was determined to equal 909mW at TA = 25C. Therefore, with Regulator B delivering 150mA at 1.5V, Regulator A can sustain a constant 2.5V output at a 296mA load current at an ambient temperature of 25C. Higher input-to-output voltage differentials can be obtained with the AAT3242, while maintaining device functions within the thermal safe operating area. To accomplish this, the device thermal resistance must be reduced by increasing the heat sink area or by operating the LDO regulator in a duty-cycled mode. For example, an application requires VIN = 4.2V while VOUT = 1.5V at a 500mA load and TA = 25C. To maintain this high input voltage and output current level, the LDO regulator must be operated in a duty-cycled mode. Refer to the following calculation for duty-cycle operation: IGND = 125A IOUT = 500mA
VIN = 4.2V
VOUT = 1.5V %DC = %DC = 100(PD(MAX)) [(VIN - VOUTA)IOUTA + (VIN x IGND)] + [(VIN - VOUTB)IOUTB + (VIN x IGND)] 100(909mW) [(4.2V - 1.5V)500mA + (4.2V x 125A)] + [(4.2V - 1.5V)200mA + (4.2V x 125A)]
%DC = 48.10%
PD(MAX) is assumed to be 909mW For a 500mA output current and a 2.7V drop across the AAT3242 at an ambient temperature of 25C, the maximum on-time duty cycle for the device would be 48.10%.
3242.2006.04.1.10
13
300mA/150mA Dual CMOS LDO Linear Regulator Ordering Information
Package
TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12 TSOPJW-12
AAT3242
Voltage LDO A LDO B
3.3V 3.3V 3.0V 3.0V 3.0V 3.0V 2.9V 2.8V 2.8V 2.8V 2.8V 2.8V 2.8V 2.7V 2.6V 2.5V 1.8V 1.8V 1.8V 2.5V 1.8V 2.85V 2.5V 1.8V 1.5V 1.5V 3.0V 2.8V 2.6V 2.5V 1.9V 1.5V 2.7V 1.8V 1.8V 1.5V 2.7V 2.8V
Marking1
LSXYY PAXYY LPXYY LJXYY LHXYY NTXYY MOXYY LVXYY LDXYY LQXYY LLXYY LRXYY MCXYY LOXYY MJXYY SGXYY PZXYY RRXYY
Part Number (Tape and Reel)2
AAT3242ITP-WN-T1 AAT3242ITP-WI-T1 AAT3242ITP-TR-T1 AAT3242ITP-TN-T1 AAT3242ITP-TI-T1 AAT3242ITP-TG-T1 AAT3242ITP-SG-T1 AAT3242ITP-QT-T1 AAT3242ITP-QQ-T1 AAT3242ITP-QO-T1 AAT3242ITP-QN-T1 AAT3242ITP-QY-T1 AAT3242ITP-QG-T1 AAT3242ITP-PP-T1 AAT3242ITP-OI-T1 AAT3242ITP-IN-T1 AAT3242ITP-IG-T1 AAT3242ITP-IP-T1 AAT3242ITP-IQ-T1
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree.
Legend Voltage
1.5 1.8 1.9 2.5 2.6 2.7 2.8 2.85 2.9 3.0 3.3
Code
G I Y N O P Q R S T W
1. XYY = assembly and date code. 2. Sample stock is generally held on part numbers listed in BOLD.
14
3242.2006.04.1.10
300mA/150mA Dual CMOS LDO Linear Regulator Package Information
TSOPJW-12
0.10 0.20 + 0.05 -
AAT3242
2.40 0.10
0.50 BSC 0.50 BSC 0.50 BSC 0.50 BSC 0.50 BSC
2.85 0.20
7 NOM 3.00 0.10
0.9625 0.0375 + 0.10 1.00 - 0.065
0.04 REF
0.055 0.045
4 4
0.010
0.15 0.05
0.45 0.15 2.75 0.25
All dimensions in millimeters.
3242.2006.04.1.10
15
300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech's standard warranty. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085 Phone (408) 737-4600 Fax (408) 737-4611 16
3242.2006.04.1.10


▲Up To Search▲   

 
Price & Availability of AAT3242ITP-WN-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X