Part Number Hot Search : 
FAN7310G SFH9202 MPX700GS 9926B 1221C CY7C131 3PMT28A STK4162
Product Description
Full Text Search
 

To Download AAT3201IGV-23-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AAT3201
150mA OmniPowerTM LDO Linear Regulator General Description
The AAT3201 PowerLinear OmniPower low dropout (LDO) linear regulator is ideal for systems where a low-cost solution is critical. This device features extremely low quiescent current, typically 20A. Dropout voltage is also very low, typically 200mV. The AAT3201 has an enable pin feature which, when pulled low, will enter the LDO regulator into shutdown mode, removing power from its load and offering extended power conservation capabilities for portable, battery-powered applications. The AAT3201 has output short-circuit and overcurrent protection. In addition, the device has an over-temperature protection circuit that will shut down the LDO regulator during extended over-current events. The AAT3201 is available in the Pb-free, space-saving 5-pin SOT23 package. The device is rated over the -40C to +85C temperature range. Since only a small, 1F ceramic output capacitor is recommended, the AAT3201 is a truly cost-effective voltage conversion solution. The AAT3201 is similar to the AAT3200 with the exception that it offers further power savings with its enable pin.
Features
* * * * * * * * * * *
PowerLinearTM
20A Quiescent Current Low Dropout: 200mV (typical) Guaranteed 150mA Output High Accuracy: 2% Current Limit Protection Over-Temperature Protection Extremely Low Power Shutdown Mode Low Temperature Coefficient Factory-Programmed Output Voltages -- 1.8V to 3.5V Stable Operation With Virtually Any Output Capacitor Type 5-Pin SOT23 Package
Applications
* * Cellular Phones Consumer Electronics
Typical Application
INPUT IN OUT OUTPUT
AAT3201
ENABLE CIN 1F EN GND COUT 1F
GND
GND
3201.2006.01.1.2
1
AAT3201
150mA OmniPowerTM LDO Linear Regulator Pin Descriptions
Pin #
1 2 3 4 5
Symbol
IN GND EN NC OUT
Function
Input pin. Ground connection pin. Enable pin; when pulled low, the PMOS pass transistor turns off and all internal circuitry enters low-power mode, consuming less than 1A. Not connected. Output pin; should be decoupled with 1F or greater capacitor.
Pin Configuration
SOT23-5 (Top View) IN GND EN
1 5
OUT
2
3
4
NC
2
3201.2006.01.1.2
AAT3201
150mA OmniPowerTM LDO Linear Regulator Absolute Maximum Ratings1
TA = 25C, unless otherwise noted. Symbol
VIN VEN VENIN(MAX) IOUT TJ TLEAD
Description
Input Voltage EN to GND Voltage Maximum EN to Input Voltage Maximum DC Output Current Operating Junction Temperature Range Maximum Soldering Temperature (at leads, 10 sec)
Value
-0.3 to 6 -0.3 to 6 0.3 PD/(VIN-VO) -40 to 150 300
Units
V V V mA C C
Thermal Information2
Symbol
JA PD
Description
Thermal Resistance Power Dissipation
Rating
150 667
Units
C/W mW
Recommended Operating Conditions
Symbol
VIN T
Description
Input Voltage Ambient Temperature Range
Rating
(VOUT+VDO) to 5.5 -40 to +85
Units
V C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Mounted on a demo board. 3201.2006.01.1.2
3
AAT3201
150mA OmniPowerTM LDO Linear Regulator Electrical Characteristics
VIN = VOUT(NOM) + 1V, IOUT = 1mA, COUT = 1F; TA = 25C, unless otherwise noted. Symbol
VOUT IOUT ISC IQ ISD VOUT/VOUT
Description
DC Output Voltage Tolerance Maximum Output Current Short-Circuit Current Ground Current Shutdown Current Line Regulation
Conditions
VOUT > 1.2V VOUT < 0.4V VIN = 5V, No Load EN = Inactive VIN = 4.0V to 5.5V VOUT = VOUT = VOUT = VOUT = VOUT = IL= 1 to 100mA VOUT = VOUT = VOUT = VOUT = VOUT = VOUT = VOUT = VOUT = VOUT = VOUT = VOUT = IOUT = 100mA VOUT = VOUT = VOUT = VOUT = VOUT = VOUT = VIN = 5V VON = 5.5V 100Hz
Min
-2.0 150
Typ
Max
2.0
Units
% mA mA A A %/V
350 20 0.15 1.0 0.9 0.8 0.8 0.8 0.7 0.7 0.7 0.6 0.5 0.5 290 265 230 220 210 200 190 190 190 180 180 2.4 0.01 50 140 20 350 80
VOUT/VOUT
Load Regulation
VDO
Dropout Voltage1
1.8 2.0 2.3 2.4 2.5 2.7 2.8 2.85 3.0 3.3 3.5 1.8 2.0 2.3 2.4 2.5 2.7 2.8 2.85 3.0 3.3 3.5
VEN(L) VEN(H) IEN(SINK) PSRR TSD THYS eN TC
EN Input Low Voltage EN Input High Voltage EN Input leakage Power Supply Rejection Ratio Over-Temperature Shutdown Threshold Over-Temperature Shutdown Hysteresis Output Noise Output Voltage Temperature Coefficient
30 1 0.6 1.65 1.60 1.45 1.40 1.35 1.25 1.20 1.20 1.15 1.00 1.00 410 385 345 335 335 310 305 300 295 295 290 0.8 1
%
mV
V V A dB C C VRMS PPM/C
1. VDO is defined as VIN - VOUT when VOUT is 98% of nominal.
4
3201.2006.01.1.2
AAT3201
150mA OmniPowerTM LDO Linear Regulator Typical Characteristics
Unless otherwise noted, VIN = VOUT + 1V, TA = 25C, COUT = 5.6F ceramic, IOUT = 100mA. Output Voltage vs. Output Current
3.03
3.1
Output Voltage vs. Input Voltage
Output Voltage (V)
Output Voltage (V)
3.02 3.01
3 2.9 2.8 2.7
1mA 40mA
-30C
3
25C
2.99
80C
2.98 2.97 0 20 40 60 80 100
10mA
2.6 2.5 2.7 2.9 3.1 3.3 3.5
Output Current (mA)
Input Voltage (V)
Output Voltage vs. Input Voltage
3.03 40 0
Dropout Voltage vs. Output Current
3.02
1mA 10mA
Dropout Voltage (mV)
Output Voltage (V)
300
80C
200
3.01
25C -30C
40mA
3
100
2.99 3.5 4 4.5 5 5.5
0 0 25 50 75 100 125 150
Input Voltage (V)
Output Current (mA)
PSRR With 10mA Load
60 30
Noise Spectrum
40
Noise (dB V/rt Hz )
1.E+02 1.E+03 1.E+04 1.E+05
20 10 0 -10 -20 -30 1.E+01
PSRR (dB)
20
0 1.E+01
Frequency (Hz)
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Freque ncy (Hz)
3201.2006.01.1.2
5
AAT3201
150mA OmniPowerTM LDO Linear Regulator Typical Characteristics
Unless otherwise noted, VIN = VOUT + 1V, TA = 25C, COUT = 5.6F ceramic, IOUT = 100mA. Line Response With 1mA Load
3.8 3.6 6 5 4
Load Transient - 1mA/40mA
320
Output Current (mA)
Output Voltage ( V )
Input
3.4 3.2 3 4 3 2
Output Voltage (V)
Input Voltage ( V )
240
Output
3 160
Output
2.8 2.6 -200 1 0 800
80
2 -1 0 1 2 3
0
0
200
400
600
Time (s)
Time (ms)
Line Response With 10mA Load
3.8 6 5 4
Load Transient - 1mA/80mA
320
Output Voltage ( V )
Input
3.4 3.2 3 4 3 2
Output Voltage (V)
3.6
Output Current (mA)
Input Voltage ( V )
240
Output
3 160
Output
2.8 2.6 -200 1 0 800
80
2 -1 0 1 2 3
0
0
200
400
600
Time (s)
Time (ms)
Line Response With 100mA Load
3.8 3.6 6 5
Input Voltage ( V )
Output Voltage ( V )
Input
3.4 3.2 3 4 3 2
Output
2.8 2.6 -200 1 0 800
0
200
400
600
Time (s)
6
3201.2006.01.1.2
AAT3201
150mA OmniPowerTM LDO Linear Regulator Typical Characteristics
Unless otherwise noted, VIN = VOUT + 1V, TA = 25C, COUT = 5.6F ceramic, IOUT = 100mA. Power-Up With 1mA Load
4 5 4 4
Turn-On With 1mA Load
3
Output Voltage (V)
Enable Voltage (V)
Output Voltage (V)
Input Voltage (V)
3
3 2
3
2
2
Enable
Enable
2 1
1 0
1
-1
1
0
Output
0 -1 0 1 2
-2 -3 0 -1
Output
-1 0 1 2
Time (ms)
Time (ms)
Power-Up With 10mA Load
4 5 4 4
Turn-On With 10mA Load
3
Enable Voltage (V)
Output Voltage (V)
Output Voltage (V)
3
3 2
3
2
Input Voltage (V)
2
Enable
Enable
2 1
1 0
1
-1
1
0
Output
0 -1 0 1 2
-2 -3 0 -1
Output
-1 0 1 2
Time (ms)
Time (ms)
Power-Up With 100mA Load
4 5 4 4
Turn-On With 100mA Load
3
Enable Voltage (V)
Output Voltage (V)
Output Voltage (V)
Input Voltage (V)
3
3 2
3
2
2
Enable
1 0
2
Enable
1
1
-1
1
0
Output
0 -1 0 1 2
-2 -3 0 -1
Output
-1 0 1 2
Time (ms)
Time (ms)
3201.2006.01.1.2
7
AAT3201
150mA OmniPowerTM LDO Linear Regulator Functional Block Diagram
IN
Over-Current Protection Over-Temperature Protection
OUT
EN
VREF
GND
Functional Description
The AAT3201 is intended for LDO regulator applications where output current load requirements range from no load to 150mA. The advanced circuit design of the AAT3201 has been optimized for use as the most cost-effective solution. The typical quiescent current level is just 20A. The AAT3201 also contains an enable circuit, which has been provided to shut down the LDO regulator for additional power conservation in portable products. In the shutdown state, the LDO draws less than 1A from input supply. The LDO also demonstrates excellent power supply rejection ratio (PSRR), and load and line transient response characteristics.
The LDO regulator output has been specifically optimized to function with low-cost, low-equivalent series resistance (ESR) ceramic capacitors. However, the design will allow for operation with a wide range of capacitor types. The AAT3201 has complete short-circuit and thermal protection. The integral combination of these two internal protection circuits gives the AAT3201 a comprehensive safety system to guard against extreme adverse operating conditions. Device power dissipation is limited to the package type and thermal dissipation properties. Refer to the Thermal Considerations section of this datasheet for details on device operation at maximum output load levels.
8
3201.2006.01.1.2
AAT3201
150mA OmniPowerTM LDO Linear Regulator Applications Information
To assure the maximum possible performance is obtained from the AAT3201, please refer to the following application recommendations. needed can be calculated from the step size of the change in output load current expected and the voltage excursion that the load can tolerate. The total output capacitance required can be calculated using the following formula: I x 15F V
Input Capacitor
Typically, a 1F or larger capacitor is recommended for CIN in most applications. A CIN capacitor is not required for basic LDO regulator operation. However, if the AAT3201 is physically located any distance more than one or two centimeters from the input power source, a CIN capacitor will be needed for stable operation. CIN should be located as closely to the device VIN pin as practically possible. CIN values greater than 1F will offer superior input line transient response and will assist in maximizing the power supply ripple rejection. Ceramic, tantalum, or aluminum electrolytic capacitors may be selected for CIN as there is no specific capacitor ESR requirement. For 150mA LDO regulator output operation, ceramic capacitors are recommended for CIN due to their inherent capability over tantalum capacitors to withstand input current surges from low impedance sources such as batteries in portable devices. COUT = Where:
I = maximum step in output current V = maximum excursion in voltage that the load can tolerate Note that use of this equation results in capacitor values approximately two to four times the typical value needed for an AAT3201 at room temperature. The increased capacitor value is recommended if tight output tolerances must be maintained over extreme operating conditions and maximum operational temperature excursions. If tantalum or aluminum electrolytic capacitors are used, the capacitor value should be increased to compensate for the substantial ESR inherent to these capacitor types.
Capacitor Characteristics Output Capacitor
For proper load voltage regulation and operational stability, a capacitor is required between pins VOUT and GND. The COUT capacitor connection to the LDO regulator ground pin should be made as direct as practically possible for maximum device performance. The AAT3201 has been specifically designed to function with very low ESR ceramic capacitors. Although the device is intended to operate with these low ESR capacitors, it is stable over a very wide range of capacitor ESR, thus it will also work with some higher ESR tantalum or aluminum electrolytic capacitors. However, for best performance, ceramic capacitors are recommended. The value of COUT typically ranges from 0.47F to 10F; however, 1F is sufficient for most operating conditions. If large output current steps are required by an application, then an increased value for COUT should be considered. The amount of capacitance Ceramic composition capacitors are highly recommended over all other types of capacitors for use with the AAT3201. Ceramic capacitors offer many advantages over their tantalum and aluminum electrolytic counterparts. A ceramic capacitor typically has very low ESR, is lower cost, has a smaller PCB footprint, and is non-polarized. Line and load transient response of the LDO regulator is improved by using low ESR ceramic capacitors. Since ceramic capacitors are non-polarized, they are less prone to damage if incorrectly connected. Equivalent Series Resistance: ESR is an important characteristic to consider when selecting a capacitor. ESR is the internal series resistance associated with a capacitor that includes lead resistance, internal connections, capacitor size and area, material composition, and ambient temperature. Typically capacitor ESR is measured in milliohms for ceramic capacitors and can range to more than several ohms for tantalum or aluminum electrolytic capacitors.
3201.2006.01.1.2
9
AAT3201
150mA OmniPowerTM LDO Linear Regulator
Ceramic Capacitor Materials: Ceramic capacitors less than 0.1F are typically made from NPO or C0G materials. NPO and C0G materials generally have tight tolerance and are very stable over temperature. Larger capacitor values are usually composed of X7R, X5R, Z5U, or Y5V dielectric materials. Large ceramic capacitors (i.e., greater than 2.2F) are often available in low-cost Y5V and Z5U dielectrics. These two material types are not recommended for use with LDO regulators since the capacitor tolerance can vary more than 50% over the operating temperature range of the device. A 2.2F Y5V capacitor could be reduced to 1F over the full operating temperature range. This can cause problems for circuit operation and stability. X7R and X5R dielectrics are much more desirable. The temperature tolerance of X7R dielectric is better than 15%. Capacitor area is another contributor to ESR. Capacitors that are physically large in size will have a lower ESR when compared to a smaller sized capacitor of equivalent material and capacitance value. These larger devices can also improve circuit transient response when compared to an equal value capacitor in a smaller package size. Consult capacitor vendor datasheets carefully when selecting capacitors for use with LDO regulators. to continually draw more than the current limit threshold, the LDO regulator's output voltage would drop to a level necessary to supply the current demanded by the load. Under short-circuit or other over-current operating conditions, the output voltage would drop and the AAT3201's die temperature would rapidly increase. Once the regulator's power dissipation capacity has been exceeded and the internal die temperature reaches approximately 140C the system thermal protection circuit will become active. The internal thermal protection circuit will actively turn off the LDO regulator output pass device to prevent the possibility of over-temperature damage. The LDO regulator output will remain in a shutdown state until the internal die temperature falls back below the 140C trip point. The interaction between the short-circuit and thermal protection systems allows the LDO regulator to withstand indefinite short-circuit conditions without sustaining permanent damage.
No-Load Stability
The AAT3201 is designed to maintain output voltage regulation and stability under operational noload conditions. This is an important characteristic for applications where the output current may drop to zero. An output capacitor is required for stability under no-load operating conditions. Refer to the Output Capacitor section of this datasheet for recommended typical output capacitor values.
Enable Function
The AAT3201 features an LDO regulator enable / disable function. This pin (EN) is active high and is compatible with CMOS logic. To assure the LDO regulator will switch on, the EN turn-on control level must be greater than 2.4V. The LDO regulator will go into the disable shutdown mode when the voltage on the EN pin falls below 0.6V. If the enable function is not needed in a specific application, it may be tied to VIN to keep the LDO regulator in a continuously on state.
Thermal Considerations and High Output Current Applications
The AAT3201 is designed to deliver a continuous output load current of 150mA under normal operating conditions. The limiting characteristic for the maximum output load safe operating area is essentially package power dissipation and the internal preset thermal limit of the device. In order to obtain high operating currents, careful device layout and circuit operating conditions need to be taken into account. The following discussions will assume the LDO regulator is mounted on a printed circuit board utilizing the minimum recommended footprint and the printed circuit board is 0.062-inch thick FR4 material with one ounce copper.
Short-Circuit and Thermal Protection
The AAT3201 is protected by both current limit and over-temperature protection circuitry. The internal short-circuit current limit is designed to activate when the output load demand exceeds the maximum rated output. If a short-circuit condition were
10
3201.2006.01.1.2
AAT3201
150mA OmniPowerTM LDO Linear Regulator
At any given ambient temperature (TA), the maximum package power dissipation can be determined by the following equation: -T T PD(MAX) = J(MAX) A JA Constants for the AAT3201 are TJ(MAX), the maximum junction temperature for the device which is 125C, and JA = 150C/W, the package thermal resistance. Typically, maximum conditions are calculated at the maximum operating temperature where TA = 85C, under normal ambient conditions TA = 25C. Given TA = 85C, the maximum package power dissipation is 267mW. At TA = 25C, the maximum package power dissipation is 667mW. The maximum continuous output current for the AAT3201 is a function of the package power dissipation and the input-to-output voltage drop across the LDO regulator. Refer to the following simple equation: PD(MAX) VIN - VOUT This formula can be solved for VIN to determine the maximum input voltage. PD(MAX) + (VOUT x IOUT) IOUT + IGND
VIN(MAX) =
The following is an example for an AAT3201 set for a 2.5 volt output: VOUT IOUT IGND = 2.5V = 150mA = 20A 667mW + (2.5V x 150mA) 150mA + 20A
VIN(MAX) =
VIN(MAX) = 6.95V From the discussion above, PD(MAX) was determined to equal 667mW at TA = 25C. Thus, the AAT3201 can sustain a constant 2.5V output at a 150mA load current as long as VIN is 6.95V at an ambient temperature of 25C. 5.5V is the maximum input operating voltage for the AAT3201, thus at 25C the device would not have any thermal concerns or operational VIN(MAX) limits. This situation can be different at 85C. The following is an example for an AAT3201 set for a 2.5 volt output at 85C: VOUT IOUT IGND = 2.5V = 150mA = 20A 267mW + (2.5V x 150mA) 150mA + 20A
IOUT(MAX) <
For example, if VIN = 5V, VOUT = 2.5V, and TA = 25C, IOUT(MAX) <267mA. The output short-circuit protection threshold is set between 150mA and 300mA. If the output load current were to exceed 267mA or if the ambient temperature were to increase, the internal die temperature will increase. If the condition remained constant and the short-circuit protection did not activate, there would be a potential damage hazard to the LDO regulator since the thermal protection circuit will only activate after a short-circuit event occurs on the LDO regulator output. To determine the maximum input voltage for a given load current, refer to the following equation. This calculation accounts for the total power dissipation of the LDO regulator, including that caused by ground current. PD(MAX) = (VIN - VOUT)IOUT + (VIN x IGND)
VIN(MAX) =
VIN(MAX) = 4.28V From the discussion above, PD(MAX) was determined to equal 267mW at TA = 85C.
3201.2006.01.1.2
11
AAT3201
150mA OmniPowerTM LDO Linear Regulator
Higher input-to-output voltage differentials can be obtained with the AAT3201, while maintaining device functions in the thermal safe operating area. To accomplish this, the device thermal resistance must be reduced by increasing the heat sink area or by operating the LDO regulator in a duty-cycled mode. For example, an application requires VIN = 5.0V while VOUT = 2.5V at a 150mA load and TA = 85C. VIN is greater than 4.28V, which is the maximum safe continuous input level for VOUT = 2.5V at 150mA for TA = 85C. To maintain this high input voltage and output current level, the LDO regulator must be operated in a duty-cycled mode. Refer to the following calculation for duty-cycle operation: IGND IOUT VIN = 20A = 150mA = 5.0V
Voltage Drop (V)
3.5 3 2.5 2 1.5 1 0.5 0 0 10 20 30 40 50 60 70 80 90 100
Device Duty Cycle vs. VDROP
(VOUT = 2.5V @ 25C)
3.5
Voltage Drop (V)
3 2.5 2 1.5 1 0.5 0 0 10 20 30 40 50 60 70 80 90 100
200mA
Duty Cycle (%)
Device Duty Cycle vs. VDROP
(VOUT = 2.5V @ 50C)
VOUT = 2.5V PD(MAX) %DC = 100 (VIN - VOUT)IOUT + (VIN x IGND) 267mW %DC = 100 (5.0V - 2.5V)150mA + (5.0V x 20A) %DC = 71.2% PD(MAX) was assumed to be 267mW. For a 150mA output current and a 2.5V drop across the AAT3201 at an ambient temperature of 85C, the maximum on-time duty cycle for the device would be 71.2%. The following family of curves shows the safe operating area for duty-cycled operation from ambient room temperature to the maximum operating level.
200mA 150mA
Duty Cycle (%)
Device Duty Cycle vs. VDROP
(VOUT = 2.5V @ 85C)
3.5
Voltage Drop (V)
3 2.5 2 1.5 1 0.5 0 0 10 20 30 40 50 60
100mA 200mA 150mA
70
80
90
100
Duty Cycle (%)
12
3201.2006.01.1.2
AAT3201
150mA OmniPowerTM LDO Linear Regulator
High Peak Output Current Applications
Some applications require the LDO regulator to operate at continuous nominal levels with short duration, high-current peaks. The duty cycles for both output current levels must be taken into account. To do so, first calculate the power dissipation at the nominal continuous level, then factor in the addition power dissipation due to the short duration, high-current peaks. For example, a 2.5V system using an AAT3201IGV2.5-T1 operates at a continuous 100mA load current level and has short 150mA current peaks. The current peak occurs for 378s out of a 4.61ms period. It will be assumed the input voltage is 5.0V. First, the current duty-cycle percentage must be calculated: % Peak Duty Cycle: X/100 = 378ms/4.61ms % Peak Duty Cycle = 8.2% The LDO regulator will be under the 100mA load for 91.8% of the 4.61ms period and have 150mA peaks occurring for 8.2% of the time. Next, the continuous nominal power dissipation for the 100mA load should be determined then multiplied by the duty cycle to conclude the actual power dissipation over time. PD(MAX) PD(100mA) PD(100mA) = (VIN - VOUT)IOUT + (VIN x IGND) = (5.0V - 2.5V)100mA + (5.0V x 20A) = 250mW = (VIN - VOUT)IOUT + (VIN x IGND) PD(MAX) PD(150mA) = (5.0V - 2.5V)150mA + (5.0V x 20A) PD(150mA) = 375mW PD(8.2%D/C) = %DC x PD(150mA) PD(8.2%D/C) = 0.082 x 375mW PD(8.2%D/C) = 30.75mW The power dissipation for a 150mA load occurring for 8.2% of the duty cycle will be 20.9mW. Finally, the two power dissipation levels can summed to determine the total true power dissipation under the varied load. PD(total) = PD(100mA) + PD(150mA) PD(total) = 229.5mW + 30.75mW PD(total) = 260.25mW The maximum power dissipation for the AAT3201 operating at an ambient temperature of 85C is 267mW. The device in this example will have a total power dissipation of 260.25mW. This is within the thermal limits for safe operation of the device.
Printed Circuit Board Layout Recommendations
In order to obtain the maximum performance from the AAT3201 LDO regulator, careful consideration should be given to the printed circuit board layout. If grounding connections are not properly made, power supply ripple rejection and LDO regulator transient response can be compromised. The LDO regulator external capacitors CIN and COUT should be connected as directly as possible to the ground pin of the LDO regulator. For maximum performance with the AAT3201, the ground pin connection should then be made directly back to the ground or common of the source power supply. If a direct ground return path is not possible due to printed circuit board layout limitations, the LDO ground pin should then be connected to the common ground plane in the application layout.
PD(91.8%D/C) = %DC x PD(100mA) PD(91.8%D/C) = 0.918 x 250mW PD(91.8%D/C) = 229.5mW The power dissipation for a 100mA load occurring for 91.8% of the duty cycle will be 229.5mW. Now the power dissipation for the remaining 8.2% of the duty cycle at the 150mA load can be calculated:
3201.2006.01.1.2
13
AAT3201
150mA OmniPowerTM LDO Linear Regulator Ordering Information
Output Voltage
1.8V 2.0V 2.3V 2.4V 2.5V 2.7V 2.8V 2.85V 3.0V 3.3V 3.5V
Package
SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5
Marking1
FDXYY
Part Number (Tape and Reel)2
AAT3201IGV-1.8-T1 AAT3201IGV-2.0-T1 AAT3201IGV-2.3-T1 AAT3201IGV-2.4-T1
FFXYY DJXYY DKXYY
AAT3201IGV-2.5-T1 AAT3201IGV-2.7-T1 AAT3201IGV-2.8-T1 AAT3201IGV-2.85-T1
DLXYY DMXYY FNXYY
AAT3201IGV-3.0-T1 AAT3201IGV-3.3-T1 AAT3201IGV-3.5-T1
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree.
1. XYY = assembly and date code. 2. Sample stock is generally held on all part numbers listed in BOLD.
14
3201.2006.01.1.2
AAT3201
150mA OmniPowerTM LDO Linear Regulator Package Information
SOT23-5
2.85 0.15 1.90 BSC 0.95 BSC
1.575 0.125
1.10 0.20
0.60 REF
2.80 0.20
1.20 0.25
0.15 0.07 4 4
GAUGE PLANE
10 5
0.40 0.10
0.075 0.075
0.60 REF
0.45 0.15
0.10 BSC
All dimensions in millimeters.
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech's standard warranty. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085 Phone (408) 737-4600 Fax (408) 737-4611
3201.2006.01.1.2
15


▲Up To Search▲   

 
Price & Availability of AAT3201IGV-23-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X