Part Number Hot Search : 
MO456C 78L18 2SD1606 81200 HD7485P 15T120 ST72324B FCT16
Product Description
Full Text Search
 

To Download 225250P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Subminiature Glass Body
RoHS
Pb
2AG
Fast-Acting Fuse 224P/225P Series
UL (R)
(R)
(R)
The 2AG Fast-Acting fuses are available in cartridge form or with axial leads. Axial leaded fuses are board washable. 2AG fuses provide the same performance characteristics as their 3AG counterpart, while occupying one-third the space. Sleeved fuses are available.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 135% 200% Opening Time 4 hours, Minimum 1 hour, Maximum 1 second, Maximum
AGENCY APPROVALS: 0.1 - 3.5A are Listed by Underwriters
Laboratories and Certified by CSA. 4 - 10A are recognized under the Components Program of Underwriters Laboratories. 1 through 10 ampere approved by METI.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862. INTERRUPTING RATINGS:
10,000 ampere at 125 VAC 500 ampere at 125 VAC 35 ampere at 250 VAC 100 ampere at 250 VAC PACKAGING OPTIONS: 224P Series available on Tape and Reel per 0.1-3.5A 4 -10A 0.1-1A 1.5-3.5A, 5A
4.5 (.177")
225 000P Series
4.7 (.184")
224 000P Series
.635 (.025")
14.48 (.57")
14.48 (.57")
38.1 (1.50") TYP.
EIA-296. For 1500 pieces per reel, add packaging suffix DRT1P. See page 8 for pitch Dimensions. 224P, 225P series available in bulk packaging. For 1000 pieces bulk add packaging suffix MXP. PATENTED ORDERING INFORMATION:
Cartridge Catalog Number 225.100P 225.125P 225.250P 225.375P 225.500P 225.750P 225 001P 225 01.5P 225 002P 225 02.5P 225 003P 225 03.5P 225 004P 225 005P* 225 006P 225 007P 225 008P 225 010P Axial Lead Catalog Number 224.100P 224.125P 224.250P 224.375P 224.500P 224.750P 224 001P 224 01.5P 224 002P 224 02.5P 224 003P 224 03.5P 224 004P 224 005P 224 006P 224 007P 224 008P 224 010P Ampere Rating 1/10 1/8 1/4 3/8 1/2 3/4 1 11/2 2 21/2 3 31/2 4 5 6 7 8 10 Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 125 125 125 125 125 125 Nominal Resistance Cold Ohms 6.15 3.90 1.15 0.395 0.265 0.152 0.102 0.0705 0.0490 0.0365 0.0310 0.0258 0.0233 0.0179 0.0147 0.0123 0.0100 0.00675 Nominal Melting I 2t A2 Sec. 0.000750 0.00286 0.0300 0.171 0.365 1.05 2.22 0.800 1.50 2.68 4.62 6.70 9.40 17.00 22.1 40.0 56.0 116.0
Axial Lead Material: Tin coated copper.
Average Time Current Curves
1/4A 3/8A 1/2A 3/4A 1A 1 1/2A 2A 2 1/2A 3A 4A 5A 6A 7A 8A 10A 1 10 100 CURRENT IN AMPERES 1/10A 1/8A 100 10 TIME IN SECONDS
(R)
1
0.1
*Rating is available in a 250VAC version. To order please use 0224005.MX250UP.
2AG Special 350V
Fast-Acting Fuse
RoHS
Pb
(R)
0.01
The 220 007P subminiature fuse is intended for fluorescent lighting ballast protection or similar applications up to 350V. AXIAL LEAD PART NUMBER: 220 007P (ampere rating of 3A). DIMENSIONS: Same as 224P Series. ELECTRICAL CHARACTERISTICS: Same as 224P Series. INTERRUPTING RATING: 100 amperes at 350 VAC. Contact Littelfuse concerning other ampere ratings.
396
0.001 0.1 1000
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 225250P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X