Part Number Hot Search : 
MAX851 16101BAN SMAJ15 4538BF BUTW92 HA118059 64T1280 FR151
Product Description
Full Text Search
 

To Download 216080P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Designed to IEC Standard
RoHS
Pb
5 x 20 mm Fast-Acting Fuse 216P Series
(R)
(R)
* Designed to International (IEC) Standards for use globally. * Meets the IEC 60127-2, Sheet 1 specification for Fast Acting Fuses. * Available in Cartridge and Axial Lead Form. * Available in ratings of 0.050 to 16 amperes. * High breaking capacity. * RoHS compliant and Lead-Free * Improved I2 t
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 150% 210% 275% Ampere Rating .05 - 6.3 8-16 .05 - 16 .05 - 4 5- 6.3 8-16 .05 - 6.3 8-16 .05 - 6.3 8-16 Opening Time 60 minutes, Minimum 30 minutes, Minimum 30 minutes, Maximum 0.01 sec., Min.; 2 sec. Max. 0.01 sec., Min.; 3 sec. Max. 0.04 sec., Min.; 20 sec. Max. .003 sec., Min.; 0.3 sec. Max. .01 sec., Min.; 1.0 sec. Max. .02 seconds, Maximum .03 seconds, Maximum
400% 1000%
ENVIRONMENTAL SPECIFICATIONS: Operating temperature: -55C to 125C Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles -65C to +125C) Vibration: MIL-STD-202F Method 201A Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative humidity (95%) and elevated temperature (40C) for 240 hours. Salt Spray: MIL-STD-202F Method 101D, Test Condition B
INTERRUPTING RATING:
0.05 - 10A 12.5 - 16A 12.5 - 16A 1500A @ 250 VAC, 0.7-0.8 power factor 750A @ 250 VAC, 1.0 power factor 1000A @ 125 VAC, 1.0 power factor
PHYSICAL SPECIFICATIONS: Material: Body: Ceramic
Cap: Nickel Plated Brass Leads: Tin Plated Copper Filler Sand (160mA - 16A) Terminal Strength: MIL-STD-202F Method 211A, Test Condition A Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A 11
ORDERING INFORMATION:
Cartridge Catalog Number 216.050P 216.063P 216.080P 216.100P 216.125P 216.160P 216.200P 216.250P 216.315P 216.400P 216.500P 216.630P 216.800P 216 001.P 216 1.25P 216 01.6P 216 002.P 216 02.5P 216 3.15P 216 004.P 216 005.P 216 06.3P 216 008.P 216 010.P 216 12.5P 216 015.P 216 016.P Ampere Rating .050 .063 .080 .100 .125 .160 .200 .250 .315 .400 .500 .630 .800 1 1.25 1.6 2 2.5 3.15 4 5 6.3 8 10 12.5 15 16 Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Nominal Resistance Cold Ohms 15.90 10.45 7.885 5.793 3.675 5.349 3.350 2.350 1.850 0.907 0.866 0.465 0.295 0.237 0.153 0.111 0.076 0.058 0.037 0.025 0.018 0.014 0.012 0.008 0.00615 0.00445 0.00445 Nominal Melting I2t A2 Sec. 0.00019 0.00054 0.00084 0.00450 0.00545 0.00576 0.00438 0.00891 0.015 0.036 0.169 0.179 0.288 0.180 0.477 1.008 1.870 2.697 6.700 14.966 27.460 56.429 64.316 154.339 158.5 384.0 384.0
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).
w w w. l i t t e l f u s e . c o m
423
AXIAL LEAD AND CARTRIDGE FUSES
Axial Lead and Cartridge Fuses
Designed to IEC Standard
RoHS
Pb
5 x 20 mm Fast-Acting Fuse 216P Series
Agency Approvals Ampere Range A&C E B&D F 50mA - 800mA 1A - 6.3A 1A - 10A
40
(R)
(R)
Agency Approvals
20+0.5 5.2+0.1 -0.2 5.1+0.6 5.1+0.6
Certificate No.
Cartridge NBK250702-E10480 NBK250702-E10480 Leaded NBK250702-E10480 NBK250702-E10480 2003010207079960 2002010207007594 SU05001-2013
0216 000P
1A - 10A
Certificate No. Certificate No.
0216.050 XEP to 0216.100 XEP
22.5 MAX
6.0 MAX
0.65
(R)
Recognised File No. E10480 Guide No. JDYX2
(R)
File No. Acc. Class No. Licence No. File No.
029862 LR1422-30 KM41462 9851193, 0149272, 0147099 and 312378, 508639, 601025 40013834 40016442
50mA - 10A
1A - 6.3A
0216001.XEP to 0216016.XEP
40
22.5 MAX
5.8 MAX
0.65* All dimensions in mm
50mA - 10A, 16A 50mA - 6.3A 8A - 10A* 12.5A* 50mA - 16A
Notes: * Ratings above 6.3A have 0.8 mm dia lead
D
V
E
Licence No. Licence No.
VDE
Average Time Current Curves
10000 0.050A 0.063A 0.080A 0.100A 0.125A 0.160A 0.200A 0.250A 0.315A 0.400A 0.500A 0.630A 0.800A 1A 1.25A 1.6A 2A 2.5A 3.15A 4A 5A 6.3A 8A 10A 12.5A 16A 1000 100 TIME IN SECONDS 10 1 0.1 0.01 0.001 0.01 0.1 1 10 100 1000
*Approval for cartridge versions only
CURRENT IN AMPERES
424
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 216080P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X