Part Number Hot Search : 
MCS221N ACF45U8A SC2608A IRF831FI 5768M 51021 LCX16245 26000
Product Description
Full Text Search
 

To Download 1N540007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5400 ... 1N5408
1N5400 ... 1N5408
Si-Rectifiers - Si-Gleichrichter Version 2005-09-20 Nominal current Nennstrom
O 4.50.1
3A 50...1000 V ~ DO-201 0.8 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca.
0.5
Type
62.5
7.5
0.1
O 1.20.05
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Dimensions - Mae [mm]
Maximum ratings Type Typ 1N5400 1N5401 1N5402 1N5404 1N5406 1N5407 1N5408 Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000 TA = 50C f > 15 Hz TA = 25C TA = 25C IFAV IFRM IFSM i2t Tj TS
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000 3 A 1) 30 A 1) 180/200 A 166 A2s -50...+175C -50...+175C
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
1N5400 ... 1N5408 Characteristics Forward voltage - Durchlass-Spannung Leakage current - Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to leads Warmewiderstand Sperrschicht - Anschlussdraht Tj = 25C Tj = 25C IF = 3 A VR = VRRM VF IR RthA RthL Kennwerte < 1.2 V < 10 A < 25 K/W 1) < 10 K/W
120 [%] 100
102 [A] 10
Tj = 125C
80
Tj = 25C
60
1
40 10-1 20 IFAV 0 0 TA 50 100 150 [C]
Rated forward current versus ambient temperature1) 1 Zul. Richtstrom in Abh. von der Umgebungstemp. )
IF 10-2
180a-(3a-1.2v)
0.4
VF
0.8
1.0
1.2
1.4
[V] 1.8
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
10
3
[A] 102
10 iF 1
1
10
10
2
[n]
10
3
Peak forward surge current versus number of cycles at 50 Hz Durchla-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of 1N540007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X