Part Number Hot Search : 
SN74LS47 BM29F MAX13450 OP249GP 21M10 MUR16 VNP20 MAX9789A
Product Description
Full Text Search
 

To Download X150FG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 15,000 V - 20,000 V Rectifiers
25 mA - 50 mA Forward Current 200 ns Recovery Time AXIAL LEADED HERMETICALLY SEALED
X150FG X200FG
4
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) Average Rectified Current (Io) Reverse Current @ Vrwm (Ir) Forward Voltage 1 Cycle Repetitive Reverse Surge Surge Recovery Current Current Time tp=8.3ms (3) (Ifsm) (Ifrm) (Trr) 25C Amps 25C Amps 25C ns Thermal Impedance Junction Cap. @50VDC @ 1kHZ (Cj) 25C pF
(Vf) 25C Volts mA
uJ-L
L=000 L=.125 L=.250 C/W C/W C/W
55C(1) 100C(2) 25C 100C Volts X150FG X200FG mA mA A A
15000 20000
50 25
25 13
1.0 1.0
20 20
20.0 28.0
100 50
3 2
0.5 0.5
200 200
5 5
12 12
21.5 21.5
2.0 2.0
(1)TL=55C L=0.375" (2)TL=100C L=0.375" (3)If=125mA, Ir=250mA, Irr=63mA * Op.Temp.= -65C to +175C Stg.Temp.= -65C to +200C
.170(4.3) MAX.
A
Part X150FG A .360(9.14) MAX. .380(9.65) MAX.
1.00(25.4) MIN.
.030 .003 (.77 .08)
X200FG
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
103
X150FG X200FG
POWER DERATING
10.0 9.0
Maximum Maxumum Power Dissipation (W) L=0.200" L=0.100" L=0.000"
30 25
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0.0 0 25
X200FG
Forward Voltage (V)
20 15 10 5 0
X150FG
L=0.300" L=0.400" L=0.500"
50 75 100 125 Lead Temperature (C) Temperature (C)
150
175
0.0
0.1
0.2 0.3 Forward Current (A)
0.4
0.5
1000
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
1.4 1.2 Junction Capacitance (pF)
TYPICAL JUNCTION CAPACITANCE VS. REVERSE VOLTAGE AT 25C
Reverse Current (uA)
100
1.0
X150FG
0.8 0.6 0.4 0.2
X200FG
10
1 25 50 75 100 Temperature (C) Temperature (C) 125 150
0.0 0 20 40 60 Reverse Bias Voltage (V) 80 100
350 300 250 200 150 100 50 0 25
TYPICAL REVERSE RECOVERY TIME VS. TEMPERATURE
Reverse Recovery Time (ns)
50
75 100 Temperature (C) Temperature (C)
125
150
104


▲Up To Search▲   

 
Price & Availability of X150FG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X