Part Number Hot Search : 
R3550 NCP1417 74LVC2G0 KTK5134S 330M1 330M1 LTC40 2106A
Product Description
Full Text Search
 

To Download TDA2009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD TDA2009
10 +10W STEREO AMPLIFIER
DESCRIPTION
The UTC TDA2009 is a class AB stereo audio power amplifier that contains two identical amplifiers capable of delivering 10W per channel. It is designed for quality Hi-Fi stereo application which is easy to construct and has a minimum need of external components.
LINEAR INTEGRATED CIRCUIT
FEATURES
* Supply range 8V ~ 28V * High power outputs (10W/Channel) * High output current up to 3.5A * Short circuit protection * Thermal protection
HZIP-11A
*Pb-free plating product number: TDA2009L
ORDERING INFORMATION
Order Number Normal Lead Free Plating TDA2009 J11-A-T TDA2009L-J11-A-T Package HZIP-11A Packing Tube
TDA2009L-J11-A-T (1)Packing Type (2)Package Type (3)Lead Plating (1) T: Tube (2) J11-A: HZIP-11A (3) Lead Free Plating Blank: Pb/Sn ,
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 6
QW-R107-051,A
TDA2009
PIN CONFIGURATION
11 10 9 8 7 6 5 4 3 2 1 Tab connected to pin 6
LINEAR INTEGRATED CIRCUIT
N.C. OUTPUT (1) +Vcc OUTPUT (2) N.C. GND NON INV.INPUT (2) INV.INPUT (2) SVRR INV.INPUT (1) NON INV.INPUT (1)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 6
QW-R107-051,A
TDA2009
BLOCK DIAGRAM
LINEAR INTEGRATED CIRCUIT
(9) +Vcc
AC short circuit Protect.
VREF
AC short circuit Protect.
Thermal Shut-Down
+
SVRR circuit
CH2
(8) OUTPUT2
(4) INV.INPUT2 (5) NON INV.INPUT2
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
+ (3) SVRR (6) GND
-
CH1
(2) INV. INPUT1 (1) NON INV. INPUT1
(10) OUTPUT1
3 of 6
QW-R107-051,A
TDA2009
ABSOLUTE MAXIMUM RATINGS
PARAMETER Supply Voltage
LINEAR INTEGRATED CIRCUIT
RATINGS UNIT 28 V repetitive, f 20Hz 3.5 A Peak Output Current IO(PEAK) non repetitive, tp=100s 4.5 A Power Dissipation@Tc = 90C PD 20 W Junction Temperature TJ +150 C Storage Temperature TSTG -40 ~ +150 C Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
SYMBOL VCC
THERMAL DATA
PARAMETER Thermal Resistance Junction to Case SYMBOL JC RATING 3.0 UNIT C/W
ELECTRICAL CHARACTERISTICS
(Refer to test circuit, Ta= 25C, Vcc = 24V, GV = 36dB, unless otherwise specified) PARAMETER Supply Voltage Quiescent Output Voltage Input Saturation Voltage (rms) Total Input Noise Voltage Total Quiescent Drain Current RL =4 RL =8 RL =4 RL =8 RL =4 RL =8 RL =4 RL =8 RL =4 RL =8 Low High SYMBOL TEST CONDITIONS VCC VOUT VCC = 24V VIN(SAT) eN Rg = 10K, 22Hz~22KHz IQ VCC = 24V THD=1%, VCC=24V, f=1kHz POUT f = 40Hz ~12.5kHz VCC = 18V, f = 1kHz POUT = 0.1~7.0W f = 1kHz, POUT = 0.1~3.5W VCC=24V POUT = 0.1~5.0W VCC=18V POUT = 0.1~2.5W f = 1kHz, Non-Inverting Input RL =4 RL =4 f = 1kHz RL = , Rg = 10K 10 5 7 4 0.2 0.1 0.2 0.1 200 20 80 36 0.5 60 50 55 145 MIN 8 300 2.5 60 12.5 7 TYP 11.5 MAX UNIT 28 V V mV 8 V 120 mA W W W W W W % % % % k Hz kHz 36.5 dB dB dB dB C
Output Power for each channel
Total Harmonic Distortion for each channel Input Resistance Frequency Roll off ( 3dB) Closed Loop Voltage Gain Closed Loop Gain Matching Cross Talk
THD RIN fL fH Gv Gv CT SVR
70
35.5
f = 1kHz f = 10kHz
Supply Voltage Rejection for each channel Thermal Shut-Down Junction Temperature
fRIPPLE = 100Hz, VRIPPLE = 0.5V, Rg = 10k
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 6
QW-R107-051,A
TDA2009
TEST AND APPLICATION CIRCUIT
(GV = 36d
+VCC
LINEAR INTEGRATED CIRCUIT
22uF 100uF 0.1uF 9 2200uF/16V 8 1.3 4 220uF 1 18 + 10 1.3 2 220uF 1 18 6 1/2 UTC TDA2009 1 2.2uF IN(R) 3 + 1/2 UTC TDA2009 5 2.2uF IN(L)
0.1uF RL
2200uF/15V
0.1uF RR
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
5 of 6
QW-R107-051,A
TDA2009
TYPICAL CHARACTERISTICS
Output Power vs. Supply Voltage 20 18 16 14
POUT (W)
LINEAR INTEGRATED CIRCUIT
Output Power vs. Supply Voltage 20 18 16 GV = 36dB THD = 10%
GV = 36dB THD = 1% 4
POUT (W)
4
14 12 10 8 6 4 2 0 8
12 10 8 6 4 2 10 12 14 16 18 20 22 24 26 28 30 VCC (V) 8
10 12 14 16 18 20 22 24 26 28 30 VCC (V)
Quiescent Current vs. Supply Voltage 90 80 70 60 RL = 4 100 90 80 70 60
Supply Voltage Rejection vs . Frequency VCC = 18V
IQ (mA)
50 40 30 20 0 6 10 14 18 22 VCC (V) 26 30 34 38
(dB)
50 40 30 20 10 0 10 100 1k f (Hz) 10k 100k
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
6 of 6
QW-R107-051,A


▲Up To Search▲   

 
Price & Availability of TDA2009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X