Part Number Hot Search : 
35072 98120 R1016 ICX205AK ATR2809 1N5818 05390M 15800
Product Description
Full Text Search
 

To Download SUP40N10-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUP40N10-30
New Product
Vishay Siliconix
N-Channel 100-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
100
rDS(on) (W)
0.030 @ VGS = 10 V 0.034 @ VGS = 6 V
ID (A)
40 37.5
FEATURES
D TrenchFETr Power MOSFETS D 175_C Junction Temperature
APPLICATIONS
D Automotive - Motor Drives - 12-V Switches
TO-220AB
D
G
GDS Top View Ordering Information: SUP40N10-30
S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) Pulsed Drain Current Avalanche Current Repetitive Avalanche Energya Maximum Power Dissipationa Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_Cc TC = 25_C TC = 125_C
Symbol
VDS VGS ID IDM IAR EAR PD TJ, Tstg
Limit
100 "20 40 23 75 35 61 107b 3.75 - 55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
PCB Mountc Junction-to-Ambient J ti t A bi t Junction-to-Case (Drain) Notes a. Duty cycle v 1%. b. See SOA curve for voltage derating. c. When mounted on 1" square PCB (FR-4 material). Document Number: 72135 S-31730--Rev. B, 18-Aug-03 www.vishay.com Free Air RthJA RthJC
Symbol
Limit
40 62.5 1.4
Unit
_C/W C/W
1
SUP40N10-30
Vishay Siliconix
New Product
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 80 V, VGS = 0 V Zero Gate Voltage Drain Current g On-State Drain Currenta IDSS ID(on) VDS = 80 V, VGS = 0 V, TJ = 125_C VDS = 80 V, VGS = 0 V, TJ = 175_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 15 A Drain-Source On-State Drain Source On State Resistancea rDS( ) DS(on) VGS = 6 V, ID = 10 A VGS = 10 V, ID = 15 A, TJ = 125_C VGS = 10 V, ID = 15 A, TJ = 175_C Forward Transconductancea gfs VDS = 15 V, ID = 15 A 10 75 0.024 0.026 0.030 0.034 0.054 0.067 S W 100 2 4 "100 1 50 250 A m mA V nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Ciss Coss Crss Qg Qgs Qgd RG td(on) tr td(off) tf VDD = 50 V, RL = 1.25 W ID ^ 40 A, VGEN = 10 V, RG = 2.5 W VDS = 50 V, VGS = 10 V, ID = 40 A , , VGS = 0 V, VDS = 25 V, f = 1 MHz 2400 270 90 35 11 9 1.7 11 12 30 12 20 20 45 20 ns W 60 nC pF
Gate-Drain Chargec Gate Resistance Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec
Source-Drain Diode Ratings and Characteristics (TC =
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge IS ISM VSD trr IRM(REC) Qrr
25_C)b
40 75 IF = 30 A, VGS = 0 V 1.0 60 IF = 30 A, di/dt = 100 A/ms , m 5 0.15 1.5 100 8 0.4 A V ns A mC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 72135 S-31730--Rev. B, 18-Aug-03
SUP40N10-30
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
75 VGS = 10 thru 6 V 60 I D - Drain Current (A) I D - Drain Current (A) 60 75
Vishay Siliconix
Transfer Characteristics
45
5V
45
30
30 TC = 125_C 15 25_C - 55_C 0
15 4V 0 0 2 4 6 8 10 VDS - Drain-to-Source Voltage (V)
0
1
2
3
4
5
6
VGS - Gate-to-Source Voltage (V)
Transconductance
100 TC = - 55_C r DS(on) - On-Resistance ( W ) 80 g fs - Transconductance (S) 25_C 125_C 0.06 0.08
On-Resistance vs. Drain Current
60
0.04
VGS = 6 V
40
20
0.02
VGS = 10 V
0 0 15 30 45 60 75
0.00 0 15 30 45 60 75
ID - Drain Current (A)
ID - Drain Current (A)
3000
Capacitance
20 VDS = 50 V ID = 40 A
Gate Charge
2400 C - Capacitance (pF)
V GS - Gate-to-Source Voltage (V)
Ciss
16
1800
12
1200
8
600
Crss
4
Coss
0 0 20 40 60 80 100 VDS - Drain-to-Source Voltage (V) Document Number: 72135 S-31730--Rev. B, 18-Aug-03
0 0 10 20 30 40 50 60 70 Qg - Total Gate Charge (nC) www.vishay.com
3
SUP40N10-30
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 15 A I S - Source Current (A)
2.5
100
Source-Drain Diode Forward Voltage
r DS(on) - On-Resistance (W) (Normalized)
2.0
1.5
10
TJ = 150_C
TJ = 25_C
1.0
0.5
0.0 - 50
- 25
0
25
50
75
100
125
150
175
1 0
0.3
0.6
0.9
1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
1000
Avalanche Current vs. Time
Drain-Source Breakdown Voltage vs. Junction Temperature
130 Drain-Source Breakdown Voltage (V) 125 120 115 110 105 100 95 - 50 ID = 10 mA
100 I Dav (a)
10
IAV (A) @ TA = 25_C
1 IAV (A) @ TA = 150_C 0.1 0.00001 0.0001 0.001 0.01 0.1 1 tin (Sec)
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (_C)
www.vishay.com
4
Document Number: 72135 S-31730--Rev. B, 18-Aug-03
SUP40N10-30
New Product
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
50
Vishay Siliconix
1000
Safe Operating Area
Limited by rDS(on)
40 I D - Drain Current (A) I D - Drain Current (A)
100
10 ms 100 ms
30
10 1 ms 10 ms 1 TC = 25_C Single Pulse dc, 100 ms
20
10
0 0 25 50 75 100 125 150 175 TC - Ambient Temperature (_C)
0.1 0.1 1 10 100 1000 VDS - Drain-to-Source Voltage (V)
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Case
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10 -4 10 -3 10 -2 Square Wave Pulse Duration (sec) 10 -1
1
Document Number: 72135 S-31730--Rev. B, 18-Aug-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SUP40N10-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X