Part Number Hot Search : 
C9475M0 2SC4486 NTE1954 SPN1304S SC2608A 06010 SC2608A BTA208
Product Description
Full Text Search
 

To Download STPS60150C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS60150C
POWER SCHOTTKY RECTIFIER
Table 1: Main Product Characteristics IF(AV) VRRM Tj VF(max) FEATURES AND BENEFITS

2 x 30 A 150 V 175C 0.76 V
K
A1 K A2
High junction temperature capabiliy Low leakage current Low thermal resistance High frequency operation Avalanche specification
A2 A1 K
TO-220AB STPS60150CT
DESCRIPTION Dual center tab Schottky rectifier suited for High Frequency server and telecom base station SMPS. Packaged in TO-220AB, this device combines high current rating and low volume to enhance both reliability and power density of the application. Table 2: Order Codes Part Number STPS60150CT
Marking STPS60150CT
Table 3: Absolute Ratings (limiting values, per diode) Symbol VRRM IF(RMS) IF(AV) IFSM PARM Tstg Tj dV/dt RMS forward voltage Average forward current Tc = 150C = 0.5 Per diode Per device tp = 10ms sinusoidal tp = 1s Tj = 25C Parameter Repetitive peak reverse voltage Value 150 60 30 60 270 17300 -65 to + 175 175 10000 Unit V A A A W C C V/s
Surge non repetitive forward current Repetitive peak avalanche power Storage temperature range Maximum operating junction temperature * Critical rate of rise of reverse voltage
1 dPtot * : --------------- > ------------------------- thermal runaway condition for a diode on its own heatsink dTj Rth ( j - a )
October 2004
REV. 1
1/6
STPS60150C
Table 4: Thermal Parameters Symbol Rth(j-c) Rth(c) Junction to case Coupling Parameter Per diode Total Value 1.0 0.7 0.4 Unit C/W
When the diodes 1 and 2 are used simultaneously: Tj(diode 1) = P(diode 1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 5: Static Electrical Characteristics (per diode) Symbol IR * VF ** Parameter Tests conditions VR = VRRM IF = 30A IF = 30A IF = 60A IF = 60A 0.72 0.97 0.86 Tj = 125C Forward voltage drop Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Pulse test: * tp = 5 ms, < 2% ** tp = 380 s, < 2%
Min.
Typ 3 3
Max. 15 10 0.94 0.76 1.05 0.92
Unit A mA V
Reverse leakage current Tj = 25C
To evaluate the conduction losses use the following equation: P = 0.6 x IF(AV) + 0.0053 IF (RMS)
2
2/6
STPS60150C
Figure 1: Average forward power dissipation versus average forward current (per diode)
PF(AV)(W)
30 35
Figure 2: Average forward current versus ambient temperature ( = 0.5, per diode)
IF(AV)(A)
25
= 0.1 = 0.05
= 0.2
= 0.5
30 25 20
Rth(j-a)=Rth(j-c)
20
=1
15 15 10 10
Rth(j-a)=15C/W
T
5 5
T
IF(AV)(A)
0 0 5 10 15 20 25
=tp/T
30
tp
0 35 0
=tp/T
25
tp
50
Tamb(C)
75 100 125 150 175
Figure 3: Normalized avalanche derating versus pulse duration
PARM(tp) PARM(1s)
1
power
Figure 4: Normalized avalanche derating versus junction temperature
PARM(tp) PARM(25C)
power
1.2 1
0.1
0.8 0.6
0.01
0.4 0.2
0.001
0.01 0.1 1
tp(s)
10 100 1000
Tj(C)
0 0 25 50 75 100 125 150
Figure 5: Non repetitive surge peak forward current versus overload duration (maximum values, per diode)
IM(A)
350 300
Figure 6: Relative variation of thermal impedance junction to case versus pulse duration (per diode)
Zth(j-c)/Rth(j-c)
1.0 0.9 0.8
250 200
TC=50C
0.7 0.6 0.5 0.4 0.3
IM
150
TC=75C
100
TC=125C
t
0.2 0.1 0.0
Single pulse
50
=0.5
t(s)
1.E-02 1.E-01 1.E+00
tp(s)
1.E-02 1.E-01 1.E+00
0 1.E-03
1.E-03
3/6
STPS60150C
Figure 7: Reverse leakage current versus reverse voltage applied (typical values, per diode)
IR(A)
1.E+05 10000
F=1MHz VOSC=30mVRMS Tj=25C
Figure 8: Junction capacitance versus reverse voltage applied (typical values, per diode)
C(pF)
1.E+04
Tj=150C
Tj=125C
1.E+03
Tj=100C
1.E+02
Tj=75C
1000
1.E+01
Tj=50C
1.E+00
Tj=25C
VR(V)
1.E-01 0 25 50 75 100 125 150
VR(V)
100 1 10 100 1000
Figure 9: Forward voltage drop versus forward current (per diode)
IFM(A)
100.0
Tj=125C (maximum values)
10.0
Tj=125C (typical values)
Tj=25C (maximum values)
1.0
0.1 0.0 0.1 0.2 0.3 0.4
VFM(V)
0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
4/6
STPS60150C
Figure 10: TO-220AB Package Mechanical Data REF. DIMENSIONS Millimeters Inches Min. Max. Min. Max. 4.40 4.60 0.173 0.181 1.23 1.32 0.048 0.051 2.40 2.72 0.094 0.107 0.49 0.70 0.019 0.027 0.61 0.88 0.024 0.034 1.14 1.70 0.044 0.066 1.14 1.70 0.044 0.066 4.95 5.15 0.194 0.202 2.40 2.70 0.094 0.106 10 10.40 0.393 0.409 16.4 typ. 0.645 typ. 13 14 0.511 0.551 2.65 2.95 0.104 0.116 15.25 15.75 0.600 0.620 6.20 6.60 0.244 0.259 3.50 3.93 0.137 0.154 2.6 typ. 0.102 typ. 3.75 3.85 0.147 0.151
H2 Dia L5 C
A
L7 L6
L2 F2 F1 L9 L4 F G1 G M E D
A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M Diam.
Table 6: Ordering Information Ordering type STPS60150CT

Marking STPS60150CT
Package TO-220AB
Weight 2.20 g
Base qty 50
Delivery mode Tube
Epoxy meets UL94, V0 Cooling method: by conduction (C) Recommended torque value: 0.8 m.N. Maximum torque value: 1.0 m.N.
Table 7: Revision History Date 19-Oct-2004 Revision 1 First issue. Description of Changes
5/6
STPS60150C
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2004 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
6/6
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of STPS60150C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X