Part Number Hot Search : 
EE08028 TS293807 MAX382 TEW4087 HL02U HHF2V6A 90M6T 54LS174
Product Description
Full Text Search
 

To Download SRA16100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRA1620 - SRA16150
16.0 AMPS. Schottky Barrier Rectifiers TO-220AC
.185(4.70) .175(4.44) .412(10.5) MAX .113(2.87) .103(2.62) DIA .154(3.91) .148(3.74) .27(6.86) .23(5.84) .594(15.1) .587(14.9) PIN1 .16(4.06) .14(3.56) .56(14.22) .53(13.46) .037(0.94) .027(0.68) 2 .11(2.79) .10(2.54) .055(1.40) .045(1.14)
Features
Low power loss, high efficiency. High current capability, Low VF. High reliability High surge current capability. Epitaxial construction. Guard-ring for transient protection. For use in low voltage, high frequency inventor, free wheeling, and polarity protection application
.205(5.20) .195(4.95)
.025(0.64) .014(0.35)
PIN 1 PIN 2 CASE
Mechanical Data
Cases: TO-220AC molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Pure tin plated, lead free. solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C/10 seconds.25",(6.35mm) from case. Weight: 2.24 grams
o
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SRA SRA SRA SRA Type Number
1620 1630 1640
1650
SRA 1660
SRA SRA SRA 1690 16100 16150
Units V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @16.0A
Maximum D.C. Reverse Current at Rated DC Blocking Voltage @ Tc=25 C o @ Tc=100 C
o
VRRM VRMS VDC I(AV) IFSM VF IR Cj RJC TJ TSTG
20 14 20
30 21 30
40 28 40
50 35 50 16 200
60 42 60
90 63 90
100 70 100
150 105 150
0.55 0.5 15 700 -65 to +125
0.70 10 550 5.0
0.92 0.1 5.0 480 -65 to +150
1.05
V mA mA pF o C/W o C o C
Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range
Storage Temperature Range -65 to +150 Notes: 1. Mounted on Heatsink Size of 2" x 3" x 0.25" Al-Plate. 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
- 126 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (SRA1620 THRU SRA16150)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
20 SRA1650-150 350
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
300 8.3ms Single Half Sine Wave JEDEC Method 250 200 150 100 50
AVERAGE FORWARD CURRENT. (A)
16 SRA1620-40 12 8 4 0 0 50 100 o CASE TEMPERATURE. ( C) 150
1
2
5 10 20 NUMBER OF CYCLES AT 60Hz
50
100
FIG.3- TYPICAL FORWARD CHARACTERISTICS
50 10
FIG.4- TYPICAL REVERSE CHARACTERISTICS
Tj=100 0C
16
40 62 A1
INSTANTANEOUS FORWARD CURRENT. (A)
016 60
0-
INSTANTANEOUS REVERSE CURRENT. (mA)
SR
65
A1
Tj=75 0C 1.0
SR
10
A1
69
0-
16
10 SR SR A1 61 50
0
.10
Tj=25 0C
1.0 Tj=25oC Pulse Width=300 s 1% Duty Cycle
.01
0.1 .1 .2 .3 .4 .5 .6 .7 .8 .9 1.0 FORWARD VOLTAGE. (V)
.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
4000 100
SRA1650-60
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
JUNCTION CAPACITANCE.(pF)
2000
SR
A1
10.0
1000 800 600 400
62
0-4
SRA1
0
690-1
50
1
200
100 .1 .4 1.0 4 10 40 80 100 REVERSE VOLTAGE. (V)
0.1 0.01 0.1 1 PULSE DURATION. (sec) 10 100
Version: B07


▲Up To Search▲   

 
Price & Availability of SRA16100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X