Part Number Hot Search : 
ML4869 MC56F8 RN2422 PU160 12N60A4 IRFB4 SD103C MMSZ5235
Product Description
Full Text Search
 

To Download SRA10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRA1020 - SRA10150
10.0 AMPS. Schottky Barrier Rectifiers TO-220AC
.185(4.70) .175(4.44) .412(10.5) MAX .113(2.87) .103(2.62) DIA .154(3.91) .148(3.74) .27(6.86) .23(5.84) .594(15.1) .587(14.9) PIN1 .16(4.06) .14(3.56) .56(14.22) .53(13.46) .037(0.94) .027(0.68) 2 .11(2.79) .10(2.54) .055(1.40) .045(1.14)
Features
Low power loss, high efficiency. High current capability, Low VF. High reliability High surge current capability. Epitaxial construction. Guard-ring for transient protection. For use in low voltage, high frequency inventor, free wheeling, and polarity protection application
.205(5.20) .195(4.95)
.025(0.64) .014(0.35)
PIN 1 PIN 2 CASE
Mechanical Data
Cases: TO-220AC molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Pure tin plated, lead free. solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260oC/10 seconds/ .25",(6.35mm) from case. Weight: 2.24 grams
Dimensions in inches and (millimeters)
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SRA SRA SRA Type Number
1020 1030
Maximum Ratings and Electrical Characteristics o
1040 SRA 1050 SRA 1060 SRA SRA SRA 1090 10100 10150
Units V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @Tc=110 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method )
Maximum Instantaneous Forward Voltage
VRRM VRMS VDC I(AV) IFSM VF IR Cj RJC TJ TSTG
20 14 20
30 21 30
40 28 40
50 35 50 10
60 42 60
90 63 90
100 150 70 105 100 150
170 0.55 0.5 15 10 400 2.0 0.70 0.85 0.1 5.0 0.95
@ 10A
Maximum D.C. Reverse Current @ Tc=25 C o at Rated DC Blocking Voltage @ Tc=100 C
o
V mA mA pF o C/W o C o C
Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range
-65 to +125
Storage Temperature Range Notes: 1. Mounted on Heatsink Size of 2" x 3" x 0.25" Al-Plate. 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
-65 to +150 -65 to +150
- 106 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (SRA1020 THRU SRA10150)
FIG.1- FORWARD CURRENT DERATING CURVE
10 300
SRA1050-150
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
8.3ms SINGLE HALF SINE WAVE PER LEG. (JEDEC METHOD) Tj=Tj max.
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
8
250 200 150 100
6
SRA1020-40
4
2
50
0
0
50 100 o CASE TEMPERATURE. ( C)
150
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
100
FIG.3- TYPICAL FORWARD CHARACTERISTICS
10
FIG.4- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. (mA)
Tj=100 0C
02
0-
10
10
40 A1 SR
05 0A1 10 0 10 60
10
50
09
A1
SR
A1
01
0-
5 Tj=75 0C
SR
1.0
SR
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE 0.1 .2 .3 .4 .5 .6 .7 .8 INSTANTANEOUS FORWARD VOLTAGE. (V) .9 0.1 0
0
Tj=25 0C 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
4000
JUNCTION CAPACITANCE.(pF)
Tj=25 0C f=1.0MHz Vsig=50mVp-p
1000
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
100
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
10
1
100
0.1
1.0
10
100
0.1
REVERSE VOLTAGE. (V)
0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
Version: B07


▲Up To Search▲   

 
Price & Availability of SRA10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X