Part Number Hot Search : 
2SK27 A6259N BCY58A 477M00 AAT4612 NCP300 330M255 B3322BS1
Product Description
Full Text Search
 

To Download SGA-6386 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Description
Stanford Microdevices SGA-6386 is a high performance SiGe Heterojunction Bipolar Transistor MMIC Amplifier. A Darlington configuration featuring 1 micron emitters provides high FT and excellent thermal perfomance. The heterojunction increases breakdown voltage and minimizes leakage current between junctions. Cancellation of emitter junction non-linearities results in higher suppression of intermodulation products. At 850 Mhz and 80mA , the SGA-6386 typically provides +36 dBm output IP3, 15.4 dB of gain, and +21 dBm of 1dB compressed power using a single positive voltage supply. Only 2 DC-blocking capacitors, a bias resistor and an optional RF choke are required for operation.
Gain & Return Loss vs. Freq. @T L=+25C 18 16
GAIN
SGA-6386
DC-3000 MHz, Cascadable SiGe HBT MMIC Amplifier
Product Features
High Gain : 13.3 dB at 1950 MHz Cascadable 50 Ohm Patented SiGe Technology
0
Return Loss (dB)
-8
ORL IRL
Gain (dB)
14 12 10 8 0
-16 -24 -32 -40 1 2 3 Frequency (GHz) 4 5
Operates From Single Supply Low Thermal Resistance Package
Applications
Cellular, PCS, CDPD Wireless Data, SONET Satellite
Units dB dB dB dBm dBm dBm dBm M Hz dB dB dB V C/W 1950 M Hz 1950 M Hz 1950 M Hz 4.6 Frequency 850 M Hz 1950 M Hz 2400 M Hz 850 M Hz 1950 M Hz 850 M Hz 1950 M Hz Min. 14.0 Ty p. 15.4 13.3 12.5 21.0 19.0 36.0 34.0 3000 26.7 16.2 4.4 4.9 97 5.4 Max. 16.9
Sy mbol G P1dB OIP3
Parameter Small Signal Gain Output Pow er at 1dB Compression Output Third Order Intercept Point
(Pow er out per tone = 0dBm)
Bandw idth Determined by Return Loss (<-10dB)
IRL ORL NF VD RTh
Input Return Loss Output Return Loss Noise Figure Device Voltage Thermal Resistance
VS = 8v RBIAS = 39 Ohms ID = 80mA Typ. TL = 25C
Test Conditions:
IP3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm ZS = ZL = 50 Ohms
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or omissions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the users own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
726 Palomar Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 1
http://www.stanfordmicro.com
EDS-100614 Rev B
Preliminary SGA-6386 DC-3000 MHz Cascadable MMIC Amplifier Typical RF Performance at Key Operating Frequencies
Frequency (MHz)
Sy mbol Parameter Unit 100 500 850 1950 2400 3500
G OIP3 P1dB IRL ORL S12 NF
Small Signal Gain Output Third Order Intercept Point Output Pow er at 1dB Compression Input Return Loss Output Return Loss Reverse Isolation Noise Figure
dB dBm dBm dB dB dB dB
ID = 80mA Typ. TL = 25C
15.5 37.1 20.5 23.8 13.2 20.0 23.9 14.5 20.2 3.7
15.4 36.0 21.0 25.6 16.6 20.4 3.8
13.3 34.0 19.0 26.7 16.2 19.9 4.4
12.5 32.2 17.7 20.4 15.1 19.2 4.5 16.0 14.2 17.2
V = 8v Test Conditions: S RBIAS = 39 Ohms
IP3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm ZS = ZL = 50 Ohms
Noise Figure vs. Frequency
VD= 4.9 V, ID= 80 mA
7 Noise Figure (dB) 6 5 4 3 2 0 0.5 1 1.5 2 Frequency (GHz) 2.5 3
Absolute Maximum Ratings
Parameter Max. Device Current (ID) Absolute Limit 160 mA 7V +16 dBm
+150C -40C to +85C +150C
TL=+25C
Max. Device Voltage (VD) Max. RF Input Pow er Max. Junction Temp. (TJ)
Operating Temp. Range (TL)
TL=+25C
Max. Storage Temp.
Operation of this device beyond any one of these limits may cause permanent damage.
Bias Conditions should also satisfy the following expression: IDVD (max) < (TJ - TL)/Rth
OIP3 vs. Frequency
VD= 4.9 V, ID= 80 mA
40 35 OIP3 (dBm) 30 25
P1dB vs. Frequency
VD= 4.9 v, ID= 80 mA
25
TL
P1dB (dBm)
23 21 19 17 15
TL
TL=+25C
TL=+25C
20 0 0.5 1 1.5 2 Frequency (GHz) 2.5 3
0
0.5
1 1.5 2 Frequency (GHz)
2.5
3
726 Palomar Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 2
http://www.stanfordmicro.com
EDS-100614 Rev B
Preliminary SGA-6386 DC-3000 MHz Cascadable MMIC Amplifier
S21 vs. Frequency S11 vs. Frequency
20 16 S21 (dB) 12 8 4 0 0 1
VD= 4.9 V, ID= 80 mA
-5
+25C -40C +85C
VD= 4.9 V, ID= 80 mA
TL
-10 S11 (dB) -15 -20 -25 -30 -35
TL
+25C -40C +85C
2 3 Frequency (GHz)
4
5
0
1
2 3 Frequency (GHz)
4
5
-5 -9 S12 (dB) -13 -17 -21 -25 0 1
VD= 4.9 V, ID= 80 mA
S12 vs. Frequency
-5
+25C -40C +85C
VD= 4.9 V, ID= 80 mA
S22 vs. Frequency
TL
-10 S22 (dB) -15 -20 -25 -30
+25C -40C +85C
TL
2 3 Frequency (GHz)
4
5
0
1
2 3 Frequency (GHz)
4
5
726 Palomar Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 3
http://www.stanfordmicro.com
EDS-100614 Rev B
Preliminary SGA-6386 DC-3000 MHz Cascadable MMIC Amplifier SGA-6386 Basic Application Circuit
R BIAS
1 uF 1000 pF
Application Circuit Element Values
Reference Designator Frequency (Mhz) 500 850 1950 2400 3500
VS
CD LC
CB CD LC
220 pF 100 pF 68 nH
100 pF 68 pF 33 nH
68 pF 22 pF 22 nH
56 pF 22 pF 18 nH
39 pF 15 pF 15 nH
RF in CB
4 1 SGA-6386 3 2 CB
RF out
Recommended Bias Resistor Values for ID=80mA Supply Voltage(VS) RBIAS 7.5V 33 8V 39 10V 62 12V 91
VS
RBIAS
Note: RBIAS provides DC bias stability over temperature.
1 uF 1000 pF Mounting Instructions
1. Use a large ground pad area under device pins 2 and 4 with many plated through-holes as shown.
LC
CD
A63
CB
CB
3. We recommend 1 or 2 ounce copper. Measurements for this data sheet were made on a 31 mil thick FR-4 board with 1 ounce copper on both sides.
Part Identification Marking The part will be marked with an A63 designator on the top surface of the package. 3
Pin # 1
Function RF IN
Description RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation. Connection to ground. Use via holes for best performance to reduce lead inductance as close to ground leads as possible.
2
GND
4
A63
2
3
1 For package dimensions, refer to outline drawing at www.stanfordmicro.com
RF OUT/ RF output and bias pin. DC voltage is BIAS present on this pin, therefore a DC blocking capacitor is necessary for proper operation. GND Sames as Pin 2
4
Caution: ESD sensitive
Part Number Ordering Information
Part Number SGA-6386 Reel Size 13" Devices/Reel 3000
Appropriate precautions in handling, packaging and testing devices must be observed.
726 Palomar Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 4
http://www.stanfordmicro.com
EDS-100614 Rev B


▲Up To Search▲   

 
Price & Availability of SGA-6386

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X