|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SEL6015 Series 3 Round Narrow-directivity LED (Direct Mount) SEL6015 Series External Dimensions (Unit: mm) Directivity (Typical) 3.5 0.80.2 1.0min Cathode (2.54) 4.00.2 o3.10.1 23.0min (1.7) Resin burr 0.3max 5.5 3.50.1 30 4.4 60 0 30 60 0.450.1 0.4 0.1 0.65max Resin heap 0.8max Cathode mark 90 100% 50 0 50 90 100% Tolerance: 0.3 Transparent lens Absolute maximum ratings (Ta=25C) Symbol IF IF IFP VR Top Tstg Unit mA mA/C mA V C C Rating 30 -0.45 100 3 -30 to +85 -30 to +100 Condition Above 25C f=1kHz, tw100s Electrical Optical characteristics (Ta=25C) Forward voltage Reverse current Intensity Peak wavelength Spectrum half width VF Condition IR Condition IV Condition P Condition Condition Chip (V) IF (A) VR (mcd) IF (nm) IF (nm) IF material typ max (mA) max (V) typ (mA) typ (mA) typ (mA) 1.9 1.9 2.0 2.0 2.0 2.5 2.5 2.5 2.5 2.5 10 10 10 10 10 50 50 50 50 50 3 3 3 3 3 45 60 90 81 44 20 20 20 20 20 630 587 570 560 555 10 10 10 10 10 35 33 30 20 20 10 10 10 10 10 GaAsP Emitting color Part Number SEL6215S SEL6915A SEL6715C SEL6415E SEL6515C Lens color Red Orange Yellow Green Pure green Transparent red Transparent orange Clear Transparent green Clear GaP 21 |
Price & Availability of SEL6015 |