Part Number Hot Search : 
2415DA IRHN9150 D7000 SD05H1B IP00DS 422T3 Q1V822HJ 16005
Product Description
Full Text Search
 

To Download RT2250B6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LVPECL Terminators
Technical Data Sheet
RoHS Compliant Parts Available
Description
These integrated termination networks provide high performance line termination for LVPECL busses. Specifically designed shielding inside the package combined with a ceramic substrate virtually eliminates cross talk between channels that is common in other termination networks and resistor arrays. The BGA packaging has been proven to reduce rework and improve reliability.
Style G
3
Features
* * * * * * * 8 Bit Thevinin Termination Set Compliant for LVPECL Termination Excellent High Frequency Performance Slim BGA Package 1% Resistor Tolerance Low Channel to Channel Cross Talk RoHS Compliant Designs Available * Compatible with both lead and leadfree processes
LVPECL Thevenin Termination
VCC
R1
R1
Zo
R2
2
R2
1 A B C D E F G H
Zo = 50 Ohms VC C = 3.3 Volts VEE = 0 Volts
Thevenin Vtt = 1.3Volts R1 = 127 Ohms R2 = 82.5 Ohms
VEE
Electrical Specifications
Resistor Tolerance: TCR Operating Temperature Range Maximum Resistor Power: R1 R2 Maximum Package Power: Process Requirements: Maximum Re-flow Temperature 1.0% 200 ppm/C -55C to +125C B6-1.27mm Pitch 96mw 96mw 1.0 Watt at 70C
Typical Application
LVPECL DRIVERS VEE VC C R2 R1 LVPECL RECEVERS
B7-1.00mm Pitch 60mW 66mW
Per IPC/JEDEC J-STD-020C
CTS RT2250
Ordering Information
Standard Part No. RT1250B6* R1 127 R2 82.5 Bits 8 Pitch (mm) 1.27 RoHS Part No. RT2250B6*
Packaging Information
Suffix
Tape Width Carrier Pitch Reel Diameter Parts/Reel
TR7
24 mm 8 mm 7 inch 1,000
TR13
24mm 8 mm 13 inch 4,000
RT1250B7 127 82.5 8 1.00 RT2250B7 *Indicates available Top Probe-able part numbers. Refer to the following link for detailed Top Side Probe-able information: www.ctscorp.com/components/clearone/TopProveClearOne.pdf
Part Number Coding 7 inch reel, Add TR7 to part number, example RT2250B7TR7 13 inch reel, Add TR13 to part number, example RT2250B7TR13 (Bulk packaging is not available)
Direction of Feed
CTS Electronic Components www.ctscorp.com
(c) 2006 CTS Corporation. All rights reserved. Information subject to change. Page 1 LVPECL Terminators
March 06
Recommended Land Pattern
Outline of Substrate
BGA Routing Scheme
Blind vias to VEE reference plane layer recommended on every other row as shown. Blind vias to V CC reference plane layer recommended on every other row as shown.
PCB Pad Diameter 1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum) 1.27mm pitch (B6) = 0.64mm/.025 inch (minimum)
Solder Mask Dia = Pad Diameter +.15mm (.006 inch)
Signal Lines 9 mil trace width or similar to achieve controlled 50 Ohm transmission line impedance Zo.
For .006" Thick Solder Paste Stencil, Aperture Opening Should be Equal to the PCB Pad Diameter. Refer to www.ctscorp.com/components/clearone.asp for additional PCB design information
Mechanical Diagram
L H
W
RT_250B_ CTS YRWK
A1 Identifier
P (Pitch)
P (Pitch)
K
D
1.00mm Pitch
RT1250B7 RT2250B7 RT1250B6 RT2250B6 mm inch mm inch
L
8.000.15 .315.006
W
3.000.15 .118.006
H
1.190.15 .047.006
P
1.000.25 .039.010
D
0.640.05 .025.002
K
0.500.25 .020.010
1.27mm Pitch
L
10.160.15 .400.006
W
3.810.15 .150.006
H
1.320.15 .052.006
P
1.270.25 .050.010
D
0.760.05 .030.002
K
0.640.25 .025.010
Complete ClearONE Product, Processing, and Application Information can be found at the following link: http://www.ctscorp.com/components/clearone.asp
CTS Electronic Components www.ctscorp.com
(c) 2006 CTS Corporation. All rights reserved. Information subject to change. Page 2 LVPECL Terminators
March 06


▲Up To Search▲   

 
Price & Availability of RT2250B6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X