|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RC Series 3000 Technical Data Features * * * * * Integrated Resistor and Capacitor Network Excellent high frequency performance Slim BGA Package 1% Resistor Tolerance Dense packaging solution Significantly reduces component placements * Description This Resistor/Capacitor terminator network provides high performance termination. Designed with a ceramic substrate, this device virtually eliminates channel capacitance, a primary cause of reduced system performance. In addition, the BGA package eases routing design, saving the designer many hours of printed circuit layout. 3 C1 C1 C1 C1 C1 C1 C1 C1 C1 3 C1 C1 C1 C1 C1 C1 C1 C1 C1 4 C1 C1 C1 C1 C1 C1 C1 C1 C1 2 R1 R1 R1 R1 R1 R1 R1 R1 R1 2 R1 R1 R1 R1 R1 R1 R1 R1 R1 3 R1 R1 R1 R1 R1 R1 R1 R1 R1 2 R1 R1 R1 R1 R1 R1 R1 R1 R1 1 A B C D E F G H J 1 A B C D E F G H J 1 Style J Style K A B C D E F G H J Style L Ordering Information 1.27mm Pitch Part Number 1.00mm Pitch Part Number Style Ball Grid Array Size R1 Tolerance R1 C1 Cap Tolerance Dielectric DF RC3001B61 RC3002B6 RC3003B61 RC3004B61 RC3005B6 RC3007B6 RC3008B6 RC3002B7 -- J K L J L J J 3x9 3x9 4x9 3x9 4x9 3x9 3x9 50 50 50 50 50 50 50 1% 1% 1% 1% 1% 1% 1% 33pf 0.1uf 0.1uf 100pf 0.1uf 100pf 33pf 10% 10% 10% 10% 10% 10% 10% NPO X5R X5R NPO X5R NPO NPO 2.5% max 5% max 5% max 2.5% max 5% max 2.5% max 2.5% max Note 1: These are obsolete encapsulated designs. Only the un-encapsulated part numbers may be ordered. (Tape and reel packaging information is shown on page 2) CTS Electronic Components www.ctscorp.com (c) 2005 CTS Corporation. All rights reserved. Information subject to change. Page 1 RC Series 3000 Technical Data 10/10/2005 Mechanical Diagrams Recommended Land Pattern Outline of Substrate L W RC3___B_ CTSDATE A1 Identifier H P P(Pitch) L 12.340.15 .486.006 12.340.15 .486.006 11.430.15 .450.006 11.430.15 .450.006 L 9.640.15 .380.006 PCB Pad Diameter 1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum) 1.27mm pitch (B6) = 0.64mm/.025 inch (minimum) Solder Mask Dia = Pad Diameter +.15mm (.006 inch) K 1.27mm Pitch RC3001B61 mm RC3002B61 inch 1 RC3004B6 mm RC3003B61 inch mm RC3005B6 inch mm RC3007B6 RC3008B6 inch 1.0mm Pitch mm RC3002B7 inch OD W 4.720.15 .186.006 5.990.15 .236.006 5.080.15 .200.006 3.810.15 .150.006 W 3.640.15 .143.006 H 2.54 max .100 max 2.54 max .100 max 2.03 max .080 max 2.03 max .080 max H 1.83 max .072 max For .006" Thick Solder Paste Stencil, Aperture Opening Should be Equal to the PCB Pad Diameter. Refer to www.ctscorp.com/resistor for Land Pattern Library P 1.270.25 .050.010 1.270.25 .050.010 1.270.25 .050.010 1.270.25 .050.010 P 1.000.25 .039.010 D 0.760.05 .030.002 0.760.05 .030.002 0.760.05 .030.002 0.760.05 .030.002 D 0.640.05 .025.002 K 1.090.25 .043.010 1.090.25 .043.010 1.020.25 .040.010 1.020.25 .040.010 K 0.820.25 .033.010 Coplanarity 0.15 .006 0.15 .006 0.15 .006 0.15 .006 Coplanarity 0.15 .006 Note 1: These are obsolete encapsulated designs. Only the un-encapsulated part numbers may be ordered. RC3005B6 replaces RC3003B6, RC3007B6 replaces RC3004B6, and RC3008B6 replaces RC3001B6. Electrical Specifications Resistor Tolerance: TCR Operating Temperature Range Maximum Resistor Power: Maximum Package Power: Maximum Processing Temperature: Note: 1.0% 200ppm/C -55C to +125C (with NPO capacitors) -55C to +85C (with X5R capacitors) 0.05 Watts min. at 70C (Not to exceed total package power) Packaging Information Suffix Tape Width Carrier Pitch Reel Diameter Parts/Reel TR7 24 mm 8 mm 7 inch 1,000 TR13 24mm 8 mm 13 inch 4,000 1.0 Watts at 70C 225C, 30 sec. (Encapsulated Design) 235C, 30 sec. (Un-encapsulated Design) Part Number Coding 7 inch reel, Add TR7 to part number, example RC3001B6TR7 13 inch reel, Add TR13 to part number, example RC3001B6TR13 (Bulk packaging is not available) Maximum resistor power will vary by resistance value. Direction of Feed CTS Electronic Components www.ctscorp.com (c) 2005 CTS Corporation. All rights reserved. Information subject to change. Page 2 RC Series 3000 Technical Data 10/10/2005 |
Price & Availability of RC3002B6 |