Part Number Hot Search : 
2X5R1C1 440AS075 MOC30 HC1G0 2N5481 C74761 14D271 AD7854SQ
Product Description
Full Text Search
 

To Download PQ015EZ5MZPH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
PQxxxEZ5MZxH Series PQxxxEZ01ZxH Series
Features
1.Low voltage operation (Minimum operating voltage: 2.35V) 2.5V input available 1.5 to 1.8V 2.Low dissipation current Dissipation current at no load: MAX. 2mA Output OFF-state dissipation current: MAX. 5A 3.Built-in overcurrent protection and overheat protection functions 4.RoHS directive compliant
Compact Surface Mount type Low Power-Loss Voltage Regulators
Outline Dimensions
(Unit : mm)
6.6M AX. 5.20.5
3
2.30.5 ( 0.5)
Epoxy resin
9.7M AX.
5.50.5
0 1 5 EZ5 M
Lead finish identification mark
M IN.
( 00.25)
+0.2 0.5-0.1
Applications
1.Peripheral equipment of personal computers 2.Power supplies for various electronic equipment such as DVD player or STB
2.5
4-( 1.27)
(
) : Typical dimensions
Product mass:(0.3g)
1 2 3 4 5
Model Line-up
Output current (IO) Package type Taping Sleeve Taping Sleeve Taping Sleeve Taping Sleeve Output voltage (VO)
1
3
1.5V
1.8V
2.5V
1 2 3 4 5
Specific IC
2 5
0.5A 1A
PQ015EZ5MZPH PQ018EZ5MZPH PQ025EZ5MZPH PQ015EZ5MZZH PQ018EZ5MZZH PQ025EZ5MZZH PQ015EZ01ZPH PQ018EZ01ZPH PQ025EZ01ZPH PQ015EZ01ZZH PQ018EZ01ZZH PQ025EZ01ZZH
3.0V
3.3V
DC input (VIN) ON/OFF control terminal (VC) DC output(VO) NC GND
0.5A 1A
PQ030EZ5MZPH PQ033EZ5MZPH PQ030EZ5MZZH PQ033EZ5MZZH PQ030EZ01ZPH PQ033EZ01ZPH PQ030EZ01ZZH PQ033EZ01ZZH Lead finish:Lead-free solder plating (Composition: Sn2Cu)
Absolute Maximum Ratings
Parameter Input voltage
(Ta=25C) Unit V V A W C C C C
Rating Symbol 10 VIN *1 ON/OFF control terminal voltage 10 VC 0.5 Output PQxxxEZ5MZxH Series IO current PQxxxEZ01ZxH Series 1 *2 8 Power dissipation PD *3 Tj 150 Junction temperature Operating temperature Topr -40 to +85 Tstg -40 to +150 Storage temperature 260(10s) Tsol Soldering temperature
*1 All are open except GND and applicable terminals. *2 PD: With infinite heat sink *3 Overheat protection may operate at Tj:125C to 150C
Notice The content of data sheet is subject to change without prior notice. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
Sheet No.: OP06021
( 0.9)
( 0.5)
( 1.7)
H
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series Electrical Characteristics
(Unless otherwise specified, condition shall be VIN=VO(TYP.)+1V, IO=0.3A,VC=2.7V,Ta=25C(PQxxxEZ5MZxH)) (Unless otherwise specified, condition shall be VIN=VO(TYP.)+1V, IO=0.5A,VC=2.7V,Ta=25C(PQxxxEZ01ZxH))
Parameter Input voltage
Output voltage Load regulation
PQxxxEZ5MZxH PQxxxEZ01ZxH
Symbol
VIN
Conditions
MIN.
TYP.
MAX.
VO RegL RegI TCVO RR
PQxxxEZ5MZxH PQxxxEZ01ZxH
IO=5mA to 0.5A IO=5mA to 1A
VIN=VO(TYP.)+1V to VO(TYP.)+6V,IO=5mA
Refer to below table Refer to below table
Unit V V % % %/C dB V V A V A mA A
45 2.0
0.2 0.1
0.01
2.0 1.0 0.5 200 0.8 2 2 5
Line regulation Temperature coefficient of output voltage Ripple Rejection
4
Tj=0 to 125C, IO=5mA Refer to Fig.2
60 0.2
1
Dropout voltage
VI-O
6
ON-state voltage for control ON-state current for control OFF-state voltage for control OFF-state current for control Quiescent current Output OFF-state dissipation current
VC(ON) IC(ON) VC(OFF) IC(OFF) Iq Iqs
IO=0.3A 5 IO=0.5A
5
VC=0.4V IO=0A IO=0A, VC=0.4V
4 Applied PQ030EZ5MZxH,PQ033EZ5MZxH 5 Input voltage shall be the value when output voltage is 95% in comparison with the initial value. 6 In case of opening control terminal , output voltage turns off.
Input voltage range
(Unless otherwise specified, condition shall be IO=0.3A,VC=2.7V,Ta=25C(PQxxxEZ5MZxH)) (Unless otherwise specified, condition shall be IO=0.5A,VC=2.7V,Ta=25C(PQxxxEZ01ZxH))
Model No. PQ015EZ5MZxH / PQ015EZ01ZxH PQ018EZ5MZxH / PQ018EZ01ZxH PQ025EZ5MZxH / PQ025EZ01ZxH PQ030EZ5MZxH / PQ030EZ01ZxH PQ033EZ5MZxH / PQ033EZ01ZxH
Symbol
Conditions
VIN VIN VIN VIN VIN
- - - - -
MIN. 2.35 2.35 3.0 3.5 3.8
TYP. - - - - -
MAX. 10 10 10 10 10
Unit V V V V V
Output voltage
(Unless otherwise specified, condition shall be VIN=VO(TYP.)+1V, IO=0.3A,VC=2.7V,Ta=25C(PQxxxEZ5MZxH)) (Unless otherwise specified, condition shall be VIN=VO(TYP.)+1V, IO=0.5A,VC=2.7V,Ta=25C(PQxxxEZ01ZxH))
Model No. PQ015EZ5MZxH / PQ015EZ01ZxH PQ018EZ5MZxH / PQ018EZ01ZxH PQ025EZ5MZxH / PQ025EZ01ZxH PQ030EZ5MZxH / PQ030EZ01ZxH PQ033EZ5MZxH / PQ033EZ01ZxH
Symbol
Conditions
VO VO VO VO VO
- - - - -
MIN. 1.45 1.75 2.438 2.925 3.218
TYP. 1.5 1.8 2.5 3 3.3
MAX. 1.55 1.85 2.562 3.075 3.382
Unit V V V V V
Sheet No.: OP06021
2
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
Fig.1 Test Circuit
VIN
1
3 A IO
VO
+ 0.33F 5 A Iq
2
VC A IC
+ 47F V RL
Fig.2 Test Circuit for Ripple Rejection
+ 1 ei ~ + VIN 0.33F 5 2.7V 2 VC + 47F RL 3 IO eo V ~
f=120Hz(sine wave) ei(rms)=0.5V VIN= VO(TYP)+0.5V IO=0.3A RR=20log(ei(rms)/eo(rms))
Fig.3 Power Dissipation vs. Ambient Temperature
10
Fig.4 Overcurrent Protection Characteristics (PQ015EZ5MZxH)
1.5 V IN =2.35V V IN =3V V IN =3.3V V IN =2.5V
Power dissipation PD (W)
Output voltage VO (V)
8
PD : With infinite heat sink
1.2
0.9
5
0.6 V IN =5V 0.3
0 -40
-20
0
20
40
60
80
0
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2
Ambient temperature Ta (C) Note) Oblique line portion:Overheat protection may operate in this area.
Output current IO (A)
Sheet No.: OP06021
3
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
Fig.5 Overcurrent Protection Characteristics (PQ018EZ5MZxH)
1.8 1.6 V IN =2.35V
Fig.6 Overcurrent Protection Characteristics (PQ025EZ5MZxH)
2.5 V IN =3V V IN =3.3V V IN =3.6V
Output voltage VO (V)
1.4 1.2 1 0.8 0.6 0.4 0.2 0
V IN =3.3V
Output voltage VO (V)
V IN =2.5V V IN =3V
2
1.5
1 V IN =5V V IN =4.5V 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2
V IN =5V
0.5 0
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2
Output current IO (A)
Output current IO (A)
Fig.7 Overcurrent Protection Characteristics (PQ030EZ5MZxH)
3
Fig.8 Overcurrent Protection Characteristics (PQ033EZ5MZxH)
3.5 V IN =10V V IN =4.5V V IN =7V V IN =5.5V
Output voltage VO (V)
V IN =10V V IN =7V V IN =5.5V V IN =5V V IN =4.5V
Output voltage VO (V)
2.5 2 1.5 1 0.5 0
3 2.5 2 1.5 1 0.5
V IN =5V
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2
0
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2
Output current IO (A)
Output current IO (A)
Fig.9 Overcurrent Protection Characteristics (PQ015EZ01ZxH)
1.5 V IN =2.35V V IN =3V
Fig.10 Overcurrent Protection Characteristics (PQ018EZ01ZxH)
1.8 1.6 V IN =2.35V V IN =3V V IN =3.3V V IN =2.5V
Output voltage VO (V)
1.2
Output voltage VO (V)
V IN =2.5V
1.4 1.2 1 0.8 0.6 0.4 0.2
0.9 V IN =3.3V 0.6 V IN =5V
V IN =5V
0.3 0
0
0.5
1
1.5
2
0
0
0.5
1
1.5
2
Output current IO (A)
Output current IO (A)
Sheet No.: OP06021
4
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
Fig.11 Overcurrent Protection Characteristics (PQ025EZ01ZxH)
2.5 V IN =3V V IN =3.3V
Fig.12 Overcurrent Protection Characteristics (PQ030EZ01ZxH)
3 2.5 2 1.5 1 0.5 0
Output voltage VO (V)
Output voltage VO (V)
2
V IN =3.6V
V IN =10V V IN =7V V IN =5.5V V IN =5V V IN =4.5V
1.5 V IN =5V 1 V IN =4.5V
0.5 0
0
0.5
1
1.5
2
0
0.5
1
1.5
2
Output current IO (A)
Output current IO (A)
Fig.13 Overcurrent Protection Characteristics (PQ033EZ01ZxH)
3.5 V IN =10V V IN =7V V IN =5.5V V IN =5V V IN =4.5V
Fig.14 Output Voltage vs. Ambient Temperature (PQ015EZ5MZxH / PQ015EZ01ZxH)
1.55 1.54 V IN =2.5V V C =2.7V
Output voltage VO (V)
3
Output voltage VO (V)
1.53 1.52 1.51 1.5 1.49 1.48 1.47 1.46 1.45 -50 P Q 015EZ01ZxH :I O=0.5A P Q 015EZ5MZxH :I O=0.3A
2.5 2 1.5 1 0.5 0 0 0.5
1
1.5
2
-25
0
25
50
75
100
125
Output current IO (A)
Ambient temperature Ta (C)
Fig.15 Output Voltage vs. Ambient Temperature (PQ018EZ5MZxH / PQ018EZ01ZxH)
1.85 1.84 V IN =2.8V V C =2.7V
Fig.16 Output Voltage vs. Ambient Temperature (PQ025EZ5MZxH / PQ025EZ01ZxH)
2.525 2.52 V IN =3.5V V C =2.7V
Output voltage VO (V)
Output voltage VO (V)
1.83 1.82 1.81 1.8 1.79 1.78 1.77 1.76 1.75 -50 -25 0 25 50 75 100 125 P Q 018EZ01ZxH :I O=0.5A P Q 018EZ5MZxH :I O=0.3A
2.515 2.51 2.505 2.5 2.495 2.49 2.485 2.48 2.475 -50 -25 0 25 50 75 100 125 P Q 025EZ01ZxH :I O=0.5A P Q 025EZ5MZxH :I O=0.3A
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Sheet No.: OP06021
5
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
Fig.17 Output Voltage vs. Ambient Temperature (PQ030EZ5MZxH / PQ030EZ01ZxH)
3.05 3.04 V IN =4V V C =2.7V
Fig.18 Output Voltage vs. Ambient Temperature (PQ033EZ5MZxH / PQ033EZ01ZxH)
3.35 3.34 V IN =4.3V V C =2.7V
Output voltage VO (V)
3.03 3.02 3.01 3 2.99 2.98 2.97 2.96 2.95 -50 -25 0 25 50 75 100 125 P Q 030EZ01ZxH :I O=0.5A P Q 030EZ5MZxH :I O=0.3A
Output voltage VO (V)
3.33 3.32 3.31 3.3 3.29 3.28 3.27 3.26 3.25 -50 -25 0 25 50 75 100 125 P Q 033EZ01ZxH :I O=0.5A P Q 033EZ5MZxH :I O=0.3A
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Fig.19 Output Voltage vs. Input Voltage (PQ015EZ5MZxH)
1.6 1.4
Fig.20 Output Voltage vs. Input Voltage (PQ018EZ5MZxH)
2 1.8
Output voltage VO (V)
Output voltage VO (V)
1.2 1 0.8 0.6 0.4 0.2 0 0 1 2 3 R L =3 (I O=0.5A ) R L =5 (I O=0.3A ) R L = (I O=0A ) V C =2.7V T a=R oom temp. C IN =0.33F C O=47F 4 5
1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 1 2 3 R L =3.6 (I O=0.5A ) R L =6 (I O=0.3A ) R L = (I O=0A ) V C =2.7V T a=R oom temp. C IN =0.33F C O=47F 4 5
Input voltage VIN (V)
Input voltage VIN (V)
Fig.21 Output Voltage vs. Input Voltage (PQ025EZ5MZxH)
2.5 R L = (I O=0A )
Fig.22 Output Voltage vs. Input Voltage (PQ030EZ5MZxH)
3.5 3 V C =2.7V T a=R oom temp. C IN =0.33F C O=47F R L =6 (I O=0.5A ) 2 R L =10 (I O=0.3A ) 1.5 1 0.5 5 0 0 1 2 3 4 5 R L = (I O=0A )
Output voltage VO (V)
Output voltage VO (V)
2
R L =5 (I O=0.5A )
2.5
1.5 R L =8.3 (I O=0.3A ) 1 V C =2.7V T a=R oom temp. C IN =0.33F C O=47F 0 1 2 3 4
0.5 0
Input voltage VIN (V)
Input voltage VIN (V)
Sheet No.: OP06021
6
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
Fig.23 Output Voltage vs. Input Voltage (PQ033EZ5MZxH)
3.5 3 V C =2.7V T a=R oom temp. C IN =0.33F C O=47F R L =6.6 (I O=0.5A ) 2 R L =11 (I O=0.3A ) 1.5 1 0.5 0 0 1 2 3 4 5 R L = (I O=0A )
Fig.24 Output Voltage vs. Input Voltage (PQ015EZ01ZxH)
1.6 1.4
Output voltage VO (V)
Output voltage VO (V)
2.5
1.2 1 0.8 0.6 0.4 0.2 0 0 1 2 V C =2.7V T a=R oom temp. C IN =0.33F C O=47F 3 4 5 R L =1.5 (I O=1A ) R L =3 (I O=0.5A ) R L = (I O=0A )
Input voltage VIN (V)
Input voltage VIN (V)
Fig.25 Output Voltage vs. Input Voltage (PQ018EZ01ZxH)
2 1.8
Fig.26 Output Voltage vs. Input Voltage (PQ025EZ01ZxH)
2.5
Output voltage VO (V)
1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 1 2
R L =1.8 (I O=1A ) R L =3.6 (I O=0.5A ) R L = (I O=0A )
Output voltage VO (V)
1.6
2 R L =2.5 (I O=1A ) 1.5 R L =5 (I O=0.5A ) R L =0 (I O=0A ) 1 V C =2.7V T a=R oom temp. C IN =0.33F C O=47F 0 1 2 3 4 5
V C =2.7V T a=R oom temp. C IN =0.33F C O=47F 3 4 5
0.5 0
Input voltage VIN (V)
Input voltage VIN (V)
Fig.27 Output Voltage vs. Input Voltage (PQ030EZ01ZxH)
3.5 3 V C =2.7V T a=R oom temp. C IN =0.33F C O=47F R L =3 (I O=1A ) R L =6 (I O=0.5A ) R L = (I O=0A )
Fig.28 Output Voltage vs. Input Voltage (PQ033EZ01ZxH)
3.5 3 V C =2.7V T a=R oom temp. C IN =0.33F C O=47F R L =3.3 (I O=1A ) R L =6.6 (I O=0.5A ) R L = (I O=0A )
Output voltage VO (V)
2.5 2 1.5 1 0.5 0 0
Output voltage VO (V)
2.5 2 1.5 1 0.5
1
2
3
4
5
0
0
1
2
3
4
5
Input voltage VIN (V)
Input voltage VIN (V)
Sheet No.: OP06021
7
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
Fig.29 Circuit Operating Current vs. Input Voltage (PQ015EZ5MZxH)
20
Fig.30 Circuit Operating Current vs. Input Voltage (PQ018EZ5MZxH)
20
Circuit operating current IBIAS (mA)
10
Circuit operating current IBIAS (mA)
V C =2.7V T a=R oom temp. C IN =0.33F C O=47F
V C =2.7V T a=R oom temp. C IN =0.33F C O=47F
10 R L =3.6 (I O=0.5A ) R L =6 (I O=0.3A ) R L = (I O=0A ) 0 0 1 2 5 3 4
R L =3 (I O=0.5A ) R L =5 (I O=0.3A ) R L = (I O=0A ) 0 0 1 2 5 3 4
Input voltage VIN (V)
Input voltage VIN (V)
Fig.31 Circuit Operating Current vs. Input Voltage (PQ025EZ5MZxH)
20
Fig.32 Circuit Operating Current vs. Input Voltage (PQ030EZ5MZxH)
20
Circuit operating current IBIAS (mA)
Circuit operating current IBIAS (mA)
V C =2.7V T a=R oom temp. C IN =0.33F C O=47F
V C =2.7V T a=R oom temp. C IN =0.33F C O=47F R L =10 (I O=0.3A )
R L =6 (I O=0.5A )
10 R L =5 (I O=0.5A ) R L =8.3 (I O=0.3A ) R L = (I O=0A ) 0 0 1 2 5 3 4
10
R L = (I O=0A ) 0 0 1 2 5 3 4
Input voltage VIN (V)
Input voltage VIN (V)
Fig.33 Circuit Operating Current vs. Input Voltage (PQ033EZ5MZxH)
20
Fig.34 Circuit Operating Current vs. Input Voltage (PQ015EZ01ZxH)
20
Circuit operating current IBIAS (mA)
R L =6.6 (I O=0.5A )
R L =11 (I O=0.3A ) 10
Circuit operating current IBIAS (mA)
V C =2.7V T a=R oom temp. C IN =0.33F C O=47F
V C =2.7V T a=R oom temp. C IN =0.33F C O=10F
R L =1.5 (I O=1A ) 10
R L =3 (I O=0.5A )
0
R L = (I O=0A ) 0 1 2 5 3 4
0
R L = (I O=0A ) 0 1 2 5 3 4
Input voltage VIN (V)
Input voltage VIN (V)
Sheet No.: OP06021
8
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
Fig.35 Circuit Operating Current vs. Input Voltage (PQ018EZ01ZxH)
20
Fig.36 Circuit Operating Current vs. Input Voltage (PQ025EZ01ZxH)
30
Circuit operating current IBIAS (mA)
Circuit operating current IBIAS (mA)
V C =2.7V T a=R oom temp. C IN =0.33 F C O=47 F R L =1.8 (I O=1A )
V C =2.7V T a=R oom temp. C IN =0.33 F C O=47 F 20 R L =2.5 (I O=1A )
10 R L =3.6 (I O=0.5A )
10 R L =5 RL 0 1 2 5 3 (I O=0.5A ) (I O=0A ) 4
0
RL 0 1 2 5 3
(I O=0A ) 4
0
Input voltage VIN (V)
Input voltage VIN (V)
Fig.37 Circuit Operating Current vs. Input Voltage (PQ030EZ01ZxH)
30
Fig.38 Circuit Operating Current vs. Input Voltage (PQ033EZ01ZxH)
30
Circuit operating current IBIAS (mA)
R L =3
(I O=1A )
Circuit operating current IBIAS (mA)
V C =2.7V T a=R oom temp. C IN =0.33 F C O=47 F 20 R L =6 (I O=0.5A )
V C =2.7V T a=R oom temp. C IN =0.33 F C O=47 F 20
R L =6.6
(I O=0.5A ) R L =3.3 (I O=1A )
10
10
0
RL 0 1 2
(I O=0A ) 5 3 4
0
RL 0 1 2
(I O=0A ) 5 3 4
Input voltage VIN (V)
Input voltage VIN (V)
Fig.39 Quiescent Current vs. Junction Temperature
1.4 1.2 1 0.8 0.6 0.4 0.2 0 50 25 0 25 018:V IN =2.8V 015:V IN =2.5V 033:V IN =4.3V 030:V IN =4.0V I O=0A V C =2.7V
Fig.40 Dropout Voltage vs. Junction Temperature
0.25 V IN =2.35V V C =2.7V
Quiescent current Iq(A)
Dropout voltage VI-O(V)
025:V IN =3.5V
0.2 P Q 033EZ01ZxH : I O=0.5A P Q 030EZ01ZxH :I O=0.5A 0.15 P Q 033EZ5MZxH :I O=0.3A P Q 030EZ5MZxH :I O=0.3A
0.1
0.05 0
P Q xxxEZ01ZxH P Q xxxEZ5MZxH
50
75
100
125
50
25
0
25
50
75
100
125
Junction temperature Tj (C)
Junction temperature Tj (C)
Sheet No.: OP06021
9
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
Fig.41 Ripple Rejection vs. Input Ripple Frequency
75 015(V IN =3.5V ) 70 65 60 55 50 033(V IN =5.3V ) 030(V IN =5V ) 025(V IN =4.5V ) 018(V IN =3.8V )
Fig.42 Ripple Rejection vs. Output Current
80 015(V IN =3.5V ) 018(V IN =3.8V ) 025(V IN =4.5V )
Ripple rejection RR (dB)
Ripple rejection RR (dB)
75 70 65 60 55 50 45
030(V IN =5V )
033(V IN =5.3V )
P Q xxxEZ01ZxH P Q xxxEZ5MZxH
ei(rms)=0.5V 45 V C =2.7V I O=0.3A 40 C O=47F P Q xxxEZ01ZxH Ta=R oom temp. P Q xxxEZ5MZxH 35 0.1 1 10
100
40
ei(rms)=0.5V f=120Hz V C =2.7V C O=47F Ta=R oom temp. 0 0.25 0.5 0.75 1
Input ripple frequency f (kHz)
Output current IO(A)
Fig.43 Typical Application
1
3
VO
V IN
+
C IN 5
2
CO
+ LOAD
ON/OFF signal
HighOutput ON Low or openOutput OFF
Fig.44 Power Dissipation vs. Ambient Temperature (Typical Value)
3
Power dissipation PD (W)
Cu area 740mm2 2 Cu area 180mm2 Cu area 100mm2 Cu area 70mm2 Cu area 36mm
2
Mounting PCB PCB Cu
1
0 -20
0
20
40
60
80
Material : Glass-cloth epoxy resin Size : 50x50x1.6mm Cu thickness : 35m
Ambient temperature Ta (C)
Sheet No.: OP06021
10


▲Up To Search▲   

 
Price & Availability of PQ015EZ5MZPH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X