Part Number Hot Search : 
C3504 4001G SD300C 5KE27C 2C151 CS3842B MC908 01900
Product Description
Full Text Search
 

To Download PCR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Precision Thick Film Surface Mounted Resistors
PCR Series
Welwyn Components
* Tolerance down to 0.1% * Excellent load stability * Termination available for wire bonding or
soldering
* *
Resistance range 10 ohms to 1M ohms Any resistance value available within specified range
Electrical Data
PCR0805 Power rating at 70C Resistance range Limiting element voltage TCR -55C to +155C TCR +20C to +70C Resistance tolerance Values Thermal impedance Ambient temperature range* C/watt C 360 watts ohms volts ppm/C ppm/C % 100 0.1 PCR1005 0.125 10R to 1M 150 100 50 0.1, 0.25, 0.5, 1 E24 & E96 preferred 290 -55 to 155 200 Any value to order For 10 devices mounted on a 50 x 25 mm p.c.b. area 200 PCR1206 0.25 Notes
*See Application Notes
Physical Data
Dimensions of standard styles (mm) & Weight (g) Wrap around Style 0805 1005 1206 L W T 0.6 0.7 0.7 A 0.3 0.15 0.4 0.2 B* 0.9min 1.7min 2.0 0.3 1.25 0.2 2.5 0.3 1.25 0.2 3.2 0.4 1.6 0.2 planar C 0.3 0.1 0.4 0.15 0.4 0.15 Wt 0.009 0.015 0.020
A B L A W T C C T
Wrap-around terminations (3 faces)
Not available
Alternative styles for surface mounting resistors
L
W
Planar terminations
*This dimension determines the number of conductors which may pass under the surface mounted device.
Construction
Thick film resistor material, overglaze and organic protection are screen printed on a 96% alumina substrate.
Terminations
Planar (or single-sided) termination is gold and suitable for wire-bonding; wrap around is suitable for soldering.
Adjustment
The components are adjusted to final value using a specially developed technique, which assures optimum load stability performance.
Solderability
Wrap-around terminations have an electroplated nickel barrier and solder coating, this ensures excellent `leach' resistance properties and solderability. They will withstand immersion in solder at 260C for 30 seconds.
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn's own data and is considered accurate at time of going to print. A subsidiary of TT electronics plc Issue D * 08.04
(c) Welwyn Components Limited * Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com
33
Precision Thick Film Surface Mounted Resistors
PCR Series
Welwyn Components
Performance Data
Maximum Load at rated power: 1000 hours at 70C Load at rated power: 8000 hours at 70C Load at 50% rated power: 1000 hours at 70C Load at 50% rated power: 8000 hours at 70C Shelf life: 12 months at room temperature Derating from rated power at 70C Overload Dry heat: 1000 hours at 155C Long term damp heat Temperature rapid change Resistance to solder heat Voltage proof R% R% R% R% R% volts 0.1 0.1 0.03 0.10 500 R% R% R% R% R% 10 - 25k: 0.10 >25k - 1M: 0.4 10 - 25k: 0.20 >25k - 1M: 0.80 10 - 1M: 0.10 10 - 1M: 0.20 0.05 Zero at 155C 0.04 0.04 0.04 0.01 0.02 Typical 10 - 25k: 0.05 >25k - 1M: 0.2 10 - 25k: 0.10 >25k - 1M: 0.4 10 - 1M: 0.03 10 - 1M: 0.06 0.01
Value Ranges
Size/Tol.% PCR0805 PCR1005 PCR1206 1 10 to 1M 10 to 1M 10 to 1M 0.5 10 to 1M 10 to 1M 10 to 1M 0.25 100 to 1M 100 to 1M 100 to 1M 0.1 100 to 1M 100 to 1M 100 to 1M
Application Notes
Operating Temperature Range
The chips can operate at a maximum temperature of 155C (see Performance Data). For soldered chips, the joint temperature should not exceed 110C. This condition is met when the stated power levels at 70C are used.
Packaging
Resistor chips are supplied taped and reeled on standard 8mm tape to IEC 286-3. Quantity per reel 3000 max.
Planar Terminations Mounting
This chip resistor is ideally suited for handling by automatic methods due to its rectangular shape and the small dimensional tolerances. Electrical connection to a ceramic substrate or to a printed circuit board can be made by wire bonding (eg suffix `G' in PCR0805G) or by reflow soldering of wrap-around terminations (eg suffix `F' in PCR0805F). The `F' terminations provide good leach properties and ensure reliable contact. Due to the robust construction the resistor chip can be immersed in the solder bath for 30 seconds at 260C. This enables the resistor to be mounted on one side of a printed circuit and other wire-leaded components on the other side. Resistor chips are supplied in waffle packs.
Ordering Procedure
Specify type reference, value and tolerance as shown in this example of PCR1206 1M0 0.1%: Type Resistance value (IEC62 code) Tolerance (IEC62 code)
B C D 0.1% 0.25% 0.5%
1206
1M0
B
(c) Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com 34
Issue D * 08.04


▲Up To Search▲   

 
Price & Availability of PCR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X