Part Number Hot Search : 
PVR13N1 LY6264RL 15J301 AA541 MCL245 2SD180 2SD1523 RMXS2W
Product Description
Full Text Search
 

To Download NUF4001MU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NUF4001MU Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
This device is a 4 line EMI filter array for wireless applications. Greater than -25 dB attenuation is obtained at frequencies from 800 MHz to 5.0 GHz. The NUF4001MU has a cut-off frequency of 150 MHz and can be used in applications for data rate up to 58 MHz or 116 Mbps. This UDFN package is specifically designed to enhance EMI filtering for low-profile or slim design electronics especially where space and height is a premium. It also offers ESD protection-clamping transients from static discharges. ESD protection is provided across all capacitors.
Features http://onsemi.com
1 Cd Cd 8
2 Cd Cd
7
3 Cd Cd
6
* EMI Filtering and ESD Protection * Integration of 20 Discrete Components * Compliance with IEC61000-4-2 (Level 4) * * * *
>14 kV (Contact) >15 kV (Air) UDFN Package, 1.2 x 1.8 mm Moisture Sensitivity Level 1 ESD Ratings: Machine Model = C Human Body Model = 3B This is a Pb-Free Device*
4 Cd Cd
5
(Top View) 8 1 UDFN8 CASE 517AD 1 41 MG G
MARKING DIAGRAM
Benefits
* Reduces EMI/RFI Emmisions on a Data Line * Low Profile Package; Typical Height of 0.5 mm * Design-Friendly and Easy-to-Use Pin Configurations,
Particularly for Portable Electronics
41 = Specific Device Code M = Month Code G = Pb-Free Package (Note: Microdot may be in either location)
* Integrated Solution Offers Cost and Space Savings in UDFN Package * Reduces Parasitic Inductances Which Offer a More "Ideal" Low Pass * Integrated Solution Improves System Reliability
Applications
PIN CONNECTIONS
1 4
Filter Response
* * * * * *
EMI Filtering and ESD Protection for Data Lines Keypad Interface and Protection for Portable Electronics Bottom Connector Interface for Mobile Handsets Notebook Computers and Digital Cameras LCD Display Interface in Mobile Handsets Camera Display Interface in Mobile Handsets
8
5
ORDERING INFORMATION
Device NUF4001MUT2G Package UDFN8 (Pb-Free) Shipping 3000 / Tape & Reel
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2006
1
December, 2006 - Rev. 1
Publication Order Number: NUF4001MU/D
NUF4001MU
MAXIMUM RATINGS
Parameter ESD Discharge IEC61000-4-2 Contact Discharge Machine Model Human Body Model Operating Temperature Range Storage Temperature Range Maximum Lead Temperature for Soldering Purposes (1.8 in from case for 10 seconds) TOP TSTG TL Symbol VPP 14 0.4 8.0 -40 to 85 -55 to 150 260 C C C Value Unit kV
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Parameter Maximum Reverse Working Voltage Breakdown Voltage Leakage Current Resistance Capacitance (Notes 1 and 2) Cut-Off Frequency (Note 3) Symbol VRWM VBR IR RA Cd f3dB IR = 1.0 mA VRWM = 3.3 V IR = 10 mA VR = 2.5 V, f = 1.0 MHz Above this frequency, appreciable attenuation occurs 85 10 100 13 150 6.0 7.0 Test Conditions Min Typ Max 5.0 8.0 100 115 16 Unit V V nA W pF MHz
1. Measured at 25C. 2. Total Line Capacitance is two times the Diode Capacitance (Cd). 3. 50 W source and 50 W load termination.
http://onsemi.com
2
NUF4001MU
TYPICAL PERFORMANCE CURVES (TA= 25C unless otherwise specified)
0 -5 -10 -15 S21 (dB) S41 (dB) 10.0E+6 100E+6 FREQUENCY (Hz) 1.0E+9 10.0E+9 -20 -25 -30 -35 -40 -45 -50 1.0E+6 -60 10.0E+6 100E+6 1.0E+9 10.0E+9 -10 -20 -30 -40 -50 0
FREQUENCY (Hz)
Figure 1. Insertion Loss Characteristic
Figure 2. Insertion Loss Characteristic
2.0 NORMALIZED CAPACITANCE
110 108 106 RESISTANCE (W) 0 1.0 2.0 3.0 4.0 5.0
1.5
104 102 100 98 96 94 92
1.0
0.5
0
90 -40
-20
0
20
40
60
80
REVERSE VOLTAGE (V)
TEMPERATURE (C)
Figure 3. Typical Capacitance vs. Reverse Biased Voltage (Normalized Capacitance Cd at 2.5 V)
Figure 4. Typical Resistance over Temperature
http://onsemi.com
3
NUF4001MU
PACKAGE DIMENSIONS
UDFN8, 1.8x1.2, 0.4P CASE 517AD-01 ISSUE O
D
2X
A B
A3
2X
0.15 C
0.10 C
8X
0.08 C
8X
L
8X
K
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
EEE EEE
D2
1 8
PIN ONE REFERENCE
E A1
TOP VIEW (A3) A
DETAIL A
SIDE VIEW A1 C
SEATING PLANE
6X
e
4
E2
5
8X b
BOTTOM VIEW
0.10 C A B 0.05 C
NOTE 3
http://onsemi.com
4
CC CC EE
DETAIL A
0.15 C
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.15 AND 0.20 mm FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. DIM A A1 A3 b D D2 E E2 e K L MILLIMETERS MIN NOM MAX 0.45 0.50 0.55 0.00 0.03 0.05 0.127 REF 0.15 0.20 0.25 1.80 BSC 0.90 1.00 1.10 1.20 BSC 0.20 0.30 0.40 0.40 BSC 0.20 --- --- 0.20 0.25 0.30
NUF4001MU/D


▲Up To Search▲   

 
Price & Availability of NUF4001MU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X