Part Number Hot Search : 
SEEVG ADC1415S EDE5116 SPE0505 DBL205G 28512 DM74LS 2SK2549
Product Description
Full Text Search
 

To Download NJU7118F2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJU7118
LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
!GENERAL DESCRIPTION The NJU7118 is a super small-sized package single C-MOS comparators with open drain output. The operating voltage is from 1V to 5.5V, and the interface can be connected with most of TTL and C-MOS type standard logic ICs. Furthermore, The input offset voltage is lower than 4mV and the package is super small-sized SC88A, therefore they can be suitable for battery use items and other portable items. !PACKAGE INFORMATION NJU7118F2
!FEATURES "Single Low Power Supply "Low Offset Voltage "Low Operating Current "Open Drain Output "Package Outline "C-MOS Technology
VDD=1.0~5.5V VIO=4mV max IDD=10uA typ SC88A
!PIN CONFIGURATION (Top View) IN1 5 VDD
VSS 2 IN+ 3 4 OUT
!EQUIVALENT CIRCUIT
VDD
IN OUT IN+
VSS
01/03/28 ( 1 / 3 )
NJU7118
!ABSOLUTE MAXIMUM RATINGS (Ta=25C) PARAMETER SYMBOL RATING UNIT Supply Voltage VDD 7.0 V Differential Input Voltage VID V 7.0 (Note1) Common Mode Input Voltage VIC -0.3~7.0 V Power Dissipation PD 250 (Note2) mW Operating Temperature Topr -40~+85 C Storage Temperature Tstg -55~+125 C Note1) If the supply voltage (VDD) is less than 7.0V, the input voltage must not over the VDD level though 7.0V is limit specified. Note2) The power dissipation is value mounted on aglass epoxy board (FR-4) in size of 50x50x1.6 millimeters square. Note3) Decoupling capacitor should be connected between VDD and VSS due to the stabilized operation for the circuit.
!ELECTRICAL CHARACTERISTICS (VDD=3.0V,RL=,Ta=25C) TYP MAX UNIT 5.5 V 4 mV 1 pA 1 pA 10 0.3 20 V V uA
PARAMETER Operating Voltage Input Offset Voltage Input Offset Current Input Bias Current Input Common Mode Voltage Range Low Level Output Voltage Operating Current
SYMBOL VDD VIO IIO IIB VICM VOL IDD
CONDITIONS VIN=VDD/2
MIN 1.0 0~2.5
IOL=+5mA
-
PARAMETER Propagation Delay Low to High Propagation Delay High to Low Output Signal Falling Time
SYMBOL tPLH tPHL tTHL
CONDITIONS Over Drive=100mV Over Drive=100mV Over Drive=100mV
(VDD=3.0V,f=10kHz,CL=15pF,Ta=25C) MIN TYP MAX UNIT 540 190 4 ns ns ns
01/03/28 ( 2 / 3 )
NJU7118
!SWITCHING CHARACTERISTICS MEASUREMENT CIRCUIT
VDD PULSE GENERATER 50ohm
1uF
5.1kohm
VDD DUT 10 Turn 0V 0.1uF CL
!TYPICAL CHARACTERISTICS
Output Voltage vs. Output Current (Sink) OutputVoltage VOL (V) 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 5 10 15 20 25 30 Output Current IOL (mA)
[CAUTION] The specifications on this data book are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this data book are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
01/03/28 ( 3 / 3 )


▲Up To Search▲   

 
Price & Availability of NJU7118F2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X