|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
L IT E - O N T E C HN OLOGY C OR P OR A TI ON Property of Lite-on Only FEATURES * Isolation voltage between input and output Viso : 5,000Vrms * 6pin DIP photocoupler, triac driver output * High repetitive peak off-state voltage VDRM : Min. 400V * High critical rate of rise of off-state voltage ( dV/dt : MIN. 100V / s ) * Dual-in-line package : MOC3020, MOC3021, MOC3022, MOC3023 * Wide lead spacing package : MOC3020M, MOC3021M, MOC3022M, MOC3023M * Surface mounting package : MOC3020S, MOC3021S, MOC3022S, MOC3023S * Tape and reel packaging : MOC3020S-TA1, MOC3021S-TA1, MOC3022S-TA1, MOC3023S-TA1 * UL approved ( No. E113898 ) * CSA approved ( No. CA91533-1 ) * FIMKO approved ( No. 209049 ) * NEMKO approved ( No. P99102464 ) * DEMKO approved ( No. 99-04182 ) * SEMKO approved ( No. 9943380 / 01-20 ) * VDE approved (No. 094722 ) FEATURES * Motor Controls * Solid state relays * For triggering high power thyristor and triac * Household use equipment Part No. : MOC3020 thru MOC3023 SERIES BNS-OD-C131/A4 Page : 1 of 8 L IT E - O N T E C HN OLOGY C OR P OR A TI ON Property of Lite-on Only OUTLINE DIMENSIONS Dual-in-line package : Wide lead spacing package: *1. *2. *3. *4. Year date code. 2-digit work week. Factory identification mark shall be marked (Z : Taiwan, Y : Thailand). Model No.: MOC3020, MOC3021, MOC3022, MOC3023 Page : 2 of 8 Part No. : MOC3020 thru MOC3023 SERIES BNS-OD-C131/A4 L IT E - O N T E C HN OLOGY C OR P OR A TI ON Property of Lite-on Only OUTLINE DIMENSIONS Surface mounting package : *1. *2. *3. *4. Year date code. 2-digit work week. Factory identification mark shall be marked (Z : Taiwan, Y : Thailand). Model No.: MOC3020, MOC3021, MOC3022, MOC3023 Part No. : MOC3020 thru MOC3023 SERIES BNS-OD-C131/A4 Page : 3 of 8 L IT E - O N T E C HN OLOGY C OR P OR A TI ON Property of Lite-on Only TAPING DIMENSIONS Tape and reel package ( TYPE II ): MOC3020S-TA1, MOC3021S-TA1, MOC3022S-TA1, MOC3023S-TA1 Description Tape wide Pitch of sprocket holes Distance of compartment Distance of compartment to compartment Symbol W P0 F P2 P1 Dimensions in mm ( inches ) 16 0.3 ( .63 ) 4 0.1 ( .15 ) 7.5 0.1 ( .295 ) 2 0.1 ( .079 ) 12 0.1 ( .472 ) Part No. : MOC3020 thru MOC3023 SERIES BNS-OD-C131/A4 Page : 4 of 8 L IT E - O N T E C HN OLOGY C OR P OR A TI ON Property of Lite-on Only ABSOLUTE MAXIMUM RATING ( Ta = 25C ) PARAMETER Forward Current INPUT Reverse Voltage Power Dissipation Off-State Output Terminal Voltage OUTPUT Peak Repetitive Surge Current ( PW=1ms, 120pps ) Collector Power Dissipation Total Power Dissipation *1 Isolation Voltage Ambient Operating Temperature Range Storage Temperature Range *2 Soldering Temperature SYMBOL IF VR PD VDRM VTSM PC Ptot Viso TA Tstg TL RATING 50 6 70 400 1 300 330 5,000 -40 ~ +100 -55 ~ +150 260 UNIT mA V mW V A mW mW Vrms C C C *1. AC For 1 Minute, R.H. = 40 ~ 60% Isolation voltage shall be measured using the following method. (1) Short between anode and cathode on the primary side and between collector, emitter on the secondary side. (2) The isolation voltage tester with zero-cross circuit shall be used. (3) The waveform of applied voltage shall be a sine wave. *2. For 10 Seconds Part No. : MOC3020 thru MOC3023 SERIES BNS-OD-C131/A4 Page : 5 of 8 L IT E - O N T E C HN OLOGY C OR P OR A TI ON Property of Lite-on Only ELECTRICAL - OPTICAL CHARACTERISTICS ( Ta = 25C ) PARAMETER Forward Voltage INPUT Reverse Current *1 Peak Blocking Current, Either Direction OUTPUT Peak On-State Voltage, Either Direction *2 Critical rate of Rise of Off-State Voltage MOC3020 *3 Led Trigger Current, Current MOC3021 Required to Latch Output, MOC3022 Either Direction MOC3023 Holding Current, Either Direction Turn-On time IR IDRM VTM dv/dt -- -- -- 100 -- IFT -- -- -- IH ton 100 -- -- 10 1.7 -- 15 8 -- -- -- 8 10 100 3 -- 30 15 10 5 -- 20 A s VD=9V, IF=20mA RL=100 mA Main Terminal Voltage = 3V A nA V VR=6V VDRM = 400V ITM=100 mA Peak SYMBOL MIN. TYP. MAX. UNIT VF -- 1.15 1.5 V CONDITIONS IF=20mA V/s COUPLED *1 Test voltage must be applied within dv/dt rating. *2 This is static dv/dt. Commutating dv/dt is a function of the load-driving thyristor(s) only. *3 All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max IFT 30 mA and absolute max IF (50mA) Part No. : MOC3020 thru MOC3023 SERIES BNS-OD-C131/A4 Page : 6 of 8 L IT E - O N T E C HN OLOGY C OR P OR A TI ON Property of Lite-on Only CHARACTERISTICS CURVES Fig.1 Forward Current vs. Ambient Temperature 60 Forward current I F (mA) Fig.2 On-state Current vs. Ambient Temperature ITM , on-state current (A) 50 40 30 20 10 0 -40 -20 0.10 0.05 0 20 40 60 80 100 120 o 0 -40 -20 0 20 40 60 80 100 120 o Ambient temperature Ta ( C) Ambient temperature Ta ( C) Fig.3 Minimum Trigger Current vs. Ambient Temperature 10 Minimum trigger current IFT (mA) Fig.4 Forward Current vs. Forward Voltage VP= 6V RL= 100 Forward current IF (mA) 100 8 6 4 2 0 80 C 100 C o o 10 60 C 40 C 20 C o o o 20 40 60 80 o 100 1 0.4 0.8 1.2 1.6 2.0 Ambient temperature ( C) Forward voltage VF (V) Fig.5 On-state Voltage vs. Ambient Temperature 3.0 2.6 2.2 1.8 1.4 1.0 IT= 100mA Fig.6 Holding Current vs. Ambient Temperature 1 Holding current IH (mA) VP= 6V On-state voltage VT (V) 0.1 20 40 60 80 o 100 0.01 20 40 60 80 o 100 Ambient temperature Ta ( C) Ambient Temperature Ta ( C) Part No. : MOC3020 thru MOC3023 SERIES BNS-OD-C131/A4 Page : 7 of 8 L IT E - O N T E C HN OLOGY C OR P OR A TI ON Property of Lite-on Only CHARACTERISTICS CURVES Fig.7 Turn-on Time vs. Forward Current 20 18 16 14 12 10 Fig.8 Repetitive Peak Off-state Current vs. Temperature 1000 Repetitive Peak Off-state Current Idrm (nA) VP= 6V RL= 100 Turn-on time Ton ( s) 100 10 10 20 30 40 50 1 20 40 60 80 O 100 Forward current IF (mA) Ambient temperature Ta ( C) Fig.9 On-state Current vs. On-state Voltage 100 Basic Operation Circuit Medium/High Power Triac Drive Circuit On-state current IT (mA) 80 60 40 20 0 + Vcc 1 2 4 5 6 Load AC100V VIN 3 0 0.5 1.0 1.5 2.0 2.5 3.0 On-state voltage VT (V) RECOMMENDED FOOT PRINT PATTERNS (MOUNT PAD) Unit : mm Part No. : MOC3020 thru MOC3023 SERIES BNS-OD-C131/A4 Page : 8 of 8 |
Price & Availability of MOC3021 |