Part Number Hot Search : 
SES5001 NTE140A TA0733A M32C8B MHW7222 XWXX7 XFVOIP HC407
Product Description
Full Text Search
 

To Download MMBD4448W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WEITRON
Surface Mount Switching Diode
Features: * High Speed 4ns * Low Rever Leakage Current * Surface Mount Package Ideally Suited for Automatic Insertion
MMBD4448W
SWITCHING DIODE 250mAMPERS 100VOLTS
3
Mechanical Data: * Case: SOT-323, Molded Plastic * Terminals: Solderable per MIL-STD-202 Method 208 * Polarity: See Diagram * Weight: 0.006 grams(approx)
1 2
SOT-323(SC-70)
SOT-323 Outline Demensions
Unit:mm
A
SOT-323
B C
T OP V IE W
D E G H K L
J
M
Dim A B C D E G H J K L M
Min 0.30 1.15 2.00 0.30 1.20 1.80 0.00 0.80 0.42 0.10
Max 0.40 1.35 2.40 0.65 0.40 1.40 2.20 0.10 1.00 0.53 0.25
WEITRON
http://www.weitron.com.tw
MMBD4448W
Maximum Ratings
Rating Nop-Reptitive Reverse Voltage Peak Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Vlotage Forward Current *1 Non-Repetitive Peak Forward Surge Current Symbol VRM VRRM VRWM VR IF I FSM Value
100
WE IT R ON
Unit Vdc Vdc mAdc
75
250
@ t=1.0us @ t=1.0s
4.0 2.0
Adc
T her mal C har acter istics
Characterictics Total Device Dissipation
*1
Symbol PD RqJA TJ, Tstg
Max
200
Unit mW C/W C
Thermal Resistance, Junction to Ambient Air *1 Junction and Storage Temperature
625 -55 to + 150
Electrical Characteristics (TA=25 C Unless Otherwise note)
Characterictics Symbol Min Max Unit
Off C har acter istics
Reverse Breakdown Voltage I R =10uA Forward Voltage I F=5.0mA I F=10mA I F=100mA I F=150mA Reverse Voltage Leakage Curret VR=20V VR=75V Diode Capacitance (VR=0, f=1.0MHz) Revarse Recover Time (IF=IR=10mAdc) V(BR) R 75 0.720 0.855 1.00 1.25 0.025 2.5 4.0 4.0 Vdc
VF
Vdc
IR CT trr
uAdc pF ns
1. Valid provided that terminals are kept at ambient temperature.
Device Marking
Item MMBD4448W Marking KA3 Eqivalent Circuitdiagram
3 1
WEITRON
http://www.weitron.com.tw
MMBD4448W
WEITRON
http//www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of MMBD4448W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X