Part Number Hot Search : 
SPLLL15 2N4173 LTC1655 65100 RGP10 MC9S12XE RD1004 SHORT
Product Description
Full Text Search
 

To Download MJ2955G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N3055(NPN), MJ2955(PNP)
Preferred Device
Complementary Silicon Power Transistors
Complementary silicon power transistors are designed for general-purpose switching and amplifier applications.
Features http://onsemi.com
* DC Current Gain - hFE = 20-70 @ IC = 4 Adc * Collector-Emitter Saturation Voltage - * *
VCE(sat) = 1.1 Vdc (Max) @ IC = 4 Adc Excellent Safe Operating Area Pb-Free Packages are Available*
15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS, 115 WATTS
Value 60 70 100 7 15 7 115 0.657 - 65 to +200 Unit Vdc Vdc Vdc Vdc Adc Adc W W/C C TO-204AA (TO-3) CASE 1-07 STYLE 1
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Base Current Total Power Dissipation @ TC = 25C Derate Above 25C Operating and Storage Junction Temperature Range Symbol VCEO VCER VCB VEB IC IB PD TJ, Tstg
MARKING DIAGRAM
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 160 PD, POWER DISSIPATION (WATTS) 140 120 100 80 60 40 20 0 0 25 50 75 100 125 150 175 200 2N3055 2N3055G MJ2955 MJ2955G *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
xxxx55G AYYWW MEX
xxxx55 G A YY WW MEX
= Device Code xxxx = 2N30 or MJ20 = Pb-Free Package = Location Code = Year = Work Week = Country of Orgin
ORDERING INFORMATION
Device Package TO-204AA TO-204AA (Pb-Free) TO-204AA TO-204AA (Pb-Free) Shipping 100 Units / Tray 100 Units / Tray 100 Units / Tray 100 Units / Tray
Figure 1. Power Derating
TC, CASE TEMPERATURE (C)
Preferred devices are recommended choices for future use and best overall value.
1
December, 2005 - Rev. 6
Publication Order Number: 2N3055/D
2N3055(NPN), MJ2955(PNP)
IC, COLLECTOR CURRENT (AMP)
II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIII IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIII
THERMAL CHARACTERISTICS
Characteristic Symbol RqJC Max Unit Thermal Resistance, Junction-to-Case 1.52 _C/W
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS*
Collector-Emitter Sustaining Voltage (Note 1) (IC = 200 mAdc, IB = 0)
VCEO(sus) VCER(sus) ICEO ICEX
60 70 - - - -
- -
Vdc Vdc
Collector-Emitter Sustaining Voltage (Note 1) (IC = 200 mAdc, RBE = 100 W) Collector Cutoff Current (VCE = 30 Vdc, IB = 0)
I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III
0.7 1.0 5.0 5.0 mAdc mAdc Collector Cutoff Current (VCE = 100 Vdc, VBE(off) = 1.5 Vdc) (VCE = 100 Vdc, VBE(off) = 1.5 Vdc, TC = 150C) Emitter Cutoff Current (VBE = 7.0 Vdc, IC = 0) IEBO mAdc ON CHARACTERISTICS* (Note 1) DC Current Gain (IC = 4.0 Adc, VCE = 4.0 Vdc) (IC = 10 Adc, VCE = 4.0 Vdc) hFE - 20 5.0 - VBE(on) - 70 - Collector-Emitter Saturation Voltage (IC = 4.0 Adc, IB = 400 mAdc) (IC = 10 Adc, IB = 3.3 Adc) Base-Emitter On Voltage (IC = 4.0 Adc, VCE = 4.0 Vdc) VCE(sat) 1.1 3.0 1.5 Vdc Vdc
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I III I I I I III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIII
SECOND BREAKDOWN Second Breakdown Collector Current with Base Forward Biased (VCE = 40 Vdc, t = 1.0 s, Nonrepetitive) Is/b 2.87 - Adc DYNAMIC CHARACTERISTICS Current Gain - Bandwidth Product (IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 MHz) *Small-Signal Current Gain (IC = 1.0 Adc, VCE = 4.0 Vdc, f = 1.0 kHz) fT 2.5 15 10 - MHz - hfe 120 - *Small-Signal Current Gain Cutoff Frequency (VCE = 4.0 Vdc, IC = 1.0 Adc, f = 1.0 kHz) fhfe kHz *Indicates Within JEDEC Registration. (2N3055) 1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%. 20 50 ms 10 6 4 2 1 0.6 0.4 0.2 6 BONDING WIRE LIMIT THERMALLY LIMITED @ TC = 25C (SINGLE PULSE) SECOND BREAKDOWN LIMIT 10 20 40 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 60 500 ms 250 ms dc 1 ms
There are two limitations on the power handling ability of a transistor: average junction temperature and second breakdown. Safe operating area curves indicate IC - VCE limits of the transistor that must be observed for reliable operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate. The data of Figure 2 is based on TC = 25C; TJ(pk) is variable depending on power level. Second breakdown pulse limits are valid for duty cycles to 10% but must be derated for temperature according to Figure 1.
Figure 2. Active Region Safe Operating Area
http://onsemi.com
2
2N3055(NPN), MJ2955(PNP)
500 300 hFE , DC CURRENT GAIN 200 100 70 50 30 20 10 7.0 5.0 TJ = 150C 25C -55 C VCE = 4.0 V hFE , DC CURRENT GAIN 100 70 50 30 20 25C -55 C TJ = 150C 200 VCE = 4.0 V
0.1
0.2
0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 IC, COLLECTOR CURRENT (AMP)
10
10
0.1
0.2
0.3 0.5 0.7 1.0 2.0 3.0 IC, COLLECTOR CURRENT (AMP)
5.0 7.0
10
Figure 3. DC Current Gain, 2N3055 (NPN)
Figure 4. DC Current Gain, MJ2955 (PNP)
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
2.0 TJ = 25C 1.6 IC = 1.0 A 1.2 4.0 A 8.0 A
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
2.0 TJ = 25C 1.6 IC = 1.0 A 4.0 A 8.0 A
1.2
0.8
0.8
0.4 0 5.0
0.4 0 5.0
10
20
50 100 200 500 1000 2000 IB, BASE CURRENT (mA)
5000
10
20
50 100 200 500 1000 2000 IB, BASE CURRENT (mA)
5000
Figure 5. Collector Saturation Region, 2N3055 (NPN)
1.4 1.2 V, VOLTAGE (VOLTS) 1.0 0.8 0.6 0.4 0.2 0 0.1 VCE(sat) @ IC/IB = 10 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 0 0.1 VBE(sat) @ IC/IB = 10 VBE @ VCE = 4.0 V TJ = 25C 1.6 V, VOLTAGE (VOLTS) 2.0
Figure 6. Collector Saturation Region, MJ2955 (PNP)
TJ = 25C
1.2
VBE(sat) @ IC/IB = 10 VBE @ VCE = 4.0 V
0.8
0.4 VCE(sat) @ IC/IB = 10 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10
IC, COLLECTOR CURRENT (AMPERES)
IC, COLLECTOR CURRENT (AMP)
Figure 7. "On" Voltages, 2N3055 (NPN)
Figure 8. "On" Voltages, MJ2955 (PNP)
http://onsemi.com
3
2N3055(NPN), MJ2955(PNP)
PACKAGE DIMENSIONS
TO-204 (TO-3) CASE 1-07 ISSUE Z
A N C -T- E D
2 PL SEATING PLANE
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. ALL RULES AND NOTES ASSOCIATED WITH REFERENCED TO-204AA OUTLINE SHALL APPLY. DIM A B C D E G H K L N Q U V INCHES MIN MAX 1.550 REF --- 1.050 0.250 0.335 0.038 0.043 0.055 0.070 0.430 BSC 0.215 BSC 0.440 0.480 0.665 BSC --- 0.830 0.151 0.165 1.187 BSC 0.131 0.188 MILLIMETERS MIN MAX 39.37 REF --- 26.67 6.35 8.51 0.97 1.09 1.40 1.77 10.92 BSC 5.46 BSC 11.18 12.19 16.89 BSC --- 21.08 3.84 4.19 30.15 BSC 3.33 4.77
K
M
0.13 (0.005) U V
2
TQ
M
Y
M
L G
1
-Y-
H
B
-Q- 0.13 (0.005)
M
TY
M
STYLE 1: PIN 1. BASE 2. EMITTER CASE: COLLECTOR
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
2N3055/D


▲Up To Search▲   

 
Price & Availability of MJ2955G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X