Part Number Hot Search : 
AM2520 STA481 TK11335B SP668206 M62417SP BCR2P 12S05 GBI15B
Product Description
Full Text Search
 

To Download MBRP20045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRP20045CT
Preferred Device
POWERTAPt II SWITCHMODEt Power Rectifier
This state-of-the-art device uses the Schottky Barrier principle with a platinum barrier metal.
Features http://onsemi.com
* Dual Diode Construction; May Be Paralleled for Higher Current * * * * * * * * * *
Output Guardring for Stress Protection Low Forward Voltage 150C Operating Junction Temperature Guaranteed Reverse Avalanche Pb-Free Package is Available*
SCHOTTKY BARRIER RECTIFIER 200 AMPERES, 45 VOLTS
1 3 2
Mechanical Characteristics
Case: Epoxy, Molded with Metal Heatsink Base Weight: 80 Grams (Approximately) Finish: All External Surfaces Corrosion Resistant Top Terminal Torque: 25-40 lb-in Max Base Plate Torques: See Procedure Given in the Package Outline Section
2 1
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR, TC = 140C) Per Leg Per Device Peak Repetitive Forward Current, (Rated VR, Square Wave, 20 kHz, TC = 140C) Per Leg Non-Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) Peak Repetitive Reverse Current (2.0 ms, 1.0 kHz) Per Leg Storage Temperature Range Operating Junction Temperature Voltage Rate of Change (Rated VR) Symbol VRRM VRWM VR IF(AV) Value 45 Unit V
3
POWERTAP II CASE 357C PLASTIC
MARKING DIAGRAM
A 100 200 A 200 MCC AYYWWG
IFRM
B20045T
IFSM
1500
A
IRRM Tstg TJ dv/dt
A 2.0 -55 to +150 -55 to +150 10,000 C C V/ms
B20045T MCC A YY WW G
= Specific Device Code = Mold Compound Code = Assembly Location = Year = York Week = Pb-Free Package
ORDERING INFORMATION
Device MBRP20045CT MBRP20045CTG Package POWERTAP II POWERTAP II (Pb-Free) Shipping 25 Units/Tray 25 Units/Tray
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2006
September, 2006 - Rev. 6
1
Publication Order Number: MBRP20045CT/D
MBRP20045CT
THERMAL CHARACTERISTICS (Per Leg)
Rating Thermal Resistance, Junction-to-Case Symbol RqJC Value 0.6 Unit C/W
ELECTRICAL CHARACTERISTICS (Per Leg)
Instantaneous Forward Voltage (Note 1) (iF = 200 Amps, TJ = 25C) (iF = 200 Amps, TJ = 125C) Instantaneous Reverse Current (Note 1) (Rated dc Voltage, TJ = 125C) (Rated dc Voltage, TJ = 25C) 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2.0%. vF V 0.89 0.78 mA 50 0.5
iR
MAXIMUM MECHANICAL RATINGS
Terminal Penetration: Terminal Torque: Mounting Torque -- Outside Holes: Mounting Torque -- Center Hole: Seating Plane Flatness 0.235 max 25-40 in-lb max 30-40 in-lb max 8-10 in-lb max 1 mil per in. (between mounting holes)
POWERTAP MECHANICAL DATA APPLIES OVER OPERATING TEMPERATURE
2
Vertical Pull 250 lbs. max
2 in. Lever Pull 50 lbs. max
Note: While the POWERTAP is capable of sustaining these vertical and levered tensions, the intimate contact Note: between POWERTAP and heat sink may be lost. This could lead to thermal runaway. The use of very Note: flexible leads is recommended for the anode connections. Use of thermal grease is highly recommended.
http://onsemi.com
2
MBRP20045CT
MOUNTING PROCEDURE The POWERTAP package requires special mounting considerations because of the long longitudinal axis of the copper heat sink. It is important to follow the proper tightening sequence to avoid warping the heat sink, which can reduce thermal contact between the POWERTAP and heat sink. STEP 1: Locate the POWERTAP on the heat sink and start mounting bolts into the threads by hand (2 or 3 turns).
2 -3 TURNS 2 -3 TURNS 2 -3 TURNS
POWER
TAP
HEAT
2 -3 TURNS FINGER-TIGHT
SINK
2 -3 TURNS
STEP 2: Finger tighten the center bolt. The bolt may catch on the threads of the heat sink so it is important to make sure the face of the bolt or washer is in contact with the surface of the POWERTAP. STEP 3: Tighten each of the end bolts between 5 to 10 in-lb.
POWER
TAP
HEAT
5 -10 IN-LB FINGER-TIGHT
SINK
5 -10 IN-LB
POWER
TAP
HEAT
8 -10 IN-LB
SINK
STEP 4: Tighten the center bolt between 8 to 10 in-lb.
5 -10 IN-LB
5 -10 IN-LB
POWER
TAP
HEAT
8 -10 IN-LB
SINK
STEP 5: Finally, tighten the end bolts between 30 to 40 in-lb.
30 -40 IN-LB
30 -40 IN-LB
POWER
TAP
HEAT
SINK
http://onsemi.com
3
MBRP20045CT
PACKAGE DIMENSIONS
CASE 357C-03 POWERTAP PLASTIC PACKAGE ISSUE E
-A- R G -B-
W 0.25 (0.010) N
M
TA
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. TERMINAL PENETRATION: 5.97 (0.235) MAXIMUM. DIM A B C E F G H N Q R U V W INCHES MIN MAX 3.450 3.635 0.700 0.810 0.615 0.640 0.120 0.130 0.435 0.445 1.370 1.380 0.007 0.030 1/4-20UNC-2B 0.270 0.285 31.50 BSC 0.600 0.630 0.330 0.375 0.170 0.190 MILLIMETERS MIN MAX 87.63 92.33 17.78 20.57 15.63 16.26 3.05 3.30 11.05 11.30 34.80 35.05 0.18 0.76 1/4-20UNC-2B 6.86 7.23 80.01 BSC 15.24 16.00 8.39 9.52 4.32 4.82
Q H F
2 PL
0.25 (0.010)
M
TA
M
B
M
C U V
E
-T-
SEATING PLANE
POWERTAP and SWITCHMODE are trademarks of Semiconductor Components Industries, LLC
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
4
MBRP20045CT/D


▲Up To Search▲   

 
Price & Availability of MBRP20045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X