Part Number Hot Search : 
HMNR88 222M35 ATAR890 TF2005 LP3311S CDRH74 MBT3906 50N50
Product Description
Full Text Search
 

To Download M1MA152WAT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M1MA151WAT1, M1MA152WAT1
Preferred Device
Common Anode Silicon Dual Switching Diodes
These Common Anode Silicon Epitaxial Planar Dual Diodes are designed for use in ultra high speed switching applications. These devices are housed in the SC-59 package which is designed for low power surface mount applications.
Features http://onsemi.com
3 ANODE
* Fast trr, < 10 ns * Low CD, < 15 pF * Pb-Free Packages are Available
2 CATHODE 1
MAXIMUM RATINGS (TA = 25C)
Rating Reverse Voltage M1MA151WAT1 M1MA152WAT1 Peak Reverse Voltage M1MA151WAT1 M1MA152WAT1 Forward Current Single Dual Peak Forward Current Single Dual Peak Forward Surge Current Single Dual IFSM (Note 1) IFM 225 340 500 750 mAdc 1 mAdc Mx = Device Code x = N for 151 O for 152 M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation may vary depending upon manufacturing location. IF 100 150 mAdc Mx M G G VRM 40 80 Vdc Symbol VR 40 80 Vdc
1
Value
Unit SC-59 CASE 318D
MARKING DIAGRAM
THERMAL CHARACTERISTICS
Rating Power Dissipation Junction Temperature Storage Temperature Symbol PD TJ Tstg Max 200 150 -55 to + 150 Unit mW C C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. t = 1 SEC
ORDERING INFORMATION
Device M1MA151WAT1 M1MA151WAT1G M1MA152WAT1 M1MA152WAT1G Package SC-59 SC-59 (Pb-Free) SC-59 SC-59 (Pb-Free) Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2006
1
March, 2006 - Rev. 9
Publication Order Number: M1MA151WAT1/D
M1MA151WAT1, M1MA152WAT1
ELECTRICAL CHARACTERISTICS (TA = 25C)
Characteristic Reverse Voltage Leakage Current M1MA151WAT1 M1MA152WAT1 Forward Voltage Reverse Breakdown Voltage M1MA151WAT1 M1MA152WAT1 Diode Capacitance Reverse Recovery Time (Figure 1) 2. trr Test Circuit CD trr (Note 2) VF VR Symbol IR VR = 35 V VR = 75 V IF = 100 mA IR = 100 mA VR = 0, f = 1.0 MHz IF = 10 mA, VR = 6.0 V, RL = 100 W, Irr = 0.1 IR - - 40 80 - - 0.1 1.2 - 15 10 Condition Min Max Unit mAdc Vdc Vdc pF ns
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
tr tp t 10%
OUTPUT PULSE
trr t
IF
A
RL 90% VR tp = 2 ms tr = 0.35 ns
Irr = 0.1 IR IF = 10 mA VR = 6 V RL = 100 W
Figure 1. Reverse Recovery Time Equivalent Test Circuit
http://onsemi.com
2
M1MA151WAT1, M1MA152WAT1
100 IF, FORWARD CURRENT (mA)
10 TA = 85C TA = 25C 1.0 TA = -40C 0.1 0.2 0.4 0.6 0.8 1.0 1.2
VF, FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
10 IR , REVERSE CURRENT (A)
TA = 150C TA = 125C
1.0
0.1
TA = 85C TA = 55C
0.01 TA = 25C 0 10 20 30 40 50
0.001
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Leakage Current
1.75 CD, DIODE CAPACITANCE (pF)
1.5
1.25
1.0
0.75
0
2
4
6
8
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
http://onsemi.com
3
M1MA151WAT1, M1MA152WAT1
PACKAGE DIMENSIONS
SC-59 CASE 318D-04 ISSUE G
D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. MILLIMETERS NOM MAX 1.15 1.30 0.06 0.10 0.43 0.50 0.14 0.18 2.90 3.10 1.50 1.70 1.90 2.10 0.40 0.60 2.80 3.00 INCHES NOM 0.045 0.002 0.017 0.005 0.114 0.059 0.075 0.016 0.110
3
HE
2
1
E
b e
DIM A A1 b c D E e L HE
MIN 1.00 0.01 0.35 0.09 2.70 1.30 1.70 0.20 2.50
MIN 0.039 0.001 0.014 0.003 0.106 0.051 0.067 0.008 0.099
MAX 0.051 0.004 0.020 0.007 0.122 0.067 0.083 0.024 0.118
A A1 L
C
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.4 0.094
1.0 0.039 0.8 0.031
mm inches
SCALE 10:1
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
M1MA151WAT1/D


▲Up To Search▲   

 
Price & Availability of M1MA152WAT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X