Part Number Hot Search : 
NTB45N06 TM4660P BSP16T1 NTE5001A 015020 PC1602D PACUS MXD1816
Product Description
Full Text Search
 

To Download IRG4PC50UPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -95186
IRG4PC50UPBF
INSULATED GATE BIPOLAR TRANSISTOR
Features
* UltraFast: Optimized for high operating frequencies 8-40 kHz in hard switching, >200 kHz in resonant mode * Generation 4 IGBT design provides tighter parameter distribution and higher efficiency than Generation 3 * Industry standard TO-247AC package * Lead-Free
C
UltraFast Speed IGBT
VCES = 600V
G E
VCE(on) typ. = 1.65V
@VGE = 15V, IC = 27A
n-channel
Benefits
* Generation 4 IGBT's offer highest efficiency available * IGBT's optimized for specified application conditions * Designed to be a "drop-in" replacement for equivalent industry-standard Generation 3 IR IGBT's
Absolute Maximum Ratings
Parameter
VCES IC @ TC = 25C IC @ TC = 100C ICM ILM VGE EARV PD @ TC = 25C PD @ TC = 100C TJ TSTG Collector-to-Emitter Breakdown Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Q Clamped Inductive Load Current R Gate-to-Emitter Voltage Reverse Voltage Avalanche Energy S Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 screw.
TO-247AC
Max.
600 55 27 220 220 20 20 200 78 -55 to + 150 300 (0.063 in. (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
V A
V mJ W
C
Thermal Resistance
Parameter
RJC RCS RJA Wt Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient, typical socket mount Weight
Typ.
---0.24 ---6 (0.21)
Max.
0.64 ---40 ----
Units
C/W g (oz)
www.irf.com
1
04/26/04
IRG4PC50UPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Min. Typ. Collector-to-Emitter Breakdown Voltage 600 ---Emitter-to-Collector Breakdown Voltage T 18 ---V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage ---- 0.60 ---- 1.65 VCE(ON) Collector-to-Emitter Saturation Voltage ---- 2.0 ---- 1.6 VGE(th) Gate Threshold Voltage 3.0 ---VGE(th)/TJ Temperature Coeff. of Threshold Voltage ---- -13 gfe Forward Transconductance U 16 24 ---- ---ICES Zero Gate Voltage Collector Current ---- ------- ---IGES Gate-to-Emitter Leakage Current ---- ---V(BR)CES V(BR)ECS Max. Units Conditions ---V VGE = 0V, IC = 250A ---V VGE = 0V, IC = 1.0A ---- V/C VGE = 0V, IC = 1.0mA 2.0 IC = 27A VGE = 15V ---IC = 55A See Fig.2, 5 V ---IC = 27A , TJ = 150C 6.0 VCE = VGE, IC = 250A ---- mV/C VCE = VGE, IC = 250A ---S VCE 15V, IC = 27A 250 A VGE = 0V, VCE = 600V 2.0 VGE = 0V, VCE = 10V, TJ = 25C 5000 VGE = 0V, VCE = 600V, TJ = 150C 100 nA VGE = 20V
Switching Characteristics @ TJ = 25C (unless otherwise specified)
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Ets LE Cies Coes Cres Notes: Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. ---------------------------------------------------------Typ. 180 25 61 32 20 170 88 0.12 0.54 0.66 31 23 230 120 1.6 13 4000 250 52 Max. Units Conditions 270 IC = 27A 38 nC VCC = 400V See Fig. 8 90 VGE = 15V ------TJ = 25C ns 260 IC = 27A, VCC = 480V 130 VGE = 15V, RG = 5.0 ---Energy losses include "tail" ---mJ See Fig. 10, 11, 13, 14 0.9 ---TJ = 150C, ---IC = 27A, VCC = 480V ns ---VGE = 15V, RG = 5.0 ---Energy losses include "tail" ---mJ See Fig. 13, 14 ---nH Measured 5mm from package ---VGE = 0V ---pF VCC = 30V See Fig. 7 --- = 1.0MHz
Q Repetitive rating; VGE = 20V, pulse width limited by
max. junction temperature. ( See fig. 13b )
R VCC = 80%(VCES), VGE = 20V, L = 10H, RG = 5.0,
(See fig. 13a)
T Pulse width 80s; duty factor 0.1%. U Pulse width 5.0s, single shot.
S Repetitive rating; pulse width limited by maximum
junction temperature.
2
www.irf.com
IRG4PC50UPBF
80
F o r b o th :
T rian gu la r w a ve:
60
L oad C urre nt (A )
D u t y c yc le: 5 0% T J = 1 2 5 C T s in k = 9 0 C G a te d r ive a s sp ec ified P o w e r D is sip atio n = 40 W
C la m p vo lta g e : 8 0 % o f ra te d
S q u are w a ve :
40
6 0 % o f ra ted vo ltag e
20
Idea l d io des
0 0.1 1 10
A
100
f, F re qu e nc y (k H z)
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=IRMS of fundamental; for triangular wave, I=IPK)
I C , C o lle ctor-to-E m itter Cu rre n t (A )
1000
1000
100
I C , C ollec to r-to-Em itte r C u rre nt (A)
100
10
T J = 1 5 0 C
TJ = 1 5 0C
T J = 2 5 C
1
10
T J = 2 5 C
0.1 0 1
VGE = 15V 2 0 s P U L S E W ID T H
A
10
1 4 6 8
V C C = 10 V 5 s P U L S E W IDTH A
10 12
VC E , C o lle c to r-to -E m itte r V o lta g e (V )
VG E , G a te -to -E m itte r V o lta g e (V )
Fig. 2 - Typical Output Characteristics www.irf.com
Fig. 3 - Typical Transfer Characteristics 3
IRG4PC50UPBF
60
50
V CE , C olle ctor-to-E m itte r V oltage (V)
V G E = 15 V
2.5
M aximum D C Collector Current (A )
V G E = 1 5V 8 0 s P U L S E W ID TH IC = 5 4 A
40
2.0
30
IC = 2 7 A
1.5
20
IC = 14 A
10
0 25 50 75 100 125 150
1.0 -60 -40 -20 0 20 40 60 80 100 120
A
140 160
T C , C ase Tem perature (C)
T J , Ju n c tio n Te m p e ra tu re (C )
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Collector-to-Emitter Voltage vs. Junction Temperature
1
T h e rm a l R e s p o n se (Z thJ C )
D = 0 .5 0
0 .2 0
0 .1
0 .1 0 0 .0 5 0 .0 2 0 .0 1 S IN G L E P U L S E (T H E R M A L R E S P O N S E )
N ote s : 1 . D u ty f ac t or D = t 1 /t 2 PD M
t
1 t 2
0 .0 1 0 .0 0 0 0 1
2 . P e a k TJ = P D M x Z th J C + T C
0 .0 0 0 1
0 .0 0 1
0 .0 1
0 .1
1
10
t 1 , R e c ta n g u la r P u ls e D ura tio n (s e c )
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case 4 www.irf.com
IRG4PC50UPBF
8000
V G E , Gate-to-Emitter Voltage (V)
V GE C ie s C re s C o es
= = = =
0V , f = 1M Hz C ge + C gc , C ce SH OR T ED C gc C ce + C gc
20
VC E = 400V I C = 27A
C, Capacitance (pF)
16
6000
C ie s
12
4000
C oe s
2000
8
C res
4
0 1 10
A
100
0 0 40 80 120 160
A
200
VC E , C o lle c to r-to -E m itte r V o lta g e (V )
Q g , Total Gate Charge (nC)
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
2.2 2.0
To ta l S w itc h in g L os se s (m J)
VC C VG E TJ IC
= 480V = 15V = 25C = 27A
10
R G = 5 .0 V GE = 15V V CC = 480V
IC = 5 4 A
Total Switching Losses (mJ)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0 10 20 30 40 50
IC = 2 7A
1
IC = 1 4 A
A
60
0.1 -60 -40 -20 0 20 40 60 80 100 120 140
A
160
R G , Gate Resistance ( )
TJ , J u n ctio n T e m p e ra tu re (C )
Fig. 9 - Typical Switching Losses vs. Gate Resistance www.irf.com
Fig. 10 - Typical Switching Losses vs. Junction Temperature 5
IRG4PC50UPBF
3.0
Total Switc hing Losses (mJ )
I C , C ollector-to-E m itter Current (A )
RG TJ V CC V GE
= 5 .0 = 1 5 0 C = 480V = 15V
1000
VG E E 2 0V G= T J = 125 C
2.0
100
S A FE O P E R A T IN G A R E A
1.0
10
0.0 0 10 20 30 40 50
A
1 1 10 100 1000
I C , C o lle cto r-to -E m itte r C u rre n t (A )
V C E , Collecto r-to-E m itter V oltage (V )
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
6
www.irf.com
IRG4PC50UPBF
L 50V 1 00 0V VC *
D .U .T.
RL = 0 - 480V
480V 4 X IC@25C
480F 960V
Q
R
* Driver s am e ty pe as D .U .T.; Vc = 80% of V ce (m ax ) * Note: D ue to the 50V pow er s upply, pulse w idth a nd inductor w ill inc rea se to obta in ra ted Id.
Fig. 13a - Clamped Inductive
Load Test Circuit
Fig. 13b - Pulsed Collector
Current Test Circuit
IC L D river* 50V 1000V Q R S VC D .U .T.
Fig. 14a - Switching Loss
Test Circuit
* Driver same type as D.U.T., VC = 480V
Q
R
9 0%
S
1 0% 90 %
VC
t d (o ff)
Fig. 14b - Switching Loss
Waveforms
10 % IC 5% t d (o n )
tr E on E ts = ( Eo n +E o ff )
tf t=5 s E o ff
www.irf.com
7
IRG4PC50UPBF
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
TO-247AC Part Marking Information
E XAMPL E : T HIS IS AN IR F PE 30 WIT H AS S E MB LY L OT CODE 5657 AS S E MB L E D ON WW 35, 2000 IN T H E AS S E MB LY L INE "H"
Note: "P" in assembly line position indicates "Lead-Free"
INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE
PAR T NU MB E R
IR F PE 30
56 035H 57
DAT E CODE YE AR 0 = 2000 WE E K 35 L INE H
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 04/04
8
www.irf.com
Note: For the most current drawings please refer to the IR website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRG4PC50UPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X