Part Number Hot Search : 
GMS90C3X LB122 5503P PW2300 1688M IDT71V 17256 SE103
Product Description
Full Text Search
 

To Download HD66520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD66520T
(160-Channel 4-Level Grayscale Display Column Driver with Internal Bit-Map RAM)
Description
The HD66520 is a column driver for liquid crystal dot-matrix graphic display systems. This LSI incorporates 160 liquid crystal drive circuits and a 160 x 240 x 2-bit bit-map RAM, which is suitable for LCDs in portable information devices. It also includes a general-purpose SRAM interface so that draw access can be easily implemented from a general-purpose CPU. The HD66520 also has a new arbitration method which prevents flicker when the CPU performs draw access asynchronously. The on-chip display RAM greatly decreases power consumption compared to previous liquid crystal display systems because there is no need for high-speed data transfer. The chip also incorporates a four-level grayscale controller for enhanced graphics capabilities, such as icons on a screen.
Features
* * * * * * * * Duty cycle: 1/64 to 1/240 Liquid crystal drive circuits: 160 Low-voltage logic circuit: 3.0 to 5.5-V operation power supply voltage High-voltage liquid crystal drive circuit: 8 to 28-V liquid crystal drive voltage Grayscale display: FRC four-level grayscale display Grayscale memory management: Packed pixel Internal bit-map display RAM: 76800 bits (160 x 240 lines x two planes) CPU interface SRAM interface Address bus: 16 bits, data bus: 8 bits
1014
HD66520T
* High-speed draw function: Supports burst transfer mode * Arbitration function: Implemented internally (draw access has priority) * Access time 180 ns (VCC = 5V operation) 240 ns (VCC = 3V operation) * Low power consumption: VCC = 3.3-V operation 360 A during display (logic circuit, liquid crystal drive circuit) 10 mA during RAM access (logic circuit) VCC = 5.5-V operation 400 A during display (logic circuit, liquid crystal drive circuit) 16 mA during RAM access (logic circuit) * On-chip address management function * Refresh unnecessary * Internal display off function * Package: 208-pin TCP
Ordering Information
Type No. HD66520TA0 HD66520TB0 TCP Straight TCP Folding TCP Outer Lead Pitch (m) 200 200
1015
1016
Note : This figure does not specify the TCP dimensions.
160 159 158 157 156 155 154 153 152 151 Y160 Y159 Y158 Y157 Y156 Y155 Y154 Y153 Y152 Y151
HD66520T
Pin Arrangement
Top View
V2L V4L V3L V1L VEE1 VCC1 LS0 LS1 SHL GND1 FLM M CL1 DISPOFF CS WE OE A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 GND2 DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 VCC2 VEE2 V1R V3R V4R V2R 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 10 9 8 7 6 5 4 3 2 1
Y10 Y9 Y8 Y7 Y6 Y5 Y4 Y3 Y2 Y1
HD66520T
Pin Description
Classification Power supply Symbol VCC1 VCC2 GND1 GND2 VEE1 VEE2 V1L, V1R V2L, V2R V3L, V3R V4L, V4R Control LS0, LS1 SHL FLM CL1 M
',632) )
Pin No.
Pin Name VCC VCC GND GND LCD drive circuit power supply LCD select high-level voltage LCD select low-level voltage LCD deselect high-level voltage LCD deselect low- level voltage LSI ID select switch pin0 and 1
I/O -- -- -- -- -- -- Input
Number of Pins Function VCC-GND: logic power supply
VCC-VEE: LCD drive circuit power supply
2
Input
2
LCD drive level power supplies See Figure 1. The user should apply the same potential to the L and R side.
Input
2
Input
2
Input
2
Pins for setting LSI ID no (refer to signals Pin Functions for details). Reverses the relationship between LCD drive output pins Y and addresses. First line select signal. Clock signal to transfer the line data to an LCD display driver block. Switching signal to convert LCD drive output to AC. Control signal to fix LCD driver outputs to LCD select high level. When low, LCD drive outputs Y1 to Y160 are set to V1, or LCD select high level. Display can be turned off by setting a common driver to V1.
Shift direction Input control signal First line marker Data transfer clock AC switching signal Display off signal Input Input Input Input
1 1 1 1 1
1017
HD66520T
Classification Bus interface Symbol A0 to A15 Pin No. Pin Name I/O Number of Pins Function 16 Upper 9 bits (A15-A7) are used for the duty-directional addresses, and lower 7 bits (A6-A0) for the output-pin directional addresses (refer to Pin Functions for details). Packed-pixel 2-bit/pixel display data transfer (refer to Pin Functions for details). LSI select signal during draw access (refer to Pin Functions for details). Write-enable signal during draw access (refer to Pin Functions for details). Output-enable signal during draw access (refer to Pin Functions for details). Each Y outputs one of the four voltage levels V1, V2, V3, or V4, depending on the combination of the M signal and data levels
Address input Input
DB0 to DB7
&6
Data input/ output Chip select signal Write signal Output enable signal LCD drive output
I/O
8
Input Input Input
1 1 1
:(
2(
LCD drive output
Y1 to Y160
Output 160
Note: The number of input outer leads: 48
V1 V3 V4 V2
Figure 1 LCD Drive Levels
1018
HD66520T
Pin Functions
Control Signals LS0 and LS1 (Input): The LS pins can assign four (0 to 3) ID numbers to four LSIs, thus making it possible to connect a maximum of four HD66520s sharing the same &6 pin to the same bus (Figure 2.) SHL (Input): This pin reverses the relationship between LCD drive output pins Y1 to Y160 and addresses. There is no need to change the address assignment for the display regardless of whether the HD66520 is mounted from the back or the front of the LCD panel. Refer to Driver Layout and Address Management for details. FLM (Input): When the pin is high, it resets the display line counter, returns the display line to the start line, and synchronizes common signals with frame timing. CL1 (Input): At each falling edge of data-transfer clock pulses input to this pin, the latch circuits latch display data and output it to the liquid crystal display driver section. M (Input): AC voltage needs to be applied to liquid crystals to prevent deterioration due to DC voltage application. The M pin is a switch signal for liquid crystal drive voltage and determines the AC cycle. (Input): A control signal to fix liquid crystal driver output to liquid crystal select high level. When this pin is low, liquid crystal drive outputs Y1 to Y160 are set to liquid crystal select high level V1. The display can be turned off by setting the outputs of the common driver to level V1. In this case, display RAM data will be retained. Therefore, if signal ',632)) returns to high level, liquid crystal drive outputs will return to normal display state. Draw access can be executed when signal ',632)) is either in high or low state.
',632))
ID = 0 HD66520 HD66503 320
ID = 2 HD66520
LS1 480 LCD panel L L H H HD66520 ID = 1 HD66520 ID = 3
LS0 L H L H
ID No. 0 1 2 3
RAM Address Arrangement Upper-left of LCD panel Lower-left of LCD panel Upper-right of LCD panel Lower-right of LCD panel
HD66503
L: Low level H: High level
Figure 2 LS Pins and Address Assignment
1019
HD66520T
Power Supply Pins VCC1-2 and GND1-2: These pins supply power to the logic circuit. VCC1-2 and VEE1-2: These pins supply power to the liquid crystal circuits. V1L, V1R, V2L, V2R, V3L, V3R, V4L, V4R: These pins are used to input the level power supply to drive the liquid crystal. Bus Interface (Input): A basic signal of the RAM area. When &6 is low (active), the system can access the on-chip RAM of the LSI whose address space, set by LS0, LS1, and SHL pins, contains the input address. When &6 is high, it is prohibited to access the RAM.
&6
In addition, this signal is used for arbitration control when draw access from the CPU competes with display access that is used to transfer line data to the liquid crystal panel. Note that there are restraints for the pulse width, as shown in Figure 3. The example shown here is when VCC = 3V for a write operation. A0 to A15 (Input): A bus to transfer addresses during RAM access. Upper nine bits (A15 to A7) are duty-direction addresses, and lower seven bits (A6 to A0) are output pin-direction addresses. (Input): When :( is during low level, the RAM is in active mode, and during high level, it is prohibited to access the RAM. This is used to write display data to the RAM. Only the LSI whose address space, set by pins LS0, LS1, and SHL, contains the input address can be written to when &6 is low.
:(
(Input): When 2( is during low level the RAM is in active mode, and during high level, it is prohibited to access the RAM. This is used to read display data from the RAM. Only the LSI whose address space, set by pins LS0, LS1, and SHL, contains the input address can be read from when &6 is low.
2(
DB0 to DB7 (Input/Output): The pins function as data input/output pins. They can accommodate to a data format with 2 bits/pixel, which implement packed-pixel four-level grayscale display.
180 tCHW (ns) 180 tCLW tFS - 1000 (ns) tCLW CS FLM CL1 tFS tCHW: CS high-level width tCLW: CS low-level width tCHW
Note: Refer to restraints for details on pulse-width restraints.
Figure 3
&6 &6(Input)
1020
HD66520T
Block Diagram
SHL LS1, LS0 A15 to A0 Address management circuit Bidirectional buffer Data line decoder
DB7 to DB0
I/O selector
FLM
Line counter
Word line decoder
RAM 160 x 240 x 2 bits
CS WE OE
Timing control circuit
FRC control circuit
Data latch circuit (1)
CL1 M V4L, V3L V2L, V1L
Data latch circuit (2) DISPOFF V4R, V3R, V2R, V1R
LCD drive circuit
Y1 Y2 Y3
Y160
Figure 4 Block Diagram
1021
HD66520T
Address Management Circuit: Converts the addresses input via A15-A0 from the system to the addresses for a memory map of the on-chip RAM. When several LSIs (HD66520s) are used, only the LSI whose address space, set by pins LS0, LS1, and SHL, contains the input address, accepts the access from the system, and enables the inside. The address management circuit enables configuration of the LCD display system with memory addresses not affected by the connection direction, and reduces burdens of software and hardware in the system. Refer to the How to Use the LS1 and LS0 Pins to set pins LS0, LS1, and SHL. Timing Control Circuit: This circuit controls arbitration between display access and draw access. Specifically, it controls access timing while receiving signals FLM, CL1, &6, :(, and 2( as input. FLM and CL1 are used to perform refresh (display access), that is, to transfer line data to the liquid crystal circuit. &6, :(, and 2( are used for the CPU to perform draw operation (draw access), that is, to read and write display data from and to the internal RAM. This circuit also generates a timing signal for the FRC control circuit to implement four-level grayscale display. Line Counter: Operates refresh functions. When FLM is high, the counter clears the count value and generates an address to select the first line in the RAM section. The counter increments its value whenever CL1 is valid and generates an address to select subsequent lines in the RAM section. Bidirectional Buffer: Controls the transfer direction of the display data according to signals from pins :( and 2( in draw operation from the system. Word Line Decoder: Decodes duty addresses (A15 to A7) and selects one of 240 lines in the display RAM section, and activates one-line memory cells in the display RAM section. Data Line Decoder: Decodes pin addresses (A6 to A0) and selects a data line in the display RAM section for the 7-bit memory cells in one-line memory cells activated by the word line decoder. I/O Selector: Reads and writes 8-bit display data for the memory cells in the RAM section. Display RAM: 160 x 240 x 2-bit memory cell array. Since the memory is static, display data can be held without refresh operation during power supply. FRC Circuit: Implements FRC (frame rate control) function for four-level grayscale display. For details, refer to Half Tone Display. Data Latch Circuit (1): Latches 160-pixel grayscale display data processed by the FRC control circuit after being read from the display RAM section by refresh operation. This circuit is needed to arbitrate between display access for performing liquid crystal display and draw access from the CPU. Data Latch Circuit (2): This circuit again outputs the data in data latch circuit (1) synchronously with signal CL1. LCD Drive Circuit: Selects one of LCD select/deselect power levels V4R to V1R and V4L to V1L according to the grayscale display data, AC signal M, and display-off signal ',632)). The circuit is configured with 160 circuits each generating LCD voltage to turn on/off the display.
1022
HD66520T
Configuration of Display Data Bit
Packed Pixel Method For grayscale display, multiple bits are needed for one pixel. In the HD66520, two bits are assigned to one pixel, enabling a four-level grayscale display. One address (eight bits) specifies four pixels, and pixel bits 0 and 1 are managed as consecutive bits. When grayscale display data is manipulated in bit units, one memory access is sufficient, which enables smooth high-speed data rewriting. The bit data to input to pin DB7, DB5, DB3, and DB1 becomes MSB and the bit data to input via pin DB6, DB4, DB2, and DB0 is LSB.
4 pixels/address Address: n
Bit 0 1 2 3 4 5 6 7 00100111
Address: n + 1
01234567 00000101
Address: n + 2
01234567 10101111
Physical memory
FRC control circuit
0
1
2
3
0
0
2
2
1
1
3
3
Grayscale level
LCD display state
Note: Black is shown when the LCD select high-level power supply V1 (M = 1) and LCD select low-level power V2 (M = 0) are selected. White is shown when the LCD non-select high-level power supply V3 (M = 1) and LCD non-select low-level power supply V4 (M = 0) are selected.
Figure 5 Packed Pixel System
1023
HD66520T
Half Tone Display (FRC: Frame Rate Control Function)
The HD66520 incorporates an FRC function to display four-level grayscale half tone. The FRC function utilizes liquid crystal characteristics whose brightness is changed by an effective value of applied voltage. Different voltages are applied to each frame and half brightness is expressed in addition to display on/off. Since the HD66520 has two-bit grayscale data per one pixel, it can display four-level grayscale and improve user interface (Figure 6). Figure 7 shows the relationships between voltage patterns applied to each frame, the effective voltage value, and brightness obtained.
Edit
a) Display with two values
Edit
b) Display with four values
Figure 6 Example of User Interface Improvement
1024
HD66520T
Applied voltage pattern 1st frame White (0, 0) 2nd frame 3rd frame Effective voltage
(Vrm0) Light gray (0, 1) (Vrm1) Dark gray (1, 0) (Vrm2) Black (1, 1)
(Vrm3) V1 (M = 1) V2 (M = 0) V3 (M = 1) V4 (M = 0) Brightness White
Light gray
Dark gray Black Vrm0 Vrm1 Vrm2 Effective voltage Effective voltage and Brightness Vrm3
Note: Black is shown when the LCD select high-level power supply V1 (M = 1) and LCD select low-level power V2 (M = 0) are selected. White is shown when the LCD non-select high-level power supply V3 (M = 1) and LCD non-select low-level power supply V4 (M = 0) are selected.
Figure 7 Effective Voltage Values vs. Brightness
1025
HD66520T
Address Management
The HD66520 has an address management function that corresponds to three display sizes all of which are standard sizes for portable information devices: a 160-dot-wide by 240-dot-long display (small information devices); a 320-dot-wide by 240-dot-long display (quarter VGA size); and a 320-dot-wide by 480-dot-long display (half VGA size). Up to four HD66520s can be connected to at a time to configure easily liquid crystal displays with the resolutions mentioned above. Driver Layout and Address Management The Y lines on a liquid crystal panel and memory data in a driver are inverted horizontally depending on the connection side of the liquid crystal panel and the driver. When several drivers are connected, address management is needed for each driver. Although reinverted bit-map plotting or address management by the &6 pin in each driver are possible by using special write addressing, the load on the software is significantly increased. To avoid this, the HD66520 provides memory addresses independent of connection side, but responds to the setting of pins LS0, LS1, and SHL. How to Use the LS1 and LS0 Pins Pins LS1 and LS0 set the LSI position (up to four) as shown in Figure 8 by assigning ID numbers 0 to 3 to each HD66520.
ID = 0 HD66520 HD66503 ID = 2 HD66520
320
LS1 L L H H
LS0 L H L H
ID No. 0 1 2 3
Address Arrangement Upper-left side Lower-left side Upper-right side Lower-right side
480 LCD panel
L: Low level H: High level
HD66503
HD66520 ID = 1
HD66520 ID = 3
Figure 8 LS0 and LS1 Pin Setting and Internal Memory Map
1026
HD66520T
How to Use the SHL Pin It is possible to invert the relationship between the addresses and output pins Y1 to Y160 by setting the SHL pin (Figure 9). The upper left section on the screen can be assigned to address H'0000 regardless of which side of the LCD panel the HD66520 is connected to. The Relationship between the Data Bus and Output Pins The 8-bit data on the data bus has a 2-bit/pixel configuration for a 4-level grayscale display. In addition, the 8-bit data on the data bus has a relationship as shown in table regardless of the relationship between pins LS0, LS1, and SHL. Table 1
Data Bus DB 0, 1 DB 2, 3 DB 4, 5 DB 6, 7
Data Bus and Output Pins
Output Pins Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 ********* ********* ********* ********* Y153 Y154 Y155 Y156 Y157 Y158 Y159 Y160
HD66520 HD66520 Y160 Y1 Y160 Y1 HD66503 HD66503
HD66520 HD66520 Y160 Y1 Y160 Y1
320
320
480 LCD panel
480 LCD panel
HD66503
Y160
Y1 Y160
Y1
HD66503
HD66520
HD66520
Y160 Y1 Y160 Y1 HD66520 HD66520
When the HD66520 is connected to the back of the panel (SHL = Low).
When the HD66520 is connected to the front of the panel (SHL = High).
Figure 9 Address Assignment and SHL Pin Setting
1027
HD66520T
Since the relationship between data bus pins DB0 to DB7 and the output pins are fixed, connect the data from the CPU to data bus pins DB0 to DB7 according to the driver arrangement on the panel as shown in Figure 10.
Drive Arrangement When Y1 is placed on the left side of the liquid crystal panel
Data Bus Connection
CPU data HD66520 D0 D1 D2 D3 D4 D5 D6 D7
HD66520 data bus pin DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7
Y1
Y160
Liquid crystal panel
When Y160 is placed on the left side of the liquid crystal panel
CPU data HD66520 D0 D1 D2 D3 D4 D5 D6 D7 HD66520 data bus pin DB6 DB7 DB4 DB5 DB2 DB3 DB0 DB1
Y160
Y1
Liquid crystal panel
Figure 10 Relationship between Data Bus Pins DB0 to DB7 and Output Pins
1028
HD66520T
Application Example The HD66520 is suitable for a 160-dot-wide by 240-dot-long display (small information devices); a 320dot-wide by 240-dot-long display (quarter VGA size); and a 320-dot-wide by 480-dot-long display (half VGA size). All of these are standard sizes for portable information devices. The following shows the system configuration.
Small-size information device 160-dot-wide by 240-dot-long HD66520 Line scan direction 160 HD66503 Quarter VGA size 320-dot-wide by 240-dot-long HD66520 Line scan direction 160 HD66520 160
HD66503
240
240
Expands horizontally
240 HD66520 160 240 160 HD66520 240
240
160
320
Expands horizontally and vertically Half VGA size 320-dot-wide by 480-dot-long HD66520 160 HD66503 Line scan direction
160 HD66520
320
Figure 11 Application Examples
Line scan direction
480
HD66503
1029
HD66520T
Small Information Device (SHL = Low)
ID No. 0 LS0 = Low LS1 = Low
HD66520 L1 L2 L3 0000 0001 0080 0081 0100 0101 0026 0027 00A6 00A7 0126 0127
Y1
160 Scan direction HD66503
Y160
L238 L239 L240
7680 7700 7780 Y1 Y4
7681 7701 7781 Y5 Y8
76A6 76A7 7726 7727 77A6 77A7 Y153 Y157 Y156 Y160
240
Liquid crystal panel
240
160 CPU
D0 D1 D2 D3 D4 D5 D6 D7 DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 1 1 1 1 1 1 1 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 0 0 1
HD66520
1 0 0 1
0 1 1 0
0 1 1 0
0 0 0 0
0 0 0 0
Display memory
0 0 0 0 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 0 1 1 0 1 0 0 1 1 0 0 1 0 1 1 0 1 1 1 1 0 0 0 0
Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8
Y157 Y159 Y158 Y160
Liquid crystal display image
Figure 12 Small Information Device (1)
1030
Duty direction
HD66520T
Small Information Device (SHL = High)
ID No. 0 LS0 = Low LS1 = Low
HD66520 L1 L2 L3 0000 0001 0080 0081 0100 0101 0026 0027 00A6 00A7 0126 0127
Y160
160 Scan direction HD66503
Y1
L238 L239 L240
7680 7681 7700 7701 7780 7781 Y157 Y153 Y160 Y156
76A6 76A7 7726 7727 77A6 77A7 Y5 Y1 Y8 Y4
240
Liquid crystal panel
240
160 CPU
D1 D0 D3 D2 D5 D4 D7 D6 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 1 1 1 1 1 1 1 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 0 0 1
HD66520
1 0 0 1
0 1 1 0
0 1 1 0
0 0 0 0
0 0 0 0
Display memory
1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 0 0 1 0 1 1 0 0 1 1 0 1 0 0 1 0 0 0 0 1 1 1 1
Y159 Y157 Y155 Y153 Y160 Y158 Y156 Y154
Y4 Y3 Y2 Y1
Liquid crystal display image
Figure 13 Small Information Device (2)
Duty direction
1031
HD66520T
Quarter VGA Size (SHL = Low)
L1 L2 L3 0000 0001 0080 0081 0100 0101 0026 0027 00A6 00A7 0126 0127 L1 L2 L3 0028 0029 00A8 00A9 0128 0129 004E 004F 00CE 00OF 014E 014F
L238 L239 L240
7680 7700 7780 Y1 Y4
7681 7701 7781 Y5 Y8
76A6 76A7 7726 7727 77A6 77A7 Y153 Y157 Y156 Y160
L238 L239 L240
76A8 7728 77A8 Y1 Y4
76A9 7729 77A9 Y5 Y8
76CE 76CF 774E 774F 77CE 77CF Y153 Y157 Y156 Y160
ID No. 0 LS0 = Low LS1 = Low
HD66520
ID No. 2 LS0 = Low LS1 = High
HD66520
Y1 160 Scan direction HD66503
Y160 Y1 160
Y160
240
240
Liquid crystal panel
320
Figure 14 Quarter VGA Size (1)
1032
HD66520T
CPU
D0 D1 D2 D3 D4 D5 D6 D7 DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 1 1 1 1 1 1 1 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 0 0 1 1 0 0 1 0 1 1 0 0 1 1 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 0 0 1 1 0 0 1 0 1 1 0 0 1 1 0 0 0 0 0 0 0 0 0
HD66520
HD66520
Display memory
0 0 0 0 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 0 1 1 0 1 0 0 1 1 0 0 1 0 1 1 0 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 1 0 0 0 0
Display memory
0 0 0 0 1 1 1 1 0 1 1 0 1 0 0 1 1 0 0 1 0 1 1 0 1 1 1 1 0 0 0 0
Y1 Y2 Y3 Y4
Y157 Y159 Y1 Y2 Y3 Y4 Y158 Y160
Y157 Y159 Y158 Y160
Duty direction
Liquid crystal display image
Figure 15 Quarter VGA Size (2)
1033
HD66520T
Quarter VGA Size (SHL = High)
L1 L2 L3 0000 0001 0080 0081 0100 0101 0026 0027 00A6 00A7 0126 0127 L1 L2 L3 0028 0029 00A8 00A9 0128 0129 004E 004F 00CE 00CF 014E 014F
L238 L239 L240
7680 7681 7700 7701 7780 7781 Y157 Y153 Y160 Y156
76A6 76A7 7726 7727 77A6 77A7 Y5 Y1 Y8 Y4
L238 L239 L240
76A8 76A9 7728 7729 77A8 77A9 Y157 Y153 Y160 Y156
76CE 76CF 774E 774F 77CE 77CF Y1 Y5 Y4 Y8
ID No. 0 LS0 = Low LS1 = Low
HD66520
ID No. 2 LS0 = Low LS1 = High
HD66520 Y1 Y160
Y160 160 Scan direction HD66503
Y1
160
240
240
Liquid crystal panel
320
Figure 16 Quarter VGA Size (3)
1034
HD66520T
CPU
D1 D0 D3 D2 D5 D4 D7 D6 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 1 1 1 1 1 1 1 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 0 0 1 1 0 0 1 0 1 1 0 0 1 1 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 0 0 1 1 0 0 1 0 1 1 0 0 1 1 0 0 0 0 0 0 0 0 0
HD66520
HD66520
Display memory
1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 0 0 1 0 1 1 0 0 1 1 0 1 0 0 1 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 0 1 1 1 1
Display memory
1 1 1 1 0 0 0 0 1 0 0 1 0 1 1 0 0 1 1 0 1 0 0 1 0 0 0 0 1 1 1 1
Y159 Y157 Y160 Y158
Y4 Y3 Y2 Y1
Y159 Y157 Y160 Y158
Y4 Y3 Y2 Y1
Duty direction
Liquid crystal display image
Figure 17 Quarter VGA Size (4)
1035
HD66520T
Half VGA Size (SHL = Low)
L1 L2 L3 0000 0001 0080 0081 0100 0101 0026 0027 00A6 00A7 0126 0127 L1 L2 L3 0028 0029 00A8 00A9 0128 0129 004E 004F 00CE 00CF 014E 014F
L238 L239 L240
7680 7700 7780 Y1 Y4
7681 7701 7781 Y5 Y8
76A6 76A7 7726 7727 77A6 77A7 Y153 Y157 Y156 Y160
L238 L239 L240
76A8 7728 77A8 Y1 Y4
76A9 7729 77A9 Y5 Y8
76CE 76CF 774E 774F 77CE 77CF Y153 Y157 Y156 Y160
ID No. 0 LS0 = Low LS1 = Low
HD66520
ID No. 2 LS0 = Low LS1 = High
HD66520
Y1 160 Scan direction HD66503
Y160
Y1 160
Y160
240
480
Scan direction
HD66503
320
240
160 Y160
Liquid crystal panel 160 Y1 Y160 HD66520 Y1
HD66520
ID No. 1 LS0 = High LS1 = Low
ID No. 3 LS0 = High LS1 = High
L1 L2 L3
Y157 Y153 Y160 Y156 7800 7801 7880 7881 7900 7901
Y5 Y1 Y8 Y4 7826 7827 78A6 78A7 7926 7927
L1 L2 L3
Y157 Y153 Y160 Y156 7828 7829 78A8 78A9 7928 7929
Y5 Y1 Y8 Y4 784E 784F 78CE 78CF 794E 794F
L238 L239 L240
EE80 EE81 EF00 EF01 EF80 EF81
EEA6 EEA7 EF26 EF27 EFA6 EFA7
L238 L239 L240
EEA8 EEA9 EF28 EF29 EFA8 EFA9
EECE EECF EF4E EF4F EFCE EFCF
Figure 18 Half VGA Size (1)
1036
HD66520T
CPU
D0 D1 D2 D3 D4 D5 D6 D7 DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 1 1 1 1 1 1 1 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0
HD66520
HD66520
Display memory
1 1 1 1
1 1 1 1
1 0 0 1
1 0 0 1
0 1 1 0
0 1 1 0
0 0 0 0
0 0 0 0
0 0 0 0
1 1 1 1
1 1 1 0
0 0 0 1
1 1 1 0
0 0 0 1
1 1 1 1
0 0 0 0
Display memory
0 0 0 0
1 1 1 1
0 1 1 0
1 0 0 1
1 0 0 1
0 1 1 0
1 1 1 1
0 0 0 0
Y1 Y2 Y3 Y4
Y157 Y159 Y1 Y2 Y3 Y4 Y158 Y160
Y157 Y159 Y158 Y160
Duty direction
Liquid crystal display image
Duty direction Y159 Y157 Y160 Y158 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 0 1 1 1 1
Y4 Y3 Y2 Y1
Y159 Y157 Y160 Y158 1 1 1 1 1 1 1 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0
Y4 Y3 Y2 Y1
CPU
D6 D7 D4 D5 D2 D3 D0 D1 DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7
Display memory
1 1 1 1
0 0 0 0
1 0 0 1
0 1 1 0
0 1 1 0
1 0 0 1
0 0 0 0
1 1 1 1
Display memory
1 1 1 1
1 1 1 1
1 0 0 1
1 0 0 1
0 1 1 0
0 1 1 0
0 0 0 0
0 0 0 0
HD66520
HD66520
Figure 19 Half VGA Size (2)
1037
HD66520T
Half VGA Size (SHL = High)
L1 L2 L3 0000 0001 0080 0081 0100 0101 0026 0027 00A6 00A7 0126 0127 L1 L2 L3 0028 0029 00A8 00A9 0128 0129 004E 004F 00CE 00CF 014E 014F
L238 L239 L240
7680 7681 7700 7701 7780 7781 Y157 Y153 Y160 Y156
76A6 76A7 7726 7727 77A6 77A7 Y5 Y1 Y8 Y4
L238 L239 L240
76A8 76A9 7728 7729 77A8 77A9 Y157 Y153 Y160 Y156
76CE 76CF 774E 774F 77CE 77CF Y5 Y1 Y8 Y4
ID No. 0 LS0 = Low LS1 = Low
HD66520
ID No. 2 LS0 = Low LS1 = High
HD66520 Y1 Y160
Y160 Scan direction 160
Y1
160
HD66503
240
480
HD66503
Scan direction
240
320
160 Liquid crystal panel Y160 Y1 160 Y160
Y1
ID No. 1 LS0 = High LS1 = Low
ID No. 3 LS0 = High LS1 = High
Y1 L1 L2 L3
Y5 Y4 Y8 7800 7801 7880 7881 7900 7901
Y153 Y157 Y156 Y160 7826 7827 78A6 78A7 7926 7927
Y1 L1 L2 L3
Y5 Y4 Y8 7828 7829 78A8 78A9 7928 7929
Y153 Y157 Y156 Y160 784E 784F 78CE 78CF 794E 794F
L238 L239 L240
EE80 EE81 EF00 EF01 EF80 EF81
EEA6 EEA7 EF26 EF27 EFA6 EFA7
L238 L239 L240
EEA8 EEA9 EF28 EF29 EFA8 EFA9
EECE EECF EF4E EF4F EFCE EFCF
Figure 20 Half VGA Size (3)
1038
HD66520T
CPU
D1 D0 D3 D2 D5 D4 D7 D6 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 1 1 1 1 1 1 1 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0
HD66520
HD66520
Display memory
1 1 1 1
1 1 1 1
1 0 0 1
1 0 0 1
0 1 1 0
0 1 1 0
0 0 0 0
01 01 01 01
0 0 0 0
0 0 0 1
1 1 1 0
0 0 0 1
1 1 1 0
0 0 0 0
1 1 1 1
Display memory
1 1 1 1
0 0 0 0
1 0 0 1
0 1 1 0
0 1 1 0
1 0 0 1
0 0 0 0
1 1 1 1
Y159 Y157 Y160 Y158
Y4 Y3 Y2 Y1
Y159 Y157 Y160 Y158
Y4 Y3 Y2 Y1
Duty direction
Liquid crystal display image
Duty direction
Y1 Y2 Y3 Y4
Y157 Y159 Y1 Y2 Y3 Y4 Y158 Y160 0 0 0 0 1 1 1 1 0 1 1 0 1 0 0 1 1 0 0 1 0 1 1 0 1 1 1 1 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0
Y157 Y159 Y158 Y160
0 0 0 0
1 1 1 1
1 1 1 0
0 0 0 1
1 1 1 0
0 0 0 1
1 1 1 1
0 0 0 0
CPU
D7 D6 D5 D4 D3 D2 D1 D0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Display memory
Display memory
1 1 1 1
1 1 1 1
1 0 0 1
1 0 0 1
0 1 1 0
0 1 1 0
0 0 0 0
0 0 0 0
HD66520
HD66520
Figure 21 Half VGA Size (4)
1039
HD66520T
Display-Data Transfer
Display RAM data is transferred to 160-bit data latch circuits 1 and 2 at each falling edge of the CL1 clock pulse. Since display data transfer and RAM access to draw data are completely synchronousseparated in the LSI, there will be no draw data loss or display flickering due to display data transfer timing. The first line data transfer involves the first line marker (FLM), which initializes a line counter, and transfers the first line data to data latch circuits 1 and 2. Subsequent line data transfers involve transferring the second and the subsequent line data to data latch circuits 1 and 2 while incrementing the line counter value. First Line Data Transfer The line counter is initialized synchronously with an FLM signal. The first line is transferred to data latch circuits 1 and 2 at the falling edge of the CL1 (Figure 22). Subsequent Line Data Transfer The second and the subsequent line data are transferred to data latch circuits 1 and 2 at the falling edge of the CL1 to update the line counter value (Figure 23).
CL1 FLM Line counter Data latch circuit 1 Data latch circuit 2 (Y1 to Y160) X+1 Xth + 1 line Xth line 1 1st line 2 2nd line 1st line
Figure 22 First Line Data Transfer
CL1 Line counter Data latch circuit 1 Data latch circuit 2 (Y1 to Y160) n nth line nth - 1 line n+1 nth + 1 line nth line
Note: Outputs Y1 to Y160 are converted into four levels before output according the liquid crystal altemating signal.
Figure 23 Subsequent Line Data Transfer
1040
HD66520T
Draw Access
Random Cycle Random cycle sequence is the same as that for the general-purpose SRAM interface (Figures 24 and 25). It can easily be connected to a CPU address bus and data bus.
A15 to 0 CS OE WE DB7 to 0 out DB7 to 0 in Valid Dout
Figure 24 Read Cycle
A15 to 0 CS OE WE DB7 to 0 out DB7 to 0 in Valid Din
Figure 25 Write Cycle
1041
HD66520T
Burst Cycle
Continuous access (burst cycle) can be performed by enabling addresses and (Figures 26 and 27). Refer to restraints for the period of continuous transfer.
2(
or
:(
when
&6
is low
A15 to 0 CS OE WE DB7 to 0 out DB7 to 0 in Valid Dout Valid Dout Valid Dout
Figure 26 Burst Read Cycle
A15 to 0 CS OE WE DB7 to 0 out DB7 to 0 in Valid Din Valid Din Valid Din
Figure 27 Burst Write Cycle
1042
HD66520T
Arbitration Control
The HD66520 controls the arbitration between draw access and display access. The draw access reads and writes display data of the display memory incorporated in the HD66520. The display access outputs display memory line data to the liquid crystal panel. In this case, draw access is performed before display access, so continuous access is enabled without having the system to wait. For arbitration control, draw access is recognized as valid when signal &6 is low. The following describes the typical examples of display memory access state during arbitration control. Sequence Line Data Transfer Display Access Performed by Subsequent Line Data Transfer If no draw access is attempted, normal display access is performed when signal CL1 is low (Figure 28). Draw Access 1 If draw access is attempted when signal CL1 is high, draw access is performed regardless of the display access (Figure 29).
CS
CL1
Display memory access state
nth line data display access
nth + 1 line data display access
Figure 28 Sequence Line Data Transfer
Draw access CS
CL1 Display memory access state nth line data display access nth + 1 line data display access
Draw access
Figure 29 Draw Access (1)
1043
HD66520T
Draw Access 2 If draw access is attempted when signal CL1 is low, the display access is suspended to perform draw access (Figure 30). After the draw access, the display access is performed again. As a result, even if draw access is attempted asynchronously, at least one of the display accesses will be performed. Display Access by First Line Data Transfer If no draw access is attempted, display access for the first line is performed when signal FLM is high and CL1 is low. The display access for the second line is performed when signal CL1 is low (Figure 31).
Draw access CS
CL1 Display memory access state nth line data display access nth line data display access nth + 1 line data display access
Draw access
Figure 30 Draw Access (2)
CS
FLM
CL1
Display memory access state
1st line data display access
2nd line data display access
Figure 31 First Line Data Transfer
1044
HD66520T
Draw Access 3 If draw access is attempted when signal FLM is high, stop the display access is suspended to perform the draw access (Figure 32). After the draw access, the display access is performed again. As a result, even if draw access is attempted asynchronously, at least one of the two display accesses will be performed. Note: In order to satisfy draw access 3 and transfer the first line data, there are restraints for the period when pins FLM and CL1 are both high and for the low level pulse width of pin &6. Refer to Restraints for details on the restraints for the pulse width.
Draw access
CS
FLM
CL1
Display memory access state
Draw access 1st line data display access 1st line data display access
2nd line data display access
Figure 32 Draw Access (3)
1045
HD66520T
Example of System Configuration
Figure 33 shows a system configuration for a 320-dot-wide by 240-dot-long LCD panel using HD66520s and common driver HD66503 with internal liquid crystal display timing control circuits. All required functions can be prepared for liquid crystal display with just three chips except for liquid crystal display power supply circuit functions.
/3 /8 / 16
CS, WE, OE DB0-DB7 A15-A0 Power supply circuit
/
DOC (DISPOFF) 1 / FLM, CL1, M 3
VCC LS0 LS1 SHL LS0 LS1 SHL
HD66520 (ID No.0)
HD66520 (ID No.2)
160 Line scan direction
160
HD66503 Scan driver
CR R C
1/240 duty
320
Figure 33 System Configuration
1046
240
HD66520T
Restraints
The HD66520 can perform continuous draw access (burst access) when signal display data can be rewritten at high speed.
&6
is low. As a result,
However, since signal &6 is necessary to perform arbitration control between draw access and display access to the display memory, the following restraints exist for the pulse width of signal &6. VCC = 3.0 to 4.5V * Read operation
Item Chip select high level width Chip select low level width Symbol tCHR tCLR Min 180 240 Max -- tFS - 1000 Unit ns ns
* Write operation
Item Chip select high level width Chip select low level width Symbol tCHW tCLW Min 180 180 Max -- tFS - 1000 Unit ns ns
VCC = 4.5 to 5.5V * Read operation
Item Chip select high level width Chip select low level width Symbol tCHR tCLR Min 120 180 Max -- tFS - 1000 Unit ns ns
* Write operation
Item Chip select high level width Chip select low level width Symbol tCHW tCLW Min 120 120 Max -- tFS - 1000 Unit ns ns
1047
HD66520T
Chip Select High Level Width
Display access is performed when signal &6 is high during normal draw access. Therefore, only the minimum display access time is necessary for the chip select high level width (Figure 34).
tCHR (tCHW) CS CL1 Display memory access state Draw access Display access Draw access
Figure 34 Chip Select High Level Width
1048
HD66520T
Chip Select Low Level Width When continuous draw access (burst access) is performed when signal &6 is low, the maximum display access time, that is, tFS-1000 (ns) is necessary for the chip select low level width (Figure 35). This is needed to secure the display access period for the first line. When common driver HD66503 is used together with the HD66520, tFS can be calculated with the following formula.
tFS = 1 4*nDUTY*fFLM
fFLM: frame frequency nDUTY: duty When write operation is performed with the burst access having a frame frequency of 70 Hz and a duty cycle of 1/240, display data of 77 bytes can be consequtively written in one burst access (write cycle is 180 ns).
tCLR (tCLW) CS FLM CL1 Display memory access state 1 1st line data display access Draw access 2 2nd line data display access 2nd line data access tFS
Figure 35 Chip Select Low Level Width
1049
HD66520T
Absolute Maximum Ratings
Item Power voltage Logic circuit LCD drive circuit Input voltage (1) Input voltage (2) Operating temperature Storage temperature Symbol VCC VEE VT1 VT2 Topr Tstg Ratings -0.3 to +7.0 VCC - 30.0 to VCC + 0.3 -0.3 to VCC + 0.3 VEE - 0.3 to VCC + 0.3 -20 to +75 -40 to +125 Unit V V V V C C
',632)), &6, :(,
Notes 1
1, 2 1, 3
Notes: 1. The reference point is GND (0V). 2. Applies to pins LS0, LS1, SHL, FLM, CL1, M, A0 to A15, DB0 to DB7,
2(.
and
3. Applies to pins V1L, V1R, V2L, V2R, V3L, V3R, V4L, V4R. 4. If the LSI is used beyond its absolute maximum rating, it may be permanently damaged. It should always be used within the limits of its electrical characteristics in order to prevent malfunction or unreliability.
1050
HD66520T
Electrical Characteristics
DC Characteristics 1 (VCC = 3.0 to 5.5V, GND = 0V, VCC-VEE = 8 to 28V, Ta = -20 to +75C)
Item Input leakage current (1) Input leakage current (2) Tri-state leakage current Vi-Yj on resistance Note: Symbol IIL1 IIL2 IIST Applicable Pins Except for DB0 to DB7 Min -2.5 Typ -- -- -- Max 2.5 25 10 Unit A A A Measurement Condition VIN = VCC to GND VIN = VCC to VEE VIN = VCC to GND Notes
V1L/R, V2L/R, -25 V3L/R, V4L/R DB0 to DB7 -10
RON
Y1 to Y160
--
1.0
2.0
k
ION = 100 A
1
1. Indicates the resistance between one pin from Y1 to Y160 and another pin from V1L/V1R, V2L/V2R, V3L/V3R, V4L/V4R when load current is applied to the Y pin; defined under the following conditions: VCC-VEE = 28V V1L/V1R, V3L/V3R = VCC - 2/10 (VCC-VEE) V4L/V4R, V2L/V2R = VEE + 2/10 (VCC-VEE) V1L/V1R and V3L/V3R should be near the VCC level, and V2L/V2R and V4L/V4R should be near the VEE level. All voltage must be within AEV. AEV is the range within which RON, the LCD drive circuits' output impedance, is stable. Note that AEV depends on power supply voltage V CC-VEE.
V
V3L/R 6.4
2.5 V V4L/R V2L/R VEE 8 28 VCC-VEE (V)
Relationship between Driver Output Waveform and Output Voltage
V (V)
VCC V1L/R
1051
HD66520T
DC Characteristics 2 (VCC = 3.0 to 4.5V, GND = 0V, VCC-VEE = 8 to 28V, Ta = -20 to +75C)
Item Symbol Applicable Pins Min Typ Max -- -- -- VCC 0.2 x VCC VCC Unit V V V Measurement Condition Notes
Input high level VIH1 voltage (1) Input low level VIL1 voltage (1) Input high level VIH2 voltage (2) Input low level VIL2 voltage (2) Output high level voltage Output low level voltage Current consumption during RAM access VOH VOL ICC
LS0-1, SHL, 0.8 x VCC FLM, CL1, M,
',632))
0 0.7 x VCC
DB0 to DB7, CS, A0 to A15,
:(2(
0 0.9 x VCC --
-- -- -- 8
0.15 x VCC -- 0.1 x VCC 10
V V V mA IOH = -50 A IOL = 50 A Access time 600 ns VCC = 3.3V VCC-VEE = 28V VCC = 3.3V tCYC = 59.5 s No access 2
DB0 to DB7
Measurement -- pin VCC
Current IEE consumption in LCD drive part Current consumption during display operation IDIS
Measurement -- pin VEE Measurement -- pin GND
200 300
A
2, 3
40
60
A
Notes: 2. Input and output currents are excluded. When a CMOS input is floating, excess current flows from the power supply through to the input circuit. To avoid this, VIH and VIL must be held to VCC and GND levels, respectively. 3. Indicates the current when the memory access is stopped and the still image of a zig-zag pattern is displayed in its place.
1052
HD66520T
DC Characteristics 3 (VCC = 4.5 to 5.5V, GND = 0V, VCC-VEE = 8 to 28V, Ta = -20 to +75C)
Item Symbol Applicable Pins Min Typ Max -- -- -- VCC 0.2 x VCC VCC Measurement Unit Condition V V V Notes
Input high level VIH1 voltage (1) Input low level VIL1 voltage (1) Input high level VIH2 voltage (2) Input low level VIL2 voltage (2) Output high level voltage Output low level voltage Current consumption during RAM access VOH VOL ICC
LS0-1, SHL, 0.8 x VCC FLM, CL1, M,
',632))
0 2.2
DB0 to DB7, A0 to A15,
&6, :(2(
0 2.4 --
-- -- -- 13
0.8 -- 0.4 16
V V V mA IOH = -100 A IOL = 100 A Access time 600 ns VCC = 5.5V 2
DB0 to DB7
Measurement -- pin VCC
Current IEE consumption in LCD drive part Current consumption during display operation IDIS
Measurement -- pin VEE
200 300
A
2, 3 VCC-VEE = 28V, VCC = 5.5V, tCYC = 59.5 s, no access
GND
--
60
100
A
Notes: 2. Input and output currents are excluded. When a CMOS input is floating, excess current flows from the power supply through to the input circuit. To avoid this, VIH and VIL must be held to VCC and GND levels, respectively. 3. Indicates the current when the memory access is stopped and the still image of a zig-zag pattern is displayed in its place.
1053
HD66520T
AC Characteristics 1 (VCC = 3.0 to 5.5V, GND = 0V, VCC-VEE = 8 to 28V, Ta = -20 to +75C) * Display-Data Transfer Timing
No. (1) (2) (3) (4) (5) (6) (7) Item Clock cycle time CL1 high-level width CL1 low-level width CL1 rise time CL1 fall time FLM setup time FLM hold time Symbol tCYC tCWH tCWL tr tf tFS tFH Applicable Pins Min CL1 CL1 CL1 CL1 CL1 FLM, CL1 FLM, CL1 10 1.0 1.0 -- -- 2.0 1.0 Max -- -- -- 50 50 -- -- Unit s s s ns ns s s Notes 1
Notes: 1.
(4) tr
(2) tCWH
(5) tf
(3) tCWL
fCYC = 1/tCYC Max: 100 kHz (1) tCYC
CL1
0.8 VCC 0.2 VCC (6) tFS 0.8 VCC (7) tFH
FLM
When executing draw access with burst transfer, the period described in the restrains must be satisfied in the relationship with the arbitration control.
1054
HD66520T
AC Characteristics 2 (VCC = 3.0 to 4.5V, GND = 0V, VCC-VEE = 8 to 28V, Ta = -20 to +75C) * Draw Access Timing Read Cycle Measurement conditions: Input level: VIH = 2.4V, VIL = 0.8V Output level: VOH/VOL = 1.5V Output load: 1 TTL gate + 100 pF capacitor
No. (8) (9) (10) (11) (12) (13) (14) (15) (16) Item Read cycle time Address access time Chip select access time
&6 &6 2( 2(
Symbol tRC tAA tCA tCHR tCLR tOE tOLZ tOHZ tOH
Min 240 -- -- 180 240 -- 5 0 5
Max -- 240 240 -- tFS-1000 150 -- 35 --
Unit ns ns ns ns ns ns ns ns ns
Note
high level width low level width delay time delay time (low impedance)
Output-disable delay time Output hold time
Write Cycle Measurement conditions: Input level: VIH = 2.4V, VIL = 0.8V
No. (17) (18) (19) (20) (21) (22) (23) (24) (25) (26) Item Write cycle time Address-to-:( setup time
&6 &6
Symbol tWC tASW tCHW tCLW tAHW tCH tWLW tWHW tDS tDH
Min 180 30 180 180 0 0 100 30 80 30
Max -- -- -- tFS-1000 -- -- -- -- -- --
Unit ns ns ns ns ns ns ns ns ns ns
Note
high level width low level width
Address-to-:( hold time
&6-to-:( :( :(
hold time
low level width high level width
Data-to-:( setup time Data-to-:( hold time
1055
HD66520T
AC Characteristics 3 (VCC = 4.5 to 5.5V, GND = 0V, VCC-VEE = 8 to 28V, Ta = -20 to +75C) * Access Timing Read Cycle Regulation terms: Input level: VIH = 2.4V, VIL = 0.8V Output judge-level: VOH/VOL = 1.5V Output load: 1 TTL gate + capa. 100 pF
No. (8) (9) (10) (11) (12) (13) (14) (15) (16) Item Read cycle time Address access time Chip select access time
&6 &6 2( 2(
Symbol tRC tAA tCA tCHR tCLR tOE tOLZ tOHZ tOH
Min 180 -- -- 120 180 -- 5 0 5
Max -- 180 180 -- tFS-1000 100 -- 35 --
Unit ns ns ns ns ns ns ns ns ns
Note
high level width low level width delay time delay time (low impedance)
Output-disable delay time Output hold time
Write Cycle Regulation terms: Input level: VIH = 2.4V, VIL = 0.8V
No. (17) (18) (19) (20) (21) (22) (23) (24) (25) (26) Item Write cycle time Address-to-:( setup time
&6 &6
Symbol tWC tASW tCHW tCLW tAHW tCH tWLW tWHW tDS tDH
Min 120 20 120 120 0 0 80 30 60 20
Max -- -- -- tFS-1000 -- -- -- -- -- --
Unit ns ns ns ns ns ns ns ns ns ns
Note
high level width low level width
Address-to-:( hold time
&6-to-:( :( :(
hold time
low level width high level width
Data-to-:( setup time Data-to-:( hold time
1056
HD66520T
Read Cycle 1
(8) tRC Address (9) tAA CS
WE
OE
(13) tOE (15) tOHZ (14) tOLZ (16) tOH Valid Data
I/O out
Read Cycle 2
Address (12) tCLR CS (10) tCA (11) tCHR
(9) tAA WE
OE
(13) tOE (15) tOHZ (14) tOLZ (16) tOH Valid Data
DB out
1057
HD66520T
Write Cycle 1
(17) tWC Address (18) tASW CS (23) tWLW WE (24) tWHW (21) tAHW
OE (25) tDS I/O in (26) tDH
Valid Data
Write Cycle 2
(17) tWC Address (20) tCLW CS (18) tASW WE (22) tCH (23) tWLW (24) tWHW (19) tCHW
OE (25) tDS I/O in (26) tDH
Valid Data
1058


▲Up To Search▲   

 
Price & Availability of HD66520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X