Part Number Hot Search : 
T83C51 BCR48PN 2SK44 K1100E70 UGPZ20G LT1498 2C151 TLRME17T
Product Description
Full Text Search
 

To Download H11G3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H11G1X, H11G2X, H11G3X H11G1, H11G2, H11G3
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
APPROVALS l UL recognised, File No. E91231 'X' SPECIFICATION APPROVALS l VDE 0884 in 2 available lead forms : - STD - G form
2.54 7.0 6.0 1.2 7.62 1 2 3
Dimensions in mm 6 5 4 7.62
6.62 4.0 DESCRIPTION 3.0 The H11G_ series are optically coupled isolators consisting of an infrared light emitting diode and 0.5 a high voltage NPN silicon photo darlington 3.0 which has an integral base-emitter resistor to 0.26 3.35 0.5 optimise switching speed and elevated temperature characteristics in a standard 6pin ABSOLUTE MAXIMUM RATINGS dual in line plastic package. (25C unless otherwise specified)
13 Max
FEATURES Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l High Isolation Voltage (5.3kVRMS ,7.5kVPK ) l High Current Transfer Ratio ( 1000% min) l High BVCEO (H11G1 - 100V min.) l Low collector dark current :100nA max. at 80V VCE l Low input current 1mA IF
l
Storage Temperature -55C to + 150C Operating Temperature -55C to + 100C Lead Soldering Temperature (1/16 inch (1.6mm) from case for 10 secs) 260C INPUT DIODE Forward Current Peak Forward Current (1s pulse, 300pps) Reverse Voltage Power Dissipation OUTPUT TRANSISTOR Collector-emitter Voltage BVCEO H11G3, H11G2, H11G1 Collector-base Voltage BVCBO H11G3, H11G2, H11G1 Emitter-baseVoltage BVECO Power Dissipation POWER DISSIPATION 55, 80, 100V 55, 80, 100V 6V 200mW 60mA 3A 3V 100mW
APPLICATIONS l Modems l Copiers, facsimiles l Numerical control machines l Signal transmission between systems of different potentials and impedances
OPTION SM
SURFACE MOUNT OPTION G
7.62
0.6 0.1 10.46 9.86
1.25 0.75
0.26
Total Power Dissipation
10.16
260mW
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, TS25 1YD England Tel: (01429)863609 Fax : (01429) 863581 e-mail sales@isocom.co.uk http://www.isocom.com
7/12/00
DB92008m-AAS/a1
ELECTRICAL CHARACTERISTICS ( TA= 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Voltage (VR) Reverse Current (IR) Collector-emitter Breakdown (BVCEO ) H11G1 H11G2 H11G3 Collector-base Breakdown (BVCBO ) H11G1 H11G2 H11G3 Emitter-base Breakdown (BVEBO ) Collector-emitter Dark Current (ICEO ) H11G1 H11G2 H11G3 Collector Output Current ( IC ) H11G1, H11G2 H11G1, H11G2 H11G3 Collector-emitter Saturation Voltage VCE(SAT) H11G1, H11G2 H11G1, H11G2 H11G3 Input to Output Isolation Voltage VISO Input-output Isolation Resistance Input-output Capacitance Turn-on Time Turn-off Time RISO Cf ton toff MIN TYP MAX UNITS 1.2 3 10 1.5 V V A V V V V V V V 100 100 100 nA nA nA TEST CONDITION IF = 10mA IR = 10A VR = 6V IC = 1mA IC = 1mA IC = 1mA IC = IC = IC = IE = 100A 100A 100A 0.1mA
Output
100 80 55 100 80 55 6
VCE = 80V VCE = 60V VCE = 30V 10mA IF , 1.2V VCE 1mA IF , 5V VCE 1mA IF , 5V VCE 1mA IF , 1mA IC 16mA IF , 50mA IC 20mA IF , 50mA IC See note 1 See note 1 VIO = 500V (note 1) V = 0, f =1MHz IF= 10mA, VCC = 5V, RL = 100, f = 30Hz, pulse width equal to or less than 300s
Coupled
100 5 2 1.0 1.2 1.2 5300 7500 1011 0.5 5 100
mA mA mA V V V VRMS VPK pF s s
Note 1 Note 2
Measured with input leads shorted together and output leads shorted together. Special Selections are available on request. Please consult the factory.
FIGURE 1 VCC Input IF = 10mA 100 tr Input Output Output 10% 90% 10% 90% tf ton toff
7/12/00
DB92008m-AAS/a1
Collector Power Dissipation vs. Ambient Temperature 250 Collector power dissipation P C (mW) 200 100
Normalized Output Current vs. Collector-emitter Voltage
50mA Normalized output current 10 10mA 1.0 IF = 1mA 0.1 Normalized to IF = 1mA (300s pulse), VCE = 5V 0 1 2 3 4 5 6
150
100 50 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Forward Current vs. Ambient Temperature 80 70
0.01 Collector-emitter voltage VCE ( V ) Normalized Output Current vs. Ambient Temperature 100 50mA Normalized output current 10 10mA 1.0 IF = 1mA 0.1 Normalized to IF = 1mA (300s pulse), VCE = 5V TA = 25 C -50 -25 0 25 50 75 Ambient temperature TA ( C ) Collector Dark Current vs. Ambient Temperature 100k (nA) VCE = 80V 10k 100
Forward current I F (mA)
60 50 40 30 20 10 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Normalized Output Current vs. Input Current 100
0.01
Normalized output current
10
Collector dark current I
CEO
1k
1.0 Normalized to IF = 1mA (300s pulse), VCE = 5V TA = 25 C 0.1 1.0 10 100
50V VCE
100
0.1
10 1 -30 0 25 50
VCE = 10V 75 100
0.01
Input current IF (mA)
7/12/00
Ambient temperature TA ( C )
DB92008m-AAS/a1


▲Up To Search▲   

 
Price & Availability of H11G3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X