Part Number Hot Search : 
BUK72 1N4786A 2SC2344 20M10 NTE2558 TCMZ47V 4LVCH SP8M51
Product Description
Full Text Search
 

To Download H11B3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H11B1X, H11B2X, H11B3X H11B1, H11B2, H11B3
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
APPROVALS
l
2.54 6.4 6.2 1.54 8.8 8.4 1 2 3
Dimensions in mm
UL recognised, File No. E91231
-
'X' SPECIFICATION APPROVALS l VDE 0884 in 2 available lead form : - STD - G form VDE 0884 in SMD approval pending l SETI approved, reg. no.151786-18 DESCRIPTION The H11B_ series of optically coupled isolators consist of an infrared light emitting diode and NPN silicon photodarlington in a space efficient dual in line plastic package.
6 5 4
4.3 4.1 0.5 0.3
7.8 7.4
0.5
3.3
9.6 8.4
ABSOLUTE MAXIMUM RATINGS (25C unless otherwise specified) Storage Temperature -55C to + 150C Operating Temperature -55C to + 100C Lead Soldering Temperature (1/16 inch (1.6mm) from case for 10 secs) 260C INPUT DIODE Forward Current Reverse Voltage Power Dissipation OUTPUT TRANSISTOR Collector-emitter Voltage BVCEO Collector-base Voltage BVCBO Emitter-collector Voltage BVECO Power Dissipation POWER DISSIPATION 30V 50V 5V 150mW 80mA 5V 105mW
FEATURES l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l High Current Transfer Ratio l High Isolation Voltage (5.3kVRMS ,7.5kVPK ) l All electrical parameters 100% tested l Custom electrical selections available APPLICATIONS Computer terminals l Industrial systems controllers l Measuring instruments l Signal transmission between systems of different potentials and impedances
l
OPTION SM SURFACE MOUNT
OPTION G
5.08 max. 1.2 0.6 1.4 0.9 0.26 10.16
Total Power Dissipation 250mW (derate linearly 3.3mW/C above 25C)
10.2 9.5
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581
7/12/00
DB92167-AAS/A2
ELECTRICAL CHARACTERISTICS ( TA = 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Voltage (VR) Reverse Current (IR) Collector-emitter Breakdown (BVCEO) Collector-base Breakdown (BVCBO) Emitter-collector Breakdown (BVECO) HFE Collector-emitter Dark Current (ICEO) MIN TYP MAX UNITS 1.2 3 10 30 30 5 16K 100 nA 1.5 V V A V V V TEST CONDITION IF = 10mA IR = 10A VR = 3V IC = 1mA (note 2) IC = 100A IE = 100A VCE = 5V, IC = 5mA VCE = 10V
Output
Coupled
Current Transfer Ratio ( CTR )(Note 2) H11B1 500 H11B2 200 H11B3 100 Collector-emitter Saturation VoltageVCE(SAT) Input to Output Isolation Voltage VISO Input-output Isolation Resistance RISO Output Turn on Time Output Turn off Time ton toff 5300 7500 5x1010 125 100 1.0
% % % V VRMS VPK
s s
1mA IF , 5V VCE 1mA IF , 5V VCE 1mA IF , 5V VCE 1mA IF , 1mA IC (note 1) (note 1) VIO = 500V (note 1) VCC= 10V, IC = 10mA, RL = 100 , fig.1
Note 1 Note 2
Measured with input leads shorted together and output leads shorted together. Special Selections are available on request. Please consult the factory.
FIGURE 1 VCC = 10V Input 100 IC = 10mA tr Input Output Output 10% 90% 10% 90% ton toff tf
7/12/00
DB92167-AAS/A2
Collector Power Dissipation vs. Ambient Temperature 200 Collector power dissipation P C (mW) Current transfer ratio CTR (%) 10000 5000 1000 800 500 100 50 10
Current Transfer Ratio vs. Forward Current
150
100
50
VCE = 5V TA = 25C
0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Forward Current vs. Ambient Temperature 100
0 0.1 0.2 0.5 1 2 5 10 20 50 100 Forward current IF (mA) Collector Current vs. Collector-emitter Voltage 100 50mA 20 Collector current I C (mA) 80 60 40 2mA 20 0 -30 0 25 50 75 100 125 0 1 2 3 4 5 Ambient temperature TA ( C ) Collector-emitter Saturation Voltage vs. Ambient Temperature Collector-emitter voltage VCE ( V ) Normalised Current Transfer Ratio vs. Ambient Temperature 1.5 IF = 1mA 10mA 5mA TA = 25C
80 Forward current I F (mA)
CE(SAT)
60
40 20 0
(V) 1.2 1.0 0.8 0.6 0.4 0.2 0 -30
Collector-emitter saturation voltage V
IF = 1mA IC = 1mA
Normalised current transfer ratio
IF = 1mA VCE = 5V
1.0
0.5
0 0 25 50 75 100 -30 Ambient temperature TA ( C ) 0 25 50 75 Ambient temperature TA ( C ) 100
7/12/00
DB92167-AAS/A2


▲Up To Search▲   

 
Price & Availability of H11B3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X