Part Number Hot Search : 
9G450 2U025 87C408N DG6301 KS58555B TRRPB 811733 ADADC84
Product Description
Full Text Search
 

To Download FSU10A40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10A 400V 40ns
FRD
Type
FSU10A40
OUTLINE DRAWING
Diffusion type Silicon diode Axial Lead Type
Application: High Frequency Rectification
MAXIMUM RATINGS(Ta 25 Item Repetitive peak reverse voltage Average rectified forward current R.M.S. forward current Surge forward current Operating junction temperature range Storage temperature range Mounting torque
unless otherwise specified) Condition
Approx Net Weight:1.7g
Max. Rated value Unit
Symbol
VRRM IO IF(RMS) IFSM Tjw Tstg Ftor
Recommended value
400
50Hz , Tc =86
50Hz Halfsine wave , Resistance load
V A A A 150 150
10 15.7
50Hz 1
50Hz Halfsine wave 1cycle, non-repetitive
120 40 40 0.5
Nm
ELECTRICAL / THERMAL CHARACTERISTICS Item Peak reverse current Peak forward voltage Reverse recovery time Symbol Condition Min. Typ. Max. Unit
IRM VFM
rr
VRM=VRRM IFM=10A IFM=10A
Tj=25 Tj=25 Tj=25 di/dt=50A/ s
Junction to case case to fin
30 1.34 30 1.53 40 4 1.5
A V ns /W /W
Rth(j-c)
Thermal resistance
Rth(c-f)
FORWARD CURRENT VS. VOLTAGE
FSU10A40
100
INSTANTANEOUS FORWARD CURRENT (A)
50
20 Tj=25C Tj=150C 10
5
2
1
0
0.5
1.0
1.5
2.0
2.5
3.0
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
AVERAGE FORWARD POWER DISSIPATION
FSU10A40
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION (W)
D.C.
20
16
RECT 180 HALF SINE WAVE RECT 120
12
RECT 60
8
4
0
0
4
8
12
16
AVERAGE FORWARD CURRENT (A)
0
180
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
FSU10A40
D.C.
CONDUCTION ANGLE
16
AVERAGE FORWARD CURRENT (A)
12
RECT 180 HALF SINE WAVE RECT 120
8
RECT 60
4
0
0
25
50
75
100
125
150
CASE TEMPERATURE (C)
0
180
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
FSU10A40
D.C.
CONDUCTION ANGLE
16
AVERAGE FORWARD CURRENT (A)
12
RECT 180 HALF SINE WAVE RECT 120
8
RECT 60
4
0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Harf Sine Wave,Non-Repetitive,No Load 140 FSU10A40
120
SURGE FORWARD CURRENT (A)
100
80
60
40
I FSM 0.02s
20
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)


▲Up To Search▲   

 
Price & Availability of FSU10A40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X