Part Number Hot Search : 
X1624 40N10 203922B Z5238 HD74HC73 PQ20VZ5U 13N50 15KE13A
Product Description
Full Text Search
 

To Download FBA09A12H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FBA09A (92 X 25.5L)
EMINEBEA.COM
Allowable Ambient Temperature Range:
-10C ~ +70C (65%RH) (Operating) -40C ~ +75C (65%RH) (Storage) (non-condensing environment)
Failure Rate: 10%
50,000 Hours (40C, 65%RH)
inch Units: (mm)
(Pa)
(min -1 )
.177 8 - (f4.5)
ROTATION
1.00 .157 (25.5) .157 (4) (4)
60
12V(24V)-H 12V(24V)-M
3000
Static Pressure
3.25 (82.5) 3.62 (92)
inlet
outlet
LR99935
NAME PLATE
40
12V(24V)-L
2000
Ps
3.25 (82.5) 3.62 (92) FLOW - Pin + Pin
20
1000
(m3/min) 0 1 2 3
Housing with solid corner type are available.
Air Flow
.185 4 - (f4.7)
.185 4 - (f4.7)
Bearing: Hydro Wave Bearing
3.54 (90) 3.25 (82.5)
3 (f1 .94 00 )
3.54 (90) 3.25 (82.5)
3.25 (82.5) 3.54 (90)
INLET SIDE
OUTLET SIDE
Rated
Operating
Voltage
4 (f1 .09 04 )
3.25 (82.5) 3.54 (90)
Current
Input
Power
MODEL
Voltage
Rated Speed (min-1)*1 2200 2450 2950 2200 2450 2900
Max.
Air Flow
Max. Static
Pressure
Noise
Normal Speed N
Mass
(V) FBA09A 12L FBA09A 12M FBA09A 12H FBA09A 24L FBA09A 24M FBA09A 24H
Rotation: Clockwise
(V) 7.0 ~ 13.8 7.0 ~ 13.8 7.0 ~ 13.8 14.0 ~ 27.6 14.0 ~ 27.6 14.0 ~ 27.6
(A)*1 110 150 255 80 110 140
(W)*1 1.32 1.80 2.70 1.92 2.64 3.36
CFM*1 (m3/min)*1 in H2O 42.7 48.0 56.8 42.7 48.0 56.8 1.21 1.36 1.61 1.21 1.36 1.61 .10 .11 .16 .10 .11 .16
(Pa)*1 25.5 29.4 42.1 25.5 29.4 42.1
(dB)*1 27.0 30.0 35.0 27.0 30.0 35.0
(g) 110 110 110 110 110 110
12 12 12 24 24 24
Airflow Outlet: Air Out Over Struts
*1: Average Values in Free Air
FEATURES
Specifications of Various Sensors
In Panaflo FBA series models,
LOCKED ROTOR ALARM SIGNAL
a locked rotor alarm sensor is
Signal given when fan is running VH VL Signal given when fan is locked up VH VL
V goes VL to VH
Available Models Axial models FBK04F FAL
Part Number Suffix 1BS S S S
available in all models. For Blowers and Crossflo fans, a locked sensor can be provided as an option. A pulse sensor that transmits
Panasonic
FCB
2 PULSE PER REVOLUTION SIGNAL
Signal given when fan is running VH VL
Lock
Signal given when fan is locked up A B
Available Models Axial models except: FBK04F FBA06T FBA08T FCB FAL
Part Number Suffix 1BX
signals when the motor rotates is also available as an option. The 2 pulse per revolution sensor output is available in all FBA Series models except the 15 mm "T" versions.
VL
1 Revolution 2PPR
If fan locks on VH, signal stays locked. If fan locks on VL, signal stays at VL for a few hundred MS, then moves to VH. (A:B 1:5; A 100MS)
Panaflo Built-in Connector System
Lead Wire Connectors: Style: MASS TERMINATION (standard) AMP P/N 173977-3 CRIMP TYPE (this style is a 2 piece assembly) AMP P/N 175778-3 (housing) AMP P/N 175102-1 (terminal) Notes: *Connector style effects lead wire guage. Please refer to fan specs for further details. * All axial fans except the FBA06T, FBA08T and FBKO4F versions come standard with the mass termination connector. The FBA06T, FBA08T and FBKO4F fan leads are connected directly to the PC board in the fan assembly. * All FCB Crossflo models and FAL Blower fan leads are soldered directly to the PC board in the fan assembly.
2
High Reliability with HWB (Hydro Wave Bearing)
Radial Direction
Axial Direction
shaft thrust plate
bearing (b) HWB
Figure 1: Pressure distribution in each load direction.
washer
HWB
thrust plate
stop ring
shaft
Figure 1: Construction of HWB
Panaflo's unique hydrowave bearing (HWB) addresses the traditional weakness of sleeve bearings...axial friction. By utilizing our unique HWB system, the thrust plate "floats" on a circulating film of oil, which greatly reduces the axial friction and the bearing's deterioration. The HWB pattern on the bearing virtually eliminates thrust plate contact which is depicted above. As the shaft rotates it acts as a pump constantly circulating the oil in the radial, as well as the axial direction. The sealed system and reservoirs of oil maintain the proper lubrication to minimize mechanical contact and prolong the fan's life expectancy. The radial direction analysis shown above is essentially the same as a traditional sleeve bearing. Panasonic's unique HWB reduces the axial contact.
3
COMMON SPECIFICATIONS
Protection
* Locked rotor protection circuits * Automatically restarts in a few seconds * Reverse voltage protection
Insulation Resistance
* 10M minimum at 500v DC (frame to leads)
Panasonic
Dielectric Strength
* 500v AC (50/60Hz) for 1 minute (frame to leads)
Plastic Rating
* All Panaflo fans are manufactured with a UL94V-0 plastic (flammability)
Noise Data
Insulation Class
* JIS Class E (120 C) * VDE Class E (90 C) * UL Class A (105 C)
Microphone
* CSA Class A (105 C)
Noise Data
The noise data is measured at 1 meter from the air intake side of the fan
Microphone
suspended in a semi-anechoic chamber (background noise 13dB-A max.).
Construction with and without Solid Corner Housing
Microphone
Panaflo fans are available in two different versions for mounting: with solid corner housing and without. Specific mounting methods and applications require the use of solid corners. Select the appropriate housing for your application. Some models may be available only with solid corner housing. For details, please refer to the corresponding page for each model.
* Distance 1m.
With Solid Corner
Without Solid Corner
4
PANAFLO FAN PRODUCT DESIGNATION CODE
Panaflo Fan
FBAO8A12H1AS
Housing Size
04: 40 x 40mm 06: 60 x 60mm 08: 80 x 80mm 09: 92 x 92mm 12: 120 x 120mm
Rated Voltage
12: 12 VDC 24: 24 VDC 05: 5 VDC
Terminal (FBA Only)
1: With leads : No leads
Option
S: Locked rotor alarm sensor Z: Solid corner housing X: 2 PPR speed sensor (TAC Output) O: S + Z 1: Hub mounted thermal sensor (variable)
Speed
L: Low M: Middle H: High U: Ultra High V: Variable (Option)
Bearing Type
A: HWB (Hydro Wave) K: Ball Bearing (40mm Only)
Housing Thickness
A: 25.5mm T: 15mm (Thin) G: 38mm F: 20mm
Motor Type
FB: Panaflo (DC Axial-flow fan)
Lead Wire (FBA Only)
A: Standard 2 leads (GND, PWR) B: Standard 3 leads (GND, PWR, Signal) C: 3rd lead thermal sensor (variable)
Crossflo Fan
FCB34AD24S
Fan Outside Diameter
34: O34 mm
Rated Voltage
Fan Motor Length
Motor Type
FCB: Brushless Crossflo Fan AA: 134.50mm AB: 173.50mm AC: 212.50mm AD: 251.50mm AE: 290.50mm AF: 329.50mm
12: 12 VDC 24: 24 VDC
Option
S: Locked rotor alarm sensor
Blowers
FAL6F12LHS
Model Change Blower Size
3--50 x 50mm (Ball Bearing) 5--76 x 76mm (Hydro Wave) 6--109 x 114mm (Hydro Wave)
Rated Voltage
05: 5 VDC 12: 12 VDC 24: 24 VDC
Option
S: Locked rotor alarm sensor
Motor Type
FAL: Brushless Fan
Speed
LL: Low Speed LH: High Speed
5
Type and Size
Model
Rated Voltage (V) 5 5 12 12 12 24 24 12 12 12 12 24 24 24 12 12 24 24 12 12 12 12 24 24 24 12 12 24 24 12 12 12 12 24 24 24 12 12 12 12 24 24 24
Operating Voltage (V) 4.5--6.0 4.5--6.0 7.0--13.8 7.0--13.8 7.0--13.8 14.0--27.6 14.0--27.6 7.0--13.8 7.0--13.8 7.0--13.8 7.0--13.8 14.0--27.6 14.0--27.6 14.0--27.6 7.0--13.8 7.0--13.8 14--27.6 14--27.6 7.0--13.8 7.0--13.8 7.0--13.8 7.0--13.8 14--27.6 14--27.6 14--27.6 7.0--13.8 7.0--13.8 14--27.6 14--27.6 7.0--13.8 7.0--13.8 7.0--13.8 7.0--13.8 14--27.6 14--27.6 14--27.6 7.0--13.8 7.0--13.8 7.0--13.8 7.0--13.8 14--27.6 14--27.6 14--27.6
Rated Current (mA) 120 280 75 150 170 92 100 110 130 170 210 70 90 105 88 145 56 83 68 124 173 270 54 71 105 79 200 47 110 110 150 225 430 80 110 140 180 340 460 510 110 160 230
Rated Input (W) 0.60 1.40 0.90 1.80 2.04 2.21 2.40 1.32 1.56 2.04 2.52 1.68 2.16 2.52 1.06 1.74 1.34 1.99 0.82 1.49 2.08 3.24 1.30 1.70 2.52 0.95 2.40 1.13 2.64 1.32 1.80 2.70 5.16 1.92 2.64 3.36 2.16 4.08 5.52 6.12 2.64 3.84 5.52
Nominal Speed (r/min) 4700 7500 4700 7500 9500 7500 9500 3200 3700 4200 4550 3200 3700 4200 3200 4200 3200 4200 1900 2450 2950 3450 1900 2450 2950 2000 3100 2000 3100 2100 2450 2850 3450 2100 2450 2850 1700 2100 2500 2750 1700 2100 2500
Maximum Air Flow (m3/min) (CFM) 0.11 0.19 0.11 0.19 0.26 0.19 0.26 0.40 0.47 0.54 0.58 0.40 0.47 0.54 0.34 0.47 0.34 0.47 0.68 0.91 1.12 1.33 0.68 0.91 1.12 0.62 0.95 0.62 0.95 1.21 1.36 1.61 1.95 1.21 1.36 1.61 1.95 2.45 2.94 3.25 1.95 2.45 2.94 3.9 6.7 3.9 6.7 9.2 6.7 9.2 14.1 16.6 19.1 20.5 14.1 16.6 19.1 12.0 16.6 12.0 16.6 24.0 32.1 39.6 46.9 24.0 32.1 39.6 21.9 33.5 21.9 33.5 42.7 48.0 56.8 68.8 42.7 48.0 56.8 68.9 86.5 103.8 114.7 68.9 86.5 103.8
Maximum Air Pressure (mmh20) (Pa) 2.50 6.60 2.50 6.60 24.5 64.7 24.5 64.7
Noise (dB-A)
Safety Standard UL CSA
Locked Rotor Alarm Sensor * * * * * * *
FBK04F 40mm
FBK04F05L FBK04F05H
24.0 33.0 23.0 32.0 42.0 33.0 42.0 24.0 28.0 32.0 37.0 24.0 28.0 32.0 24.0 32.0 24.0 32.0 21.0 28.0 32.0 38.2 21.0 28.0 32.0 23.0 34.0 23.0 34.0 27.0 30.0 35.0 43.0 27.0 30.0 35.0 30.0 35.5 41.5 45.5 30.0 35.5 41.5
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
DC axial fans FBK04F12L FBK04F12H FBK04F12U FBK04F24H FBK04F24U
12.00 117.7 6.60 64.7
12.00 117.7 3.10 3.95 5.20 6.0 3.10 3.95 5.20 2.80 4.75 2.80 4.75 1.57 2.51 3.78 4.80 1.57 2.51 3.78 1.55 3.20 1.55 3.20 2.30 3.00 3.98 5.0 2.30 3.00 3.98 3.30 4.80 6.80 8.0 3.30 4.80 6.80 30.4 38.7 51.0 58.0 30.4 38.7 51.0 27.5 46.6 27.5 46.6 15.4 24.6 37.1 47.0 15.4 24.6 37.1 15.2 31.4 15.2 31.4 22.6 29.4 39.0 49.0 22.6 29.4 39.0 32.4 47.1 66.7 38.0 32.4 47.1 66.7
Panasonic
FBA06A 60mm
FBA06A12L1A FBA06A12M1A
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
DC axial fans FBA06A12H1A FBA06A12U1A FBA06A24L1A FBA06A24M1A FBA06A24H1A FBA06T12L FBA06T12H FBA06T24L FBA06T24H FBA08A12L1A FBA08A12M1A
FBA06T 60mm Thin
FBA08A 80mm
DC AXIAL FANS
28
DC axial fans FBA08A12H1A FBA08A12U1A FBA08A24L1A FBA08A24M1A FBA08A24H1A FBA08T 80mm Thin FBA08T12L FBA08T12H FBA08T24L FBA08T24H
FBA09A 90mm
FBA09A12L1A FBA09A12M1A
DC axial fans FBA09A12H1A FBA09A12U1A FBA09A24L1A FBA09A24M1A FBA09A24H1A FBA12G 120mm FBA12G12L1A FBA12G12M1A
DC axial fans FBA12G12H1A FBA12G12U1A FBA12G24L1A FBA12G24M1A FBA12G24H1A
Type and Size
Model
Rated Voltage (V) 12 12 12 12 12 12 24 24 24 24 24 24 5 5 24 12 24 12 24 12 24 12 12 24 24
Operating Voltage (V) 10.2--13.8 10.2--13.8 10.2--13.8 10.2--13.8 10.2--13.8 10.2--13.8 20.4--27.6 20.4--27.6 20.4--27.6 20.4--27.6 20.4--27.6 20.4--27.6 4.5--6.0 4.5--6.0 7.0--13.8 7.0--13.8 14.0--27.6 7.0--13.8 14--27.6 7.0--13.8 14--27.6 7.0--13.8 7.0--13.8 14--27.0 14--27.0
Rated Current (mA) 165 340 375 415 430 440 110 165 200 210 230 250 205 380 111 185 105 200 100 140 70 280 500 155 295
Rated Input (W) 1.98 4.08 4.50 4.98 5.16 5.28 2.64 3.96 4.80 5.04 5.52 6.00 1.64 1.90 1.33 2.22 2.52 2.40 2.40 1.68 1.68 3.36 6.00 3.72 7.08
Nominal Speed (r/min) 2800 3300 3100 3000 2900 2800 2800 3300 3100 3000 2900 2800 4400 5400 4400 5200 5200 2900 2900 2400 2400 2100 2550 2100 2550
Maximum Air Flow (m3/min) (CFM) 0.32 0.61 0.80 0.96 1.14 1.22 0.33 0.64 0.80 0.95 1.10 1.15 0.112 0.140 0.112 0.138 0.138 0.30 0.30 0.25 0.25 0.53 0.65 0.53 0.67 11.3 21.5 28.2 33.9 40.3 43.1 11.7 22.6 28.2 33.5 38.8 40.6 3.95 4.94 3.95 4.87 4.87 10.6 10.6 8.83 8.83 18.7 23.0 18.7 23.7
Maximum Air Pressure (mmh20) (Pa) 1.30 3.00 2.00 1.90 1.90 1.85 1.50 2.40 2.00 2.00 2.10 2.20 8.1 15.4 8.4 15.0 15.0 12.7 29.4 19.6 18.6 18.6 18.1 14.7 23.5 19.6 19.6 20.6 21.6 79.4 151 79.4 151 151
Noise (dB-A)
Safety Standard UL CSA
Locked Rotor Alarm Sensor * * * * * * * * * * *
FCB34
FCB34AA12
38.0 42.0 42.0 42.0 42.0 42.0 39.0 42.0 42.0 42.0 42.0 42.0 28.5 36.0 28.5 35.0 35.0 36.0 36.0 30.0 30.0 40.0 45.0 40.0 45.0 * * * * * * * * * * * * * * * * * * * * * * * * * * * *
Crossflo Fans FCB34AB12 FCB34AC12 FCB34AD12 FCB34AE12 FCB34AF12 FCB34AA24 FCB34AB24 FCB34AC24 FCB34AD24 FCB34AE24 FCB34AF24 FAL3F Blowers FAL3F05LH FAL3F05LL FAL3F12LL FAL3F12LH FAL3F24LH
CROSSFLO BLOWERS
FAL5F FAL6F
* * * * * * * * * * * * * *
FAL5F12LH FAL5F24LH FAL5F12LL FAL5F24LL FAL6F12LL FAL6F12LH FAL6F24LL FAL6F24LH
10.00 98.07 9.70 6.20 6.30 95.12 60.8 61.8
11.25 110.3 18.00 176.5 11.50 112.8 19.70 193.2
29


▲Up To Search▲   

 
Price & Availability of FBA09A12H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X