Part Number Hot Search : 
TB0902A VM1A1 KH206 KH206 103KA P6SMB33A A3142 KH206
Product Description
Full Text Search
 

To Download ET9560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3 CHANNEL DIFFERENTIAL AMPLIFIER-COMPARATOR
(For 2 data channels and ungated index channel)
ET9560
FEATURES
* * * * * * * Supply Voltage Range 4.5V to 30V Operation to 1MHz Designed for photodiode inputs Ungated Index channel Current sink for LED drive (see application note APP-D2) Outputs short circuit protected 25mA peak drive current
APPLICATIONS
* * High Speed Optical Encoders Industrial Controls
DESCRIPTION
These devices are specifically designed as receiver circuits for the photodiode signals available in optical encoders. Connect the anode of the photodiodes to the input pins, with the cathode(s) connected to Vcc for reverse-bias operation. The input amplifiers have a dynamic range of nearly 1000:1, and allow contrast ratios of encoded signal to common mode signal of as low as 2:1. Differential inputs enhance noise rejection and performance over temperature. Gating of the Z channel provides synchronization of the reference pulse to the data channel phasing.
ABSOLUTE MAXIMUM RATINGS
Parameter Operating Temperature Range Supply Voltage Range Symbol TA VCC Min. -40 4.5 Max. 125 30 Units C V Ref. Note 1
ETIC RESERVES THE RIGHT TO MAKE CHANGES AT ANY TIME TO IMPROVE THE DESIGN AND TO SUPPLY THE BEST PRODUCT.
(c)2000, Rev B0 iC-Haus GmbH Integrated Circuits Am Kuemmerling 18, D-55294 Bodenheim Page 1 of 3 Tel +49-6135-9292-0 Fax +49-6135-9292-192 http://www.ichaus.com
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, typical values given at VCC=12V, TA = 25C, with LED and RSET open. Parameters Supply Current Input Common Mode Voltage Average Photocurrent Input Peak Photocurrent Input Dark Cell Level Photocurrent Contrast Ratio Comparator Threshold Output High Level Voltage Output Low Level Voltage Output Short-Circuit Current Driving High (All Outputs) Output Short-Circuit Current Driving Low (All Outputs) RSET Voltage Symbol Icc1 Icc2 VCM IIA IIP IID IIR Min. 4.5 5.0 0.066 0.13 0.02 2:1 Typ. 7.2 8.0 1.35 0.3 0.5 0.1 5:1 1.25: 1 3.0 28.5 199 25 70 1.7 Max. 11.5 12.5 40 60 20 Units mA V A A A Test Conditions Vcc = 4.5 V Vcc = 30.0V Each input Each input Each input Peak:Dark Cell Ratio of Differential Inputs IOH = -4mA,VCC = 4.5V IOH = -4mA,VCC = 30V VCC = 4.5V-30V IOL = 8mA VCC = 5V, VOUT = 0V VCC = 5V, VOUT = 5V R = 180 ohms
VOH VOL IOS IOS VRSET
2.5 28.0
V 400 50 120 2.1 mV mA mA V
15 30 1.3
AC SWITCHING CHARACTERISTICS
Values given at VCC = 5V, TA = 25C, CL = 15pF on all outputs. Parameters Pre-Amplifier Bandwidth Propagation delay from Comparator Input to Output Output Rise Time Output Fall Time Symbol BW PA TPD TR TF Min. Typ. 900 850 100 20 Max . Units KHz ns ns ns Test Conditions Photocurrent = 1A Minimum
ETIC RESERVES THE RIGHT TO MAKE CHANGES AT ANY TIME TO IMPROVE THE DESIGN AND TO SUPPLY THE BEST PRODUCT.
(c)2000, Rev B0 iC-Haus GmbH Integrated Circuits Am Kuemmerling 18, D-55294 Bodenheim Page 2 of 3 Tel +49-6135-9292-0 Fax +49-6135-9292-192 http://www.ichaus.com
NOTES:
1. This is not a test parameter, but for information only.
PACKAGE
Chip Only 16 Lead SOIC
SUFFIX
-C -SOP
ETIC RESERVES THE RIGHT TO MAKE CHANGES AT ANY TIME TO IMPROVE THE DESIGN AND TO SUPPLY THE BEST PRODUCT.
(c)2000, Rev B0 iC-Haus GmbH Integrated Circuits Am Kuemmerling 18, D-55294 Bodenheim Page 3 of 3 Tel +49-6135-9292-0 Fax +49-6135-9292-192 http://www.ichaus.com


▲Up To Search▲   

 
Price & Availability of ET9560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X