Part Number Hot Search : 
74404 5N65S ST24FW21 ERIES BB503M TLWY8900 SA130 BAS16
Product Description
Full Text Search
 

To Download CXA3221N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXA3221N
RX Gain Control Amplifier For the availability of this product, please contact the sales office.
Description CXA3221N is an RX gain control amplifier suitable for CDMA cellular/PCS phone. Features * Wide gain control range * Linear gain slope * Wideband operation (50MHz to 300MHz) * Very small package (8 Pin SSOP) * Low voltage operation * Power save function included Absolute Maximum Ratings * Supply voltage VCC 6 V * Operating temperature Topr -55 to +125 C * Storage temperature Tstg -65 to +150 C * Supply voltage range -0.3 to 6 V * Logic input voltage -0.3 to VCC + 0.3 V * Signal input voltage -0.3 to VCC + 0.3 V * Differental signal input voltage 0 to 2.5 V Operating Condition Supply voltage Applications CDMA cellular/PCS phone Structure Bipolar silicon monolithic IC 8 pin SSOP (Plastic)
VCC
2.7 to 3.8
V
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E97809-PS
CXA3221N
Block Diagram
IF Input for CDMA
CDMA IN CDMA INX
OUT OUTX
IF Output
Gain control
GCTL
Supply Voltage
VCC Bias Driver
Ground
GND
Power Save
PSV
Pin Configuration
GND
1
8
GCTL
CDMA IN
2
7
VCC
CDMA INX
3
6
OUTX
PSV
4
5
OUT
-2-
CXA3221N
Pin Description Pin No. 1 Symbol GND Pin voltage TYP (V) 0 Equivalent circuit Ground. Description
2
CDMA IN
1.15
2k 2k
Differential input pins for received CDMA IF signal. 3 CDMA INX 1.15
2 3 GND
VCC1
4
PSV
--
4 135k
Power save function pin. High: Active Low: Power save
GND
5
6 460 460 12.3k VCC
5
OUT
--
12.3k
Differential output pins for received CDMA IF signal. Open collector output. 6 OUTX --
GND
7
VCC
3.0
VCC1 8k 8k
Positive power supply.
8
GCTL
--
8
Gain control pin.
6k
6k GND
-3-
CXA3221N
Electrical Characteristics DC Characteristics Parameter Current consumption 1 Current consumption 2 Input current pin 8H Input current pin 8L Input current pin 16H Input current pin 16L PSV high voltage PSV low voltage Symbol ICC1 ICC2 IpsvH IpsvL IgctlH IgctlL VpsH VpsL Conditions Vpsv = 3.0V, Vgctl = 1.5V, Pin 7 Vpsv = 0 V, Vgctl = 1.5V, Pin 7 Vpsv = 3.0V Vpsv = 0 V Vgctl = 3.0V Vgctl = 0.5V Pin 4 Pin 4 -1 2.5 0.5 V -15 1 (VCC = 3.0V, Ta = 27C) Min. Typ. Max. Unit 7 5 10.2 18 15 40 1 A mA
AC Characteristics Parameter Operating frequency range Gain 2.4 Gain 1.5 Gain 0.6 Gain slope Input level 3rd order intercept point Noise Figure Symbol Fr G2.4 G1.5 G0.6 GCLIN IIP3 f = 210.38MHz, Vgctl = 2.4V Vgctl = 1.5V Vgctl = 0.6V Gain at Vgctl = 2.0V - Gain at Vgctl = 1.0V G = 40dB1 f1 = 209.38MHz, f2 = 211.38MHz Measure of 210.38MHz G = 40dB1 Measure of 210.38MHz Conditions
(VCC = 3.0V, Ta = 27C) Min. Typ. Max. Unit 50 42 -7 -59 58 -42 46 -3 -55 61 -38 300 MHz 50 1 -51 64 dB/V dBm dB
NF
5
8
dB
1 Adjust GCTL voltage, and set the overall gain to 40dB.
-4-
CXA3221N
Measurement Circuit
1k 1 GND GCTL 8 0.01 A8
V8
180n 1 CDMA INPUT 2 1000p
2 CDMA IN
VCC 7
A7
1000p 3 CDMA INX
OUTX 6 1.6k
150n3
150n3
0.01
1 OUTPUT
A4
4 PSV
OUT 5
1 TOKO, Inc. B5FL 616DS-1135 2 Coilcraft, Inc. 0805HS-181TKBC 3 Coilcraft, Inc. 0805HS-151TKBC
Application Circuit
VCC 0.01 1k 1 GND 1000p CDMA RX IF INPUT 2 CDMA IN 3 CDMA INX 1000p Active Sleep 4 PSV OUT 5 OUTX 6 VCC 7 0.01 GCTL 8 100p
Gain Control Voltage
1000p RX IF OUTPUT 1000p
Must be adjusting values to result a best impedance matching between BPF filter and this IC.
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
-5-
CXA3221N
Design Reference Values Single ended measurement Item Input resistance Input capacitance Output resistance Output capacitance Symbol Rin Cin Rout Cout f = 210.38MHz, Vgctl = 1.5V Conditions (VCC = 3.0V, Ta = 27C) Typ. 2.7 1.3 5.9 0.73 Unit k pF k pF
Notes on Operation 1) This IC is a wideband amplifier with wide gain control range. The decouping capacitors between GND Pin and VCC Pin should be as close to the IC as possible. 2) The resistors connected to Pins 5 and 6 should be as close to the IC as possible. 3) This IC assumes the excellent characteristics when the differential input impedance between Pins 2 and 3 is 500. Refer to the Measurement Circuit for the external element settings, etc. 4) Pay attention to handling this IC because its electrostatic discharge strength is weak.
-6-
CXA3221N
Sensitivity
60 VCC = 3.0V 40 20 -10 0
IIP3
VCC = 3.0V
Power gain [dB]
-20 0 -20 -40 -60 -80 0 0.5 1 1.5 Vgctl [V] 2 2.5 3
IIP3 [dBm]
-30
-40 T = -40C T = 27C T = 85C T = -40C T = 27C T = 85C
-50
-60 -80
-60
-40
-20
0
20
40
60
Power gain [dB]
Noise Figure
25 VCC = 3.0V 20 4 6
Gain Error from Room Temp
VCC = 3.0V
Noise figure [dB]
15
Gain error [dB]
T = -40C T = 27C T = 85C 0 10 20 30 40 50 60
2
0
10
-2 T = -40C T = 85C
5
-4
0 -10
-6 -80
-60
-40
-20
0
20
40
60
Power gain [dB]
Power gain [dB]
-7-
CXA3221N
Package Outline
Unit: mm
8PIN SSOP (PLASTIC)
3.0 0.1 + 0.2 1.25 - 0.1 0.1 8 5 A
4.4 0.1
1
4 0.65
+ 0.08 0.24 - 0.07 B
0.25 0.13 M 0.1 0.05
6.4 0.2
(0.22)
(0.15) + 0.025 0.17 - 0.015
+ 0.08 0.24 - 0.07
0 to 10
DETAIL A
DETAIL B NOTE: Dimension "" does not include mold protrusion.
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE SSOP-8P-L01 SSOP008-P-0044 LEAD TREATMENT LEAD MATERIAL PACKAGE MASS EPOXY RESIN SOLDER / PALLADIUM PLATING COPPER ALLOY 0.04g
-8-
(0.5)
0.6 0.15


▲Up To Search▲   

 
Price & Availability of CXA3221N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X