Part Number Hot Search : 
B23N20 LTC1415I DS9094FS BGY885B D16312 TS1937 N74F823D ASPDF5T0
Product Description
Full Text Search
 

To Download CS209AYDR14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS209A Proximity Detector
The CS209A is a bipolar monolithic integrated circuit for use in metal detection/proximity sensing applications. The IC (see Figure 1) contains two on-chip current regulators, oscillator and low-level feedback circuitry, peak detection/demodulation circuit, a comparator and two complementary output stages. The oscillator, along with an external LC network, provides controlled oscillations where amplitude is highly dependent on the Q of the LC tank. During low Q conditions, a variable low-level feedback circuit provides drive to maintain oscillation. The peak demodulator senses the negative portion of the oscillator envelope and provides a demodulated waveform as input to the comparator. The comparator sets the states of the complementary outputs by comparing the input from the demodulator to an internal reference. External loads are required for the output pins. A transient suppression circuit is included to absorb negative transients at the tank circuit terminal. Features * Separate Current Regulator for Oscillator * Negative Transient Suppression * Variable Low-Level Feedback * Improved Performance Over Temperature * 6.0 mA Supply Current Consumption at VCC = 12 V * Output Current Sink Capability - 20 mA at 4.0 VCC - 100 mA at 24 VCC
http://onsemi.com MARKING DIAGRAMS
CS209A AWL YYWW 1 8 SO-8 D SUFFIX CASE 751 1 14 14 1 SO-14 D SUFFIX CASE 751A 1 A WL, L YY, Y WW, W = Assembly Location = Wafer Lot = Year = Work Week CS209A AWLYWW 209A ALYWX
8 DIP-8 N SUFFIX CASE 626 8 1
8 1
ORDERING INFORMATION
Device CS209AYN8 CS209AYD8 CS209AYDR8 CS209AYD14 CS209AYDR14 Package DIP-8 SO-8 SO-8 SO-14 SO-14 Shipping 50 Units/Rail 95 Units/Rail 2500 Tape & Reel 55 Units/Rail 2500 Tape & Reel
(c) Semiconductor Components Industries, LLC, 2006
July, 2006 - Rev. 3
1
Publication Order Number: CS209A/D
CS209A
PIN CONNECTIONS
DIP-8 and SO-8 OSC TANK GND OUT1 1 8 RF VCC DEMOD OUT2 OSC TANK GND OUT1 NC OUT2 NC 1 SO-14 14 NC RF VCC NC DEMOD NC NC
VBE/R Current Regulator
300 A
VBE/R Current Regulator
VCC
Oscillator OSC OSC Feedback RF VCC OUT2 4.8 k 23.6 k OUT1
Neg Transient Suppression
+ DEMOD COMP -
TANK
GND
DEMOD
Figure 1. Block Diagram
ABSOLUTE MAXIMUM RATINGS*
Rating Supply Voltage Power Dissipation (TA = 125C) Storage Temperature Range Junction Temperature Range Electrostatic Discharge (except TANK pin) Lead Temperature Soldering: Wave Solder (through hole styles only) (Note 1) Reflow (SMD style only) (Note 2) Value 24 200 -55 to +165 -40 to +150 2.0 260 peak 230 peak Unit V mW C C kV C C
1. 10 second maximum. 2. 60 second maximum above 183C. *The maximum package power dissipation must be observed.
http://onsemi.com
2
CS209A
ELECTRICAL CHARACTERISTICS: (-40C TA +125C, unless otherwise specified.)
Characteristic Supply Current ICC VCC = 4.0 V VCC = 12 V VCC = 24 V VCC = 20 V VCC = 20 V VCC = 24 V VCC = 4.0 V, IS = 20 mA VCC = 24 V, IS = 100 mA VCC = 20 V VCC = 20 V VCC = 20 V ITANK = -10 mA - - Test Conditions Min - - - -550 -60 - - - 1.1 1.1 -250 -10 720 550 Typ 3.5 6.0 11.0 -300 -30 0.01 60 200 1.9 1.9 100 -8.9 1440 1200 Max 6.0 11.6 20 -100 -10 10 200 500 2.5 2.5 550 -7.0 1950 1700 Unit mA mA mA A A A mV mV V V mV V mV mV
TANK Current Demodulator Charge Current Output Leakage Current Output VSAT Oscillator Bias Feedback Bias OSC - RF Bias Protect Voltage Detect Threshold Release Threshold
PACKAGE PIN DESCRIPTION
PACKAGE PIN # DIP-8 & SO-8 1 2 3 4 5 6 7 8 - SO-14 1 2 3 4 6 10 12 13 5, 7, 8, 9, 11, 14 PIN SYMBOL OSC TANK GND OUT1 OUT2 DEMOD VCC RF NC FUNCTION Adjustable feedback resistor connected between OSC and RF sets detection range. Connects to parallel tank circuit. Ground connection. Complementary open collector output; when OUT1 = LOW, metal is present. Complementary open collector output; when OUT2 = HIGH, metal is present. Input to comparator controlling OUT1 and OUT2. Supply voltage. Adjustable feedback resistor connected between OSC and RF set detection range. No connection.
http://onsemi.com
3
CS209A
TYPICAL PERFORMANCE CHARACTERISTICS
8 (T = 25C, VCC = 12 V) Switching Delay (s) Switching Delay (s) 5.5 6.5 (VCC = 12 V, RLOAD = 1.0 k)
6
4.5
4
3.5
0.1 k 2
0 4 8 12 16 20
2.5
-40
-20
0
20
40
60
80
100
120
Output Load (k)
Temperature (C)
Figure 2. Output Switching Delay vs. Output Load
Object Detected 1.75
Figure 3. Output Switching Delay vs. Temperature
(T = 25C, VCC = 12 V)
DEMOD (V)
1.5 Object Not Detected, L Unloaded
1.25
2.5 k 5.0 k 7.5 k 12.5 k 15 k 17.5 k
1.0
0.75
0
0.100
0.200
0.300
0.400
Distance To Object (in.)
Figure 4. Demodulator Voltage vs. Distance for Different RF
PRINCIPLE OF OPERATION The CS209A is a metal detector circuit which operates on the principle of detecting a reduction in Q of an inductor when it is brought into close proximity of metal. The CS209A contains an oscillator set up by an external parallel resonant tank and a feedback resistor connected between OSC and RF. (See Figure 5.) The impedance of a parallel resonant tank is highest when the frequency of the source driving it is equal to the tank's resonant frequency. In the CS209A the internal oscillator operates close to the resonant frequency of the tank circuit selected. As a metal object is brought close to the inductor, the amplitude of the voltage across the tank gradually begins to drop. When the envelope of the oscillation reaches a certain level, the IC causes the output stages to switch states. The detection is performed as follows: A capacitor connected to DEMOD is charged via an internal 30 A current source. This current, however, is diverted away from the capacitor in proportion to the negative bias generated by the tank at TANK. Charge is therefore removed from the capacitor tied to DEMOD on every negative half cycle of the resonant voltage. (See Figure 6) The voltage on the capacitor at DEMOD, a DC voltage with ripple, is then directly compared to an internal 1.44 V reference. When the internal comparator trips it turns on a transistor which places a 23.6 k resistor in parallel to the 4.8 k. The resulting reference then becomes approximately 1.2 V This hysteresis is necessary for preventing . false triggering.
http://onsemi.com
4
CS209A
VCC OSC 20 k RL 1.0 k RL 1.0 k
CS209A
RF
OUT1
NORMALLY HI
OUT2 TANK GND DEMOD
NORMALLY LO
4300 pF
CDEMOD 2200 pF
L: Core: Siemens B65531-D-R-33 52 Turns, 6 x 44 AWG, Litz Unserved Single Polyurethane
L
Figure 5. Test and Application Diagram
VOUT1
VTANK VDEMOD VDEMOD
Figure 6. Capacitor Ripple
Figure 7. Output Pulse for an 8 Tooth Gear
The feedback potentiometer connected between OSC and RF is adjusted to achieve a certain detection distance range. The larger the resistance the greater the trip-point distance. (See Figure 4.) Note that this is a plot representative of one particular set-up since detection distance is dependent on the Q of the tank. Note also from the graph that the capacitor voltage corresponding to the greatest detection distance has a higher residual voltage when the metal object is well outside the trip point. Higher values of feedback resistance for the same inductor Q will therefore eventually result in a latched-ON condition because the residual voltage will be higher than the comparator's thresholds. As an example of how to set the detection range, place the metal object at the maximum distance from the inductor the
circuit is required to detect, assuming of course the Q of the tank is high enough to allow the object to be within the IC's detection range. Then adjust the potentiometer to obtain a lower resistance while observing one of the CS209A outputs return to its normal state. (See Figure 5.) Readjust the potentiometer slowly toward a higher resistance until the outputs have switched to their tripped condition. Remove the metal and confirm that the outputs switch back to their normal state. Typically the maximum distance range the circuit is capable of detecting is around 0.3 inch. The higher the Q, the higher the detection distance.
http://onsemi.com
5
CS209A
For this application it is recommended to use a core which concentrates the magnetic field in only one direction. This is accomplished very well with a pot core half. The next step is to select a core material with low loss factor (inverse of Q). The loss factor can be represented by a resistance in series with the inductor which arises from core losses and is a function of frequency. The final step in obtaining a high Q inductor is the selection of wire size. The higher the frequency the faster the decrease in current density towards the center of the wire. Thus most of the current flow is concentrated on the surface of the wire resulting in a high AC resistance. LITZ wire is recommended for this application. Considering the many factors involved, it is also recommended to operate at a resonant frequency between 200 and 700 kHz. The formula commonly used to determine the Q for parallel resonant circuits is:
QP ^ R 2pfRL Commonly Encountered Metals
Stainless Steel . . . . . . . . . . . . . . . . . . . . . . . . . . . . Carbon Steel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Copper . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Brass . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Coins
0.101 0.125 0.044 0.053 0.052
US Quarter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.055 Canadian Quarter . . . . . . . . . . . . . . . . . . . . . . . . . . 0.113 1 German Mark . . . . . . . . . . . . . . . . . . . . . . . . . . 0.090 1 Pound Sterling . . . . . . . . . . . . . . . . . . . . . . . . . . 0.080 100 Japanese Yen . . . . . . . . . . . . . . . . . . . . . . . . . 0.093 100 Italian Lira . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.133
Other
12 oz. soda can . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.087 Note that the above is only a comparison among different metals and no attempt was made to achieve the greatest detection distance. A different type of application involves, for example, detecting the teeth of a rotating gear. For these applications the capacitor on DEMOD should not be selected too small (not below 1000 pF) where the ripple becomes too large and not too large (not greater than 0.01 F) that the response time is too slow. Figure 6 for example shows the capacitor ripple only and Figure 7 shows the entire capacitor voltage and the output pulses for an 8-tooth gear rotating at about 2400 rpm using a 2200 pF capacitor on the DEMOD pin. Because the output stages go into hard saturation, a time interval is required to remove the stored base charge resulting in both outputs being low for approximately 3.0 s. (See Figure 3.)
where R is the effective resistance of the tank. The resistance component of the inductor consists primarily of core losses and "skin effect" or AC resistance. The resonant capacitor should be selected to resonate with the inductor within the frequency range recommended in order to yield the highest Q. The capacitor type should be selected to have low ESR: multilayer ceramic for example. Detection distances vary for different metals. Following are different detection distances for some selected metals and metal objects relative to one particular circuit set-up:
http://onsemi.com
6
CS209A
PACKAGE DIMENSIONS
DIP-8 N SUFFIX CASE 626-05 ISSUE L
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10 _ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
8
5
-B-
1 4
F
NOTE 2
-A-
L C
-T-
SEATING PLANE
J N D K
M
M TA
M
H
G 0.13 (0.005) B
M
SO-8 D SUFFIX CASE 751-07 ISSUE W
-X- A
8 5 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D G H J K M N S MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
B
1
S
4
0.25 (0.010)
M
Y
M
-Y- G
K
C -Z- H D 0.25 (0.010)
M SEATING PLANE
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
http://onsemi.com
7
CS209A
SO-14 D SUFFIX CASE 751A-03 ISSUE F
-A-
14 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
-B-
1 7
P 7 PL 0.25 (0.010)
M
B
M
G
C
R X 45 _
F
-T-
SEATING PLANE
D 14 PL 0.25 (0.010)
K
M
M
S
J
TB
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
PACKAGE THERMAL DATA Parameter RJC RJA Typical Typical DIP-8 52 100 SO-8 45 165 SO-14 30 125 Unit C/W C/W
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
8
CS209A/D


▲Up To Search▲   

 
Price & Availability of CS209AYDR14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X