|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CRS SERIES - 1/2 WATT DESCRIPTION CRS DC/DC converters offer excellent regulation and isolation in an industry standard DIP package. Available in 5 or 12 Volt input versions, the CRS is perfect for industrial and EDP applications. The CRS features short circuit protection and 500 VDC isolation. Please see the CRD series for dual output applications. FEATURES * Industry Standard Package * Industry Standard Pinout * 85C Case Operation * Short Circuit Protection 1.25" (31.8mm) * * * * 5V and 12V Inputs Input Pi Filter Regulated Output 500V Isolation Selection Chart Model CRS505 CRS512 CRS515 CRS1205 CRS1212 CRS1215 Input Range VDC 4.65 - 5.50 4.65 - 5.50 4.65 - 5.50 10.90 - 13.20 10.90 - 13.20 10.90 - 13.20 Output VDC Output Current 5 12 15 5 12 15 0.100 0.080 0.065 0.100 0.080 0.065 0.40" (10.2mm) 0.80" (20.3mm) Note: For model options, see the last page of this file. 1 OPTIONS When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and add them to the model number. Example ordering options are located below the options table. OPTION Negative Logic Lucent Compatible Trim Terminal Strip Trim Enable Trim and Enable Current Share Headerless SUFFIX N T TS 1 2 3 4 Y APPLICABLE SERIES HAS, HBD, HBS, HES, LES, QBS, QES, TES, TQD HAS, HBD, HBS, HES, QBS, QES XWS, XWD, XWT IAS, LES IAD, IAS, LES, SMS IAS, LES SMS Encapsulated EWS, IWS, OWS REMARKS TTL "Low" Turns Module ON TTL "High" Turns Module OFF PIN LENGTH AND HEATSINK OPTIONS 0.110" (2.8mm) Pin Length 0.150" (3.8mm) Pin Length 0.24" (6.1mm) Horizontal Heatsink 0.24" (6.1mm) Vertical Heatsink 0.45" (11.4mm) Horizontal Heatsink 0.45" (11.4mm) Vertical Heatsink 0.95" (24.1mm) Horizontal Heatsink 0.95" (24.1mm) Vertical Heatsink 8 9 1H 1V 2H 2V 3H 3V All Units (Except SMS) All Units (Except SMS) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) Standard Pin Length is 0.180" (4.6mm) Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Example Options:HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and 0.95" vertical heatsink. LES015YJ-3N = LES015YJ with optional trim and enable, negative logic. QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110" pin length. NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc. TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are subject to change without notice. C105 |
Price & Availability of CRS505 |