Part Number Hot Search : 
SC5100 47C443N T62M0002 MAX8680 120CA 4410N 31040 RD33F
Product Description
Full Text Search
 

To Download CPH5905 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN7177
CPH5905
NPN Epitaxial Planar Silicon Transistor N-Channel Silicon Junction FET
CPH5905
High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
Features
*
Package Dimensions
unit : mm 2196
[CPH5905]
2.9 5 4 3
0.6 0.2
*
*
Composite type with J-FET and NPN transistors contained in the CPH5 package, improving the mounting efficiency greatly. The CPH5905 contains a 2SK3557-equivalent chip and a 2SC4639-equivalent chip in one package. Drain and emitter are shared.
0.15
1 0.95
2 0.4
0.6
1.6
2.8
0.05
1 : Collector 2 : Gate 3 : Source 4 : Emitter/Drain 5 : Base SANYO : CPH5
0.2
0.4
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter [FET] Drain-to-Source Voltage Gate-to-Drain Voltage Gate Current Drain Current Allowable Power Dissipation [TR] Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Base Current Collector Dissipation [Common Ratings] Total Dissipation Junction Temperature Storage Temperature PT Tj Tstg 300 150 --55 to +150 mW C C VCBO VCEO VEBO IC ICP IB PC 55 50 6 150 300 30 200 V V V mA mA mA mW VDSX VGDS IG ID PD 15 -15 10 50 200 V V mA mA mW Symbol Conditions Ratings Unit
Marking : 1E
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
22802 TS IM TA-3495 No.7177-1/5
0.7
0.9
CPH5905
Electrical Characteristics at Ta=25C
Parameter [FET] Gate-to-Drain Breakdown Voltage Gate Cutoff Current Cutoff Voltage Drain Current Forward Transfer Admittance Input Capacitance Reverse Transfer Capacitance Noise Figure [TR] Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Output Capacitance Collector-to-Emitter Saturation Voltage Base-to-Emitter Saturation Voltage Collector-to-Base Breakdown Voltage Collector-to-Emitter Breakdown Voltage Emitter-to-Base Breakdown Voltage Turn-ON Time Storage Time Fall Time Rank G ICBO IEBO hFE fT Cob VCE(sat) VBE(sat) V(BR)CBO V(BR)CEO V(BR)EBO ton tstg tf H VCB=35V, IE=0 VEB=4V, IC=0 VCE=6V, IC=1mA VCE=6V, IC=10mA VCB=6V, f=1MHz IC=50mA, IB=5mA IC=50mA, IB=5mA IC=10A, IE=0 IC=1mA, RBE= IE=10A, IC=0 See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. 55 50 6 0.15 0.75 0.20 135 200 1.7 0.08 0.8 0.4 1.0 0.1 0.1 400 MHz pF V V V V V s s s A A V(BR)GDS IGSS VGS(off) IDSS yfs Ciss Crss NF IG=-10A, VDS=0 VGS=--10V, VDS=0 VDS=5V, ID=100A VDS=5V, VGS=0 VDS=5V, VGS=0, f=1kHz VDS=5V, VGS=0, f=1MHz VDS=5V, VGS=0, f=1MHz VDS=5V, Rg=1k, ID=1mA, f=1kHz --15 --1.0 --0.4 10.0* 24 35 10.0 2.9 1.0 --0.7 --1.5 32.0* V nA V mA mS pF pF dB Symbol Conditions Ratings min typ max Unit
* : The CPH5905 is classified by IDSS as follows : (unit : mA) IDSS 10.0 to 20.0 16.0 to 32.0 The specifications shown above are for each individual FET or a transistor.
Electrical Connection (Top view)
B E/D S
Switching Time Test Circuit
PC=20s D.C.1% INPUT 50 IB1 OUTPUT IB2 1k VR + 220F VBE= --5V + 470F VCC=20V RL 2k
C
G
10IB1= --10IB2=IC=10mA
20
ID -- VDS
[FET]
20
ID -- VDS
VGS=0
[FET]
16
Drain Current, ID -- mA
Drain Current, ID -- mA
V GS=0
16
--0.1V
12
12
--0.1V
--0.2V
--0.2V
8
8
--0.3V
--0.3V
4
--0.4V
--0.7V
4
--0.4V
--0.6V
1.2
--0.5V
0 1.6 2.0 2.4 ITR02749 0 2
--0.7V
4 6
--0.5V --0.6V
8 10 12 ITR02750
0 0 0.4 0.8
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
No.7177-2/5
CPH5905
22 20 18
ID -- VGS
VDS=5V
[FET]
16 14
ID -- VGS
VDS=5V IDSS=15mA
[FET]
Drain Current, ID -- mA
Drain Current, ID -- mA
16 14 12 10 8 6 4
12 10 8 6 4 2
ID SS = 30 mA
20 m 15 A mA 10 mA
25 C
--1.0 --0.8 --0.6 --0.4
2 0 --1.4 --1.2 --1.0 --0.8 --0.6 --0.4 --0.2 0 0.2 IT04224 0 --1.2 --0.2 0 0.2
Gate-to-Source Voltage, VGS -- V
7
yfs -- ID
Gate-to-Source Voltage, VGS -- V
100
25
C
Ta =--
75 C
[FET]
yfs -- IDSS
ITR02752
Forward Transfer Admittance, yfs -- mS
5
30m
3 2
A
Forward Transfer Admittance, yfs -- mS
VDS=5V f=1kHz
=15 I DSS mA
7
[FET] VDS=5V VGS=0 f=1kHz
5
10 7 5
3
2
3 2 3 5 7 1.0 2 3 5 7 10 2 3 5
10 7 10 2 3 5 IT04226
Drain Current, ID -- mA
3
IT04225
Drain Current, IDSS -- mA
3
VGS(off) -- IDSS
[FET]
Ciss -- VDS
[FET]
VDS=5V ID=100A Cutoff Voltage, VGS(off) -- V Input Capacitance, Ciss -- pF
2 2
VGS=0 f=1MHz
1.0
10
7
7
5
5
3 7 10 2 3 5 IT04227
3 7 1.0 2 3 5 7 10 2 3
Drain Current, IDSS -- mA
10
Drain-to-Source Voltage, VDS -- V
10
IT04228
Crss -- VDS
Reverse Transfer Capacitance, Crss -- pF
7 5
[FET] VDS=0 f=1MHz
NF -- f
8
[FET] VDS=5V ID=1mA Rg=1k
Noise Figure, NF -- dB
2 3 5 7 2
3
6
2
4
1.0 7 5 7 1.0 10 3
2
0 0.01
23
5 7 0.1
23
5 7 1.0
23
5 7 10
23
Drain-to-Source Voltage, VDS -- V
IT04229
Frequency, f -- kHz
5 7100 ITR02758
No.7177-3/5
CPH5905
10
NF -- Rg
[FET]
Allowable Power Dissipation, PD -- mW
8
VDS=5V ID=1mA f=1kHz
240
PD -- Ta
[FET]
200
Noise Figure, NF -- dB
160
6
120
4
80
2
40
0 0.1
23
5 7 1.0
23
5 7 10
23
5 7 100
23
Signal Source Resistance, Rg -- k
50 45
5 71000 ITR02759
0 0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta -- C
12
ITR02760
IC -- VCE
0 A
A 450
[TR]
350A
300A 250A
IC -- VCE
50A 45A 40A 35A
[TR]
A 400
50
Collector Current, IC -- mA
35 30 25 20 15 10 5 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
200A
Collector Current, IC -- mA
40
10
8
150A
100A
6
30A 25A 20A 15A 10A 5A IB=0
0 5 10 15 20 25 30 35 40 45 50
4
50A
IB=0
0.8 0.9 1.0
2
0
Collector-to-Emitter Voltage, VCE -- V
160 140
ITR10376
Collector-to-Emitter Voltage, VCE -- V
2
ITR10377
IC -- VBE
[TR] VCE=6V
hFE -- IC
[TR] VCE=6V
1000
Collector Current, IC -- mA
DC Current Gain, hFE
120 100 80 60
7 5 3 2
Ta=75C
25C --25C
Ta=75 C 25C --25C
40 20 0 0 0.2 0.4
100 7 5 3 0.1
0.6
0.8
1.0
1.2
1.4
2
3
5
1.0
2
3
5
10
2
3
5
Base-to-Emitter Voltage, VBE -- V
7
ITR10378
Collector Current, IC -- mA
5
100 2 3 ITR10379
f T -- IC
[TR] VCE=6V Input Capacitance, Cib -- pF
Cib -- VEB
[TR] f=1MHz
Gain-Bandwidth Product, fT -- MHz
5 3 3 2 2
10 7 5
100 7 5
3 2
3 2 1.0 1.0 2 3 5 7 10 2 3 5 7
Collector Current, IC -- mA
2 100 ITR10380
5
7
1.0
2
3
5
Emitter-to-Base Voltage, VEB -- V
7 10 ITR10381
No.7177-4/5
CPH5905
5 3
Cob -- VCB
[TR] f=1MHz Collector-to-Emitter Saturation Voltage, VCE(sat) -- V
3 2 1.0 7 5 3 2 0.1 7 5 3
VCE(sat) -- IC
[TR] IC / IB=10
Output Capacitance, Cob -- pF
2
10 7 5 3 2
1.0 7 5 5 7 1.0 2 3 5 7 10 2 3 5 100 ITR10382 7
5C Ta=7 C --25
2 3 5 7 10 2 3
25
C
2 1.0
5
7
Collector-to-Base Voltage, VCB -- V
10
VBE(sat) -- IC
Collector Current, IC -- mA
250
2 100 ITR10383
[TR] IC / IB=10 Collector Dissipation, PC -- mW
PC -- Ta
[TR]
Base-to-Emitter Saturation Voltage, VBE(sat) -- V
7 5 200
3 2
150
100
1.0 7 5 3 1.0
Ta= --25C
75C
25C
50
0 2 3 5 7 10 2 3 5 7
Collector Current, IC -- mA
2 100 ITR10384
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta -- C
ITR10385
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of February, 2002. Specifications and information herein are subject to change without notice.
PS No.7177-5/5


▲Up To Search▲   

 
Price & Availability of CPH5905

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X