Part Number Hot Search : 
SBL1050 MC13224V SBL1050 74LVT65 4N50QD SB1030CT VB025BSP 00TT4
Product Description
Full Text Search
 

To Download CGY21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CGY 21
GaAs MMIC
q q q q q q q q q
CGY 21
Two-stage monolithic microwave IC (MMIC amplifier) All gold metallization Chip fully passivated Operating voltage range: 3 to 6 V 50 input/output; RLIN RLOUT > 10 dB Gain: 21 dB at 500 MHz Low noise figure: 3.9 dB at 500 MHz Bandwidth: 2 GHz Hermetically sealed package
ESD: Electrostatic discharge sensitive device, observe handling precautions! Type Ordering Code Circuit Diagram (Pin Configuration) Package1) TO-12
CGY 21 Q68000-A5953
1 2 3 4
RF output, VS Interstage, VS RF input RF and DC ground, case
1)
For detailed information see chapter Package Outlines.
Semiconductor Group
1
CGY 21
Maximum Ratings Parameter Supply voltage, TC 80 C Total power dissipation, TC 50 C Channel temperature Storage temperature range Thermal Resistance Channel - case RthchC 50 K/W Symbol VS Ptot Tch Tstg Values 6 2 150 - 55 ... + 150 Unit V W C
Note: Exceeding any of the maximum ratings may cause permanent damage to the device. Appropriate handling procedures are required to protect the electrostatic sensitive IC against degradation due to excess voltage or excess current spikes. Excellent ground connection of lead 4 and the package (e. g. soldered on microstripline laminate) is required to achieve guaranteed RF performance and stable operation conditions and provides adequate heat sink. Low parasitic capacitance of the bias network to port 2 gives optimum gain and flatness. Input and output connections must be DC isolated by coupling capacitors.
Semiconductor Group
2
CGY 21
Electrical Characteristics at TA = 25 C, VS = 4.5 V, RS = RL = 50 , unless otherwise specified, (for application circuit see next page). Parameter Operating current Power gain f = 100 MHz to 900 MHz Gain flatness f = 100 MHz to 900 MHz Noise figure f = 100 MHz to 900 MHz Input return loss f = 100 MHz to 900 MHz Output return loss f = 100 MHz to 900 MHz Third order intercept point two-tone intermodulation test f1= 806 MHz, f2= 810 MHz, Po = 10 dBm (both carriers) 1 dB gain compression f = 100 MHz to 900 MHz Symbol min. Iop G
G
Values typ. 160 21 1.5 3.9 12 12 32.5 max. 200 - 2 5.5 9.5 9.5 - - 19 - - - - 31
Unit mA dB
F RLIN RLOUT IP3
dBm
P1dB
-
19
-
Semiconductor Group
3
CGY 21
Application Circuit f = 100 MHz to 900 MHz
Legend of components C1, C2, C3 L1, L2 D 1 nF chip capacitors 1 H inductance (B 78108 - T 1102K) 6 V2 Zener diode (BZW 22C6V2)
Semiconductor Group
4
CGY 21
Total power dissipation Ptot = f (TC)
Max. supply voltage VSmax = f (TC)
Operating current Iop = f (VS)
Semiconductor Group
5
CGY 21
Power gain G = f (f) VS = 4.5 V, RS = RL = 50
Power gain G = f (VS) RS = RL = 50
Power gain G = f (Pout) VS = 4.5 V, RS = RL = 50 f = 0.8 GHz
Semiconductor Group
6
CGY 21
Third order intercept point IP3 = f (VS) f = 800 MHz, RS = RL = 50
Noise figure F = f (VS) RS = RL = 50
Noise figure F = f (f) VS = 4.5 V, RS = RL = 50
Semiconductor Group
7
CGY 21
S Parameters f GHz S11 MAG ANG S21 MAG ANG S12 MAG ANG S22 MAG ANG
VS = 4.5 V, Z0 = 50 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 0.02 0.08 0.14 0.18 0.23 0.27 0.28 0.25 49 55 34 17 0 - 15 - 28 - 39 13.82 13.63 13.03 12.1 10.93 9.48 7.91 6.29 - 10 - 34 - 58 - 81 - 104 - 127 - 149 - 171 0.012 0.012 0.012 0.011 0.011 0.01 0.009 0.008 -2 -7 - 13 - 19 - 24 - 29 - 31 - 32 0.11 0.13 0.15 0.19 0.24 0.29 0.33 0.36 3 11 18 20 20 16 12 5
S11 = f (f) VS = 4.5 V, Z0 = 50
S12 = f (f) VS = 4.5 V, Z0 = 50
Semiconductor Group
8
CGY 21
S Parameters (continued) S21 = f (f) VS = 4.5 V, Z0 = 50 S22 = f (f) VS = 4.5 V, Z0 = 50
Semiconductor Group
9


▲Up To Search▲   

 
Price & Availability of CGY21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X