Part Number Hot Search : 
AN3010 S1501 AD766 CL7621AC FPA18 MAX68 M5106 S29GL256
Product Description
Full Text Search
 

To Download CG0603MLE-18E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

0402 and 0603 package options Rated for IEC 61000-4-2, for applications requiring up to 18 V DC Withstands multiple ESD strikes Low capacitance and leakage currents for invisible load protection Tape and reel packaging
ChipGuard(R) MLE Series Varistor ESD Clamp Protectors
Description
The ChipGuard(R) CG0402MLE and CG0603MLE Series has been designed to provide high frequency attenuation, thereby providing suppression and filtering in a single device. The MLE family also offers protection to ESD standards such as IEC61000-4-2 for applications requiring up to 18 V DC and is available in the industry standard 0603 and 0402 type leadless surface mount packaging.
Electrical Characteristics @ 25 C (unless otherwise noted)
Continuous Operating Voltage Vrms Model (V) Max. VDC (V) Typ. Max.
8 kV Contact
Clamping Voltage VCLAMP (V) Typ.
15 kV Air 1A @ 8/20 s 3.5 V
Off-state Current IL (uA) Max.
5.5 V 9V 12 V 18 V
Capacitance CP (pF) Max.
1 Vrms @ 1 MHz
CG0402MLE-18G CG0603MLE-18E
8.5 8.5
12 12
18 18
100 40
120 60
50 60
0.3 0.3
0.4 0.4
0.5 0.5
1 1
10 10
9 50
Environmental Characteristics
Operating Temperature ..-55 C to +125 C Storage Temperature......-55 C to +125 C Response Time ..................................<1 ns Standard..................IEC 61000-4-2 Level 4
Surge Withstand Ratings
Model CG0402MLE-18G CG0603MLE-18E Peak Current 8/20 s (Max.) 15 A 20 A Peak Current @ 8 kV (Max.) 30 A 45 A
Device Symbol Voltage-Current Characteristics
V
How to Order
10 2
CG 0402 MLE - 18 G
ChipGuard(R) Product Designator Package Option 0402 = 0402 Package 0603 = 0603 Package Multilayer Series Designator Operating Voltage 18 = 18 V Tape & Reel Packaging E = 4,000 pcs. per reel (0603 package) G = 10,000 pcs. per reel (0402 package) Ni barrier terminations are standard on all ChipGuard(R) part numbers.
CG0402MLE-18G
CG0402MLE-18G CG0603MLE-18E
Voltage (Volts)
CG0603MLE-18E
10 1
10 0 10-8 10-7 10-6 10-5 10-4 10-3 10-2 10-1 10 0 10 1 10 2 10 3 10 4
SOURCE = DC
SOURCE = 8/20 s PULSE, IPEAK
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
I Current (Amps)
ChipGuard(R) MLE Series Varistor ESD Clamp Protectors
Product Dimensions
A W
Recommended Pad Layout
A
L
B
DIMENSIONS =
MM (INCHES)
C D
B
Dimension L W A B
CG0402MLE Series 1.00 0.15 (0.04 0.006) 0.50 0.10 (0.02 0.004) 0.50 0.10 (0.02 0.004) 0.25 0.15 (0.010 0.006)
CG0603MLE Series 1.60 0.20 (0.064 0.008) 0.80 0.20 (0.032 0.008) 0.80 0.20 (0.032 0.008) 0.30 0.20 (0.012 0.008)
Dim. A B C D
CG0402MLE Series 0.51 (0.020) 0.61 (0.024) 0.51 (0.020) 1.70 (0.067)
CG0603MLE Series 0.76 (0.030) 1.02 (0.040) 0.50 (0.020) 2.54 (0.100)
Solder Reflow Recommendations
300 250 200 150 100 50 0 110 sec. (min.) 30-70 sec. Time (seconds) 120 sec. (min.)
Preheat Stages 1-3
Soldering
Cooling
A B C D
Stage 1 Preheat Ambient to Preheating 30 s to 60 s Temperature Stage 2 Preheat 140 C to 160 C Stage 3 Preheat Preheat to 200 C Main Heating 200 210 220 230 240 C C C C C 60 s to 120 s 20 s to 40 s 60 55 50 40 30 s s s s s to to to to to 70 65 60 50 40 s s s s s
Temperature (C)
E
Cooling
200 C to 100 C
1 C/s to 4 C/s
* This product can be damaged by rapid heating, cooling or localized heating. * Heat shocks should be avoided. Preheating and gradual cooling recommended. * Excessive solder can damage the device. Print solder thickness of 150 to 200 um recommended. * Solder gun tip temperature should be kept below 280 C and should not touch the device directly. Contact should be less than 3 seconds. A solder gun under 30 watts is recommended.
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
ChipGuard(R) MLE Series Varistor ESD Clamp Protectors
Packaging Dimensions
13.0 1.0 (0.52 0.04) 8.00 0.30 (0.32 0.012) 4.00 0.10 (0.16 0.004) C 1.50 0.10 (0.06 0.004) 2.0 0.50 (0.08 0.02) 62.0 1.50 (2.48 0.06) 13.0 0.50 (0.52 0.02)
L
TOP TAPE W
G
D 3.50 0.05 (0.14 0.002)
21.0 0.80 (0.84 0.032)
180.8 2.0 (7.12 0.08)
NOTES: TAPE MATERIAL IS PAPER. 0.60 0.05 TAPE THICKNESS IS (0.024 0.002) COVER TAPE ADHESION IS 40 15 GRAMS.
9.0 0.50 (0.36 0.02)
Dimension C D L W G
CG0402MLE Series 1.75 0.05 (0.04 0.002) 2.00 0.02 (0.08 0.0008) 1.12 0.03 (0.045 0.0012) 0.62 0.03 (0.025 0.0012) 2.0 0.05 (0.08 0.002)
CG0603MLE Series 1.75 0.10 (0.04 0.004) 2.00 0.05 (0.08 0.002) 1.80 0.20 (0.072 0.008) 0.90 0.20 (0.036 0.008)
Reliable Electronic Solutions
Asia-Pacific: TEL +886-2 25624117 * FAX +886-2 25624116 Europe: TEL +41-41 7685555 * FAX +41-41 7685510 North America: TEL +1-951 781-5500 * FAX +1-951 781-5700 www.bourns.com
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
REV. C
"ChipGuard" is a registered trademark of Bourns, Inc.


▲Up To Search▲   

 
Price & Availability of CG0603MLE-18E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X