Part Number Hot Search : 
M100J 10N60 US9111 SG2003N 74LVX00 GRM216 74CBT SEA05
Product Description
Full Text Search
 

To Download C5315 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C5315
Typical Applications
2, 5, 10 Gbit/s standard Sonet / SDH
VCSO
Features
Surface Mount Package Reflow Process Compatible SAW-based Oscillator
Previous Vectron Model Numbers Frequency range Standard frequencies Frequency stabilities1
Parameter vs. operating temperature range (Referenced to +25C) Min -300.0 Typ Max. +50.0 Units ppm Operating temp range -40 ... +85C Ordering Code5
622,08 to 669,3265 MHz 622,08; 624,629; 644,5313; 666,5143; 669,3265 MHz
Supply voltage
Parameter Supply voltage (Vs) Current consumption Supply voltage (Vs) Current consumption 3.135 3.3 Min 4.75 Typ 5.0 Max. 5.25 120 3.465 80 Units VDC mA VDC mA SV033 Condition Ordering Code5 SV050
RF output
Parameter Signal Load Rise and Fall time Duty cycle Min Typ PECL 50 Max. Units ps % Condition Ordering Code5 RFP Vs - 2V 20 to 80 %
45
400 55
Frequency Tuning (EFC)
Parameter Tuning Range Absolute Pulling Range (APR) Linearity Tuning Slope Control Voltage Range Min 50 3 Positive 0.0 1.65 3.3 VDC with Vs=3.3VDC 10 Typ 350.0 Max. Units ppm ppm % Condition
Additional parameters
Parameter Phase Noise Min Typ -40 -70 -90 -120 -140 -147 0,073 Max. Units dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBC/Hz dBc/Hz Ps RMS g 10 100 1 10 100 1 Condition Hz Hz kHz kHz kHz MHz @622 MHz PECL 3,3V
Jitter Weight Processing & Packing
1 2 handling&processing note
@ 12 kHz to 20 MHz
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-02-10 * page 1 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax
C5315
VCSO
Type G183
Code A1 Height "H" 5,9 Pin Length "L" NA
Dimensions: mm
Pin Connections 1 Control Voltage (Vc) 2 N/C / Enable (optional) 3 Ground (Case) 4 RF Output 5 Complementary RF Output 6 Supply Voltage Input (Vs) Outline Drawing: G183B Marking C AYYWW C5315A1-xxxx frequency
Enable Pin 2 Low Open High
true table Output Pin 4 Data Data No Data
Complementary output Pin 5 compl. Data compl. Data No Data
Absolute Maximum Ratings
Parameter Supply voltage (Vs) Operable temperature range Storage temperature range Min -40 -40 Typ Max. 7 +85 +90 Units V C C Condition
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-02-10 * page 2 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax
C5315
VCSO
Typical Phase Noise and Jitter
(PECL output)
Frequency range [Hz] 1000Hz to 5MHz 250kHZ to 5MHz 12kHz to 20MHz
S(f) [dB] -62.78dB -77.78dB -70.88dB
Jitter [ps rms] 0.186ps 0.033ps 0.073ps
Standard Shipping Method
A X B P
Enclosure Type G183
Lage im Gurt Position in tape Pin 1
Abwickelrichtung Unwinding direction
K
*bei W 24 mm nur untere Lochreihe by W 24 mm only lower hole line
Gurtunterseite Tape buttom side Gurtoberseite Tape upper side
Tape width W [mm] 24
Quantity per meter 83,3
Quantity per reel 850
Dimension P 12
Production tolerance complying DIN IEC 286-3
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-02-10 * page 3 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax
C5315
Recommended Reflow Profile
VCSO
SMD oscillators must be on the top side of the PCB during the reflow process.
How to Order this Product:
Step 1 Use this worksheet to forward the following information to your factory representative: Model C5315
Example: C5315 SV033 RFP A1
Stability Code
Supply Voltage Code
RF Output Code
Package Code
Step 2
The factory representative will then respond with a Vectron Model Number in the following Configuration: Model C5315 Package Code [Customer Specified Package Code] Dash Dash Number [Factory Generated 4 digit number]
Typical P/N = C5315A1-0001
Notes: 1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C) 3 Phase noise degrades with increasing output frequency. 4 Subject to technical modification. 5 Contact factory for availability.
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-02-10 * page 4 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax


▲Up To Search▲   

 
Price & Availability of C5315

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X