Part Number Hot Search : 
240QJ1 SCH1332 BR3010 TIP32A RB1E13N PY5305S 91900 SR050
Product Description
Full Text Search
 

To Download C-508E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C/A-508X ALPHA-NUMERIC DISPLAY
Shape Part No. Common Common Cathode Anode Chip Raw Material Emitted Color Wave Length p(nm) Electro-Optical Characteristics Vf(V)20mA Iv(ucd)10mA Typ. Max. Typ. Fig. No.
C-508H C-508E C-508G C-508Y C-508SR
A-508H A-508E A-508G A-508Y A-508SR
GaP GaAsP/GaP GaP GaAsP/GaP GaAlAs
Red Hi.effi Red Green Yellow Super Red
700 635 565 585 660
2.1 2.0 2.1 2.1 1.8
2.8 2.8 2.8 2.8 2.4
650 2000 2000 1600 10000
D56
Fig.D56
1.All dimension are in millimeters (inches). 2.Tolerance is 0.25 mm (0.01") unless otherwise specified.


▲Up To Search▲   

 
Price & Availability of C-508E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X