Part Number Hot Search : 
MS8870 AX113E EP1800 001TB MPSW92G 48VIR1 IONAL 151TS
Product Description
Full Text Search
 

To Download BYW29-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYW29-200 SWITCHMODEt Power Rectifiers
This state-of-the-art device is designed for use in switching power supplies, inverters and as free wheeling diodes.
Features http://onsemi.com
* * * * * * *
175C Operating Junction Temperature Popular TO-220 Package Epoxy Meets UL 94 V-0 @ 0.125 in Low Forward Voltage Low Leakage Current High Temperature Glass Passivated Junction Pb-Free Package is Available*
ULTRAFAST RECTIFIERS 8.0 AMPERES 200 VOLTS
1 4 3
Mechanical Characteristics
* Case: Epoxy, Molded, Epoxy Meets UL 94 V-0 * Weight: 1.9 Grams (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * * *
Leads are Readily Solderable Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds Device Meets MSL1 Requirements ESD Ratings: Machine Model, C (> 400 V) Human Body Model, 3B (> 8000 V)
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current Total Device, (Rated VR), TC = 150C Peak Repetitive Forward Current (Rated VR, Square Wave, 20 kHz), TC = 150C Nonrepetitive Peak Surge Current (Surge Applied at Rated Load Conditions Half-wave, Single Phase, 60 Hz) Operating Junction Temperature and Storage Temperature Range Symbol VRRM VRWM VR IF(AV) Value 200 Unit V 1 3 8.0 A
4
MARKING DIAGRAM
MAXIMUM RATINGS
CASE 221B TO-220B PLASTIC AY WWG BYW29-200 KA
IFM
16
A A Y WW BYW80-200 G KA = Assembly Location = Year = Work Week = Device Code = Pb-Free Package = Diode Polarity
IFSM
100
A
TJ, Tstg
-65 to +175
C
THERMAL CHARACTERISTICS
Maximum Thermal Resistance, Junction-to-Case RqJC 3.0 C/W
ORDERING INFORMATION
Device BYW29-200 BYW29-200G Package TO-220 TO-220 (Pb-Free) Shipping 50 Units/Rail 50 Units/Rail
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
August, 2005 - Rev. 1
Publication Order Number: BYW29/D
BYW29-200
ELECTRICAL CHARACTERISTICS
Rating Maximum Instantaneous Forward Voltage (Note 1) (iF = 5.0 A, TC = 100C) (iF = 20 A, TC = 25C) Maximum Instantaneous Reverse Current (Note 1) (Rated Dc Voltage, TJ = 100C) (Rated Dc Voltage, TJ = 25C) Maximum Reverse Recovery Time (IF = 1.0 A, di/dt = 50 A/ms) (IF = 0.5 A, iR = 1.0 A, IREC = 0.25 A) 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0%. Symbol vF 0.85 1.3 iR 600 5.0 trr 35 25 ns mA Value Unit V
100 IR, REVERSE CURRENT (m A) 70 50
1000 TJ = 175C
100
10
30 i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 20
100C 25C
1.0
0.1 0.01 0 20 40 80 100 120 140 60 VR, REVERSE VOLTAGE (V) 160 180 200
10 7.0 5.0
Figure 2. Typical Reverse Current*
3.0 2.0 TJ = 175C 1.0 0.7 0.5 100C 25C IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 140 150 160 170 180 TC, CASE TEMPERATURE (C) SQUARE WAVE dc RATED VR APPLIED * The curves shown are typical for the highest voltage device in the grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR.
0.3 0.2
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 vF, INSTANTANEOUS VOLTAGE (V)
Figure 1. Typical Forward Voltage
Figure 3. Current Derating, Case
http://onsemi.com
2
BYW29-200
PF(AV), AVERAGE POWER DISSIPATION (WATTS IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 14 12 dc 10 8.0 6.0 4.0 2.0 0 0 20 40 60 80 100 120 140 160 180 200 TA, AMBIENT TEMPERATURE (C) dc SQUARE WAVE SQUARE WAVE RqJA = 16C/W RqJA = 60C/W (NO HEAT SINK) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 IF(AV), AVERAGE FORWARD CURRENT (AMPS) SQUARE WAVE dc TJ = 175C
Figure 4. Current Derating, Ambient
Figure 5. Power Dissipation
r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED)
1.0 D = 0.5 0.5 0.1 0.05 0.01
ZqJC(t) = r(t) RqJC RqJC = 1.5 C/W MAX
0.2 0.1 0.05
P(pk) t1 t2 DUTY CYCLE, D = t1/t2
SINGLE PULSE 0.02 0.01 0.01
D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT T1
TJ(pk) - TC = P(pk) ZqJC(t)
0.02
0.05
0.1
0.2
0.5
1.0
2.0 t, TIME (ms)
5.0
10
20
50
100
200
500
1000
Figure 6. Thermal Response
1000
C, CAPACITANCE (pF)
300
TJ = 25C
100
30
10 1.0 10 VR, REVERSE VOLTAGE (V) 100
Figure 7. Typical Capacitance
http://onsemi.com
3
BYW29-200
PACKAGE DIMENSIONS TO-220 CASE 221B-04 ISSUE D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D F G H J K L Q R S T U INCHES MIN MAX 0.595 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.190 0.210 0.110 0.130 0.018 0.025 0.500 0.562 0.045 0.060 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 MILLIMETERS MIN MAX 15.11 15.75 9.65 10.29 4.06 4.82 0.64 0.89 3.61 3.73 4.83 5.33 2.79 3.30 0.46 0.64 12.70 14.27 1.14 1.52 2.54 3.04 2.04 2.79 1.14 1.39 5.97 6.48 0.000 1.27
C Q B F T S
4
A
1 3
U
H K
L G
D J
R
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
BYW29-200/D


▲Up To Search▲   

 
Price & Availability of BYW29-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X