Part Number Hot Search : 
14600 ADCMP6 SB140 AD8212 BSP20TC 2N2222AL SB140 10LFT
Product Description
Full Text Search
 

To Download BUX85 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUX85 NPN SILICON POWER TRANSISTOR

40 W at 25C Case Temperature 2 A Continuous Collector Current 3 A Peak Collector Current Typical tf = 200 ns at 25C
B C E
1 2 3 TO-220 PACKAGE (TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
absolute maximum ratings at 25C case temperature (unless otherwise noted)
RATING Collector-base voltage (IE = 0) Collector-emitter voltage (VBE = 0) Collector-emitter voltage (IB = 0) Continuous collector current Peak collector current (see Note 1) Continuous device dissipation at (or below) 25C case temperature Operating junction temperature range Storage temperature range NOTE 1: This value applies for tp 2 ms, duty cycle 2%. SYMBOL VCBO VCES V CEO IC ICM Ptot Tj Tstg VALUE 1000 1000 450 2 3 40 -65 to +150 -65 to +150 UNIT V V V A A W C C
AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
1
BUX85 NPN SILICON POWER TRANSISTOR
electrical characteristics at 25C case temperature (unless otherwise noted)
PARAMETER VCEO(sus) ICES IEBO hFE VCE(sat) VBE(sat) ft Cob NOTES: 2. 3. 4. 5. Collector-emitter sustaining voltage Collector-emitter cut-off current Emitter cut-off current Forward current transfer ratio Collector-emitter saturation voltage Base-emitter saturation voltage Current gain bandwidth product Output capacitance IC = 0.1 A TEST CONDITIONS L = 25 mH VBE = 0 VBE = 0 IC = 0 IC = 0.1 A IC = 0.3 A IC = IC = 1A 1A (see Notes 3 and 4) (see Notes 3 and 4) (see Notes 3 and 4) 12 f = 0.1 MHz 60 35 0.8 1 1.1 V V MHz pF TC = 125C (see Note 2) MIN 450 0.2 1 1 TYP MAX UNIT V mA mA
VCE = 1000 V VCE = 1000 V VEB = VCE = IB = IB = IB = VCE = VCB = 5V 5V 0.03 A 0.2 A 0.2 A 10 V 20 V
IC = 0.2 A IE = 0
Inductive loop switching measurement. These parameters must be measured using pulse techniques, tp = 300 s, duty cycle 2%. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts. To obtain ft the [hFE] response is extrapolated at the rate of -6 dB per octave from f = 1 MHz to the frequency at which [h ] = 1. FE
thermal characteristics
PARAMETER RJC Junction to case thermal resistance MIN TYP MAX 2.5 UNIT C/W
resistive-load-switching characteristics at 25C case temperature (unless otherwise noted)
PARAMETER ton ts tf tf
TEST CONDITIONS IC = 1 A VCC = 250 V IC = 1 A VCC = 250 V IB(on) = 0.2 A
MIN IB(off) = -0.4 A
TYP 0.25 1.8 0.2
MAX 0.5
UNIT s s s
Turn on time Storage time Fall time Fall time
(see Figures 1 and 2) IB(on) = 0.2 A TC = 95C IB(off) = -0.4 A
0.4
s
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
2
AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
BUX85 NPN SILICON POWER TRANSISTOR
PARAMETER MEASUREMENT INFORMATION
+25 V BD135 120 680 F 100
T V1 tp
47
100 F
V cc = 250 V
TUT 15 V1 100 BD136 82 680 F
tp = 20 s Duty cycle = 1% V1 = 15 V, Source Impedance = 50
Figure 1. Resistive-Load Switching Test Circuit
C IC A - B = td B - C = tr E - F = tf D - E = ts A - C = ton D - F = t off B
90%
90%
E
10%
10%
F
0%
90% IB
D
dIB 2 A/s dt
I B(on) A 10% 0% I B(off)
Figure 2. Resistive-Load Switching Waveforms
AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
3
BUX85 NPN SILICON POWER TRANSISTOR
TYPICAL CHARACTERISTICS
TYPICAL DC CURRENT GAIN vs COLLECTOR CURRENT
100
TCP741AJ
COLLECTOR CUT-OFF CURRENT vs CASE TEMPERATURE
10
TCP741AQ
ICES - Collector Cut-off Current - A
VCE = 5 V TC = 25C hFE - Typical DC Current Gain
VCE = 1000 V
1*0
10
0*1
0*01
1*0 0*1
1*0 IC - Collector Current - A
5*0
0*001 -60
-30
0
30
60
90
120
150
TC - Case Temperature - C
Figure 3.
Figure 4.
MAXIMUM SAFE OPERATING REGIONS
MAXIMUM FORWARD-BIAS SAFE OPERATING AREA
10
SAP741AD
IC - Collector Current - A
1*0
0*1
0.01 1*0 10 100 1000 VCE - Collector-Emitter Voltage - V
Figure 5.
4
AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
BUX85 NPN SILICON POWER TRANSISTOR
THERMAL INFORMATION
THERMAL RESPONSE JUNCTION TO CASE vs POWER PULSE DURATION
1*0 50%
TCP741AL
ZJC / RJC - Normalised Transient Thermal Impedance
20%
10% 0*1 5%
duty cycle = t1/t2 Read time at end of t1, TJ(max) - TC = PD(peak) * 0*01 10-5 10-4 10-3
t1 t2
()
ZJC RJC
* R JC(max) 100
10-2
10-1
t1 - Power Pulse Duration - s
Figure 6.
AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
5
BUX85 NPN SILICON POWER TRANSISTOR
MECHANICAL DATA TO-220 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
TO220 4,70 4,20
o
3,96 3,71
10,4 10,0
2,95 2,54 6,6 6,0 15,90 14,55
1,32 1,23
see Note B
see Note C
6,1 3,5
0,97 0,61 1 2 3
1,70 1,07
14,1 12,7
2,74 2,34 5,28 4,88 2,90 2,40
0,64 0,41
VERSION 1
VERSION 2
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTES: A. The centre pin is in electrical contact with the mounting tab. B. Mounting tab corner profile according to package version. C. Typical fixing hole centre stand off height according to package version. Version 1, 18.0 mm. Version 2, 17.6 mm. MDXXBE
6
AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP


▲Up To Search▲   

 
Price & Availability of BUX85

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X