Part Number Hot Search : 
PE3393 AME8812 SR704U AK4384 XIT1700 IRFZ44N FCG02 SM12T1G
Product Description
Full Text Search
 

To Download BUL742A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BUL742A
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
s s s
s
HIGH VOLTAGE CAPABILITY LOW SPREAD OF DYNAMIC PARAMETERS MINIMUM LOT-TO-LOT SPREAD FOR RELIABLE OPERATION VERY HIGH SWITCHING SPEED
APPLICATIONS FOUR LAMP ELECTRONIC BALLAST FOR: 120 V MAINS IN PUSH-PULL CONFIGURATION; 277 V MAINS IN HALF BRIDGE CURRENT FEED CONFIGURATION. s SWITCH MODE POWER SUPPLIES
s
3 1 2
TO-220
DESCRIPTION The BUL742A is manufactured using high voltage Multi Epitaxial Planar technology for high switching speeds and high voltage capability. Thanks to an increased intermediate layer, it has an intrinsic ruggedness which enables the transistor to withstand an high collector current level during breakdown condition, without using the transil protection usually necessary in typical converters for lamp ballast.
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CES V CEO V EBO IC I CM IB I BM P tot T stg Tj Parameter Collector-Emitter Voltage (V BE = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0, I B 2 A, t p < 10s, T j < 150 o C) Collector Current Collector Peak Current (t p <5 ms) Base Current Base Peak Current (t p <5 ms) Total Dissipation at Tc = 25 o C Storage Temperature Max. Operating Junction Temperature Value 950 400 V (BR)EBO 4 8 2 4 70 -65 to 150 150 Unit V V V A A A A W
o o
C C 1/5
October 2003
BUL742A
THERMAL DATA
R thj-case R thj-amb Thermal Resistance Junction-Case Thermal Resistance Junction-Ambient Max Max 1.78 62.5
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CES I CEO Parameter Collector Cut-off Current (V BE = 0) Collector Cut-off Current (I B = 0) Test Conditions V CE = 950 V V CE = 400 V I C = 10 mA L = 25 mH 400 Min. Typ. Max. 100 250 Unit A A V
V CEO(sus) Collector-Emitter Sustaining Voltage (I B = 0) V (BR)EBO Emitter-Base Breakdown Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain RESISTIVE LOAD Storage Time Fall Time Avalanche Energy
I E = 1 mA
12
24
V
V CE(sat) V BE(sat) h FE
IC = 1 A I C = 3.5 A I C = 3.5 A I C = 800 mA I C = 10 mA V CC = 250 V I B1 = 0.5 A t p = 30 s L = 2 mH
I B = 0.2 A IB = 1 A IB = 1 A VCE = 3 V V CE = 5 V I C = 2.5 A I B2 = -1 A (see figure 2) (see figure 1) 6 16 10 0.9 100
0.5 1.5 1.5 40
V V V
ts tf E sb
s ns mJ
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Areas
Derating Curve
2/5
BUL742A
Figure 1: Energy Rating Test Circuit
Figure 2: Resistive Load Switching Test Circuit
3/5
BUL742A
TO-220 MECHANICAL DATA
DIM. A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M DIA. 3.75 13.00 2.65 15.25 6.20 3.50 2.60 3.85 0.147 mm MIN. 4.40 1.23 2.40 0.49 0.61 1.14 1.14 4.95 2.40 10.00 16.40 14.00 2.95 15.75 6.60 3.93 0.511 0.104 0.600 0.244 0.137 0.102 0.151 TYP. MAX. 4.60 1.32 2.72 0.70 0.88 1.70 1.70 5.15 2.70 10.40 MIN. 0.173 0.048 0.094 0.019 0.024 0.044 0.044 0.194 0.094 0.394 0.645 0.551 0.116 0.620 0.260 0.154 inch TYP. MAX. 0.181 0.052 0.107 0.027 0.034 0.067 0.067 0.202 0.106 0.409
P011CI
4/5
BUL742A
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics. All other names are the property of their respective owners. (c) 2003 STMicroelectronics - All Rights reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of BUL742A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X